Part Number Hot Search : 
GBLC03C TLR314 MSKW2044 T4401 SG20JC6M TLR314 74LVC245 SG20JC6M
Product Description
Full Text Search
 

To Download TPJ1209S-2W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tpj -2w series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 1 of 3 description the tpj-2w series are miniature, 6kvdc isolated 2w dc-dc converters in a sip package with single and dual output voltage. they offer the ideal solution in many space critical applications for board level power distribution. the internal smd construction makes it possible to offer a product with high performance at low cost. the series offers smaller size, improved efficiency, lower output ripple noise. 2w 6kvdc isolated single and dual output dc/dc converters selection guide part number nominal input voltage output voltage output current (max./min) efficiency (min.) v v ma % tpj0505s-2w 5 5 200/20 73 tpj0509s-2w 5 9 110/11 75 tpj0512s-2w 5 12 84/8.4 76 tpj0515s-2w 5 15 68/6.8 76 tpj1205s-2w 12 5 200/20 73 TPJ1209S-2W 12 9 110/11 75 tpj1212s-2w 12 12 84/8.4 76 tpj1215s-2w 12 15 68/6.8 76 tpj2405s-2w 24 5 200/20 75 tpj2412s-2w 24 12 84/8.4 80 tpj2415s-2w 24 15 68/6.8 79 tpj0303sa-2w 3.3 3.3 606/60.6 65 tpj0503sa-2w 5 3.3 606/60.6 66 tpj0505sa-2w 5 5 400/40 67 tpj0509sa-2w 5 9 222/22.2 72 tpj0512sa-2w 5 12 166/16.6 75 tpj0515sa-2w 5 15 133/13.3 75 tpj1205sa-2w 12 5 400/40 66 tpj1209sa-2w 12 9 222/22.2 68 tpj1212sa-2w 12 12 166/16.6 75 tpj1215sa-2w 12 15 133/13.3 75 tpj2405sa-2w 24 5 400/40 67 tpj2409sa-2w 24 9 222/22.2 77 tpj2412sa-2w 24 12 167/16.7 80 tpj2415sa-2w 24 15 133/13.3 79 add suffix ?p? for continuous short circuit protection, for example tpj0505sp-2w. input characteristics parameter conditions min. typ. max. units voltage range 3.3v input 2.9 3.3 3.6 v voltage range 5v input 4.5 5 5.5 v voltage range 12v input 11 12 13 v voltage range 24v input 21.6 24 26.4 v features rohs compliant single and dual outputs ul 94v-0 package material operating temperature: -40oc to 105oc footprint 1.91cm 2 sip package style no heatsink required 6kvdc isolation custom solutions available input voltage: 3.3v, 5v ,12v,24v output voltage: 3.3v, 5v, 9v, 12v ,15v / 5v, 9v, 12v ,15v ce certification absolute maximum ratings short-circuit protection ten minutes lead temperature 1.5mm from case for 10 seconds 300c input voltage vin, tpj03 5v input voltage vin, tpj05 7v input voltage vin, tpj12 15v input voltage vin, tpj24 28v toppower
tpj -2w series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 2 of 3 output characteristics parameter conditions min. typ. units rated power ta= -40oc to 85oc 1 w voltage set point accuracy see tolerance envelopes line regulation high vin to low vin 1.2 %/% load regulation single outputs xx03 11 % load regulation single outputs 0505 8.0 % load regulation single outputs 0509, 0512, 0515 6.0 % load regulation single outputs 12xx 6.0 % load regulation 5v output types 10.0 % load regulation 9v output types 6.4 % load regulation 12v output types 6.4 % load regulation 15v output types 6.4 % isolation characteristics parameter conditions min. typ. max. units isolation test voltage flash tested for 1 second 6000 vdc resistance viso= 1000vdc 1 g ? general characteristics parameter conditions min. typ. max. units switching frequency single output 45 khz switching frequency dual output 70 khz temperature characteristics parameter conditions min. typ. max. units specification derating if the temperature 85c -40 105 storage -55 130 case temperature above ambient all output types 33 cooling free air convection temperature derating graphs tolerance envelope tolerance envelope,3.3vin,3vout type output voltage t y p i c a l l o a d l i n e 10 25 50 75 100 -7.5% +2.5% -4% nom v +6% +10% output load current(%) output load current(%) +9% +1% v nom -7% +1% -15% 100 75 50 25 10 t y p i c a l l o a d l i n e output voltage -7% 3.0 2.0 1.0 0 -40 0 50 100 150 output power(w) ambient temperature(c) 85c safe operating area 105 toppower
tpj -2w series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 3 of 3 mechanical dimensions pin connections 7 pin sip dual output pin function 1 +vin 2 -vin 5 -vout 6 ov 7 +vout 7 pin sip single output pin function 1 +vin 2 -vin 5 -vout 7 +vout recommended footprint details tube outline dimensions all dimensions in mm0.25mm 0.600.15 1.50 5.20 5.00 6.00 14.20 uniess otherwise stated aii dimensions in mm 0.5mm. tube iength : 25mm2mm. tube quantity : 25pcs 2.54 1.15 1.00 5 holes 2.54 weight: 4.3g all dimensions in mm 0.25mm. all pins on a 2.54mmpitch and within 0.25mm of true position. * pin not fitted on singie output variants. sip package 2.54 yyww tpj0505s-2w 19.50 0.55 0.45 1 2 5 67 9.80 12.50 0.55 0.45 4.60 3.60 0.30 0.20 2.40 1.880.75 * bottom view toppower toppower


▲Up To Search▲   

 
Price & Availability of TPJ1209S-2W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X