Part Number Hot Search : 
IS205X1 D78F0 DD20R IS205X1 SMAU1D A3958SLB 1AT20 05B0909
Product Description
Full Text Search
 

To Download TP03-04-AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tp0 3 (04) a b series www.gztoppower.con tel:0086-20-8 2019000 email:sales2@gztoppower.com page 1 /3 description the rated output power of tp03(04)ab is 3w,4w with wide input voltage range, for both ac input an d dc input application.high reliability, precision, larg e power density, ultra-small size, no external heat sink required, stable output voltage and etc, with over current protection, emi filter circuit, the rectifi er filter circuit, 3000v isolation voltage, short circuit, ov erload, internal thermal protection, widely used in industrial control, telecommunications,instrument, data acquis ition, signal control and other electronic systems. 3w,4w 3kvac isolation wide input ac/dc converters all specifications typical at ta=25c, nominal inpu t voltage and rated output current unless otherwise specified. o ut put characteristics parameter conditions min typ max units output voltage accuracy 2 % line regulation 0.2 % load regulation 0.5 % protection over voltage protection ,over current protection, auto recovery ripple &noise 20mhz bandwidth peak - peak value 50 100 mv the transient response time 1000 s temperature drift coefficient 0.03 %/ features universal input voltage range both for ac and dc input voltage wide input voltage: 4:1 low power consumption,low no-load consumption high switching frequency , high output density output over-load,short circuit protection low ripple &noise rohs compliant operating temperature : -40 to 70 selection guide part number input voltage output efficiency (typ. ) % voltage voltage vdc) current a voltage vac) voltage vdc) tp03ab220s03w 85-265 120-370 3.3 0.60 64 tp03ab220s05w 85-265 120-370 5 0.60 68 tp03ab220s09w 85-265 120-370 9 0.33 70 tp03ab220s12w 85-265 120-370 12 0.25 72 tp03ab220s15w 90-264 120-370 15 0.20 76 tp04ab220s03w 90-264 120-370 3.3 0.80 64 tp04ab220s05w 90-264 120-370 5 0.80 68 tp04ab220s09w 90-264 120-370 9 0.44 70 tp04ab220s12w 90-264 120-370 12 0.33 74 tp04ab220s15w 90-264 120-370 15 0.266 76 input characteristics parameter conditio ns min typ max units input voltage range vdc 120 220 370 vdc input voltage range vac 85 220 265 vac input frequency 50 60 hz input current 115vac 130 ma input current 230vac 80 ma inrush current 115vac 10 a inrush current 230vac 20 a external fuse recommended value 1a/250v hot swapping nonsupport leak current full-load 0.25ma
tp0 3 (04) a b series www.gztoppower.con tel:0086-20-8 2019000 email:sales2@gztoppower.com page 2 /3 temperature characteristics parameter conditions min typ max units isolated voltage input - output test for 1 minute 3000 vac operating temperature according to the output load derating curve -40 +70 storage temperature -40 +85 storage humidity 10 95 % .rh max safety and electromagnetic compatibility safety standard ul1012,en60950,ul60950 compliant isolated voltage i/p-o/p:3000vac 5ma 5secs isolated resistance i/p-o/p>100mg/500vdc 25 70% rh conduction and radiation en55011, en55022 (cispr22) compliant see the appli cation note for details electrostatic discharge ( esd) iec/en 61000-4-2 level 4 8kv/15kv see the applica tion note for details radiofrequency radiation immunity (rf) iec/en 61000-4-3 see the applicat ion note for details electrical fast transient (eft) iec/en 61000-4-4 level 4 4kv see the applica tion note for details surge iec/en 61000-4-5 level 4 2kv/4kv see the applica tion note for details mean time between failuremtbf 200k hrs min. mil-hdbk-217f(25) notes 1 the above data, except for special instructions, a re measured at ta = 25oc, humidity <75%, input nomi nal voltage 230vac and output rated load 2 power supply in the system is considered as a compo nent, need to be combined with the terminal equipme nt for electromagnetic compatibility related confirmation product schematic emi filter rectifies & filter power switching power control rectifies & filter detection circuit ac(n) ac(l) +vo -vo derating curve typical application circuit 47f 0.47f fuse note: when the module is operating at each ambient temperature level, the enclosure temperature must n ot exceed the maximum shell temperature level.
tp0 3 (04) a b series www.gztoppower.con tel:0086-20-8 2019000 email:sales2@gztoppower.com page 3 /3 rating gr notes 1. fuse 1a/250v 2. ripple and noise are measured in the case of a b andwidth of 20mhz use a 300mm twisted pair while the terminals are connected in parallel with a 0.47uf high frequency ceramic capacitor and a 47 uf electrolytic capacitor. mechanical dimensions pin connection dip p pp package ackage ackage ackage pin single output 1 nc 2 +vo 3 -vo 4 nc 5 l 6 n 7 nc selection guide units: mm tolerance:0.2mm tp 03 a b 220 s 05 w w:4:1 wide voltage input range main (auxiliary) output voltage s:single output rated input voltage package type ac-dc rated output power brand name


▲Up To Search▲   

 
Price & Availability of TP03-04-AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X