Part Number Hot Search : 
HFA60 TC400 UG2005 VSP9405B 2245A 10PBF XMXXX 3FF40
Product Description
Full Text Search
 

To Download STGP19NC60H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  september 2009 doc id 14398 rev 4 1/15 15 stgb19nc60h, STGP19NC60H stgw19nc60h 19 a - 600 v - very fast igbt features low on-voltage drop (v ce(sat) ) high frequency operation applications high frequency motor drives smps and pfc in both hard switch and resonant topologies description this igbt utilizes the advanced powermesh? process resulting in an excellent trade-off between switching performance and low on-state behavior. figure 1. internal schematic diagram 1 2 3 to-247 1 2 3 to-220 d2pak 1 3 tab (2 or tab) table 1. device summary order codes marking package packaging stgb19nc60ht4 gb19nc60h d2pak tape and reel STGP19NC60H gp19nc60h to-220 tube stgw19nc60h gw19nc60h to-247 tube www.st.com obsolete product(s) - obsolete product(s)
contents stgb19nc60h, st gp19nc60h, stgw19nc60h 2/15 doc id 14398 rev 4 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 5 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 obsolete product(s) - obsolete product(s)
stgb19nc60h, STGP19NC60H, stgw19nc60h electrical ratings doc id 14398 rev 4 3/15 1 electrical ratings table 2. absolute maximum ratings symbol parameter value unit to-247 to-220, d2pak v ces collector-emitter voltage (v ge = 0) 600 v i c (1) 1. calculated according to the iterative formula: collector current (continuous) at t c = 25 c 42 40 a i c (1) collector current (continuous) at t c = 100 c 21 19 a i cl (2) 2. vclamp= 80%(v ces ), tj=150 c, r g =10 ? , v ge =15 v turn-off latching current 40 a i cp (3) 3. pulse width limited by maximum junction temperature and turn-off within rbsoa pulsed collector current 60 a v ge gate-emitter voltage 20 v p tot total dissipation at t c = 25 c 140 130 w t j operating junction temperature ? 55 to 150 c table 3. thermal data symbol parameter value unit to-247 to-220, d2pak r thj-case thermal resistance junction-case 0.9 0.95 c/w r thj-amb thermal resistance junction-ambient 50 62.5 c/w i c t c () t jmax () t c ? r thj c ? v ce sat () max () t jmax () i c t c () , () ------------------------------------------------------------------------------------------------------- = obsolete product(s) - obsolete product(s)
electrical characteristics stgb19nc60h, STGP19NC60H, stgw19nc60h 4/15 doc id 14398 rev 4 2 electrical characteristics (t j =25 c unless otherwise specified) table 4. static symbol parameter test conditions min. typ. max. unit v br(ces) collector-emitter breakdown voltage (v ge = 0) i c = 1 ma 600 v v ce(sat) collector-emitter saturation voltage v ge = 15 v, i c = 12 a v ge = 15 v, i c =12 a,t j =125 c 1.8 1.6 2.5 v v v ge(th) gate threshold voltage v ce = v ge , i c = 250 a 3.75 5.75 v i ces collector cut-off current (v ge = 0) v ce = 600 v v ce = 600 v,t j = 125 c 150 1 a ma i ges gate-emitter leakage current (v ce = 0) v ge = 20 v 100 na g fs (1) 1. pulsed: pulse duration = 300 s, duty cycle 1.5% forward transconductance v ce = 15 v , i c = 12 a 5s table 5. dynamic symbol parameter test conditions min. typ. max. unit c ies c oes c res input capacitance output capacitance reverse transfer capacitance v ce = 25 v, f = 1 mhz, v ge = 0 - 1180 130 36 - pf pf pf q g q ge q gc total gate charge gate-emitter charge gate-collector charge v ce = 390 v, i c = 5 a, v ge = 15 v, figure 18 - 53 10 23 - nc nc nc obsolete product(s) - obsolete product(s)
stgb19nc60h, STGP19NC60H, stgw19nc60h electrical characteristics doc id 14398 rev 4 5/15 table 6. switching on/off (inductive load) symbol parameter test conditions min. typ. max. unit t d(on) t r (di/dt) on turn-on delay time current rise time turn-on current slope v cc = 390 v, i c = 12 a r g = 10 ? , v ge = 15 v, figure 17 - 25 7 1600 - ns ns a/s t d(on) t r (di/dt) on turn-on delay time current rise time turn-on current slope v cc = 390 v, i c = 12 a r g = 10 ? , v ge = 15 v, t j = 125 c figure 17 - 24 8 1400 - ns ns a/s t r(voff) t d(voff) t f off voltage rise time turn-off delay time current fall time v cc = 390 v, i c = 12 a r g = 10 ? , v ge = 15 v, figure 17 - 27 97 73 - ns ns ns t r(voff) t d(voff) t f off voltage rise time turn-off delay time current fall time v cc = 390 v, i c = 12 a r g = 10 ? , v ge = 15 v, t j = 125 c figure 17 - 58 144 128 - ns ns ns table 7. switching energy (inductive load) symbol parameter test conditions min. typ. max. unit e on e off (1) e ts 1. turn-off losses include also the tail of the collector current turn-on switching losses turn-off switching losses total switching losses v cc = 390 v, i c = 12 a r g = 10 ? , v ge = 15 v, figure 17 - 85 189 274 - j j j e on e off (1) e ts turn-on switching losses turn-off switching losses total switching losses v cc = 390 v, i c = 12 a r g = 10 ? , v ge = 15 v, t j = 125 c figure 17 - 187 407 594 - j j j obsolete product(s) - obsolete product(s)
electrical characteristics stgb19nc60h, STGP19NC60H, stgw19nc60h 6/15 doc id 14398 rev 4 2.1 electrical char acteristics (curves) figure 2. output characteristics figure 3. transfer characteristics figure 4. transconductance figure 5. collector-emitter on voltage vs temperature figure 6. gate charge vs gate-source voltage figure 7. capacitance variations obsolete product(s) - obsolete product(s)
stgb19nc60h, STGP19NC60H, stgw19nc60h electrical characteristics doc id 14398 rev 4 7/15 figure 8. normalized gate threshold voltage vs temperature figure 9. collector-emitter on voltage vs collector current figure 10. normalized breakdown voltage vs temperature figure 11. switching losses vs temperature figure 12. switching losses vs gate resistance figure 13. switching losses vs collector current obsolete product(s) - obsolete product(s)
electrical characteristics stgb19nc60h, STGP19NC60H, stgw19nc60h 8/15 doc id 14398 rev 4 figure 14. rbsoa figure 15. thermal impedance for to-220, d2pak figure 16. thermal impedance for to-247 obsolete product(s) - obsolete product(s)
stgb19nc60h, STGP19NC60H, stgw19nc60h test circuits doc id 14398 rev 4 9/15 3 test circuits figure 17. test circuit for inductive load switching figure 18. gate charge test circuit figure 19. switching waveform am01504v1 am01505v1 am01506v1 90 % 10 % 90 % 10 % v g v ce i c td(on) to n tr(ion) td(off) toff tf tr(voff) tcro ss 90 % 10 % obsolete product(s) - obsolete product(s)
package mechanical data stgb19nc60h, STGP19NC60H, stgw19nc60h 10/15 doc id 14398 rev 4 4 package mechanical data in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com. ecopack is an st trademark. obsolete product(s) - obsolete product(s)
stgb19nc60h, STGP19NC60H, stgw19nc60h package mechanical data doc id 14398 rev 4 11/15 to-220 type a mechanical data dim mm min typ max a 4.40 4.60 b 0.61 0. 88 b 1 1.14 1.70 c0.4 8 0.70 d 15.25 15.75 d1 1.27 e10 10.40 e 2.40 2.70 e1 4. 9 5 5.15 f1.2 3 1. 3 2 h1 6.20 6.60 j1 2.40 2.72 l1 3 14 l1 3 .50 3 . 93 l20 16.40 l 3 02 8 . 9 0 ? p 3 .75 3 . 8 5 q 2.65 2. 9 5 0015988_rev_s eeee
package mechanical data stgb19nc60h, STGP19NC60H, stgw19nc60h 12/15 doc id 14398 rev 4 dim. mm. min. typ max. a4. 8 55.15 a1 2.20 2.60 b 1.0 1.40 b 1 2.0 2.40 b 2 3 .0 3 .40 c0.40 0. 8 0 d1 9 . 8 5 20.15 e 15.45 15.75 e5.45 l 14.20 14. 8 0 l1 3 .70 4. 3 0 l2 1 8 .50 ?p 3 .55 3 .65 ?r 4.50 5.50 s 5.50 to-247 mechanical data obsolete product(s) - obsolete product(s)
stgb19nc60h, STGP19NC60H, stgw19nc60h package mechanical data doc id 14398 rev 4 13/15 d2pak (to-263) mechanical data dim h c n i m m min typ max min typ max 1 8 1 . 0 3 7 1 . 0 0 6 . 4 0 4 . 4 a 9 0 0 . 0 1 0 0 . 0 3 2 . 0 3 0 . 0 1 a 7 3 0 . 0 7 2 0 . 0 3 9 . 0 0 7 . 0 b 7 6 0 . 0 5 4 0 . 0 0 7 . 1 4 1 . 1 2 b 4 2 0 . 0 7 1 0 . 0 0 6 . 0 5 4 . 0 c 3 5 0 . 0 8 4 0 . 0 6 3 . 1 3 2 . 1 2 c 8 6 3 . 0 2 5 3 . 0 5 3 . 9 5 9 . 8 d 5 9 2 . 0 0 5 . 7 1 d 9 0 4 . 0 4 9 3 . 0 0 4 . 0 1 0 1 e 4 3 3 . 0 0 5 . 8 1 e 1 . 0 4 5 . 2 e 8 0 2 . 0 2 9 1 . 0 8 2 . 5 8 8 . 4 1 e 4 2 6 . 0 0 9 5 . 0 5 8 . 5 1 5 1 h 6 0 1 . 0 9 9 0 . 0 9 6 . 2 9 4 . 2 1 j 0 1 1 . 0 0 9 0 . 0 9 7 . 2 9 2 . 2 l 5 5 0 . 0 5 0 . 0 0 4 . 1 7 2 . 1 1 l 9 6 0 . 0 1 5 0 . 0 5 7 . 1 0 3 . 1 2 l 6 1 0 . 0 4 . 0 r 8 0 8 0 2 v 0079457_m obsolete product(s) - obsolete product(s)
revision history stgb19nc60h, STGP19NC60H, stgw19nc60h 14/15 doc id 14398 rev 4 5 revision history table 8. document revision history date revision changes 31-jan-2008 1 initial release. 28-may-2008 2 inserted new drawing: figure 16: thermal impedance for to-247 08-may-2009 3 updated i cp value 01-sep-2009 4 added new package, mechanical data: d2pak obsolete product(s) - obsolete product(s)
stgb19nc60h, STGP19NC60H, stgw19nc60h doc id 14398 rev 4 15/15 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in military , air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2009 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com obsolete product(s) - obsolete product(s)


▲Up To Search▲   

 
Price & Availability of STGP19NC60H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X