Part Number Hot Search : 
MSZ5260 CY6213 2SD1585 MAX310 PCD5003A 2003M CSNA441 SMA36
Product Description
Full Text Search
 

To Download SLPX222M063A3P3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  temperature range C40 oc to +85 oc 250 vdc C25 oc to +85 oc 315 vdc rated voltage range 10 vdc to 450 vdc capacitance range 68 f to 82,000 f capacitance tolerance 20% leakage current 3 cv a at 5 minutes ripple current multipliers ambient temperature low temperature characteristics impedance ratio: z C20?c M z +25?c 10 (10 vdc) 8 (16C50 vdc) 4 (63C100 vdc) 3 (150C450 vdc) endurance life 3,000 h @ full load @ 85 oc capacitance 20% esr 200% of limit dcl 100 % of limit shelf life 1,000 h @ 85 oc capacitance 15% esr 150% of limit dcl 100 % of limit vibration 10 hz to 55 hz 0.06 and 10g max 2 h in each plane rohs compliant type slpx 85 c snap-in aluminum electrolytic best value 85 c snap-in type type slpx is the best value package snap-in series for 85 oc, 3000 h operation. this series is the most cost-e? ective choice for dc f ltering and power supply applications where long life and high ripple capability are needed. highlights - 3000 h ripple load life at rated voltage - 85 oc rated - small case size with high capacitance - best for switching power supplies - 22 mm to 35 mm diameter, 10 mm lead spacing - great value snap-in type - high ripple current specif cations 20 oc - 45 oc 55 oc 65 oc - 75 oc 85 oc 1.58 1.41 1.22 1.00 voltage 60 hz 120 hz 1 khz 10 khz & up 10 - 100 vdc 0.90 1.00 1.15 1.25 160 - 450 vdc 0.80 1.00 1.15 1.47 to apply multipliers, see ratings tables for ripple current values frequency cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830
10.0 d+1 max. 6.3 1 l 2 2 x ? 2.0 0.1 vent pc board mounting holes 1.5 +0.2/ - 0.1 0.8 +0.2/ - 0.1 6.3 3.5 0.8 +0.2/ - 0.1 outline drawing part numbering system additional voltages and sizes available at www.cde.com/catalogs/slpx.pdf type slpx 85 c snap-in aluminum electrolytic best value 85 c snap-in type 3000 h @ 85 oc max 25 c esr max 85 c ripple nominal 3000 h @ 85 oc max 25 c esr max 85 c ripple nominal cap catalog () (a rms ) size (dxl) cap catalog () (a rms ) size (dxl) (f) part number 120 hz 20khz 120 hz 20khz (mm) (f) part number 120 hz 20khz 120 hz 20khz (mm) 10 vdc (13 vdc surge) 10 vdc (13 vdc surge) 12000 slpx123m010a1p3 0.061 0.046 2.41 3.01 22 x 25 68000 slpx683m010e9p3 0.011 0.008 7.50 9.38 30 x 50 15000 slpx153m010a3p3 0.049 0.037 2.88 3.60 22 x 30 68000 slpx683m010h7p3 0.011 0.008 7.48 9.35 35 x 40 15000 slpx153m010c1p3 0.049 0.037 2.88 3.60 25 x 25 82000 slpx823m010h9p3 0.009 0.007 8.50 10.63 35 x 50 18000 slpx183m010a5p3 0.041 0.031 3.22 4.03 22 x 35 16 vdc (20 vdc surge) 18000 slpx183m010c3p3 0.041 0.031 3.08 3.85 25 x 30 8200 slpx822m016a1p3 0.081 0.061 2.56 3.20 22 x 25 22000 slpx223m010a7p3 0.033 0.025 3.79 4.74 22 x 40 10000 slpx103m016a3p3 0.066 0.050 2.89 3.61 22 x 30 22000 slpx223m010c3p3 0.033 0.025 3.66 4.58 25 x 30 12000 slpx123m016a3p3 0.055 0.041 3.13 3.91 22 x 30 22000 slpx223m010e1p3 0.033 0.025 3.53 4.41 30 x 25 12000 slpx123m016c1p3 0.055 0.041 3.01 3.76 25 x 25 27000 slpx273m010a4p3 0.027 0.020 4.04 5.05 22 x 45 15000 slpx153m016a5p3 0.044 0.033 3.69 4.61 22 x 35 27000 slpx273m010c5p3 0.027 0.020 4.04 5.05 25 x 35 15000 slpx153m016c3p3 0.044 0.033 3.64 4.55 25 x 30 27000 slpx273m010e3p3 0.027 0.020 3.99 4.99 30 x 30 15000 slpx153m016e1p3 0.044 0.033 3.73 4.66 30 x 25 33000 slpx333m010a9p3 0.022 0.017 4.58 5.73 22 x 50 18000 slpx183m016a7p3 0.037 0.028 3.98 4.98 22 x 40 33000 slpx333m010c7p3 0.022 0.017 4.56 5.70 25 x 40 18000 slpx183m016c5p3 0.037 0.028 3.98 4.98 25 x 35 33000 slpx333m010e3p3 0.022 0.017 4.58 5.73 30 x 30 18000 slpx183m016e3p3 0.037 0.028 3.88 4.85 30 x 30 39000 slpx393m010c4p3 0.019 0.014 5.29 6.61 25 x 45 22000 slpx223m016a9p3 0.030 0.023 4.52 5.65 22 x 50 39000 slpx393m010e5p3 0.019 0.014 5.21 6.51 30 x 35 22000 slpx223m016c7p3 0.030 0.023 4.44 5.55 25 x 40 39000 slpx393m010h3p3 0.019 0.014 5.50 6.88 35 x 30 22000 slpx223m016e3p3 0.030 0.023 4.38 5.48 30 x 30 47000 slpx473m010c9p3 0.016 0.012 5.78 7.23 25 x 50 27000 slpx273m016c4p3 0.025 0.019 4.98 6.23 25 x 45 47000 slpx473m010e7p3 0.016 0.012 5.78 7.23 30 x 40 27000 slpx273m016e5p3 0.025 0.019 4.95 6.19 30 x 35 47000 slpx473m010h5p3 0.016 0.012 5.55 6.94 35 x 35 27000 slpx273m016h3p3 0.025 0.019 4.82 6.03 35 x 30 56000 slpx563m010e4p3 0.013 0.010 6.59 8.24 30 x 45 33000 slpx333m016c9p3 0.020 0.015 5.49 6.86 25 x 50 56000 slpx563m010h5p3 0.013 0.010 6.40 8.00 35 x 35 33000 slpx333m016e7p3 0.020 0.015 5.60 7.00 30 x 40 ratings cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 slpx 562 m 025 a1 p 3 a case insulating type cap tolerance voltage code polarity sleeve pin style slpx 821 = 820 f m = 20% 025 = 25 vdc p = polarized 3 = pvc blank = 2 pins 332 = 3300 f 250 = 250 vdc snap-in 6.3 mm l 103 = 10,000 f a = 2 pins snap-in 4.0 mm l diameter length mm (in) mm (in) 25 30 35 40 45 50 (1.00) (1.18) (1.38) (1.57) (1.77) (2.00) 22 (0.87) a1 a3 a5 a7 a4 a9 25 (1.00) c1 c3 c5 c7 c4 c9 30 (1.18) e1 e3 e5 e7 e4 e9 35 (1.38) h1 h3 h5 h7 h4 h9 4.0 mm pin length option (add a to end of part #)
3000 h @ 85 oc max 25 c esr max 85 c ripple nominal 3000 h @ 85 oc max 25 c esr max 85 c ripple nominal cap catalog () (a rms ) size (dxl) cap catalog () (a rms ) size (dxl) (f) part number 120 hz 20khz 120 hz 20khz (mm) (f) part number 120 hz 20khz 120 hz 20khz (mm) 16 vdc (20 vdc surge) 35 vdc (44 vdc surge) 33000 slpx333m016h3p3 0.020 0.015 5.46 6.83 35 x 30 10000 slpx103m035c7p3 0.053 0.040 3.65 4.56 25 x 40 39000 slpx393m016e4p3 0.017 0.013 6.21 7.76 30 x 45 10000 slpx103m035e3p3 0.053 0.040 3.61 4.51 30 x 30 39000 slpx393m016h5p3 0.017 0.013 6.12 7.65 35 x 35 12000 slpx123m035c4p3 0.044 0.033 4.15 5.19 25 x 45 47000 slpx473m016e9p3 0.014 0.011 6.93 8.66 30 x 50 12000 slpx123m035e5p3 0.044 0.033 4.14 5.18 30 x 35 47000 slpx473m016h7p3 0.014 0.011 6.89 8.61 35 x 40 12000 slpx123m035h3p3 0.044 0.033 4.27 5.34 35 x 30 56000 slpx563m016h4p3 0.012 0.009 7.69 9.61 35 x 45 15000 slpx153m035c9p3 0.035 0.026 4.77 5.96 25 x 50 25 vdc (32 vdc surge) 15000 slpx153m035e7p3 0.035 0.026 4.80 6.00 30 x 40 5600 slpx562m025a1p3 0.107 0.080 2.31 2.89 22 x 25 15000 slpx153m035h5p3 0.035 0.026 4.95 6.19 35 x 35 6800 slpx682m025a3p3 0.088 0.066 2.56 3.20 22 x 30 18000 slpx183m035e4p3 0.029 0.022 5.30 6.63 30 x 45 8200 slpx822m025a5p3 0.073 0.055 2.86 3.58 22 x 35 18000 slpx183m035h7p3 0.029 0.022 5.71 7.14 35 x 40 8200 slpx822m025c1p3 0.073 0.055 2.78 3.48 25 x 25 22000 slpx223m035h4p3 0.024 0.018 6.38 7.98 35 x 45 10000 slpx103m025a5p3 0.060 0.045 3.31 4.14 22 x 35 27000 slpx273m035h9p3 0.020 0.015 6.90 8.63 35 x 50 10000 slpx103m025c3p3 0.060 0.045 3.16 3.95 25 x 30 50 vdc (63 vdc surge) 10000 slpx103m025e1p3 0.060 0.045 3.28 4.10 30 x 25 2200 slpx222m050a1p3 0.211 0.158 1.93 2.41 22 x 25 12000 slpx123m025a7p3 0.050 0.038 3.77 4.71 22 x 40 2700 slpx272m050a3p3 0.172 0.129 2.21 2.76 22 x 30 12000 slpx123m025c5p3 0.050 0.038 3.63 4.54 25 x 35 3300 slpx332m050a3p3 0.141 0.106 2.41 3.01 22 x 30 12000 slpx123m025e1p3 0.050 0.038 3.80 4.75 30 x 25 3300 slpx332m050c1p3 0.141 0.106 2.38 2.98 25 x 25 15000 slpx153m025a9p3 0.040 0.030 4.21 5.26 22 x 50 3900 slpx392m050a5p3 0.119 0.089 2.72 3.40 22 x 35 15000 slpx153m025c7p3 0.040 0.030 4.10 5.13 25 x 40 3900 slpx392m050c3p3 0.119 0.089 2.68 3.35 25 x 30 15000 slpx153m025e3p3 0.040 0.030 4.00 5.00 30 x 30 4700 slpx472m050a7p3 0.099 0.074 3.02 3.78 22 x 40 18000 slpx183m025c4p3 0.033 0.025 4.68 5.85 25 x 45 4700 slpx472m050c3p3 0.099 0.074 3.07 3.84 25 x 30 18000 slpx183m025e5p3 0.033 0.025 4.66 5.83 30 x 35 4700 slpx472m050e1p3 0.099 0.074 3.01 3.76 30 x 25 18000 slpx183m025h3p3 0.033 0.025 4.68 5.85 35 x 30 5600 slpx562m050a7p3 0.083 0.062 3.26 4.08 22 x 40 22000 slpx223m025c9p3 0.027 0.020 5.29 6.61 25 x 50 5600 slpx562m050a4p3 0.083 0.062 3.43 4.29 22 x 45 22000 slpx223m025e7p3 0.027 0.020 5.33 6.66 30 x 40 5600 slpx562m050c5p3 0.083 0.062 3.47 4.34 25 x 35 22000 slpx223m025h5p3 0.027 0.020 5.26 6.58 35 x 35 5600 slpx562m050e3p3 0.083 0.062 3.43 4.29 30 x 30 27000 slpx273m025e4p3 0.022 0.017 6.02 7.53 30 x 45 6800 slpx682m050a9p3 0.068 0.051 3.94 4.93 22 x 50 27000 slpx273m025h7p3 0.022 0.017 6.02 7.53 35 x 40 6800 slpx682m050c7p3 0.068 0.051 3.87 4.84 25 x 40 33000 slpx333m025e9p3 0.018 0.014 5.29 6.61 30 x 50 6800 slpx682m050e5p3 0.068 0.051 3.93 4.91 30 x 35 33000 slpx333m025h4p3 0.018 0.014 6.75 8.44 35 x 45 8200 slpx822m050c4p3 0.057 0.043 4.44 5.55 25 x 45 39000 slpx393m025h9p3 0.015 0.011 7.56 9.45 35 x 50 8200 slpx822m050e5p3 0.057 0.043 4.47 5.59 30 x 35 35 vdc (44 vdc surge) 8200 slpx822m050h3p3 0.057 0.043 4.41 5.51 35 x 30 3900 slpx392m035a1p3 0.136 0.102 2.22 2.78 22 x 25 10000 slpx103m050e7p3 0.046 0.035 5.08 6.35 30 x 40 4700 slpx472m035a3p3 0.113 0.085 2.46 3.08 22 x 30 10000 slpx103m050h5p3 0.046 0.035 4.92 6.15 35 x 35 4700 slpx472m035c1p3 0.113 0.085 2.43 3.04 25 x 25 12000 slpx123m050e9p3 0.039 0.029 5.72 7.15 30 x 50 5600 slpx562m035a3p3 0.095 0.071 2.61 3.26 22 x 30 12000 slpx123m050h7p3 0.039 0.029 5.69 7.11 35 x 40 5600 slpx562m035a5p3 0.095 0.071 2.79 3.49 22 x 35 15000 slpx153m050h4p3 0.031 0.023 6.56 8.20 35 x 45 5600 slpx562m035c3p3 0.095 0.071 2.75 3.44 25 x 30 18000 slpx183m050h9p3 0.026 0.020 7.14 8.93 35 x 50 6800 slpx682m035a7p3 0.078 0.059 2.97 3.71 22 x 40 22000 slpx223m050h9p3 0.021 0.016 7.89 9.86 35 x 50 6800 slpx682m035c3p3 0.078 0.059 2.89 3.61 25 x 30 63 vdc (79 vdc surge) 6800 slpx682m035e1p3 0.078 0.059 3.09 3.86 30 x 25 1800 slpx182m063a1p3 0.221 0.166 1.90 2.38 22 x 25 8200 slpx822m035a4p3 0.065 0.049 3.47 4.34 22 x 45 2200 SLPX222M063A3P3 0.181 0.136 2.35 2.94 22 x 30 8200 slpx822m035c5p3 0.065 0.049 3.33 4.16 25 x 35 2200 slpx222m063c1p3 0.181 0.136 2.30 2.88 25 x 25 8200 slpx822m035e3p3 0.065 0.049 3.29 4.11 30 x 30 2700 slpx272m063a5p3 0.147 0.110 2.50 3.13 22 x 35 10000 slpx103m035a9p3 0.053 0.040 3.75 4.69 22 x 50 2700 slpx272m063c3p3 0.147 0.110 2.52 3.15 25 x 30 type slpx 85 c snap-in aluminum electrolytic best value 85 c snap-in type cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830
3000 h @ 85 oc max 25 c esr max 85 c ripple nominal 3000 h @ 85 oc max 25 c esr max 85 c ripple nominal cap catalog () (a rms ) size (dxl) cap catalog () (a rms ) size (dxl) (f) part number 120 hz 20khz 120 hz 20khz (mm) (f) part number 120 hz 20khz 120 hz 20khz (mm) 63 vdc (79 vdc surge) 80 vdc (100 vdc surge) 3300 slpx332m063a7p3 0.121 0.091 2.72 3.40 22 x 40 8200 slpx822m080h4p3 0.040 0.030 5.89 7.36 35 x 45 3300 slpx332m063c3p3 0.121 0.091 2.74 3.43 25 x 30 10000 slpx103m080h9p3 0.033 0.025 6.63 8.29 35 x 50 3300 slpx332m063e1p3 0.121 0.091 2.78 3.48 30 x 25 100 vdc (125 vdc surge) 3900 slpx392m063a4p3 0.102 0.077 3.09 3.86 22 x 45 820 slpx821m100a1p3 0.324 0.243 1.86 2.33 22 x 25 3900 slpx392m063c5p3 0.102 0.077 3.13 3.91 25 x 35 1000 slpx102m100a3p3 0.265 0.199 2.02 2.53 22 x 30 3900 slpx392m063e3p3 0.102 0.077 3.09 3.86 30 x 30 1200 slpx122m100a3p3 0.221 0.166 2.12 2.65 22 x 30 4700 slpx472m063a9p3 0.085 0.064 3.69 4.61 22 x 50 1200 slpx122m100c1p3 0.221 0.166 2.11 2.64 25 x 25 4700 slpx472m063c7p3 0.085 0.064 3.59 4.49 25 x 40 1500 slpx152m100a5p3 0.177 0.133 2.45 3.06 22 x 35 4700 slpx472m063e3p3 0.085 0.064 3.54 4.43 30 x 30 1500 slpx152m100c3p3 0.177 0.133 2.47 3.09 25 x 30 5600 slpx562m063c4p3 0.071 0.053 4.01 5.01 25 x 45 1800 slpx182m100a7p3 0.147 0.110 2.77 3.46 22 x 40 5600 slpx562m063e5p3 0.071 0.053 4.00 5.00 30 x 35 1800 slpx182m100c5p3 0.147 0.110 2.81 3.51 25 x 35 5600 slpx562m063h3p3 0.071 0.053 3.75 4.69 35 x 30 1800 slpx182m100e1p3 0.147 0.110 2.65 3.31 30 x 25 6800 slpx682m063c9p3 0.059 0.044 4.52 5.65 25 x 50 2200 slpx222m100a4p3 0.121 0.091 3.15 3.94 22 x 45 6800 slpx682m063e7p3 0.059 0.044 4.55 5.69 30 x 40 2200 slpx222m100c7p3 0.121 0.091 3.21 4.01 25 x 40 6800 slpx682m063h3p3 0.059 0.044 4.44 5.55 35 x 30 2200 slpx222m100e3p3 0.121 0.091 3.17 3.96 30 x 30 8200 slpx822m063e4p3 0.049 0.037 5.12 6.40 30 x 45 2700 slpx272m100c4p3 0.098 0.074 3.66 4.58 25 x 45 8200 slpx822m063h5p3 0.049 0.037 5.05 6.31 35 x 35 2700 slpx272m100e5p3 0.098 0.074 3.65 4.56 30 x 35 10000 slpx103m063e9p3 0.040 0.030 5.78 7.23 30 x 50 2700 slpx272m100h3p3 0.098 0.074 3.77 4.71 35 x 30 10000 slpx103m063h7p3 0.040 0.030 5.75 7.19 35 x 40 3300 slpx332m100c9p3 0.080 0.060 4.15 5.19 25 x 50 12000 slpx123m063e9p3 0.033 0.025 6.20 7.75 30 x 50 3300 slpx332m100e7p3 0.080 0.060 4.18 5.23 30 x 40 12000 slpx123m063h4p3 0.033 0.025 6.47 8.09 35 x 45 3300 slpx332m100h5p3 0.080 0.060 4.07 5.09 35 x 35 12000 slpx123m063h9p3 0.033 0.025 6.76 8.45 35 x 50 3900 slpx392m100e4p3 0.068 0.051 4.67 5.84 30 x 45 80 vdc (100 vdc surge) 3900 slpx392m100h5p3 0.068 0.051 4.61 5.76 35 x 35 1200 slpx122m080a1p3 0.276 0.207 1.77 2.21 22 x 25 4700 slpx472m100h7p3 0.056 0.042 5.23 6.54 35 x 40 1500 slpx152m080a3p3 0.221 0.166 2.01 2.51 22 x 30 4700 slpx472m100e9p3 0.056 0.042 5.26 6.58 30 x 50 1800 slpx182m080a3p3 0.184 0.138 2.11 2.64 22 x 30 5600 slpx562m100h4p3 0.047 0.035 5.88 7.35 35 x 45 1800 slpx182m080c1p3 0.184 0.138 2.26 2.83 25 x 25 6800 slpx682m100h9p3 0.039 0.029 6.01 7.51 35 x 50 2200 slpx222m080a7p3 0.151 0.113 2.53 3.16 22 x 40 160 vdc (200 vdc surge) 2200 slpx222m080c3p3 0.151 0.113 2.53 3.16 25 x 30 390 slpx391m160a1p3 0.510 0.383 1.63 2.40 22 x 25 2200 slpx222m080e1p3 0.151 0.113 2.56 3.20 30 x 25 470 slpx471m160a3p3 0.423 0.317 1.86 2.73 22 x 30 2700 slpx272m080a4p3 0.123 0.092 2.93 3.66 22 x 45 470 slpx471m160c1p3 0.423 0.317 1.86 2.73 25 x 25 2700 slpx272m080c5p3 0.123 0.092 2.93 3.66 25 x 35 560 slpx561m160a3p3 0.355 0.266 2.15 3.16 22 x 30 2700 slpx272m080e3p3 0.123 0.092 2.91 3.64 30 x 30 560 slpx561m160c3p3 0.355 0.266 2.15 3.16 25 x 30 3300 slpx332m080a9p3 0.101 0.076 3.23 4.04 22 x 50 680 slpx681m160a7p3 0.293 0.220 2.35 3.45 22 x 40 3300 slpx332m080c7p3 0.101 0.076 3.29 4.11 25 x 40 680 slpx681m160c3p3 0.293 0.220 2.33 3.43 25 x 30 3300 slpx332m080e3p3 0.101 0.076 3.25 4.06 30 x 30 680 slpx681m160e1p3 0.293 0.220 2.33 3.43 30 x 25 3900 slpx392m080c4p3 0.085 0.064 3.62 4.53 25 x 45 820 slpx821m160a4p3 0.243 0.182 2.68 3.94 22 x 45 3900 slpx392m080e5p3 0.085 0.064 3.70 4.63 30 x 35 820 slpx821m160c5p3 0.243 0.182 2.65 3.90 25 x 35 4700 slpx472m080c9p3 0.071 0.053 4.28 5.35 25 x 50 820 slpx821m160e3p3 0.243 0.182 2.64 3.88 30 x 30 4700 slpx472m080e7p3 0.071 0.053 4.23 5.29 30 x 40 1000 slpx102m160a9p3 0.199 0.149 3.02 4.44 22 x 50 4700 slpx472m080h3p3 0.071 0.053 4.12 5.15 35 x 30 1000 slpx102m160c7p3 0.199 0.149 3.00 4.41 25 x 40 5600 slpx562m080e4p3 0.059 0.044 4.70 5.88 30 x 45 1000 slpx102m160e3p3 0.199 0.149 2.96 4.35 30 x 30 5600 slpx562m080h5p3 0.059 0.044 4.64 5.80 35 x 35 1200 slpx122m160c4p3 0.166 0.125 3.43 5.04 25 x 45 6800 slpx682m080e9p3 0.049 0.037 5.27 6.59 30 x 50 1200 slpx122m160e5p3 0.166 0.125 3.41 5.01 30 x 35 6800 slpx682m080h7p3 0.049 0.037 5.24 6.55 35 x 40 1200 slpx122m160h3p3 0.166 0.125 3.40 5.00 35 x 30 type slpx 85 c snap-in aluminum electrolytic best value 85 c snap-in type cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830
3000 h @ 85 oc max 25 c esr max 85 c ripple nominal 3000 h @ 85 oc max 25 c esr max 85 c ripple nominal cap catalog () (a rms ) size (dxl) cap catalog () (a rms ) size (dxl) (f) part number 120 hz 20khz 120 hz 20khz (mm) (f) part number 120 hz 20khz 120 hz 20khz (mm) 160 vdc (200 vdc surge) 200 vdc (250 vdc surge) 1500 slpx152m160e7p3 0.133 0.100 3.96 5.82 30 x 40 820 slpx821m200c7p3 0.243 0.182 2.79 4.10 25 x 40 1500 slpx152m160h5p3 0.133 0.100 3.94 5.79 35 x 35 820 slpx821m200e3p3 0.243 0.182 2.75 4.04 30 x 30 1800 slpx182m160e4p3 0.111 0.083 4.31 6.34 30 x 45 1000 slpx102m200c4p3 0.199 0.149 3.28 4.82 25 x 45 1800 slpx182m160h5p3 0.111 0.083 4.28 6.29 35 x 35 1000 slpx102m200e5p3 0.199 0.149 3.15 4.63 30 x 35 2200 slpx222m160h7p3 0.090 0.068 4.96 7.29 35 x 40 1000 slpx102m200h3p3 0.199 0.149 3.25 4.78 35 x 30 2700 slpx272m160h9p3 0.074 0.056 5.57 8.19 35 x 50 1200 slpx122m200c9p3 0.166 0.125 3.61 5.31 25 x 50 180 vdc (225 vdc surge) 1200 slpx122m200e7p3 0.166 0.125 3.61 5.31 30 x 40 330 slpx331m180a1p3 0.603 0.452 1.49 2.19 22 x 25 1200 slpx122m200e4p3 0.166 0.125 3.80 5.59 30 x 45 390 slpx391m180a1p3 0.510 0.383 1.84 2.70 22 x 25 1200 slpx122m200h5p3 0.166 0.125 3.57 5.25 35 x 35 470 slpx471m180a3p3 0.423 0.317 1.91 2.81 22 x 30 1500 slpx152m200e4p3 0.133 0.100 4.13 6.07 30 x 45 470 slpx471m180c1p3 0.423 0.317 2.08 3.06 25 x 25 1500 slpx152m200h5p3 0.133 0.100 3.85 5.66 35 x 35 560 slpx561m180a5p3 0.355 0.266 2.25 3.31 22 x 35 1500 slpx152m200h7p3 0.133 0.100 4.06 5.97 35 x 40 560 slpx561m180c1p3 0.355 0.266 2.25 3.31 25 x 25 1500 slpx152m200h4p3 0.133 0.100 4.26 6.26 35 x 45 680 slpx681m180a5p3 0.293 0.220 2.48 3.65 22 x 35 1800 slpx182m200h4p3 0.111 0.083 4.59 6.75 35 x 45 680 slpx681m180c3p3 0.293 0.220 2.50 3.68 25 x 30 2200 slpx222m200h9p3 0.090 0.068 5.25 7.72 35 x 50 680 slpx681m180e1p3 0.293 0.220 2.46 3.62 30 x 25 220 vdc (270 vdc surge) 820 slpx821m180a7p3 0.243 0.182 2.86 4.20 22 x 40 220 slpx221m220a1p3 0.905 0.679 1.30 1.91 22 x 25 820 slpx821m180c5p3 0.243 0.182 2.75 4.04 25 x 35 270 slpx271m220a1p3 0.737 0.553 1.42 2.09 22 x 25 820 slpx821m180e1p3 0.243 0.182 2.69 3.95 30 x 25 330 slpx331m220a3p3 0.603 0.452 1.59 2.34 22 x 30 1000 slpx102m180c7p3 0.199 0.149 3.06 4.50 25 x 40 330 slpx331m220c1p3 0.603 0.452 1.59 2.34 25 x 25 1000 slpx102m180e3p3 0.199 0.149 3.10 4.56 30 x 30 390 slpx391m220a5p3 0.510 0.383 1.80 2.65 22 x 35 1200 slpx122m180c4p3 0.166 0.125 3.63 5.34 25 x 45 390 slpx391m220c1p3 0.510 0.383 1.75 2.57 25 x 25 1200 slpx122m180e5p3 0.166 0.125 3.55 5.22 30 x 35 470 slpx471m220a5p3 0.423 0.317 2.06 3.03 22 x 35 1200 slpx122m180h3p3 0.166 0.125 3.49 5.13 35 x 30 470 slpx471m220c3p3 0.423 0.317 2.08 3.06 25 x 30 1500 slpx152m180e7p3 0.133 0.100 4.10 6.03 30 x 40 470 slpx471m220e1p3 0.423 0.317 2.16 3.18 30 x 25 1500 slpx152m180h5p3 0.133 0.100 4.02 5.91 35 x 35 560 slpx561m220a7p3 0.355 0.266 2.22 3.26 22 x 40 1800 slpx182m180e4p3 0.111 0.083 4.55 6.69 30 x 45 560 slpx561m220c5p3 0.355 0.266 2.38 3.50 25 x 35 1800 slpx182m180h5p3 0.111 0.083 4.54 6.67 35 x 35 560 slpx561m220e1p3 0.355 0.266 2.18 3.20 30 x 25 2200 slpx222m180h7p3 0.090 0.068 4.83 6.04 35 x 40 680 slpx681m220a4p3 0.293 0.220 2.62 3.85 22 x 45 2700 slpx272m180h9p3 0.074 0.056 5.30 6.63 35 x 50 680 slpx681m220c7p3 0.293 0.220 2.56 3.76 25 x 40 200 vdc (250 vdc surge) 680 slpx681m220e3p3 0.293 0.220 2.52 3.70 30 x 30 270 slpx271m200a1p3 0.737 0.553 1.37 2.01 22 x 25 820 slpx821m220c4p3 0.243 0.182 2.91 4.28 25 x 45 330 slpx331m200a3p3 0.603 0.452 1.63 2.40 22 x 30 820 slpx821m220e5p3 0.243 0.182 2.84 4.17 30 x 35 330 slpx331m200a1p3 0.603 0.452 1.51 2.22 22 x 25 820 slpx821m220h3p3 0.243 0.182 2.79 4.10 35 x 35 390 slpx391m200a3p3 0.510 0.383 1.73 2.54 22 x 30 1000 slpx102m220c9p3 0.199 0.149 3.53 5.19 25 x 50 390 slpx391m200c1p3 0.510 0.383 1.71 2.51 25 x 25 1000 slpx102m220e7p3 0.199 0.149 3.36 4.94 30 x 40 470 slpx471m200a3p3 0.423 0.317 1.97 2.90 22 x 30 1000 slpx102m220h3p3 0.199 0.149 3.29 4.84 35 x 30 470 slpx471m200c3p3 0.423 0.317 1.95 2.87 25 x 30 1200 slpx122m220e7p3 0.166 0.125 3.54 5.20 30 x 40 560 slpx561m200a7p3 0.355 0.266 2.18 3.20 22 x 40 1200 slpx122m220e4p3 0.166 0.125 3.72 5.47 30 x 45 560 slpx561m200c3p3 0.355 0.266 2.15 3.16 25 x 30 1200 slpx122m220h5p3 0.166 0.125 3.68 5.41 35 x 35 560 slpx561m200e1p3 0.355 0.266 2.15 3.16 30 x 25 1500 slpx152m220h7p3 0.133 0.100 4.10 5.13 35 x 40 680 slpx681m200a4p3 0.293 0.220 2.48 3.65 22 x 45 1800 slpx182m220h4p3 0.111 0.083 4.52 5.65 35 x 45 680 slpx681m200c5p3 0.293 0.220 2.48 3.65 25 x 35 250 vdc (300 vdc surge) 680 slpx681m200e3p3 0.293 0.220 2.48 3.65 30 x 30 220 slpx221m250a1p3 0.905 0.679 1.24 1.82 22 x 25 820 slpx821m200a9p3 0.243 0.182 2.81 4.13 22 x 50 270 slpx271m250a3p3 0.737 0.553 1.50 2.21 22 x 30 type slpx 85 c snap-in aluminum electrolytic best value 85 c snap-in type cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830
3000 h @ 85 oc max 25 c esr max 85 c ripple nominal 3000 h @ 85 oc max 25 c esr max 85 c ripple nominal cap catalog () (a rms ) size (dxl) cap catalog () (a rms ) size (dxl) (f) part number 120 hz 20khz 120 hz 20khz (mm) (f) part number 120 hz 20khz 120 hz 20khz (mm) 250 vdc (300 vdc surge) 315 vdc (365 vdc surge) 330 slpx331m250a3p3 0.603 0.452 1.66 2.44 22 x 30 1000 slpx102m315h9p3 0.199 0.149 3.57 4.46 35 x 50 330 slpx331m250c1p3 0.603 0.452 1.61 2.37 25 x 25 350 vdc (400 vdc surge) 390 slpx391m250a5p3 0.510 0.383 1.88 2.76 22 x 35 120 slpx121m350a1p3 1.659 1.244 1.04 1.53 22 x 25 390 slpx391m250c3p3 0.510 0.383 1.88 2.76 25 x 30 150 slpx151m350a3p3 1.327 0.995 1.20 1.76 22 x 30 470 slpx471m250a7p3 0.423 0.317 2.15 3.16 22 x 40 150 slpx151m350c1p3 1.327 0.995 1.22 1.79 25 x 25 470 slpx471m250c5p3 0.423 0.317 2.15 3.16 25 x 35 180 slpx181m350a3p3 1.106 0.830 1.34 1.97 22 x 30 470 slpx471m250e1p3 0.423 0.317 2.04 3.00 30 x 25 180 slpx181m350c1p3 1.106 0.830 1.37 2.01 25 x 25 560 slpx561m250a4p3 0.355 0.266 2.48 3.65 22 x 45 220 slpx221m350a5p3 0.905 0.679 1.47 2.16 22 x 35 560 slpx561m250c5p3 0.355 0.266 2.35 3.45 25 x 35 220 slpx221m350c3p3 0.905 0.679 1.53 2.25 25 x 30 560 slpx561m250e3p3 0.355 0.266 2.35 3.45 30 x 30 220 slpx221m350e1p3 0.905 0.679 1.54 2.26 30 x 25 680 slpx681m250c7p3 0.293 0.220 2.67 3.92 25 x 40 270 slpx271m350a7p3 0.737 0.553 1.70 2.50 22 x 40 680 slpx681m250e5p3 0.293 0.220 2.71 3.98 30 x 35 270 slpx271m350c5p3 0.737 0.553 1.73 2.54 25 x 35 820 slpx821m250c9p3 0.243 0.182 3.01 4.42 25 x 50 270 slpx271m350e1p3 0.737 0.553 1.80 2.65 30 x 25 820 slpx821m250e5p3 0.243 0.182 2.98 4.38 30 x 35 330 slpx331m350a4p3 0.603 0.452 1.87 2.75 22 x 45 820 slpx821m250h3p3 0.243 0.182 2.96 4.35 35 x 30 330 slpx331m350c7p3 0.603 0.452 1.97 2.90 25 x 40 1000 slpx102m250e5p3 0.199 0.149 3.20 4.70 30 x 35 330 slpx331m350e3p3 0.603 0.452 2.03 2.98 30 x 30 1000 slpx102m250e4p3 0.199 0.149 3.56 5.23 30 x 45 390 slpx391m350c7p3 0.510 0.383 2.14 3.15 25 x 40 1000 slpx102m250e9p3 0.199 0.149 3.73 5.48 30 x 50 390 slpx391m350e5p3 0.510 0.383 2.23 3.28 30 x 35 1000 slpx102m250h5p3 0.199 0.149 3.48 5.12 35 x 35 390 slpx391m350h3p3 0.510 0.383 2.30 3.38 35 x 30 1200 slpx122m250e9p3 0.166 0.125 3.99 5.87 30 x 50 470 slpx471m350e5p3 0.423 0.317 2.53 3.72 30 x 35 1200 slpx122m250h7p3 0.166 0.125 3.84 5.64 35 x 40 470 slpx471m350h3p3 0.423 0.317 2.55 3.75 35 x 30 1500 slpx152m250h4p3 0.133 0.100 4.33 6.37 35 x 45 560 slpx561m350e7p3 0.355 0.266 2.73 4.01 30 x 40 1800 slpx182m250h9p3 0.111 0.083 4.54 6.67 35 x 50 560 slpx561m350h5p3 0.355 0.266 2.75 4.04 35 x 35 315 vdc (365 vdc surge) 680 slpx681m350h7p3 0.293 0.220 3.15 4.63 35 x 40 180 slpx181m315a3p3 1.106 0.830 1.29 1.90 22 x 30 820 slpx821m350h4p3 0.243 0.182 3.47 5.10 35 x 45 180 slpx181m315c1p3 1.106 0.830 1.38 2.03 25 x 25 1000 slpx102m350h9p3 0.199 0.149 3.60 5.29 35 x 50 220 slpx221m315a5p3 0.905 0.679 1.41 2.07 22 x 35 385 vdc (435 vdc surge) 220 slpx221m315c3p3 0.905 0.679 1.47 2.16 25 x 30 82 slpx820m385a1p3 2.427 1.820 0.76 1.12 22 x 25 270 slpx271m315a7p3 0.737 0.553 1.70 2.50 22 x 40 100 slpx101m385a3p3 1.990 1.493 0.89 1.31 22 x 30 270 slpx271m315c3p3 0.737 0.553 1.70 2.50 25 x 30 120 slpx121m385a3p3 1.659 1.244 0.98 1.44 22 x 30 330 slpx331m315a4p3 0.603 0.452 1.91 2.81 22 x 45 120 slpx121m385c1p3 1.659 1.244 1.02 1.50 25 x 25 330 slpx331m315c5p3 0.603 0.452 1.94 2.85 25 x 35 150 slpx151m385a5p3 1.327 0.995 1.12 1.65 22 x 35 330 slpx331m315e3p3 0.603 0.452 1.98 2.91 30 x 30 150 slpx151m385c3p3 1.327 0.995 1.14 1.68 25 x 30 390 slpx391m315a9p3 0.510 0.383 2.07 3.04 22 x 50 180 slpx181m385a7p3 1.106 0.830 1.27 1.87 22 x 40 390 slpx391m315c7p3 0.510 0.383 2.11 3.10 25 x 40 180 slpx181m385c5p3 1.106 0.830 1.30 1.91 25 x 35 390 slpx391m315e3p3 0.510 0.383 2.15 3.16 30 x 30 180 slpx181m385e1p3 1.106 0.830 1.37 2.01 30 x 25 470 slpx471m315c4p3 0.423 0.317 2.39 3.51 25 x 45 220 slpx221m385a4p3 0.905 0.679 1.42 2.09 22 x 45 470 slpx471m315e5p3 0.423 0.317 2.38 3.50 30 x 35 220 slpx221m385c5p3 0.905 0.679 1.48 2.18 25 x 35 470 slpx471m315h3p3 0.423 0.317 2.36 3.47 35 x 30 220 slpx221m385e3p3 0.905 0.679 1.49 2.19 30 x 30 560 slpx561m315e7p3 0.355 0.266 2.63 3.87 30 x 40 270 slpx271m385c7p3 0.737 0.553 1.61 2.37 25 x 40 560 slpx561m315h5p3 0.355 0.266 2.69 3.95 35 x 35 270 slpx271m385e5p3 0.737 0.553 1.64 2.41 30 x 35 680 slpx681m315e4p3 0.293 0.220 2.80 4.12 30 x 45 330 slpx331m385c9p3 0.603 0.452 1.80 2.65 25 x 50 680 slpx681m315h7p3 0.293 0.220 3.05 4.48 35 x 40 330 slpx331m385e7p3 0.603 0.452 1.85 2.72 30 x 40 820 slpx821m315e9p3 0.243 0.182 3.28 4.82 30 x 50 330 slpx331m385h3p3 0.603 0.452 1.87 2.75 35 x 30 820 slpx821m315h4p3 0.243 0.182 3.45 5.07 35 x 45 390 slpx391m385e7p3 0.510 0.383 2.05 3.01 30 x 40 type slpx 85 c snap-in aluminum electrolytic best value 85 c snap-in type cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830
type slpx 85 c snap-in aluminum electrolytic best value 85 c snap-in type catalog max esr max ripple nominal catalog max esr max ripple nominal cap part number @ 25c (a rms ) max @ 85c size (dxl) cap part number @ 25c (a rms ) max @ 85c size (dxl) f 3000 h @ 85 oc 120 hz 20khz 120 hz 20khz (mm) f 3000 h @ 85 oc 120 hz 20khz 120 hz 20khz (mm) 385 vdc (435 vdc surge) 420 vdc (470 vdc surge) 390 slpx391m385h5p3 0.510 0.383 2.07 3.04 35 x 35 180 slpx181m420c5p3 1.106 0.830 1.42 2.09 25 x 35 470 slpx471m385e9p3 0.423 0.317 2.26 3.32 30 x 50 180 slpx181m420e1p3 1.106 0.830 1.48 2.18 30 x 25 470 slpx471m385h7p3 0.423 0.317 2.26 3.32 35 x 40 220 slpx221m420a4p3 0.905 0.679 1.55 2.28 22 x 45 560 slpx561m385h4p3 0.355 0.266 2.59 3.81 35 x 45 220 slpx221m420c5p3 0.905 0.679 1.58 2.32 25 x 35 680 slpx681m385h9p3 0.293 0.220 2.80 4.12 35 x 50 220 slpx221m420e3p3 0.905 0.679 1.65 2.43 30 x 30 400 vdc (450 vdc surge) 270 slpx271m420c7p3 0.737 0.553 1.74 2.56 25 x 40 82 slpx820m400a1p3 2.427 1.820 0.84 1.23 22 x 25 270 slpx271m420e5p3 0.737 0.553 1.90 2.79 30 x 35 100 slpx101m400a3p3 1.990 1.493 0.99 1.46 22 x 30 270 slpx271m420h3p3 0.737 0.553 1.94 2.85 35 x 30 120 slpx121m400c1p3 1.659 1.244 1.13 1.66 25 x 25 330 slpx331m420c9p3 0.603 0.452 2.20 3.23 25 x 50 120 slpx121m400a3p3 1.659 1.244 1.09 1.60 22 x 30 330 slpx331m420e5p3 0.603 0.452 1.98 2.91 30 x 35 150 slpx151m400a5p3 1.327 0.995 1.24 1.82 22 x 35 330 slpx331m420h5p3 0.603 0.452 2.17 3.19 35 x 35 150 slpx151m400c3p3 1.327 0.995 1.27 1.87 25 x 30 390 slpx391m420e7p3 0.510 0.383 2.22 3.26 30 x 40 180 slpx181m400a7p3 1.106 0.830 1.41 2.07 22 x 40 390 slpx391m420h5p3 0.510 0.383 2.27 3.34 35 x 35 180 slpx181m400c3p3 1.106 0.830 1.44 2.12 25 x 30 470 slpx471m420e4p3 0.423 0.317 2.50 3.68 30 x 45 180 slpx181m400e1p3 1.106 0.830 1.52 2.23 30 x 25 470 slpx471m420h7p3 0.423 0.317 2.61 3.84 35 x 40 220 slpx221m400a4p3 0.905 0.679 1.58 2.32 22 x 45 560 slpx561m420h4p3 0.355 0.266 2.95 4.34 35 x 45 220 slpx221m400c3p3 0.900 0.675 1.54 2.26 25 x 30 450 vdc (500 vdc surge) 220 slpx221m400c5p3 0.905 0.679 1.64 2.41 25 x 35 68 slpx680m450a1p3 3.903 2.927 0.71 1.04 22 x 25 220 slpx221m400e3p3 0.905 0.679 1.66 2.44 30 x 30 82 slpx820m450a1p3 3.236 2.427 0.86 1.26 22 x 25 270 slpx271m400c7p3 0.737 0.553 1.79 2.63 25 x 40 100 slpx101m450c1p3 2.654 1.991 0.97 1.43 25 x 25 270 slpx271m400e3p3 0.737 0.553 1.82 2.68 30 x 30 120 slpx121m450a3p3 2.212 1.659 1.00 1.47 22 x 30 330 slpx331m400e3p3 0.603 0.452 2.05 3.01 30 x 30 120 slpx121m450c3p3 2.212 1.659 1.09 1.60 25 x 30 330 slpx331m400h3p3 0.603 0.452 2.05 3.01 35 x 30 330 slpx331m400c4p3 0.603 0.452 2.00 2.94 25 x 45 120 slpx121m450e1p3 2.212 1.659 1.12 1.65 30 x 25 390 slpx391m400e7p3 0.510 0.383 2.26 3.32 30 x 40 150 slpx151m450a7p3 1.769 1.327 1.18 1.73 22 x 40 390 slpx391m400h5p3 0.510 0.383 2.28 3.35 35 x 35 150 slpx151m450c3p3 1.769 1.327 1.25 1.84 25 x 30 470 slpx471m400e4p3 0.423 0.317 2.51 3.69 30 x 45 150 slpx151m450e1p3 1.769 1.327 1.29 1.90 30 x 25 470 slpx471m400h7p3 0.423 0.317 2.54 3.73 35 x 40 180 slpx181m450e1p3 1.470 1.103 1.35 1.98 30 x 25 560 slpx561m400h9p3 0.355 0.266 3.13 4.60 35 x 50 180 slpx181m450a4p3 1.474 1.106 1.32 1.94 22 x 45 560 slpx561m400h7p3 0.355 0.266 2.85 4.19 35 x 40 180 slpx181m450c5p3 1.474 1.106 1.40 2.06 25 x 35 680 slpx681m400h9p3 0.293 0.220 3.10 3.88 35 x 50 820 slpx821m400h9p3 0.240 0.180 3.40 4.25 35 x 50 220 slpx221m450c7p3 1.206 0.905 1.59 2.34 25 x 40 420 vdc (470 vdc surge) 220 slpx221m450e3p3 1.206 0.905 1.64 2.41 30 x 30 82 slpx820m420a1p3 2.427 1.820 0.85 1.25 22 x 25 220 slpx221m450h3p3 1.206 0.905 1.66 2.44 35 x 30 100 slpx101m420a3p3 1.990 1.493 0.97 1.43 22 x 30 270 slpx271m450c4p3 0.983 0.737 1.73 2.54 25 x 45 100 slpx101m420c1p3 1.990 1.493 0.98 1.44 25 x 25 270 slpx271m450e3p3 0.983 0.737 1.78 2.62 30 x 30 120 slpx121m420a3p3 1.659 1.244 1.07 1.57 22 x 30 270 slpx271m450e5p3 0.983 0.737 1.89 2.78 30 x 35 120 slpx121m420c1p3 1.659 1.244 1.08 1.59 25 x 25 270 slpx271m450h3p3 0.983 0.737 1.90 2.79 35 x 30 150 slpx151m420a5p3 1.327 0.995 1.21 1.78 22 x 35 330 slpx331m450h5p3 0.804 0.603 2.15 3.16 35 x 35 150 slpx151m420c3p3 1.327 0.995 1.26 1.85 25 x 30 330 slpx331m450e7p3 0.804 0.603 2.12 3.12 30 x 40 150 slpx151m420e1p3 1.327 0.995 1.30 1.91 30 x 25 390 slpx391m450e4p3 0.680 0.510 2.35 3.45 30 x 45 180 slpx181m420a7p3 1.106 0.830 1.33 1.96 22 x 40 390 slpx391m450h7p3 0.680 0.510 2.38 3.50 35 x 40 470 slpx471m450h9p3 0.565 0.424 2.80 4.12 35 x 50 470 slpx471m450h4p3 0.565 0.424 2.68 3.94 35 x 45 cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830
type slpx 85 c snap-in aluminum electrolytic best value 85 c snap-in type 0.1 1 10 100 10 100 1000 10000 100000 1000000 ratio to 25 oc, 120 hz value frequency (hz) type slpx esr vs frequency at temperatures 2200 f 50 v C 40 oc C 20 oc 0 oc 25 oc 65 oc 85 oc 45 oc 0.01 0.1 1 10 100 10 100 1000 10000 100000 1000000 ratio to 25 oc, 120 hz value frequency (hz) type slpx impedance vs frequency at temperatures 2200 f 50 v C 40 oc 0 oc 25 oc 65 oc 85 oc 45 oc C 20 oc 0.01 0.1 1 10 100 10 100 1000 10000 100000 1000000 ratio to 25 oc, 120 hz value frequency (hz) type slpx impedance vs frequency at temperatures 470 f 450 v C 40 oc 0 oc 25 oc 65 oc 85 oc 45 oc C 20 oc 0.1 1 10 100 1000 10 100 1000 10000 100000 1000000 esr ratio to 25 0 0.2 0.4 0.6 0.8 1 1.2 10 100 1000 10000 100000 1000000 ratio to 25 oc, 120 hz value frequency (hz) type slpx capacitance vs frequency at temperatures 470 f 450 v 85 oc 25 oc 45 oc 0 oc C 40 oc 65 oc C 20 oc 0 0.2 0.4 0.6 0.8 1 1.2 10 100 1000 10000 100000 1000000 ratio to 25 oc, 120 hz value frequency (hz) type slpx capacitance vs frequency at temperatures 2200 f 50 v 85 oc 25 oc 45 oc 0 oc C 40 oc 65 oc C 20 oc typical performance curves cde cornell dubilier 1605 e. rodney french blvd. new bedford ma 02744 phone: (508)996-8561 fax: (508)996-3830
notice and disclaimer: all product drawings, descriptions, specifcations, statements, information and data (collectively, the information) in this datasheet or other publication are subject to change. the customer is responsible for checking, confrming and verifying the extent to which the information con - tained in this datasheet or other publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without any guaran - tee, warranty, representation or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on the knowledge that the cornell dubilier company providing such statements (cornell dubilier) has of operating conditions that such cornell dubilier company regards as typical for such applications, but are not intended to constitute any guarantee, warranty or representa - tion regarding any such matter C and cornell dubilier specifcally and expressly disclaims any guarantee, warranty or representation concerning the suitability for a specifc customer application, use, storage, transportation, or operating environment. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by cornell dubilier with reference to the use of any cornell dubilier products is given gratis (unless otherwise specifed by cornell dubilier), and cornell dubilier assumes no obligation or liability for the advice given or results obtained. although cornell dubilier strives to apply the most stringent quality and safety standards regarding the design and manufacturing of its products, in light of the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies or other appropriate protective measures) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indi - cated in such warnings, cautions and notes, or that other safety measures may not be required.


▲Up To Search▲   

 
Price & Availability of SLPX222M063A3P3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X