Part Number Hot Search : 
332I520 2SD16 AON74 TP213 FQPF3N60 EC3AB13 2412D VCO190
Product Description
Full Text Search
 

To Download SBLB2030CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  production specification schottky barrier rectifier SBLB2030CT-sblb20100ct o003 www.gmicroelec.com rev.a 1 features z metal-semicondutcor junction with guard ring. z epitaxial construction. z low forward voltage drop,low switching losses. z high surge capacity. z for use in low voltage,high frequency inverters free wheeling,and polarity pr otection applications. z the plastic material carries u/l recognition 94v-0. to-263 maximum rating operating temperature range applies unless otherwise specified symbol parameter sblb 2030 ct sblb 2035 ct sblb 2040 ct sblb 2045 ct sblb 2050 ct sblb 2060 ct sblb 2080 ct sblb 20100 ct unit v rrm recurrent peak reverse voltage 30 35 40 45 50 60 80 100 v v rms rms voltage 21 25 28 32 35 42 56 70 v v dc dc blocking voltage 30 35 40 45 50 60 80 100 v i f(av) average forward rectified current @t a =100 20 a i fsm peak forward surgecurrent 8.3ms single half sine-wave superimosed on rated load 250 a r jc thermal resistance(note1) 1.5 /w t j operating junction temperature range -55 to +125 t stg storagetemperature range -55 to +150 note:1.thermal resistance junction to case. pb lead-free
production specification schottky barrier rectifier SBLB2030CT-sblb20100ct o003 www.gmicroelec.com rev.a 2 electrical characteristics @ ta=25 unless otherwise specified . parameter symbol test conditions SBLB2030CT- sblb2045ct sblb2050ct- sblb2060ct sblb2080ct- sblb20100ct unit max forward voltage v f i f =10a 0.60 0.75 0.85 v reverse current i r v r =v rrm ,t a =25 v r =v rrm ,t a =100 1.0 50 ma typical characteristics @ ta=25 unless otherwise specified
production specification schottky barrier rectifier SBLB2030CT-sblb20100ct o003 www.gmicroelec.com rev.a 3 package outline plastic surface mounted package to-263 soldering footprint unit:mm to-263 a 8.64 9.04 b 9.90 10.30 c 8.70 9.10 d 4.57 typical e 1.27 typical f 1.06 1.26 g 5.34 5.74 h 2.44 2.64 j 15.30 15.90 k 0.38 typical l 1.17 1.37 m 0.71 0.91 10.4 2.3 9.0 16.5 8.8 2.54 2.54 2.08 4.0 3.5 c e k h m f d g j l a b


▲Up To Search▲   

 
Price & Availability of SBLB2030CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X