Part Number Hot Search : 
IMP1233M PM200 GTR210 CPC1983Y MSM58321 MSM6947 AGM6448G TC74AC
Product Description
Full Text Search
 

To Download RL1006-984-59-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  uncoated disc with radial leads description point-matched disc thermistor with bare lead-wires. features ? low cost solid state sensor ? resistance tolerances down to 2% ? high sensitivity to changes in temperature ? suitable for temperature measurement, control and compensation ? excellent mechanical strength ntc thermistor type rl10 ? wide operating temperature range: -58f to 302f (-50c to 150c) ? suitable for pcb and probe mountings ? available in a wide range of material systems ? also available with epoxy coating ? available on tape and reel eia rs-468a for automatic insertion a mphenol advanced sensors
type rl10 specifications options ? other resistances and tolerances at other temperatures are available. ? resistance tolerance codes: g = 2% C j = 5% C k = 10% C l = 15% C m = 20% ? alternative lead lengths, lead materials, insulations ? the k suffix is the same as the di suffix in earlier catalogs. type number ro@25c material beta b t systems 25/85 in mm (mw/k) (sec.) rl1003-49.2-59-m 75 d5.9 3096 .110 2.79 9 2.5 rl1004-65.6-59-m 100 d5.9 3096 .120 3.05 2.5 9 rl1005-82-59-m 125 d5.9 3096 .130 3.30 2.5 10 rl1006-98.4-59-m 150 d5.9 3096 .140 3.56 2.7 10 rl1003-238-85-k 400 d8.5 3772 .110 2.79 2.5 9 rl1003-312-73-k 500 d7.3 3468 .110 2.79 2.5 9 rl1004-297-85-k 500 d8.5 3772 .120 3.05 2.5 9 rl1005-468-73-k 750 d7.3 3468 .130 3.30 2.5 10 rl1006-475-85-k 800 d8.5 3772 .140 3.56 2.7 10 rl1007-624-73-k 1000 d7.3 3468 .150 3.81 2.8 10 rl1007-594-85-k 1000 d8.5 3772 .150 3.81 2.8 10 rl1003-1157-95-k 2k d9.5 3965 .110 2.79 2.5 9 rl1004-1446-95-k 2.5k d9.5 3965 .120 3.05 2.5 9 rl1005-1735-95-k 3k d9.5 3965 .130 3.30 2.5 10 rl1003-1746-97-k 3k d9.5 3965 .110 2.79 2.5 9 rl1007-2313-95-k 4k d9.5 3965 .150 3.81 2.8 10 rl1004-2910-97-k 5k d9.7a 3972 .120 3.05 2.5 9 rl1003-2871-103-k 5k d10.3 4073 .110 2.79 2.5 9 rl1004-4019-103-k 7k d10.3 4073 .120 3.05 2.5 9 rl1007-4364-97-k 7.5k d9.7a 3972 .150 3.81 2.8 10 rl1009-5820-97-k 10k d9.7a 3972 .170 4.32 3.0 10 rl1005-5744-103-k 10k d10.3 4073 .130 3.30 2.5 10 rl1007-6890-103-k 12k d10.3 4073 .150 3.81 2.8 10 rl1004-8262-120-k 15k d12.0 4356 .120 3.05 2.5 9 rl1006-11k-120-k 20k d12.0 4356 .140 3.56 2.7 10 rl1007-13.8k-120-k 25k d12.0 4356 .150 3.81 2.8 10 rl1003-13.8k-122-k 25k d12.2 4365 .110 2.79 2.5 9 rl1005-22.1k-122-k 40k d12.2 4365 .130 3.30 2.5 10 rl1006-26.6k-122-k 50k d12.2 4365 .140 3.56 2.7 10 rl1003-26.7k-140-k 50k d14.0 4615 .110 2.79 2.5 9 rl1007-33.2k-122-k 60k d12.2 4365 .150 3.81 2.8 10 rl1004-34.7k-140-k 65k d14.0 4615 .120 3.05 2.5 9 rl1005-42.7k-140-k 80k d14.0 4615 .130 3.30 2.5 10 rl1006-53.4k-140-k 100k d14.0 4615 .140 3.56 2.7 10 rl1003-52.7k-150-k 100k d15.0 4228 .110 2.79 2.5 9 rl1004-81.1k-138-k 150k d13.8 4561 .120 3.05 2.5 9 rl1003-78.4k-155-k 150k d15.5 4793 .110 2.79 2.5 9 rl1005-79k-150-k 150k d15.0 4228 .130 3.30 2.5 10 rl1005-108.2k-138-k 200k d13.8 4561 .130 3.30 2.5 10 rl1006-105.3k-150-k 200k d15.0 4228 .140 3.56 2.7 10 rl1004-104.7k-155-k 200k d15.5 4793 .120 3.05 2.5 9 rl1005-130.9k-155-k 250k d15.5 4793 .130 3.30 2.5 10 rl1006-135.2k-138-k 250k d13.8 4561 .140 3.56 2.7 10 rl1007-162.3k-138-k 300k d13.8 4561 .150 3.81 2.8 10 rl1006-157k-155-k 300k d15.5 4793 .140 3.56 2.7 10 rl1007-183k-155-k 350k d15.5 4793 .150 3.81 2.8 10 0.110 in max (2.8 mm) 0.1 in (2.5 mm) 1.5 in (38 mm) min b thickness refer to table 26 awg tinned copper aas-920-411a-04/2014 www.amphenol-sensors.com ? 2014 amphenol corporation. all rights reserved. specifcations are subject to change without notice. other company names and product names used in this document are the registered trademarks or trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of RL1006-984-59-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X