Part Number Hot Search : 
64BDK07G ND1391 WM8781 ADP1101 AK9822M EPR1205G ZPY110 NKA0315D
Product Description
Full Text Search
 

To Download PCMP352 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pilkor components pfc input capacitors pcmp 352 metallized polypropylene film capacitors (mpp) 265 mkp boxed capacitors pitch 10.0/15.0mm quick reference data capacitance range (e6 series) capacitance tolerance rated voltage (dc) climatic category temperature range reference specification potting & encapsulation material 0. 22 to 2.2 ? 5%, 10% 450v 40/105/21 -40 ~ + 105 iec 60384-16 qualified in accordance with ul94v-0 features applications . low-noise . self-healing properties . low dissipation factor . low esr . supplied loose in box . miniature type of pcmp 372 . pfc input capacitor for lcd/pdp tv power . pfc input capacitor for led lamp power ? please refer to caution and warning at http ://www.pilkor.co.kr/dow nload/introductions.pdf before using these products.
pilkor components pfc input capacitors pcmp 352 metallized polypropylene film capacitors (mpp) 266 ordering information p 3 5 2 h a d 4 7 4 k a l j 1 2 3 4 5 6 7 1 2 3 code series name code voltage+version code original pitch p352 pcmp 352 ha 450v d 10.0mm f 15.0mm 4 5 6 code capacitance (example) code capacitance tolerance code revision 474 0.47uf j 5 % a standard 105 1.0uf k 10 % 7 product(lmax) 12.5 18.0 code packing method lead length & height hole to hole (po) pitch(p) lj loose in box lt= 5.01.0mm - 10.0 15.0 lk loose in box lt=25.02.0mm - 10.0 15.0 bh ammo packing h=18.5mm* 12.7mm 10.0 15.0 *h(in-tape height) ; for detailed specificat ions refer to chapter packaging. b dt l p 0 h h l lt h p
pilkor components pfc input capacitors pcmp 352 metallized polypropylene film capacitors (mpp) 267 packaging information loose in box smallest packing quantities ( spq ) lt = 5.0 1.0mm lt = 25.0 2.0mm dimensions spq spq 4.0 x 10.0 x 12.5 5.0 x 11.0 x 12.5 6.0 x 12.0 x 12.5 2000 1500 1000 1200 1000 1000 5.0 x 11.0 x 18.0 6.0 x 12.0 x 18.0 7.0 x 13.5 x 18.0 8.5 x 15.0 x 18.0 10.0 x 16.5 x 18.0 11.0 x 18.5 x 18.0 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000
pilkor components pfc input capacitors pcmp 352 metallized polypropylene film capacitors (mpp) 268 v rdc = 450 v catalogue number loose in box lt= 5.0 1.0 mm lt= 25.0 2.0 mm cap. ( ? ) b x h x l (mm) mass (g) c ? tol. 10% c ? tol. 10% pitch = 10.0 0.4 mm dt = 0.6 + 0.06 / -0.05 mm 0.22 4.0 x 10.0 x 12.5 0.8 p352had224kalj p352had224kalk 0.27 5.0 x 11.0 x 12.5 1.0 p352had274kalj p352had274kalk 0.33 5.0 x 11.0 x 12.5 1.0 p352had334kalj p352had334kalk 0.39 6.0 x 12.0 x 12.5 1.3 p352had394kalj p352had394kalk 0.47 6.0 x 12.0 x 12.5 1.3 p352had474kalj p352had474kalk pitch = 15.0 0.4 mm dt = 0.8 + 0.08 / -0.05 mm 0.47 5.0 x 11.0 x 18.0 1.4 p 352haf474kalj p352haf474kalk 0.56 6.0 x 12.0 x 18.0 1.8 p 352haf564kalj p352haf564kalk 0.68 6.0 x 12.0 x 18.0 1.8 p 352haf684kalj p352haf684kalk 0.82 7.0 x 13.5 x 18.0 2.2 p 352haf824kalj p352haf824kalk 1.0 7.0 x 13.5 x 18.0 2.2 p 352haf105kalj p352haf105kalk 1.2 8.5 x 15.0 x 18.0 2.9 p 352haf125kalj p352haf125kalk 1.5 8.5 x 15.0 x 18.0 2.9 p 352haf155kalj p352haf155kalk 1.8 10.0 x 16.5 x 18.0 3.6 p352haf185kalj p352haf185kalk 2.2 11.0 x 18.5 x 18.0 4.4 p 352haf225kalj p352haf225kalk
pilkor components pfc input capacitors pcmp 352 metallized polypropylene film capacitors (mpp) 269 mounting normal use the capacitors are designed for mounting on printed-ci rcuit boards. the capacitors packed in bandoliers are designed for mounting on printed-circuit boards by means of automatic insertion machines. specific method of mo unting to withstand vibrationand shock . for pitches of 15 mm the capacitors shall be mechanically fixed by the leads . for larger pitches the capacitors shall be mounted in the same way and the body clamped. space requirements on printed-circuit board the maximum length and width of film capacit ors are shown in the following drawing ; - eccentricity as in drawing. the maximum eccentricity is smaller than or equal to the lead diameter of the product concerned. - product height with seating plane as given by iec 60717 as reference : h max h+0.3mm storage temperature . storage temperature : t stg = -25 to +40 with rh maximum 80% without condensation. ratings and characteristics unless otherwise specified all electrical va lues apply at an ambient temperature of 23 1 , an atmospheric pressure of 86 to 106kpa and a relative humidity of 50 2%. for reference testing a conditioning period shall be applied of 96 4 hours by heating the products in a circulating air oven at the rated temperatur e and a relative humidity not exceeding 20%. eccentricity imax = i +0.3 mm b max = b + 0.3mm
pilkor components pfc input capacitors pcmp 352 metallized polypropylene film capacitors (mpp) 270 characteristics test voltage - cut off current 10ma / rise time 100v/sec. - test voltage ( between lead and lead ) : 1.6 x v rdc , 1min. - test voltage ( between leads and case ) : 2840 v dc , 1min. capacitance . capacitance : within specified tolerance range when sine wave ac is applied at 1khz 200hz and 5v rms dissipation factor(df) . dissipation factor: when sine wave ac is applied at 10khz and 1 v rms , df<20x10 -4 insulation resistance . the insulation resistance is measured for 1min. 5s, at 100v for v rdc <500v, at 500v for v rdc 500v ( r = insulation resistance between the terminations [] , c= capacitance[farad] ) rated voltage pulse load slope(dv/dt) r . for values see specific reference data. if the pulse voltage is lower than the rated voltage, values of the specific reference data must be multiplied by v rdc and divided by the applied voltage. maximum rated voltage pulse slope (v/ ? ) rated voltage p = 10.0 mm p = 15.0 mm 450v 47.5 47.5 minimum rc minimum insulation resistance rated voltage capacitance > 0.33uf capacitance 0.33uf 450v > 10,000s > 30g ?
pilkor components pfc input capacitors pcmp 352 metallized polypropylene film capacitors (mpp) 271 0.1 1 10 100 1000 10000 100 1000 10000 100000 1000000 frequency[hz ] impedance[] 224 474 684 105 0.1 1 10 100 1000 10000 100 1000 10000 100000 1000000 frequency[hz ] impedance[] 564 824 105 155 185 225 impedance as a function of frequency impedance as a function of frequency at t amb. 85 for original pitch 10.0mm at t amb. 85 for original pitch 15.0mm 0.01 0.1 1 10 100 1000 10000 100000 1000000 frequency[hz] permissible current[arms] 224 474 684 105 0.1 1 10 100 1000 100 1000 10000 100000 1000000 frequency[hz ] ac voltage[vrms] 224 474 684 105 permissible current as a function of frequency ac voltage as a function of frequency at t amb. 85 for original pitch 10.0mm at t amb. 85 for original pitch 10.0mm 0.0 0.1 1.0 10.0 100 1000 10000 100000 1000000 frequency[hz ] permissible current[arms] 564 824 105 155 185 225 0.1 1.0 10.0 100.0 1000.0 100 1000 10000 100000 1000000 frequency [hz] ac voltage[vrms] 564 824 105 155 185 225 permissible current as a function of frequency ac voltage as a function of frequency at t amb. 85 for original pitch 15.0mm at t amb. 85 for original pitch 15.0mm the graphs of characteristics
pilkor components pfc input capacitors pcmp 352 metallized polypropylene film capacitors (mpp) 272 permissible current to temperature when operating in the range of t amb. (85 ~ 105 ) with waveform, the value for characteristic of permissible current to frequency shown in fig. shall be derated 2.25% at each 1 . self heating temperature . maximum allowable rise is 7 under 85 . maximum permissible continuous voltage vs temperature [ ] 0 20 40 60 80 100 120 -40 -20 0 20 40 60 80 100 120 temperature[] rated voltage derating ratio[%]
pilkor components pfc input capacitors pcmp 352 metallized polypropylene film capacitors (mpp) 273 product marking the capacitors are marked with the following informations : . rated capacitance in code according to iec 60062 ( 470n ; 470nf ) . tolerance on rated capacitance ( j : 5%, k : 10% ) . rated dc voltage ( 450v ) . manufacturer's mark ( pilkor ) . manufacturer's type designation ( 352 ) . code for dielectric material ( mkp ) . date code number ( wk.? ) example of marking pitch = 10.0mm marking on the side pitch = 15.0mm marking on the top marking on the side 470n k 450v 352 mkp pilkor wk.... 470n k 450v 352 mkp ?. pilkor


▲Up To Search▲   

 
Price & Availability of PCMP352

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X