Part Number Hot Search : 
JWL22BH1 1A106 2SK4002 GPTP3127 MC68HC0 CS5566 BU9262FS JANSR2N
Product Description
Full Text Search
 

To Download NCP3335A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2013 june, 2013 ? rev. 5 1 publication order number: NCP3335A/d NCP3335A ultra high accuracy, low iq, 500 ma low dropout regulator the NCP3335A is a high performance, low dropout regulator with accuracy of 0.9% over line and load. this device features ultra ? low quiescent current and noise wh ich encompasses all necessary characteristics demanded by today?s consumer electronics. this unique device is guaranteed to be stable without a minimum load current requirement and stable with any type of capacitor as small as 1.0  f. the NCP3335A also comes equipped with sense and noise reduction pins to increase the overall utility of the device and offers reverse bias protection. features ? high accuracy over line and load ( 0.9% at 25 c) ? ultra ? low dropout voltage at full load (260 mv typ.) ? no minimum output current required for stability ? low noise (31  vrms w/10 nf c nr and 51  vrms w/out c nr ) ? low shutdown current (0.07  a) ? reverse bias protected ? 2.6 v to 12 v supply range ? thermal shutdown protection ? current limitation ? requires only 1.0  f output capacitance for stability ? stable with any type of capacitor (including mlcc) ? available in 1.5 v, 1.8 v, 2.5 v, 2.8 v, 2.85 v, 3.0 v, 3.3 v, 5.0 v and adjustable output voltages ? these are pb ? free devices applications ? pcmcia card ? cellular phones ? camcoders and cameras ? networking systems, dsl/cable modems ? cable set ? top box ? mp3/cd players ? dsp supply ? displays and monitors micro8  dm suffix case 846a see detailed ordering, marking and shipping information in the package dimensions section on page 19 of this data sheet. ordering information marking diagrams http://onsemi.com xxx = specific device marking a = assembly location l = wafer lot y = year w = work week  = pb ? free package xxxx ayw   1 8 fixed version pin 1, 2. v out 3. sense 4. gnd 5. nr 6. sd 7, 8. v in adj version pin 1, 2. v out 3. adj 4. gnd 5. nr 6. sd 7, 8. v in dfn10 mn suffix case 485c 3335a xxx alyw   1 fixed version pin 1, 2. v out 3. sense 4. gnd 5, 6. nc 7. nr 8. sd 9, 10. v in adj version pin 1, 2. v out 3. adj 4. gnd 5, 6. nc 7. nr 8. sd 9, 10. v in (note: microdot may be in either location)
NCP3335A http://onsemi.com 2 figure 1. typical fixed version application schematic (micro8 package) v in v out on off c in 1.0  f c out 1.0  f out sense out in in nr 3 2 1 7 8 (optional) 64 + + 5 gnd sd c nr figure 2. typical adjustable version application schematic (micro8 package) v in v out on off c in 1.0  f c out 1.0  f out adj in in nr 3 2 1 7 8 64 + + 5 gnd sd c nr 10 nf (optional) out r2 r1 c adj 68 pf
NCP3335A http://onsemi.com 3 figure 3. block diagram, fixed output version figure 4. block diagram, adjustable output version
NCP3335A http://onsemi.com 4 pin function description fixed version micro8 pin no. dfn10 pin no. pin name description 1, 2 1, 2 v out regulated output voltage. bypass to ground with c out  1.0  f. 3 3 sense for output voltage sensing, connect to pins 1 and 2. 4 4 gnd power supply ground 5 7 nr noise reduction pin. this is an optional pin used to further reduce noise. 6 8 sd shutdown pin. when not in use, this pin should be connected to the input pin. 7, 8 9, 10 v in power supply input voltage ? 5, 6 nc not connected ? epad epad exposed thermal pad should be connected to ground. adjustable version 1, 2 1, 2 v out regulated output voltage. bypass to ground with c out  1.0  f. 3 3 adj adjustable pin; reference voltage = 1.25 v. 4 4 gnd power supply ground 5 7 nr noise reduction pin. this is an optional pin used to further reduce noise. 6 8 sd shutdown pin. when not in use, this pin should be connected to the input pin. 7, 8 9, 10 v in power supply input voltage ? 5, 6 nc not connected ? epad epad exposed thermal pad should be connected to ground. maximum ratings rating symbol value unit input voltage v in ? 0.3 to +16 v output voltage v out ? 0.3 to v in +0.3 or 10 v* v shutdown pin voltage v sh ? 0.3 to +16 v junction temperature range t j ? 40 to +150 c storage temperature range t stg ? 50 to +150 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. note: this device series contains esd protection and exceeds the following tests: human body model (hbm) jesd 22 ? a114 ? b machine model (mm) jesd 22 ? a115 ? a *which ever is less. reverse bias protection feature valid only if v out ? v in 7 v. thermal characteristics characteristic test conditions (typical value) unit min pad board (note 1) 1  pad board (note 1) micro 8 junction ? to ? air,  ja 264 174 c/w junction ? to ? pin,  jl2 110 100 c/w 10 lead dfn epad junction ? to ? air,  ja 215 66 c/w junction ? to ? pin,  jl2 55 17 c/w 1. as mounted on a 35 x 35 x 1.5 mm fr4 substrate, with a single layer of a specified copper area of 2 oz (0.07 mm thick) copper traces and heat spreading area. jedec 51 specifications for a low and high conductivity test board recommend a 2 oz copper thickness. t est conditions are under natural convection or zero air flow.
NCP3335A http://onsemi.com 5 electrical characteristics ? 5.0 v (v out = 5.0 v typical, v in = 5.4 v, t a = ? 40 c to +85 c, unless otherwise noted, note 2.) characteristic symbol min typ max unit output voltage (accuracy) v in = 5.4 v to 9.0 v, i load = 0.1 ma to 500 ma, t a = 25 c v out ? 0.9% 4.955 5.0 +0.9% 5.045 v output voltage (accuracy) v in = 5.4 v to 9.0 v, i load = 0.1 ma to 500 ma, t a = 0 c to +85 c v out ? 1.4% 4.930 5.0 +1.4% 5.070 v output voltage (accuracy) v in = 5.4 v to 9.0 v, i load = 0.1 ma to 500 ma, t a = ? 40 c to +125 c v out ? 1.5% 4.925 5.0 +1.5% 5.075 v line regulation v in = 5.4 v to 12 v, i load = 0.1 ma line reg 0.04 mv/v load regulation v in = 5.4 v, i load = 0.1 ma to 500 ma load reg 0.04 mv/ma dropout voltage (see app note) i load = 500 ma i load = 300 ma i load = 50 ma i load = 0.1 ma v do 340 230 110 10 mv peak output current (see figure 16) ipk 500 700 830 ma short output current (see figure 16) i sc 930 ma thermal shutdown t j 160 c ground current in regulation i load = 500 ma (note 3) i load = 300 ma (note 3) i load = 50 ma i load = 0.1 ma in dropout v in = 4.9 v, i load = 0.1 ma in shutdown s d = 0 v i gnd i gndsh 9.0 4.6 0.8 ? ? 0.07 14 7.5 2.5 190 500 1.0 ma  a  a  a output noise c nr = 0 nf, i load = 500 ma, f = 10 hz to 100 khz, c out = 10  f c nr = 10 nf, i load = 500 ma, f = 10 hz to 100 khz, c out = 10  f v noise 93 58  vrms  vrms shutdown threshold voltage on threshold voltage off 2.0 0.4 v v s d input current, v sd = 0 v to 0.4 v or v sd = 2.0 v to v in i sd 0.07 1.0  a output current in shutdown mode, v out = 0 v i osd 0.07 1.0  a reverse bias protection, current flowing from the output pin to gnd (v in = 0 v, v out_forced = 5.0 v) i outr 10  a 2. performance guaranteed over the operating temperature range by design and/or characterization, production tested at t j = t a = 25 c. low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible. 3. t a must be greater than 0 c.
NCP3335A http://onsemi.com 6 electrical characteristics ? 3.3 v (v out = 3.3 v typical, v in = 3.7 v, t a = ? 40 c to +85 c, unless otherwise noted, note 4.) characteristic symbol min typ max unit output voltage (accuracy) v in = 3.7 v to 7.3 v, i load = 0.1 ma to 500 ma, t a = 25 c v out ? 0.9% 3.270 3.3 +0.9% 3.330 v output voltage (accuracy) v in = 3.7 v to 7.3 v, i load = 0.1 ma to 500 ma, t a = 0 c to +85 c v out ? 1.4% 3.254 3.3 +1.4% 3.346 v output voltage (accuracy) v in = 3.7 v to 7.3 v, i load = 0.1 ma to 500 ma, t a = ? 40 c to +125 c v out ? 1.5% 3.250 3.3 +1.5% 3.350 v line regulation v in = 3.7 v to 12 v, i load = 0.1 ma line reg 0.04 mv/v load regulation v in = 3.7 v, i load = 0.1 ma to 500 ma load reg 0.04 mv/ma dropout voltage (see app note) i load = 500 ma i load = 300 ma i load = 50 ma i load = 0.1 ma v do 340 230 110 10 mv peak output current (see figure 16) ipk 500 700 800 ma short output current (see figure 16) i sc 900 ma thermal shutdown t j 160 c ground current in regulation i load = 500 ma (note 5) i load = 300 ma i load = 50 ma i load = 0.1 ma in dropout v in = 3.2 v, i load = 0.1 ma in shutdown s d = 0 v i gnd i gndsh 9.0 4.6 0.8 ? ? 0.07 14 7.5 2.5 190 500 1.0 ma  a  a  a output noise c nr = 0 nf, i load = 500 ma, f = 10 hz to 100 khz, c out = 10  f c nr = 10 nf, i load = 500 ma, f = 10 hz to 100 khz, c out = 10  f v noise 69 46  vrms  vrms shutdown threshold voltage on threshold voltage off 2.0 0.4 v v s d input current, v sd = 0 v to 0.4 v or v sd = 2.0 v to v in i sd 0.07 1.0  a output current in shutdown mode, v out = 0 v i osd 0.07 1.0  a reverse bias protection, current flowing from the output pin to gnd (v in = 0 v, v out_forced = 3.3 v) i outr 10  a 4. performance guaranteed over the operating temperature range by design and/or characterization, production tested at t j = t a = 25 c. low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible. 5. t a must be greater than 0 c.
NCP3335A http://onsemi.com 7 electrical characteristics ? 3.0 v (v out = 3.0 v typical, v in = 3.4 v, t a = ? 40 c to +85 c, unless otherwise noted, note 6.) characteristic symbol min typ max unit output voltage (accuracy) v in = 3.4 v to 7.0 v, i load = 0.1 ma to 500 ma, t a = 25 c v out ? 0.9% 2.973 3.0 +0.9% 3.027 v output voltage (accuracy) v in = 3.4 v to 7.0 v, i load = 0.1 ma to 500 ma, t a = 0 c to +85 c v out ? 1.4% 2.958 3.0 +1.4% 3.042 v output voltage (accuracy) v in = 3.4 v to 7.0 v, i load = 0.1 ma to 500 ma, t a = ? 40 c to +125 c v out ? 1.5% 2.955 3.0 +1.5% 3.045 v line regulation v in = 3.4 v to 12 v, i load = 0.1 ma line reg 0.04 mv/v load regulation v in = 3.4 v, i load = 0.1 ma to 500 ma load reg 0.04 mv/ma dropout voltage (see app note) i load = 500 ma i load = 300 ma i load = 50 ma i load = 0.1 ma v do 340 230 110 10 mv peak output current (see figure 16) ipk 500 700 800 ma short output current (see figure 16) i sc 900 ma thermal shutdown t j 160 c ground current in regulation i load = 500 ma (note 7) i load = 300 ma i load = 50 ma i load = 0.1 ma in dropout v in = 2.9 v, i load = 0.1 ma in shutdown s d = 0 v i gnd i gndsh 9.0 4.6 0.8 ? ? 0.07 14 7.5 2.5 190 500 1.0 ma  a  a  a output noise c nr = 0 nf, i load = 500 ma, f = 10 hz to 100 khz, c out = 10  f c nr = 10 nf, i load = 500 ma, f = 10 hz to 100 khz, c out = 10  f v noise 56 37  vrms  vrms shutdown threshold voltage on threshold voltage off 2.0 0.4 v v s d input current, v sd = 0 v to 0.4 v or v sd = 2.0 v to v in i sd 0.07 1.0  a output current in shutdown mode, v out = 0 v i osd 0.07 1.0  a reverse bias protection, current flowing from the output pin to gnd (v in = 0 v, v out_forced = 3.0 v) i outr 10  a 6. performance guaranteed over the operating temperature range by design and/or characterization, production tested at t j = t a = 25 c. low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible. 7. t a must be greater than 0 c.
NCP3335A http://onsemi.com 8 electrical characteristics ? 2.85 v (v out = 2.85 v typical, v in = 3.25 v, t a = ? 40 c to +85 c, unless otherwise noted, note 8) characteristic symbol min typ max unit output voltage (accuracy) v in = 3.25 v to 6.85 v, i load = 0.1 ma to 500 ma, t a = 25 c v out ? 0.9% 2.824 2.85 +0.9% 2.876 v output voltage (accuracy) v in = 3.25 v to 6.85 v, i load = 0.1 ma to 500 ma, t a = 0 c to +85 c v out ? 1.4% 2.810 2.85 +1.4% 2.890 v output voltage (accuracy) (note 9) v in = 3.25 v to 6.85 v, i load = 0.1 ma to 500 ma, t a = ? 40 c to +125 c v out ? 1.5% 2.807 2.85 +1.5% 2.893 v line regulation v in = 3.25 v to 12 v, i load = 0.1 ma line reg 0.04 mv/v load regulation v in = 3.25 v, i load = 0.1 ma to 500 ma load reg 0.04 mv/ma dropout voltage (see app note) i load = 500 ma i load = 300 ma i load = 50 ma i load = 0.1ma v do 340 230 110 10 mv peak output current (see figure 16) i pk 500 700 800 ma short output current (see figure 16) i sc 900 ma thermal shutdown t j 160 c ground current in regulation i load = 500 ma (note 10) i load = 300 ma i load = 50 ma i load = 0.1 ma in dropout v in = 2.75 v, i load = 0.1 ma in shutdown s d = 0 v i gnd i gndsh 9.0 4.6 0.8 ? ? 0.07 14 7.5 2.5 190 500 1.0 ma  a  a  a output noise c nr = 0 nf, i load = 500 ma, f = 10 hz to 100 khz, c out = 10  f c nr = 10 nf, i load = 500 ma, f = 10 hz to 100 khz, c out = 10  f v noise 61 40  vrms  vrms shutdown threshold voltage on threshold voltage off 2.0 0.4 v v s d input current, v sd = 0 v to 0.4 v or v sd = 2.0 v to v in i sd 0.07 1.0  a output current in shutdown mode, v out = 0 v i osd 0.07 1.0  a reverse bias protection, current flowing from the output pin to gnd (v in = 0 v, v out_forced = 2.85 v) i outr 10  a 8. performance guaranteed over the operating temperature range by design and/or characterization, production tested at t j = t a = 25 c. low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible. 9. for output current capability for t a < 0 c, please refer to figure 18. 10. t a must be greater than 0 c.
NCP3335A http://onsemi.com 9 electrical characteristics ? 2.8 v (v out = 2.8 v typical, v in = 3.2 v, t a = ? 40 c to +85 c, unless otherwise noted, note 11.) characteristic symbol min typ max unit output voltage (accuracy) v in = 3.2 v to 6.8 v, i load = 0.1 ma to 500 ma, t a = 25 c v out ? 0.9% 2.774 2.8 +0.9% 2.826 v output voltage (accuracy) v in = 3.2 v to 6.8 v, i load = 0.1 ma to 500 ma, t a = 0 c to +85 c v out ? 1.4% 2.760 2.8 +1.4% 2.840 v output voltage (accuracy) (note 12) v in = 3.2 v to 6.8 v, i load = 0.1 ma to 500 ma, t a = ? 40 c to +125 c v out ? 1.5% 2.758 2.8 +1.5% 2.842 v line regulation v in = 3.2 v to 12 v, i load = 0.1 ma line reg 0.04 mv/v load regulation v in = 3.2 v, i load = 0.1 ma to 500 ma load reg 0.04 mv/ma dropout voltage (see app note) i load = 500 ma i load = 300 ma i load = 50 ma i load = 0.1ma v do 340 230 110 10 mv peak output current (see figure 16) i pk 500 700 800 ma short output current (see figure 16) i sc 900 ma thermal shutdown t j 160 c ground current in regulation i load = 500 ma (note 13) i load = 300 ma (note 13) i load = 50 ma i load = 0.1 ma in dropout v in = 2.7 v, i load = 0.1 ma in shutdown s d = 0 v i gnd i gndsh 9.0 4.6 0.8 ? ? 0.07 14 7.5 2.5 190 500 1.0 ma  a  a  a output noise c nr = 0 nf, i load = 500 ma, f = 10 hz to 100 khz, c out = 10  f c nr = 10 nf, i load = 500 ma, f = 10 hz to 100 khz, c out = 10  f v noise 52 36  vrms  vrms shutdown threshold voltage on threshold voltage off 2.0 0.4 v v s d input current, v sd = 0 v to 0.4 v or v sd = 2.0 v to v in i sd 0.07 1.0  a output current in shutdown mode, v out = 0 v i osd 0.07 1.0  a reverse bias protection, current flowing from the output pin to gnd (v in = 0 v, v out_forced = 2.8 v) i outr 10  a 11. performance guaranteed over the operating temperature range by design and/or characterization, production tested at t j = t a = 25 c. low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible. 12. for output current capability for t a < 0 c, please refer to figure 19. 13. t a must be greater than 0 c.
NCP3335A http://onsemi.com 10 electrical characteristics ? 2.5 v (v out = 2.5 v typical, v in = 2.9 v, t a = ? 40 c to +85 c, unless otherwise noted, note 14.) characteristic symbol min typ max unit output voltage (accuracy) v in = 2.9 v to 6.5 v, i load = 0.1 ma to 500 ma, t a = 25 c v out ? 0.9% 2.477 2.5 +0.9% 2.523 v output voltage (accuracy) v in = 2.9 v to 6.5 v, i load = 0.1 ma to 500 ma, t a = 0 c to +85 c v out ? 1.4% 2.465 2.5 +1.4% 2.535 v output voltage (accuracy), (note 15) v in = 2.9 v to 6.5 v, i load = 0.1 ma to 500 ma, t a = ? 40 c to +125 c v out ? 1.5% 2.462 2.5 +1.5% 2.538 v line regulation v in = 2.9 v to 12 v, i load = 0.1 ma line reg 0.04 mv/v load regulation v in = 2.9 v, i load = 0.1 ma to 500 ma load reg 0.04 mv/ma dropout voltage (see app note) i load = 500 ma (note 16) i load = 300 ma (note 16) i load = 50 ma i load = 0.1ma v do 340 230 110 10 mv peak output current (see figure 16) i pk 500 700 800 ma short output current (see figure 16) i sc 900 ma thermal shutdown t j 160 c ground current in regulation i load = 500 ma (note 16) i load = 300 ma (note 16) i load = 50 ma i load = 0.1 ma in dropout v in = 2.4 v, i load = 0.1 ma in shutdown s d = 0 v i gnd i gndsh 9.0 4.6 0.8 ? 0.07 14 7.5 2.5 190 500 1.0 ma  a  a  a output noise c nr = 0 nf, i load = 500 ma, f = 10 hz to 100 khz, c out = 10  f c nr = 10 nf, i load = 500 ma, f = 10 hz to 100 khz, c out = 10  f v noise 56 35  vrms  vrms shutdown threshold voltage on threshold voltage off 2.0 0.4 v v s d input current, v sd = 0 v to 0.4 v or v sd = 2.0 v to v in i sd 0.07 1.0  a output current in shutdown mode, v out = 0 v i osd 0.07 1.0  a reverse bias protection, current flowing from the output pin to gnd (v in = 0 v, v out_forced = 2.5 v) i outr 10  a 14. performance guaranteed over the operating temperature range by design and/or characterization, production tested at t j = t a = 25 c. low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible. 15. for output current capability for t a < 0 c, please refer to figure 20. 16. t a must be greater than 0 c.
NCP3335A http://onsemi.com 11 electrical characteristics ? 1.8 v (v out = 1.8 v typical, v in = 2.9 v, t a = ? 40 c to +85 c, unless otherwise noted, note 17.) characteristic symbol min typ max unit output voltage (accuracy) v in = 2.9 v to 5.8 v, i load = 0.1 ma to 500 ma, t a = 25 c v out ? 0.9% 1.783 1.8 +0.9% 1.817 v output voltage (accuracy) v in = 2.9 v to 5.8 v, i load = 0.1 ma to 500 ma, t a = 0 c to +85 c v out ? 1.4% 1.774 1.8 +1.4% 1.826 v output voltage (accuracy), (note 18) v in = 2.9 v to 5.8 v, i load = 0.1 ma to 500 ma, t a = ? 40 c to +125 c v out ? 1.5% 1.773 1.8 +1.5% 1.827 v line regulation v in = 2.9 v to 12 v, i load = 0.1 ma line reg 0.04 mv/v load regulation v in = 2.9 v, i load = 0.1 ma to 500 ma load reg 0.04 mv/ma dropout voltage (see app note) i load = 500 ma (notes 19, 20) i load = 300 ma (notes 19, 20) i load = 50 ma (notes 19, 20) v do 620 230 95 1130 1130 1130 mv peak output current (see figure 16) i pk 500 700 830 ma short output current (see figure 16) i sc 900 ma thermal shutdown t j 160 c ground current in regulation i load = 500 ma (note 19) i load = 300 ma (note 19) i load = 50 ma i load = 0.1 ma in dropout v in = 2.2 v, i load = 0.1 ma in shutdown s d = 0 v i gnd i gndsh 9.0 4.6 0.8 ? 0.07 14 7.5 2.5 190 500 1.0 ma  a  a  a output noise c nr = 0 nf, i load = 500 ma, f = 10 hz to 100 khz, c out = 10  f c nr = 10 nf, i load = 500 ma, f = 10 hz to 100 khz, c out = 10  f v noise 52 33  vrms  vrms shutdown threshold voltage on threshold voltage off 2.0 0.4 v v s d input current, v sd = 0 v to 0.4 v or v sd = 2.0 v to v in i sd 0.07 1.0  a output current in shutdown mode, v out = 0 v i osd 0.07 1.0  a reverse bias protection, current flowing from the output pin to gnd (v in = 0 v, v out_forced = 1.8 v) i outr 10  a 17. performance guaranteed over the operating temperature range by design and/or characterization, production tested at t j = t a = 25 c. low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible. 18. for output current capability for t a < 0 c, please refer to figure 21. 19. t a must be greater than 0 c. 20. maximum dropout voltage is limited by minimum input voltage v in = 2.9 v recommended for guaranteed operation.
NCP3335A http://onsemi.com 12 electrical characteristics ? 1.5 v (v out = 1.5 v typical, v in = 2.9 v, t a = ? 40 c to +85 c, unless otherwise noted, note 21.) characteristic symbol min typ max unit output voltage (accuracy) v in = 2.9 v to 5.5 v, i load = 0.1 ma to 500 ma, t a = 25 c v out ? 0.9% 1.486 1.5 +0.9% 1.514 v output voltage (accuracy) v in = 2.9 v to 5.5 v, i load = 0.1 ma to 500 ma, t a = 0 c to +85 c v out ? 1.4% 1.479 1.5 +1.4% 1.521 v output voltage (accuracy), (note 22) v in = 2.9 v to 5.5 v, i load = 0.1 ma to 500 ma, t a = ? 40 c to +125 c v out ? 1.5% 1.477 1.5 +1.5% 1.523 v line regulation v in = 2.9 v to 12 v, i load = 0.1 ma line reg 0.04 mv/v load regulation v in = 2.9 v, i load = 0.1 ma to 500 ma load reg 0.04 mv/ma dropout voltage (see app note) i load = 500 ma (notes 23, 24) i load = 300 ma (notes 23, 24) i load = 50 ma (notes 23, 24) v do 940 500 350 1430 1430 1430 mv peak output current (see figure 16) i pk 500 700 860 ma short output current (see figure 16) i sc 900 ma thermal shutdown t j 160 c ground current in regulation i load = 500 ma (note 23) i load = 300 ma (note 23) i load = 50 ma i load = 0.1 ma in dropout v in = 2.2 v, i load = 0.1 ma in shutdown s d = 0 v i gnd i gndsh 9.0 4.6 0.8 ? 0.07 14 7.5 2.5 190 500 1.0 ma  a  a  a output noise c nr = 0 nf, i load = 500 ma, f = 10 hz to 100 khz, c out = 10  f c nr = 10 nf, i load = 500 ma, f = 10 hz to 100 khz, c out = 10  f v noise 51 31  vrms  vrms shutdown threshold voltage on threshold voltage off 2.0 0.4 v v s d input current, v sd = 0 v to 0.4 v or v sd = 2.0 v to v in i sd 0.07 1.0  a output current in shutdown mode, v out = 0 v i osd 0.07 1.0  a reverse bias protection, current flowing from the output pin to gnd (v in = 0 v, v out_forced = 1.5 v) i outr 10  a 21. performance guaranteed over the operating temperature range by design and/or characterization, production tested at t j = t a = 25 c. low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible. 22. for output current capability for t a < 0 c, please refer to figure 22. 23. t a must be greater than 0 c. 24. maximum dropout voltage is limited by minimum input voltage v in = 2.9 v recommended for guaranteed operation.
NCP3335A http://onsemi.com 13 electrical characteristics ? adjustable (v out = 1.25 v typical, v in = 2.9 v, t a = ? 40 c to +85 c, unless otherwise noted, note 25) characteristic symbol min typ max unit reference voltage (accuracy) v in = 2.9 v to v out + 4.0 v, i load = 0.1 ma to 500 ma, t a = 25 c v ref ? 0.9% 1.239 1.25 +0.9% 1.261 v reference voltage (accuracy) v in = 2.9 v to v out + 4.0 v, i load = 0.1 ma to 500 ma, t a = 0 c to +85 c v ref ? 1.4% 1.233 1.25 +1.4% 1.268 v reference voltage (accuracy) (note 26) v in = 2.9 v to v out + 4.0 v, i load = 0.1 ma to 500 ma, t a = ? 40 c to +125 c v ref ? 1.5% 1.231 1.25 +1.5% 1.269 v line regulation v in = 2.9 v to 12 v, i load = 0.1 ma line reg 0.04 mv/v load regulation v in = 2.9 v, i load = 0.1 ma to 500 ma load reg 0.04 mv/ma dropout voltage (see app note), v out = 2.5 v to 10 v i load = 500 ma (note 27) i load = 300 ma i load = 50 ma i load = 0.1 ma v do 340 230 110 10 mv peak output current (note 27) (see figure 16) ipk 500 700 860 ma short output current (see figure 16) v out 3.3 v v out > 3.3 v i sc 900 990 ma thermal shutdown t j 160 c ground current in regulation i load = 500 ma (note 27) i load = 300 ma (note 27) i load = 50 ma i load = 0.1 ma in dropout v in = v out ? 0.1 v or 2.2 v (whichever is higher), i load = 0.1 ma in shutdown s d = 0 v i gnd i gndsh 9.0 4.6 0.8 ? ? 0.07 14 7.5 2.5 190 500 1.0 ma  a  a  a output noise c nr = 0 nf, i load = 500 ma, f = 10 hz to 100 khz, c out = 10  f c nr = 10 nf, i load = 500 ma, f = 10 hz to 100 khz, c out = 10  f v noise 38 26  vrms  vrms shutdown threshold voltage on threshold voltage off 2.0 0.4 v v s d input current, v sd = 0 v to 0.4 v or v sd = 2.0 v to v in v in 5.4 v v in > 5.4 v i sd 0.07 1.0 5.0  a output current in shutdown mode, v out = 0 v i osd 0.07 1.0  a reverse bias protection, current flowing from the output pin to gnd (v in = 0 v, v out_forced = v out (nom) 7 v) (note 28) i outr 1.0  a 25. performance guaranteed over the operating temperature range by design and/or characterization, production tested at t j = t a = 25 c. low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible. 26. for output current capability for t a < 0 c, please refer to figures 18 to 22. 27. t a must be greater than 0 c. 28. reverse bias protection feature valid only if v out ? v in 7 v.
NCP3335A http://onsemi.com 14 figure 5. output voltage vs. temperature 5.0 v version 5.10 5.05 5.00 4.95 4.90 4.85 135 110 85 60 35 10 ? 15 ? 40 150 output voltage, v out (v) t a , temperature ( c) v out = 5.0 v figure 6. output voltage vs. temperature 3.0 v version figure 7. output voltage vs. temperature 2.8 v version 2.450 2.460 2.470 2.480 2.490 2.500 2.510 2.520 2.530 2.540 2.550 ? 40 ? 20 0 20 40 60 80 100 120 140 t a , temperature ( c) v out (v) figure 8. output voltage vs. temperature 2.5 v version v out = 2.5 v 1.75 1.76 1.77 1.78 1.79 1.80 1.81 1.82 1.83 1.84 1.85 ? 40 ? 20 0 20 40 60 80 100 120 140 t a , temperature ( c) v out (v) figure 9. output voltage vs. temperature 1.8 v version v out = 1.8 v 1.45 1.46 1.47 1.48 1.49 1.50 1.51 1.52 1.53 1.54 1.55 ? 40 ? 20 0 20 40 60 80 100 120 140 t a , temperature ( c) v out (v) figure 10. output voltage vs. temperature 1.5 v version v out = 1.5 v 2.95 2.96 2.97 2.98 2.99 3.00 3.01 3.02 3.03 3.04 3.05 ? 40 ? 20 0 20 40 60 80 100 120 140 t a , temperature ( c) v out (v) v out = 3.0 v 2.75 2.76 2.77 2.78 2.79 2.80 2.81 2.82 2.83 2.84 2.85 ? 40 ? 20 0 20 40 60 80 100 120 140 t a , temperature ( c) v out (v) v out = 2.8 v
NCP3335A http://onsemi.com 15 0 50 100 150 200 250 300 350 400 0 20 40 60 80 100 120 140 t a , temperature ( c) v do (mv) figure 11. dropout voltage vs. temperature 2.8 v version 50 ma 500 ma 300 ma 0 50 100 150 200 250 300 350 400 0 20 40 60 80 100 120 140 t a , temperature ( c) v do (mv) figure 12. dropout voltage vs. temperature 2.5 v version 50 ma 500 ma 300 ma 0 100 200 500 600 700 900 1100 1200 0 20 40 60 80 100 120 140 t a , temperature ( c) v do (mv) figure 13. dropout voltage vs. temperature 1.8 v version 50 ma 500 ma 300 ma figure 14. dropout voltage vs. temperature 1.5 v version 0 100 200 300 400 500 600 700 800 900 1000 0 20 40 60 80 100 120 140 i sc i pk t a , temperature ( c) i pk (ma), i sc (ma) figure 15. peak and short current vs. temperature i out (ma) (for specific values of i pk and i sc , please refer to figure 15) v out (v) figure 16. output voltage vs. output current i sc i pk 0.97 v out 300 400 800 1000 0 100 200 500 600 700 900 1100 1200 0 20 40 60 80 100 120 140 t a , temperature ( c) v do (mv) 50 ma 500 ma 300 ma 300 400 800 1000
NCP3335A http://onsemi.com 16 0 2 4 6 8 10 12 0 20 40 60 80 100 120 140 t a , temperature ( c) i gnd (ma) figure 17. ground current vs. temperature 500 ma 300 ma 50 ma v in (v) i out (a) figure 18. output current capability for the 2.85 v version ? 40 c 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 2.85 2.95 3.05 3.15 3.25 3.35 3.45 3.55 3.65 3.75 3.85 0 c ? 20 c v in (v) i out (ma) figure 19. output current capability for the 2.8 v version ? 40 c 0 100 200 300 400 500 600 700 800 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 0 c ? 20 c figure 20. output current capability for the 2.5 v version v in (v) i out (a) 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 0 c ? 30 c ? 20 c ? 10 c ? 40 c figure 21. output current capability for the 1.8 v version v in (v) i out (ma) 0 100 200 300 400 500 600 700 800 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 0 c ? 30 c ? 20 c ? 10 c ? 40 c figure 22. output current capability for the 1.5 v version v in (v) i out (ma) 0 100 200 300 400 500 600 700 800 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 ? 30 c ? 10 c 125 c 85 c 25 c ? 40 c 125 c 85 c 0 c ? 30 c ? 20 c ? 10 c 25 c
NCP3335A http://onsemi.com 17 0 10 20 30 40 50 60 70 80 90 100 0.01 0.1 1.0 10 100 f, frequency (khz) rr, ripple rejection (db) figure 23. ripple rejection vs. frequency 50 ma 500 ma 250 ma v out = 2.5 v c out = 10  f t j = 25 c 0 50 100 150 200 250 300 350 400 450 500 0.01 0.1 1.0 10 100 f, frequency (khz) figure 24. output noise density v out = 2.5 v i out = 500 ma t j = 25 c c out = 10  f c nr = 0 nf c out = 1.0  f c nr = 0 nf c out = 1.0  f c nr = 10 nf c out = 10  f c nr = 10 nf noise density (nv/  hz ) 350 200 150 100 50 0 600 500 400 300 200 100 0 700  ja ( c/w) copper heat spreading area (mm 2 ) 1 oz cf figure 25. micro 8 self heating thermal characteristic as a function of copper area on the pcb figure 26. dfn 10 self heating thermal characteristic as a function of copper area on the pcb output current (ma) maximum esr (  ) figure 27. stability with esr vs. i out 0 5.0 10 15 500 400 300 200 100 0 unstable area stable area v in at data sheet test conditions, 25 c, 1  f capacitance 250 300 2 oz cf 200 150 100 50 0 600 500 400 300 200 100 0 700  ja ( c/w) copper heat spreading area (mm 2 ) 1 oz cf 250 300 2 oz cf output current (ma) esr (  ) figure 28. output current vs. esr 0 5.0 10 15 500 400 300 200 100 0 min esr 5 v, 1.0  f 5 v, 10  f 5 v, 0.1  f 1.25 v, m8 note: typical characteristics were measured with the same conditions as electrical characteristics.
NCP3335A http://onsemi.com 18 applications information reverse bias protection reverse bias is a condition caused when the input voltage goes to zero, but the output voltage is kept high either by a large output capacitor or another source in the application which feeds the output pin. normally in a bipolar ldo all the current will flow from the output pin to input pin through the pn junction with limited current capability and with the potential to destroy the ic. due to an improved architecture, the NCP3335A can withstand up to 7.0 v on the output pin with virtually no current flowing from output pin to input pin, and only negligible amount of current (tens of  a) flowing from the output pin to ground for infinite duration. input capacitor an input capacitor of at least 1.0  f, any type, is recommended to improve the transient response of the regulator and/or if the regulator is located more than a few inches from the power source. it will also reduce the circuit?s sensitivity to the input line impedance at high frequencies. the capacitor should be mounted with the shortest possible track length directly across the regular?s input terminals. output capacitor the NCP3335A remains stable with any type of capacitor as long as it fulfills its 1.0  f requirement. there are no constraints on the minimum esr and it will remain stable up to an esr of 5.0  . larger capacitor values will improve the noise rejection and load transient response. noise reduction pin output noise can be greatly reduced by connecting a 10 nf capacitor (c nr ) between the noise reduction pin and ground (see figure 1). in applications where very low noise is not required, the noise reduction pin can be left unconnected. for the adjustable version, in addition to the 10 nf c nr , a 68 pf capacitor connected in parallel with r1 (see figure 2) is recommended to further reduce output noise and improve stability. adjustable operation the output voltage can be set by using a resistor divider as shown in figure 2 with a range of 1.25 to 10 v. the appropriate resistor divider can be found by solving the equation below. the recommended current through the resistor divider is from 10  a to 100  a. this can be accomplished by selecting resistors in the k  range. as result, the i adj *r2 becomes negligible in the equation and can be ignored. v out  1.25 *  1  r1 r2   i adj *r2 (eq. 1) example: for v out = 2.9 v, can use r 1 = 36 k  and r 2 = 27 k  . 1.25 *  1  36 k  27 k    2.91 v (eq. 2) dropout voltage the voltage dropout is measured at 97% of the nominal output voltage. thermal considerations internal thermal limiting circuitry is provided to protect the integrated circuit in the ev ent that the maximum junction temperature is exceed ed. this feature provides protection from a catastrophic device failure due to accidental overheating. this protection feature is not intended to be used as a substitute to heat sinking. the maximum power that can be dissipated, can be calculated with the equation below: p d  t j(max)  t a r  ja (eq. 3) for improved thermal performance, contact the factory for the dfn package option. the dfn package includes an exposed metal pad that is specifically designed to reduce the junction to air thermal resistance, r  ja .
NCP3335A http://onsemi.com 19 ordering information device nominal output voltage marking package shipping ? NCP3335Adm150r2g 1.5 v lki micro8 (pb ? free) 4000 / tape & reel NCP3335Adm180r2g 1.8 v lkj micro8 (pb ? free) 4000 / tape & reel NCP3335Adm250r2g 2.5 v liq micro8 (pb ? free) 4000 / tape & reel NCP3335Adm280r2g 2.8 v lkk micro8 (pb ? free) 4000 / tape & reel NCP3335Adm285r2g 2.85 v lir micro8 (pb ? free) 4000 / tape & reel NCP3335Adm300r2g 3.0 v lkl micro8 (pb ? free) 4000 / tape & reel NCP3335Adm330r2g 3.3 v lis micro8 (pb ? free) 4000 / tape & reel NCP3335Adm500r2g 5.0 v lit micro8 (pb ? free) 4000 / tape & reel NCP3335Admadjr2g adj. lio micro8 (pb ? free) 4000 / tape & reel NCP3335Amn150r2g 1.5 v 15 dfn10 (pb ? free) 3000 / tape & reel NCP3335Amn180r2g 1.8 v 18 dfn10 (pb ? free) 3000 / tape & reel NCP3335Amn250r2g 2.5 v 25 dfn10 (pb ? free) 3000 / tape & reel NCP3335Amn280r2g 2.8 v 28 dfn10 (pb ? free) 3000 / tape & reel NCP3335Amn285r2g 2.85 v 285 dfn10 (pb ? free) 3000 / tape & reel NCP3335Amn300r2g 3.0 v 30 dfn10 (pb ? free) 3000 / tape & reel NCP3335Amn330r2g 3.3 v 33 dfn10 (pb ? free) 3000 / tape & reel NCP3335Amn500r2g 5.0 v 50 dfn10 (pb ? free) 3000 / tape & reel NCP3335Amnadjr2g adj. adj dfn10 (pb ? free) 3000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *please contact factory for other voltage options.
NCP3335A http://onsemi.com 20 package dimensions micro8 case 846a ? 02 issue h 8x 8x 6x  mm inches  scale 8:1 1.04 0.041 0.38 0.015 5.28 0.208 4.24 0.167 3.20 0.126 0.65 0.0256 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* s b m 0.08 (0.003) a s t notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash, protrusions or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. 846a-01 obsolete, new standard 846a-02. b e pin 1 id 8 pl 0.038 (0.0015) ? t ? seating plane a a1 c l dim a min nom max min millimeters ?? ?? 1.10 ?? inches a1 0.05 0.08 0.15 0.002 b 0.25 0.33 0.40 0.010 c 0.13 0.18 0.23 0.005 d 2.90 3.00 3.10 0.114 e 2.90 3.00 3.10 0.114 e 0.65 bsc l 0.40 0.55 0.70 0.016 ?? 0.043 0.003 0.006 0.013 0.016 0.007 0.009 0.118 0.122 0.118 0.122 0.026 bsc 0.021 0.028 nom max 4.75 4.90 5.05 0.187 0.193 0.199 h e h e d d e
NCP3335A http://onsemi.com 21 package dimensions dfn10, 3x3, 0.5p case 485c issue c 10x seating plane l d e 0.15 c a a1 e d2 e2 b 15 10 6 notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimension b applies to plated terminal and is measured between 0.25 and 0.30 mm from terminal. 4. coplanarity applies to the exposed pad as well as the terminals. 5. terminal b may have mold compound material along side edge. mold flashing may not exceed 30 microns onto bottom surface of terminal b. 6. details a and b show optional views for end of terminal lead at edge of package. 7. for device opn containing w option, detail b alternate construction is not applicable. ???? ???? ???? ???? b a 0.15 c top view side view bottom view pin 1 reference 0.10 c 0.08 c (a3) c 10x 10x 0.10 c 0.05 c a b note 3 k 10x dim min max millimeters a 0.80 1.00 a1 0.00 0.05 a3 0.20 ref b 0.18 0.30 d 3.00 bsc d2 2.40 2.60 e 3.00 bsc e2 1.70 1.90 e 0.50 bsc l 0.35 0.45 l1 0.00 0.03 detail a k 0.19 typ 2x 2x l1 detail a bottom view (optional) *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 2.1746 2.6016 1.8508 0.5000 pitch 0.5651 10x 3.3048 0.3008 10x dimensions: millimeters on semiconductor and are registered trademar ks of semiconductor components industries, llc (s cillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a list ing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to an y products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of th e application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typical s? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products ar e not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associ ated with such unintended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action em ployer. this literature is subject to all applicable copyrig ht laws and is not fo r resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 NCP3335A/d micro8 is a trademark of international rectifier. literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loca l sales representative


▲Up To Search▲   

 
Price & Availability of NCP3335A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X