Part Number Hot Search : 
FR101 CS400F4 K1322 1N1830 15KE75 K1322 EPS13D2 XN5601
Product Description
Full Text Search
 

To Download MAX14932 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the max14930CMAX14932 are a family of 4-channel, 2.75kv rms and 3.75kv rms digital isolators utilizing maxims proprietary process technology. the max14130C max14131 are 4-channel 1kv rms digital isolators in smaller footprint qsop packages. for applications requiring 5kv rms of isolation, see the max14934C max14936. the max14930CMAX14932 family transfers digital signals between circuits with different power domains at ambient temperatures up to +125c. the max14930CMAX14932 family offers all three possible unidirectional channel configurations to accommodate any 4-channel design; including spi, rs-232, rs-485, and digital i/o applications. for applications requiring bidirectional channels, such as i 2 c, see the max14933. devices are available with data rates from dc up to 1mbps, 25mbps, or 150mbps. each device is also avail - able in either a default high or default low configuration. the default is the state an output goes to when its input is unpowered. see the ordering information and selector guide for the suffixes associated with each option. independent 1.71v to 5.5v supplies on each side of the isolator also make the devices suitable for use as level translators. the max14930CMAX14932 are available in both a 16-pin wide body (10.3mm x 7.5mm) and narrow body (9.9mm x 3.9mm) soic package. the max14130Cmax14131 are available in a 16-pin (6mm x 5mm) qsop package. all devices are rated for operation at ambient temperatures of -40c to +125c. benefts and features robust galvanic isolation of digital signals ? withstands up to 3.75kv rms for 60s ( v iso ) (max14930CMAX14932) ? continuously withstands 443v rms ( v iowm ) (max14930CMAX14932) ? 630v p repetitive peak voltage ( v iorm ) (max14930CMAX14932) ? withstands 10kv surge per iec 61000-4-5 interfaces directly with most micros and fpgas ? accepts 1.71v to 5.5v supplies many options support broad applications ? 3 data rates (1mbps, 25mbps, 150mbps) ? 3 channel direction confguration ? 2 output default states (high or low) ? 3 packages (3.8mm, 4mm, 8mm creepage and clearance) low power consumption at high data rates at 1.8v: ? 2.5 ma per channel typical at 1mbps ? 5.25 ma per channel typical at 100mbps at 3.3v: ? 2.6 ma per channel typical at 1mbps ? 7.1 ma per channel typical at 100mbps safety regulatory approvals (see safety regulatory approvals ) ul according to ul1577 cul according to csa bulletin 5a vde 0884-10 (pending) applications fieldbus communications for industrial automation isolated spi, rs-232, rs-485/rs-422 general multichannel isolation applications battery management medical systems ordering information and selector guide appears at end of data sheet. 19-7066; rev 7; 7/16 ina1 max14930/max14130 ina2 ina3 ina4 gnda gndb v dda v ddb outb1 enb outb2 outb3 outb4 outb1 outb2 outb3 inb1 ina1 max14931/max14131 ina2 ina3 out a1 enb ena gnda gndb v dda v ddb outb1 outb2 inb1 inb2 ina1 MAX14932 ina2 out a1 out a2 enb ena gnda gndb v dda v ddb functional diagram evaluation kit available max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators
v dda to gnda, v ddb to gndb ............................. -0.3v to +6v ina_, ena to gnda ................................................ -0.3v to +6v inb_, enb to gndb ............................................... -0.3v to +6v outa_ to gnda .................................... -0.3v to (v dda + 0.3v) outb_ to gndb .................................... -0.3v to (v ddb + 0.3v) short-circuit duration (outa_ to gnda, outb_ to gndb) .................. continuous continuous power dissipation (t a = +70c) wide soic (derate 14.1mw/c above +70c) ...... 1126.8mw narrow soic (derate 13.3mw/c above +70c) . . 1066.7mw qsop (derate 9.6mw/c above +70c) .................. 771.5mw operating temperature range ......................... -40c to +125c maximum junction temperature ..................................... +150c storage temperature range ............................ -65c to +150c lead temperature (soldering, 10s) ................................. +300c soldering temperature (reflow) ...................................... +260c wide soic junction-to-ambient thermal resistance ( ja ) .......... 71c/w junction-to-case thermal resistance ( jc ) ............... 23c/w qsop junction-to-ambient thermal resistance ( ja ) ..... 103.7c/w junction-to-case thermal resistance ( jc ) ............... 37c/w narrow soic junction-to-ambient thermal resistance ( ja ) .......... 75c/w junction-to-case thermal resistance ( jc ) ............... 24c/w (note 1) (v dda - v gnda = +1.71v to +5.5v, v ddb - v gndb = +1.71v to +5.5v, c l = 15pf, t a = -40c to +125c, unless otherwise noted. typical values are at v dda - v gnda = +3.3v, v ddb - v gndb = +3.3v, v gnda = v gndb , t a = +25c, unless otherwise noted.) (note 2) maxim integrated 2 parameter symbol conditions min typ max units power supply operating supply voltage v dda relative to gnda 1.71 5.5 v v ddb relative to gndb 1.71 5.5 v undervoltage lockout threshold v uvlo _ v dd _ rising 1.45 1.58 1.71 v undervoltage lockout threshold hysteresis v uvlo _ hyst 50 mv dc electrical characteristics absolute maximum ratings package thermal characteristics note 1: package thermal resistances were obtained using the method described in jedec specification jesd51-7, using a four-layer board. for detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial . stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to ab solute maximum rating conditions for extended periods may affect device reliability. max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
(v dda - v gnda = +1.71v to +5.5v, v ddb - v gndb = +1.71v to +5.5v, c l = 15pf, t a = -40c to +125c, unless otherwise noted. typical values are at v dda - v gnda = +3.3v, v ddb - v gndb = +3.3v, v gnda = v gndb , t a = +25c, unless otherwise noted.) (note 2) maxim integrated 3 parameter symbol conditions min typ max units supply current (max14x30_) i dda 500khz square wave v dda = 5v 1.2 1.9 ma v dda = 3.3v 1.2 1.9 v dda = 2.5v 1.2 1.9 v dda = 1.8v 1.1 1.9 12.5mhz square wave (note 3) v dda = 5v 2.1 2.7 v dda = 3.3v 2 2.7 v dda = 2.5v 2 2.7 v dda = 1.8v 2 2.6 50mhz square wave (note 3) v dda = 5v 5 6.6 v dda = 3.3v 4.6 6.1 v dda = 2.5v 4.5 6.0 v dda = 1.8v 4.5 6.0 i ddb 500khz square wave v ddb = 5v 8.1 11.2 v ddb = 3.3v 7.9 11.1 v ddb = 2.5v 7.9 11.0 v ddb = 1.8v 7.7 10.8 12.5mhz square wave (note 3) v ddb = 5v 12.8 15.9 v ddb = 3.3v 11.1 14.2 v ddb = 2.5v 10.2 13.4 v ddb = 1.8v 9.4 12.4 50mhz square wave (note 3) v ddb = 5v 27.2 35.4 v ddb = 3.3v 21.7 27.8 v ddb = 2.5v 17.6 23.0 v ddb = 1.8v 14.4 18.9 dc electrical characteristics (continued) max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
(v dda - v gnda = +1.71v to +5.5v, v ddb - v gndb = +1.71v to +5.5v, c l = 15pf, t a = -40c to +125c, unless otherwise noted. typical values are at v dda - v gnda = +3.3v, v ddb - v gndb = +3.3v, v gnda = v gndb , t a = +25c, unless otherwise noted.) (note 2) maxim integrated 4 parameter symbol conditions min typ max units supply current (max14x31_) i dda 500khz square wave v dda = 5v 3.4 5.3 ma v dda = 3.3v 3.3 5.3 v dda = 2.5v 3.3 5.3 v dda = 1.8v 3.2 5.1 12.5mhz square wave (note 3) v dda = 5v 5.6 7.1 v dda = 3.3v 5 6.6 v dda = 2.5v 4.7 6.4 v dda = 1.8v 4.5 6.1 50mhz square wave (note 3) v dda = 5v 12.4 16.0 v dda = 3.3v 10.1 13.0 v dda = 2.5v 9.1 11.6 v dda = 1.8v 8.2 10.4 i ddb 500khz square wave v ddb = 5v 6.5 9.2 v ddb = 3.3v 6.4 9.1 v ddb = 2.5v 6.3 9.1 v ddb = 1.8v 6.2 8.9 12.5mhz square wave (note 3) v ddb = 5v 10.3 12.8 v ddb = 3.3v 8.9 11.6 v ddb = 2.5v 8.2 11.0 v ddb = 1.8v 7.6 10.3 50mhz square wave (note 3) v ddb = 5v 22.7 29.1 v ddb = 3.3v 17.7 23.0 v ddb = 2.5v 14.7 19.4 v ddb = 1.8v 11.9 15.9 dc electrical characteristics (continued) max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
(v dda - v gnda = +1.71v to +5.5v, v ddb - v gndb = +1.71v to +5.5v, c l = 15pf, t a = -40c to +125c, unless otherwise noted. typical values are at v dda - v gnda = +3.3v, v ddb - v gndb = +3.3v, v gnda = v gndb , t a = +25c, unless otherwise noted.) (note 2) maxim integrated 5 parameter symbol conditions min typ max units supply current (MAX14932_) i dda 500khz square wave v dda = 5v 5.2 7.2 ma v dda = 3.3v 5.2 7.2 v dda = 2.5v 5.2 7.2 v dda = 1.8v 5 7.0 12.5mhz square wave (note 3) v dda = 5v 8.2 10.0 v dda = 3.3v 7.2 9.1 v dda = 2.5v 6.7 8.7 v dda = 1.8v 6.3 8.2 50mhz square wave (note 3) v dda = 5v 18 18.6 v dda = 3.3v 14.2 15.1 v dda = 2.5v 12.3 13.6 v dda = 1.8v 10.5 12.1 i ddb 500khz square wave v ddb = 5v 5.2 7.2 v ddb = 3.3v 5.2 7.2 v ddb = 2.5v 5.2 7.2 v ddb = 1.8v 5 7.0 12.5mhz square wave (note 3) v ddb = 5v 8.2 10.0 v ddb = 3.3v 7.2 9.1 v ddb = 2.5v 6.7 8.7 v ddb = 1.8v 6.3 8.2 50mhz square wave (note 3) v ddb = 5v 18 18.6 v ddb = 3.3v 14.2 15.1 v ddb = 2.5v 12.3 13.5 v ddb = 1.8v 10.5 12.1 dc electrical characteristics (continued) max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
maxim integrated 6 parameter symbol conditions min typ max units logic inputs and outputs input high voltage v ih ena, ina_ relative to gnda 0.7 x v dda v enb, inb_ relative to gndb 0.7 x v ddb input low voltage v il ena, ina_ relative to gnda 1.71v v dda 1.89v 0.6 v 2.25v v dda 5.5v 0.8 enb, inb_ relative to gndb 1.71v v ddb 1.89v 0.6 2.25v v ddb 5.5v 0.8 input hysteresis v hys v ina _ relative to gnda or v inb _ relative to gndb max1493_a/d 410 mv max1493_b/e 410 max1493_c/f, max1413_f 80 input leakage current i l v ina _ = 0 or v dda , v inb _ = 0 or v ddb -1 +1 a input capacitance c in ina_, inb_, f = 1mhz 2 pf en_ pullup current i pu -4 -2.3 -1 a output voltage high v oh v outa _ relative to gnda, i outa _ = -4ma (note 4) v dda - 0.4 v v outb _ relative to gndb, i outb _ = -4ma (note 4) v ddb - 0.4 output voltage low v ol v outa _ relative to gnda, i outa _ = 4ma (note 4) 0.4 v v outb _ relative to gndb, i outb _ = 4ma (note 4) 0.4 (v dda - v gnda = +1.71v to +5.5v, v ddb - v gndb = +1.71v to +5.5v, c l = 15pf, t a = -40c to +125c, unless otherwise noted. typical values are at v dda - v gnda = +3.3v, v ddb - v gndb = +3.3v, v gnda = v gndb , t a = +25c, unless otherwise noted.) (note 2) dc electrical characteristics (continued) max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
(v dda - v gnda = +1.71v to +5.5v, v ddb - v gndb = +1.71v to +5.5v, c l = 15pf, t a = -40c to +125c, unless otherwise noted. typical values are at v dda - v gnda = +3.3v, v ddb - v gndb = +3.3v, v gnda = v gndb , t a = +25c, unless otherwise noted.) (notes 2, 3) maxim integrated 7 parameter symbol conditions min typ max units input and output channels common-mode transient immunity cmti in__ = gnd_ or v dd_ (note 5) 25 kv/s maximum data rate dr max 1 mbps minimum pulse width pw min ina_ to outb_, inb_ to outa_ 1 s glitch rejection ina_ to outb_, inb_ to outa_ 32 ns propagation delay (figure 1) t plh ina_ to outb_, inb_ to outa_, c l = 15pf 4.5v v dda , v ddb 5.5v 38.2 54.1 ns 3.0v v dda , v ddb 3.6v 38.7 54.6 2.25v v dda , v ddb 2.75v 39.7 55.6 1.71v v dda , v ddb 1.89v 42.9 58.4 t phl ina_ to outb_, inb_ to outa_, c l = 15pf 4.5v v dda , v ddb 5.5v 38.6 55.3 3.0v v dda , v ddb 3.6v 38.9 55.6 2.25v v dda , v ddb 2.75v 39.8 56.1 1.71v v dda , v ddb 1.89v 42.3 60.2 pulse-width distortion pwd |t plh - t phl | 4.5v v dda , v ddb 5.5v 0.4 4.5 ns 3.0v v dda , v ddb 3.6v 0.2 4.3 2.25v v dda , v ddb 2.75v 0.1 3.9 1.71v v dda , v ddb 1.89v 0.6 4.7 propagation delay skew part-to-part (same channel) t splh 4.5v v dda , v ddb 5.5v 26.6 ns 3.0v v dda , v ddb 3.6v 26.6 2.25v v dda , v ddb 2.75v 26.6 1.71v v dda , v ddb 1.89v 26.9 t sphl 4.5v v dda , v ddb 5.5v 27.9 3.0v v dda , v ddb 3.6v 27.7 2.25v v dda , v ddb 2.75v 27.6 1.71v v dda , v ddb 1.89v 29.7 propagation delay skew channel-to-channel (same direction) t scslh 4.5v v dda , v ddb 5.5v 6.7 ns 3.0v v dda , v ddb 3.6v 6.7 2.25v v dda , v ddb 2.75v 6.7 1.71v v dda , v ddb 1.89v 6.7 t scshl 4.5v v dda , v ddb 5.5v 6.7 3.0v v dda , v ddb 3.6v 6.7 2.25v v dda , v ddb 2.75v 6.7 1.71v v dda , v ddb 1.89v 6.7 dynamic electrical characteristics (max1493_a/d) max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
(v dda - v gnda = +1.71v to +5.5v, v ddb - v gndb = +1.71v to +5.5v, c l = 15pf, t a = -40c to +125c, unless otherwise noted. typical values are at v dda - v gnda = +3.3v, v ddb - v gndb = +3.3v, v gnda = v gndb , t a = +25c, unless otherwise noted.) (notes 2, 3) maxim integrated 8 parameter symbol conditions min typ max units propagation delay skew channel-to-channel (opposing direction) t scolh 4.5v v dda , v ddb 5.5v 26.6 ns 3.0v v dda , v ddb 3.6v 26.6 2.25v v dda , v ddb 2.75v 26.6 1.71v v dda , v ddb 1.89v 26.9 t scohl 4.5v v dda , v ddb 5.5v 27.9 3.0v v dda , v ddb 3.6v 27.7 2.25v v dda , v ddb 2.75v 27.6 1.71v v dda , v ddb 1.89v 29.7 rise time (figure 1) t r outa_/ outb_, 10% to 90%, c l = 15pf 4.5v v dda , v ddb 5.5v 2 ns 3.0v v dda , v ddb 3.6v 2 2.25v v dda , v ddb 2.75v 2 1.71v v dda , v ddb 1.89v 2 fall time (figure 1) t f outa_/ outb_, 90% to 10%, c l = 15pf 4.5v v dda , v ddb 5.5v 2 ns 3.0v v dda , v ddb 3.6v 2 2.25v v dda , v ddb 2.75v 2 1.71v v dda , v ddb 1.89v 2 enable to data valid t en ena to outa_, enb to outb_, c l = 15pf 4.5v v dda , v ddb 5.5v 5.1 ns 3.0v v dda , v ddb 3.6v 5.5 2.25v v dda , v ddb 2.75v 6.7 1.71v v dda , v ddb 1.89v 16.3 enable to three-state t tri ena to outa_, enb to outb_, c l = 15pf 4.5v v dda , v ddb 5.5v 2.7 ns 3.0v v dda , v ddb 3.6v 4.4 2.25v v dda , v ddb 2.75v 7.0 1.71v v dda , v ddb 1.89v 11.7 dynamic electrical characteristics (max1493_a/d) (continued) max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
(v dda - v gnda = +1.71v to +5.5v, v ddb - v gndb = +1.71v to +5.5v, c l = 15pf, t a = -40c to +125c, unless otherwise noted. typical values are at v dda - v gnda = +3.3v, v ddb - v gndb = +3.3v, v gnda = v gndb , t a = +25c, unless otherwise noted.) (notes 2, 3) maxim integrated 9 parameter symbol conditions min typ max units input and output channels common-mode transient immunity cmti in__ = gnd_ or v dd _ (note 5) 25 kv/s maximum data rate dr max 25 mbps minimum pulse width pw min ina_ to outb_, inb_ to outa_ 40 ns glitch rejection ina_ to outb_, inb_ to outa_ 15 ns propagation delay (figure 1) t plh ina_ to outb_, inb_ to outa_, c l = 15pf 4.5v v dda , v ddb 5.5v 20.9 27.5 ns 3.0v v dda , v ddb 3.6v 21.4 28.7 2.25v v dda , v ddb 2.75v 22.4 31.2 1.71v v dda , v ddb 1.89v 25.7 36.9 t phl ina_ to outb_, inb_ to outa_, c l = 15pf 4.5v v dda , v ddb 5.5v 21.1 28.8 3.0v v dda , v ddb 3.6v 21.5 29.8 2.25v v dda , v ddb 2.75v 22.3 31.9 1.71v v dda , v ddb 1.89v 24.9 37.4 pulse-width distortion pwd |t plh - t phl | 4.5v v dda , v ddb 5.5v 0.2 2.6 ns 3.0v v dda , v ddb 3.6v 0.1 2.6 2.25v v dda , v ddb 2.75v 0.1 2.4 1.71v v dda , v ddb 1.89v 0.7 3.2 propagation delay skew part-to-part (same channel) t splh 4.5v v dda , v ddb 5.5v 11.7 ns 3.0v v dda , v ddb 3.6v 11.5 2.25v v dda , v ddb 2.75v 11.3 1.71v v dda , v ddb 1.89v 13.6 t sphl 4.5v v dda , v ddb 5.5v 9.8 3.0v v dda , v ddb 3.6v 9.8 2.25v v dda , v ddb 2.75v 11.1 1.71v v dda , v ddb 1.89v 14.4 propagation delay skew channel- to-channel (same direction) t scslh 4.5v v dda , v ddb 5.5v 3 ns 3.0v v dda , v ddb 3.6v 3 2.25v v dda , v ddb 2.75v 3 1.71v v dda , v ddb 1.89v 3 t scshl 4.5v v dda , v ddb 5.5v 3 3.0v v dda , v ddb 3.6v 3 2.25v v dda , v ddb 2.75v 3 1.71v v dda , v ddb 1.89v 3 dynamic electrical characteristics (max1493_b/e) max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
(v dda - v gnda = +1.71v to +5.5v, v ddb - v gndb = +1.71v to +5.5v, c l = 15pf, t a = -40c to +125c, unless otherwise noted. typical values are at v dda - v gnda = +3.3v, v ddb - v gndb = +3.3v, v gnda = v gndb , t a = +25c, unless otherwise noted.) (notes 2, 3) maxim integrated 10 parameter symbol conditions min typ max units propagation delay skew channel to channel (opposing direction) t scolh 4.5v v dda , v ddb 5.5v 11.7 ns 3.0v v dda , v ddb 3.6v 11.5 2.25v v dda , v ddb 2.75v 11.3 1.71v v dda , v ddb 1.89v 13.6 t scohl 4.5v v dda , v ddb 5.5v 9.8 3.0v v dda , v ddb 3.6v 9.8 2.25v v dda , v ddb 2.75v 11.1 1.71v v dda , v ddb 1.89v 14.4 rise time (figure 1) t r outa_/ outb_, 10% to 90%, c l = 15pf 4.5v v dda , v ddb 5.5v 2 ns 3.0v v dda , v ddb 3.6v 2 2.25v v dda , v ddb 2.75v 2 1.71v v dda , v ddb 1.89v 2 fall time (figure 1) t f outa_/ outb_, 90% to 10%, c l = 15pf 4.5v v dda , v ddb 5.5v 2 ns 3.0v v dda , v ddb 3.6v 2 2.25v v dda , v ddb 2.75v 2 1.71v v dda , v ddb 1.89v 2 enable to data valid t en ena to outa_, enb to outb_, cl= 15pf 4.5v v dda , v ddb 5.5v 5.1 ns 3.0v v dda , v ddb 3.6v 5.5 2.25v v dda , v ddb 2.75v 6.7 1.71v v dda , v ddb 1.89v 16.3 enable to three-state t tri ena to outa_, enb to outb_, c l = 15pf 4.5v v dda , v ddb 5.5v 2.7 ns 3.0v v dda , v ddb 3.6v 4.4 2.25v v dda , v ddb 2.75v 7.0 1.71v v dda , v ddb 1.89v 11.7 dynamic electrical characteristics (max1493_b/e) (continued) max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
(v dda - v gnda = +1.71v to +5.5v, v ddb - v gndb = +1.71v to +5.5v, c l = 15pf, t a = -40c to +125c, unless otherwise noted. typical values are at v dda - v gnda = +3.3v, v ddb - v gndb = +3.3v, v gnda = v gndb , t a = +25c, unless otherwise noted.) (notes 2, 3) maxim integrated 11 parameter symbol conditions min typ max units input and output channels common-mode transient immunity cmti in__ = gnd_ or v dd _(note 5) 25 kv/s maximum data rate dr max 150 mbps minimum pulse width pw min ina_ to outb_, inb_ to outb_ 6.67 ns propagation delay (figure 1) t plh ina_ to outb_, inb_ to outa_, c l = 15pf 4.5v v dda , v ddb 5.5v 5.1 7.5 ns 3.0v v dda , v ddb 3.6v 5.2 8.1 2.25v v dda , v ddb 2.75v 5.8 9.7 1.71v v dda , v ddb 1.89v 8.1 14 t phl ina_ to outb_, inb_ to outa_, c l = 15pf 4.5v v dda , v ddb 5.5v 4.9 7.4 3.0v v dda , v ddb 3.6v 5.3 8.3 2.25v v dda , v ddb 2.75v 5.9 10.2 1.71v v dda , v ddb 1.89v 8.2 14.9 pulse-width distortion pwd |t plh - t phl | 4.5v v dda , v ddb 5.5v 0.2 1 ns 3.0v v dda , v ddb 3.6v 0.1 1 2.25v v dda , v ddb 2.75v 0.1 1 1.71v v dda , v ddb 1.89v 0.1 1 propagation delay skew part- to-part (same channel) t splh 4.5v v dda , v ddb 5.5v 3.0 ns 3.0v v dda , v ddb 3.6v 3.3 2.25v v dda , v ddb 2.75v 4.3 1.71v v dda , v ddb 1.89v 7.1 t sphl 4.5v v dda , v ddb 5.5v 2.8 3.0v v dda , v ddb 3.6v 3.4 2.25v v dda , v ddb 2.75v 4.6 1.71v v dda , v ddb 1.89v 7.9 propagation delay skew channel-to-channel (same direction) t scslh 4.5v v dda , v ddb 5.5v 0.9 ns 3.0v v dda , v ddb 3.6v 1.2 2.25v v dda , v ddb 2.75v 1.4 1.71v v dda , v ddb 1.89v 1.6 t scshl 4.5v v dda , v ddb 5.5v 0.9 3.0v v dda , v ddb 3.6v 1.2 2.25v v dda , v ddb 2.75v 1.4 1.71v v dda , v ddb 1.89v 1.6 dynamic electrical characteristics (max1493_c/f, max1413_f) max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
(v dda - v gnda = +1.71v to +5.5v, v ddb - v gndb = +1.71v to +5.5v, c l = 15pf, t a = -40c to +125c, unless otherwise noted. typical values are at v dda - v gnda = +3.3v, v ddb - v gndb = +3.3v, v gnda = v gndb , t a = +25c, unless otherwise noted.) (notes 2, 3) maxim integrated 12 parameter symbol conditions min typ max units propagation delay skew channel-to-channel (opposing direction) t scolh 4.5v v dda , v ddb 5.5v 3 ns 3.0v v dda , v ddb 3.6v 3.3 2.25v v dda , v ddb 2.75v 4.3 1.71v v dda , v ddb 1.89v 7.1 t scohl 4.5v v dda , v ddb 5.5v 2.8 3.0v v dda , v ddb 3.6v 3.4 2.25v v dda , v ddb 2.75v 4.6 1.71v v dda , v ddb 1.89v 7.9 rise time (figure 1) t r outa_/ outb_, 10% to 90%, c l = 15pf 4.5v v dda , v ddb 5.5v 2 ns 3.0v v dda , v ddb 3.6v 2 2.25v v dda , v ddb 2.75v 2 1.71v v dda , v ddb 1.89v 2 fall time (figure 1) t f outa_/ outb_, 90% to 10%, c l = 15pf 4.5v v dda , v ddb 5.5v 2 ns 3.0v v dda , v ddb 3.6v 2 2.25v v dda , v ddb 2.75v 2 1.71v v dda , v ddb 1.89v 2 enable to data valid t en ena to outa_, enb to outb_, c l = 15pf 4.5v v dda , v ddb 5.5v 5.1 ns 3.0v v dda , v ddb 3.6v 5.5 2.25v v dda , v ddb 2.75v 6.7 1.71v v dda , v ddb 1.89v 16.3 enable to three-state t tri ena to outa_, enb to outb_, c l = 15pf 4.5v v dda , v ddb 5.5v 2.7 ns 3.0v v dda , v ddb 3.6v 4.4 2.25v v dda , v ddb 2.75v 7.0 v dda , v ddb 1.89v 11.7 peak eye diagram jitter t jit(pk) v dda , v ddb = 5.0v 140 ps v dda , v ddb = 3.3v 130 v dda , v ddb = 2.5v 140 v dda , v ddb = 1.8v 160 dynamic electrical characteristics (max1493_c/f , max1413_f) ) (continued) max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
note 2: all devices are 100% production tested at t a = +125c. specifications over temperature are guaranteed by design. note 3: not production tested. guaranteed by design. note 4: all currents into the device are positive. all currents out of the device are negative. note 5: cmti is the maximum sustainable common-mode voltage slew rate while maintaining the correct output. cmti applies to both rising and falling common-mode voltage edges. tested with the transient generator connected between gnda and gndb (v cm = 1000v). maxim integrated 13 parameter symbol conditions min typ max units esd human body model, all pins 4 kv ul the max14930CMAX14932 are certifed under ul1577. for more details, refer to fle e351759. rated up to 3750v rms isolation voltage for single protection. cul (equivalent to csa notice 5a) the max14930CMAX14932 are certifed up to 3750v rms for single protection. for more details, refer to fle 351759. vde vde 0884-10 (pending) tuv the max14930CMAX14932 are tested under tuv. iec 60950-1: up to 630vp (443v rms ) working voltage for basic insulation. iec 61010-1 (ed. 3): up to 443v rms working voltage for basic insulation. for details, see technical report number 095-72100581-100. iec 60601-1 (ed. 3): for details, see technical report number 095-72100581-200. basic insulation 1 moop, 630v pk (443v rms ) withstand isolation voltage for 60s (viso) 2750v rms esd protection safety regulatory approvals iec insulation testing max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
maxim integrated 14 note 6. capacitance is measured with all pins on side a and side b tied together. note 7. viso is production tested at 720v rms for 1 sec and guaranteed by design for 1kv rms . parameter symbol conditions value units partial discharge test voltage v pr method b1 = v iorm x 1.875 (t = 1s, partial discharge < 5pc) 1182 v p maximum repetitive peak isolation voltage v iorm 630 v p maximum working isolation voltage v iowm 443 v rms maximum transient isolation voltage v iotm t = 1s 4600 and 6000 v p maximum withstand isolation voltage v iso f sw = 60hz, duration = 60s 2750 and 3750 v rms maximum surge isolation voltage v iosm basic insulation 1.2/50s pulse 10 kv insulation resistance r s t a = +150c v io = 500v > 10 12 ? barrier capacitance input to output (note 6) cio f sw = 1mhz 2 pf minimum creepage distance cpg wide soic 8 mm narrow soic 4 minimum clearance distance clr wide soic 8 mm narrow soic 4 internal clearance distance through insulation 0.015 mm comparative tracking resistance index cti material group ii (iec 60112) 575 climatic category 40/125/21 pollution degree (din vde 0110, table 1) 2 max14930CMAX14932 insulation characteristics max14130Cmax14131 insulation characteristics parameter symbol conditions value units partial discharge test voltage v pr method b1 = v iorm x 1.875 (t = 1s, partial discharge < 5pc) 795 v p maximum repetitive peak isolation voltage v iorm 424 v p maximum working isolation voltage v iowm 300 v rms maximum transient isolation voltage v iotm t = 1s 1700 v p maximum withstand isolation voltage v iso (note 7) 1000 v rms maximum surge isolation voltage v iosm iec 61000-4-5, 1.2/50s 4 kv insulation resistance r s t a = +150c v io = 500v > 10 12 ? barrier capacitance input to output (note 6) cio f sw = 1mhz 2 pf minimum creepage distance cpg qsop 3.8 mm minimum clearance distance clr qsop 3.8 mm internal clearance distance through insulation 0.015 mm comparative tracking resistance index cti material group ii (iec 60112) 563 climatic category 40/125/21 pollution degree (din vde 0110, table 1) 2 max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
maxim integrated 15 figure 1. test circuit (a) and timing diagram (b) 0.1fv ddb v dda test source ina_ outb_ max14930 max14931 MAX14932 max14130 max14131 gnda gndb v dda v ddb c l r l 0.1f 50 (a) (b) v dda ina1, ina2 50% 50% 50% 50% 90% 10% 50% t sphl t scshl t f t r t splh outb1 outb2 v ddb v ddb gnda gndb gndb max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
(v dda - v gnda = +3.3v, v ddb - v gndb = +3.3v, v gnda = v gndb , t a = +25c, unless otherwise noted.) maxim integrated 16 1 . 0 1 . 2 1 . 4 1 . 6 1 . 8 2 . 0 2 . 2 2 . 4 2 . 6 2 . 8 3 . 0 0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 s u pp l y curr e n t ( m a ) d a t a r a te ( m bp s) s i d e a s u pp l y curr e n t vs . da t a ra t e dr i v i n g o n e ch a nn el o n s i d e a all o th e r ch a nn els l o w m ax1493_ c / f, max1413_f t oc 01 v dd _ = 1 . 8 v v dd _ = 2 . 5 v v dd _ = 3 . 3 v v dd _ = 5 . 0 v 0 5 10 15 20 25 0 25 50 75 100 125 150 supply current (ma) data rate (mbps) side b supply current vs. data rate driving one channel on side a all other channels low max14934c/f toc02 v dd_ = 1.8v v dd_ = 2.5v v dd_ = 5v v dd_ = 3.3v 10.0 15.0 20.0 25.0 30.0 35.0 -50 -25 0 25 50 75 100 125 150 propagation delay (ns) temperature ( c) propagation delay vs. temperature toc03 v dd_ = 1.8v v dd_ = 2.5v v dd_ = 5v v dd_ = 3.3v v dda = v ddb ina_ to outb_ max1493_b/e 0 2 4 6 8 1 0 1 2 1 4 1 6 - 5 0 - 2 5 0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 p r o p a g a tion d el a y ( n s) te m pe r a t ur e ( c ) p r o p a g a t io n d e l a y vs . t empe ra t ur e v dd a = v dd b i n a_ to o u tb _ m ax1493_ c / f, max1413_f t oc 04 v dd _ = 1 . 8 v v dd _ = 5 v v dd _ = 2 . 5 v v dd _ = 3 . 3 v t oc 07 eye d i a g ra m a t 150 m bp s 500 m v / d i v m ax1493_ c / f, max1413_f 30 s o f p r b s 1n s/ d i v 0 . 0 5 . 0 1 0 . 0 1 5 . 0 2 0 . 0 2 5 . 0 3 0 . 0 3 5 . 0 1 . 5 2 . 5 3 . 5 4 . 5 5 . 5 p r o p a g a tion d el a y ( n s) v dd a v o l t a g e ( v ) p r o p a g a t io n d e l a y vs . v dd a v o lt a g e v dd b = 3 . 3 v i n a_ to o u tb _ t oc 05 m ax1493_b / e m ax1493_ c / f, max1413_f toc08 10ns/div minimum pulse width 1v/div max1493_b/e in__ out__ 1v/div 40ns 40ns 0 . 0 5 . 0 1 0 . 0 1 5 . 0 2 0 . 0 2 5 . 0 3 0 . 0 3 5 . 0 1 . 5 2 . 5 3 . 5 4 . 5 5 . 5 p r o p a g a tion d el a y ( n s) v dd b v o l t a g e ( v ) p r o p a g a t io n d e l a y vs . v dd b v o lt a g e t oc 06 m ax1493_ c / f, max1413_f m ax1493_b / e v dd b = 3 . 3 v i n a_ to o u tb _ t oc 09 2 . 5n s/ d i v m i n i m u m p u l se w i d t h 1v / d i v m ax1493_ c / f, max1413_f i n _ _ o u t_ _ 1v / d i v 5n s 5n s typical operating characteristics max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
maxim integrated 17 pin name function voltage relative to max14x30 max14x31 MAX14932 1 1 1 v dda power supply. bypass v dda with a 0.1f ceramic capacitor as close as possible to the pin. gnda 2, 8 2, 8 2, 8 gnda ground reference for side a 3 3 3 ina1 logic input 1 on side a. ina1 corresponds to outb1. gnda 4 4 4 ina2 logic input 2 on side a. ina2 corresponds to outb2. gnda 5 5 ina3 logic input 3 on side a. ina3 corresponds to outb3. gnda 6 ina4 logic input 4 on side a. ina4 corresponds to outb4. gnda 7 i.c. internally connected. leave unconnected or connect to gnda or v dda . 6 5 outa1 logic output 1 on side a gnda 6 outa2 logic output 2 on side a gnda 7 7 ena active-high enable for side a. ena has an internal 2a pullup to v dda . gnda 9, 15 9, 15 9, 15 gndb ground reference for side b 10 10 10 enb active-high enable for side b. enb has an internal 2a pullup to v ddb . gndb 11 outb4 logic output 4 on side b gndb 11 12 inb1 logic input 1 on side b. inb1 corresponds to outa1. gndb 11 inb2 logic input 2 on side b. inb2 corresponds to outa2. gndb 12 12 outb3 logic output 3 on side b gndb 13 13 13 outb2 logic output 2 on side b gndb 14 14 14 outb1 logic output 1 on side b gndb 16 16 16 v ddb power supply. bypass v ddb with a 0.1f ceramic capacitor as close as possible to the pin. gndb 16 15 14 13 12 11 9 1 2 3 4 5 6 8 v ddb + gndb outb1 outb2 ina2 ina1 gnda v dda top view max14930 max14130 outb3 outb4 gndb gnda ina4 10 7 enb i.c. ina3 soic, qsop 16 15 14 13 12 11 9 1 2 3 4 5 6 8 v ddb + gndb outb1 outb2 ina2 ina1 gnda v dda max14931 max14131 outb3 inb1 gndb gnda outa1 10 7 enb ena ina3 soic, qsop 16 15 14 13 12 11 9 1 2 3 4 5 6 8 v ddb + gndb outb1 outb2 ina2 ina1 gnda v dda MAX14932 inb1 inb2 gndb gnda outa2 10 7 enb ena outa1 soic pin confgurations pin description max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
maxim integrated 18 5v out enb v ddb v dda gnda gndb 0.1f 5v 24v 0.1f gpio port 24v digita l i/ o 3.3v outb1 outb2 outb3 outb4 ina1 ina2 ina3 ina4 max14930 enb v dda v ddb gndb gnda 0.1f 5v 0.1f 3.3v outb1 outb2 outb3 outb4 ina1 ina2 ina3 ina4 max14930 isolat ion typical operating circuit max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
maxim integrated 19 ena cs sclk mosi adc miso enb v ddb v dda gnda gndb 0.1f 3.3v 0.1f c 1.8v outb1 outb2 outb3 inb1 gpio sclk mosi miso ina1 ina2 ina3 outa 1 max14931 isolat ion ena t1in t2in r1out rs-232 transceiver max13223 r2out enb v ddb v dda gnda gndb 0.1f 5v 0.1f c 2.5v outb1 outb2 inb3 inb4 rt s tx cts rx ina1 ina2 outa 3 outa 4 MAX14932 isolat ion typical operating circuit (continued) max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
maxim integrated 20 detailed description the max14930CMAX14932 and max14130C max14131 are a family of 4-channel digital isolators. the max14930CMAX14932 family transfers digital signals between circuits with different power domains. the devices are rated for up to 3.75kv rms isolation voltage for 60 seconds. the max14130Cmax14131 are rated for up to 1kv rms isolation voltage for 60 seconds. this family of digital isolators offers low- power operation, high electromagnetic interference (emi) immunity, and stable temperature performance through maxims proprietary process technology. the devices isolate different ground domains and block high-voltage/ high-current transients from sensitive or human interface circuitry. the devices offer three unidirectional channel configurations for design convenience. the max14x30 features four channels transferring digital signals in one direction for applications such as isolated digital i/o. the max14x31 has three channels transmitting data in one direction and one channel transmitting in the opposite direction, making it ideal for applications such as isolated spi and rs-485 communication. the MAX14932 provides further design flexibility with two channels in each direction for isolated rs-232 or other applications. devices are available with data rates from dc up to 1mbps (a/d versions), 25mbps (b/e versions), or 150mbps (c/f versions). each device can also be ordered with default- high or default-low outputs. this is the state an output will go to when the input side of the device is unpowered. the devices have two supply inputs, v dda and v ddb , that independently set the logic levels on either side of the device. v dda and v ddb are referenced to gnda and gndb, respectively. the max14930CMAX14932 family also features a refresh circuit to ensure output accuracy when an input remains in the same state indefinitely. digital isolation the max14930CMAX14932 family provides galvanic isolation for digital signals that are transmitted between two ground domains. up to 630v peak of continuous isolation is supported, as well as transient differences of up o 3.75kv rms for up to 60 seconds. the max14130C max14131 family provides galvanic isolation for digital signals that are transmitted between two ground domains. up to 424v peak of continuous isolation is supported, as well as transient differences of up to 1kv rms for up to 60 seconds. level shifting the wide supply voltage range of both v dda and v ddb allows the max14930CMAX14932 and max14130Cmax14131 family to be used for level trans - lation in addition to isolation. v dda and v ddb can be independently set to any voltage from 1.71v to 5.5v. the supply voltage sets the logic level on the corresponding side of the isolator. unidirectional channels each channel of the max14930CMAX14932 and max14130Cmax14131 is unidirectional; it only passes data in one direction, as indicated in the functional diagram. each device features four unidirectional channels that operate independently with guaranteed data rates from dc up to 1mbps (a/d versions), 25mbps (b/e versions), or 150mbps (c/f versions). the output driver of each channel is push-pull, eliminating the need for pullup resistors. the outputs are able to drive both ttl and cmos logic inputs. startup and undervoltage lockout the v dda and v ddb supplies are both internally monitored for undervoltage conditions. undervoltage events can occur during power-up, power-down, or during normal operation due to a sagging supply voltage. when an undervoltage condition is detected on either supply, all outputs go to their default states regardless of the status of the inputs ( table 1 ). figure 2 through figure 5 show the behavior of the outputs during power-up and power-down. max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
maxim integrated 21 table 1. output behavior function table figure 4. undervoltage lockout behavior (max1493_ d/e/f, max1413_f high) figure 2. undervoltage lockout behavior (max1493_ a/b/c high) figure 3. undervoltage lockout behavior (max1493_ a/b/c low) figure 5. undervoltage lockout behavior (max1493_ d/e/f, max1413_f low) note: en_ = 0 (hi-z mode) takes precedence over the default value. v in v dda v ddb ena enb v outa v outb 1 powered powered 1 1 1 1 0 0 hi-z hi-z 0 powered powered 1 1 0 0 0 0 hi-z hi-z x undervoltage powered 1 1 default default 0 0 hi-z hi-z x powered undervoltage 1 1 default default 0 0 hi-z hi-z v dda v ddb outa_ max1493_a/b/c input set to high outb_ 3v/div 200s/div v dd a v dd b o u ta _ m a x 1493_ d / e / f, max1413_f i n p u t se t t o h ig h o u tb _ 3v / d i v 200 s/ d i v v dda v ddb outa_ max1493_a/b/c input set to low outb_ 3v/div 200s/div v dd a v dd b o u ta _ m a x 1493_ d / e / f, max1413_f i n p u t se t t o l o w o u tb _ 3v / d i v 200 s/ d i v max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
maxim integrated 22 applications information power-supply sequencing the max14930CMAX14932 and max14130Cmax14131 do not require special power-supply sequencing. the logic levels are set independently on either side by v dda and v ddb. each supply can be present over the entire specified range regardless of the level or presence of the other supply. power-supply decoupling to reduce ripple and the chance of introducing data errors, bypass v dda and v ddb with 0.1f ceramic capacitors to gnda and gndb, respectively. place the bypass capacitors as close to the power-supply input pins as possible. max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
maxim integrated 23 +denotes a lead(pb)-free/rohs-compliant package. *future productCcontact factory for availability. part channel configuration data rate (mbps) output isolation voltage (kv rms ) temp range pin-package max14930aase+ 4/0 1 default high 2.75 -40c to +125c 16 narrow soic max14930aawe+ 4/0 1 default high 2.75 -40c to +125c 16 wide soic max14930base+ 4/0 25 default high 2.75 -40c to +125c 16 narrow soic max14930bawe+ 4/0 25 default high 2.75 -40c to +125c 16 wide soic max14930case+ 4/0 150 default high 2.75 -40c to +125c 16 narrow soic max14930cawe+ 4/0 150 default high 2.75 -40c to +125c 16 wide soic max14930dase+ 4/0 1 default low 2.75 -40c to +125c 16 narrow soic max14930dawe+ 4/0 1 default low 2.75 -40c to +125c 16 wide soic max14930ease+ 4/0 25 default low 2.75 -40c to +125c 16 narrow soic max14930eawe+ 4/0 25 default low 2.75 -40c to +125c 16 wide soic max14930fase+ 4/0 150 default low 2.75 -40c to +125c 16 narrow soic max14930fase+cz0 4/0 150 default low 3.75 -40c to +125c 16 narrow soic max14930fawe+ 4/0 150 default low 2.75 -40c to +125c 16 wide soic max14931aase+ 3/1 1 default high 2.75 -40c to +125c 16 narrow soic max14931aawe+ 3/1 1 default high 2.75 -40c to +125c 16 wide soic max14931base+ 3/1 25 default high 2.75 -40c to +125c 16 narrow soic max14931bawe+ 3/1 25 default high 2.75 -40c to +125c 16 wide soic max14931case+ 3/1 150 default high 2.75 -40c to +125c 16 narrow soic max14931cawe+ 3/1 150 default high 2.75 -40c to +125c 16 wide soic max14931dase+ 3/1 1 default low 2.75 -40c to +125c 16 narrow soic max14931dawe+ 3/1 1 default low 2.75 -40c to +125c 16 wide soic max14931ease+ 3/1 25 default low 2.75 -40c to +125c 16 narrow soic max14931eawe+ 3/1 25 default low 2.75 -40c to +125c 16 wide soic max14931fase+ 3/1 150 default low 2.75 -40c to +125c 16 narrow soic max14931fase+cz1 3/1 150 default low 3.75 -40c to +125c 16 narrow soic max14931fawe+ 3/1 150 default low 2.75 -40c to +125c 16 wide soic MAX14932aase+ 2/2 1 default high 2.75 -40c to +125c 16 narrow soic MAX14932aawe+ 2/2 1 default high 2.75 -40c to +125c 16 wide soic MAX14932base+ 2/2 25 default high 2.75 -40c to +125c 16 narrow soic MAX14932bawe+ 2/2 25 default high 2.75 -40c to +125c 16 wide soic MAX14932case+ 2/2 150 default high 2.75 -40c to +125c 16 narrow soic MAX14932cawe+ 2/2 150 default high 2.75 -40c to +125c 16 wide soic MAX14932dase+ 2/2 1 default low 2.75 -40c to +125c 16 narrow soic MAX14932dawe+ 2/2 1 default low 2.75 -40c to +125c 16 wide soic MAX14932ease+ 2/2 25 default low 2.75 -40c to +125c 16 narrow soic MAX14932eawe+ 2/2 25 default low 2.75 -40c to +125c 16 wide soic MAX14932fase+ 2/2 150 default low 2.75 -40c to +125c 16 narrow soic MAX14932fawe+ 2/2 150 default low 2.75 -40c to +125c 16 wide soic max14130faee+ 4/0 150 default low 1 -40c to +125c 16 qsop max14130faee+t 4/0 150 default low 1 -40c to +125c 16 qsop max14131faee+t* 3/1 150 default low 1 -40c to +125c 16 qsop max14131faee+t* 3/1 150 default low 1 -40c to +125c 16 qsop ordering information and selector guide max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
maxim integrated 24 package type package code outline no. land pattern no. 16 wide soic w16m+8 21-0042 90-0107 16 narrow soic s16m+11 21-0041 90-0442 16 qsop e16ms+1f 21-0055 90-0167 package information for the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages . note that a +, #, or - in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to the package regardless of rohs status. chip information process: bicmos max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators www.maximintegrated.com
? 2016 maxim integrated products, inc. 25 revision number revision date description pages changed 0 9/14 initial release 1 12/14 changed future product status on several parts in the ordering information/selector guide table. changed basic insulation to single protection in safety regulatory approvals table. 13, 22 2 3/15 changed future product status for max14930fawe+, max14931dase+, MAX14932aawe+, MAX14932base+, MAX14932dawe+, MAX14932eawe+, and MAX14932fawe+ 22 3 5/15 added ul/cul, tuv information, and fxed corresponding isolation parameters 1, 13-14, 16 4 10/15 added 3.75kv versions: max14930fase+cz0 and max14931fase+cz1 1, 13, 14, 17- 19, 22, 23 5 4/16 fixed typos, updated safety regulatory approvals table, and updated ordering information and selection guide 1, 13, 14, 22 6 5/16 moved tuv information to new iec insulation section and updated ordering information table 1, 13, 22 7 7/16 added max14130 and max14131 versions in qsop package 1C4, 6, 11, 12, 14C16, 19C24 revision history maxim integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim integrated product. no circuit patent licenses are implied. maxim integrated reserves the right to change the circuitry and specifcations without notice at any time. the parametric values (min and max limits) shown in the electrical characteristics table are guaranteed. other parametric values quoted in this data sheet are provided for guidance. maxim integrated and the maxim integrated logo are trademarks of maxim integrated products, inc. max14930CMAX14932, max14130Cmax14131 4-channel, 1kv rms , 2.75kv rms and 3.75kv rms digital isolators for pricing, delivery, and ordering information, please contact maxim direct at 1-888-629-4642, or visit maxim integrateds website at www.maximintegrated.com.


▲Up To Search▲   

 
Price & Availability of MAX14932

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X