Part Number Hot Search : 
FZTA64 A2411 A2411 VTB5051J LTC3330 LTC3330 BPC3510 LCA05C10
Product Description
Full Text Search
 

To Download MA710WAABI001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s pe - 1 4 - 8 - 0 1 1 / a / ss page 1 of 22 specification part no. : ma710. w. a.abi.001 product name : white pantheon antenna 3 in1 ma. 7 10 screw - mount (permanent mount) 2 x 2g/3g/4g lte mimo cellular antenna 1 x gps /glonass antenna feature : 2 x c ellular 2g/3g/4g antennas (mimo) lte/hspa/gsm/gprs/cdm a/umts 698~960mhz/1710~2170mhz/2300~2700mhz/ 2900 - 3500m hz 1 x gps /glonass 1575.42 /1602 mhz active antenna ip67 waterproof high efficiency / peak gain outdoor antenna rohs compliant
s pe - 1 4 - 8 - 0 1 1 / a / ss page 2 of 22 1. introduction the ma 7 10 pantheon antenna is an omnidirectional h eavy - duty, fully ip67 waterproof external m2m antenna for use in telematics, transportation and rem ote monitoring applications. it includes two lte mimo antennas and one gps /glonass antenna , in the highest efficiency and peak gain possible. this antenna pa rticularly finds its application in mobile video, vehicle communications, location and fleet management, safety & security, remote industrial equipment monitoring. the a ntenna consists of two l te mimo elements 698 - 960mhz, 171 0 - 2170 mhz, 2300~2700mhz, 2900 - 3 500mhz . the antennas are designed to work equally well on lte to deliver maximum dataspeed rates, or on legacy 2g and 3g frequencies where lte is not available. the gnss antenna is a wide - band gps /glonass element tuned to have optimum gain at 1575.42 mhz gps and 1602mhz glonass frequencies . mechanically, we have packed 3 high efficiency and gain antennas in an extremely robust ip67 direct mount antenna package with excellent isolation (20db+). the strengthened domed housing is designed to deflect tree br anches and wires that tend to catch and break shark fin or rigid whip antennas. the pantheon has its own internal ground - plane and can radiate on any mounting environment such as metal or plastic without affecting performance. the internal components are i ndividually screwed down onto a robust plate, preventing damage fr om regular vehicle vibrations. a completely waterproof mounting seal prevents water from leaking under the housing. the connectors and cable length are customizable. it is also available in black (ma710 ) .
s pe - 1 4 - 8 - 0 1 1 / a / ss page 3 of 22 2. specification table 2g/3g/4g mimo lte gsm 850 gsm 900 dcs pcs wcdma i ism lte frequency 698 ~ 787 824 ~ 896 880~ 960 1710~ 1880 1850~1 990 1920~ 2170 2400~ 2500 2600~3500 mhz mimo 1 vswr ( max.) 2 .5 2.5 3 2.5 2.5 2.5 3 2.5 efficiency 66.17 51.88 47.87 39.97 47.67 45.97 28.73 38.35 % peak gain 2.52 1.48 1.15 1.03 1.22 1.22 0.15 3.2 0 dbi mimo 2 vswr ( max.) 3.5 3.5 3.5 2.5 2.5 2.5 2 2.5 efficiency 35.98 18.41 20.24 40.85 35.42 37.68 42.27 35.24 % peak gain 1.56 - 2.08 - 2.31 1.69 0.86 2.06 2.99 2.97 dbi polarization vertical impedance 50 ? gps - glonass centre frequency 1575.42mhz / 1602mhz bandwidth 10mhz radiation efficiency 50 % (without cable) passive gain @ zenith 4.0 dbi typ . (with =140mm ground) vswr 2 impedance 50? dc power input range 1.8v ~ 5v dc input 1.8v 3.3v 4.0v 5.5v mhz 1575.42 1602 1575.42 1602 1575.42 1602 1575.42 1602 vswr 2 2 2 2 2 2 2 2 lna gain 17 17 29.2 29 31 31 32.3 32 noise figure 3.4 3.4 3.1 3.1 3.2 3.2 3.4 3.4 power consumption 3.2 3.2 7.5 7.5 9.4 9.4 15 15 band attenuation 1535mhz: - 20db 1642mhz: - 20db 1520mhz: - 20db 1642mhz: - 20db 1520mhz: - 20db 1642mhz: - 20db 1520mhz: - 20db 1642mhz: - 20db cable 3m rg174 standard connector sma(m) standard
s pe - 1 4 - 8 - 0 1 1 / a / ss page 4 of 22 mechanical antenna d imensions height 85. 7mm x diameter 145.6mm casing wonderloy pc - 540 pc/abs alloy waterproof ip67 2g/3g/4g mimo 1 3m low loss cfd - 200 sma(m) 2g/3g/4g mimo 2 3m low loss cfd - 200 sma(m) gps /glonass 3m rg - 174 sma(m) environmental operation temperature - 40c to 85c stora ge temperature - 40c to 90c humidity non - condensing 65c 95% rh * all measurements were conducted with 3m low loss cfd200 cable on cellular and rg - 174 cable on gps/glonass
s pe - 1 4 - 8 - 0 1 1 / a / ss page 5 of 22 3. lte mimo 3.1. lte mimo 1 and lte mimo 2 specification 3.1.1. return loss 3.1.2. maximum gain lte mimo 1 lte mimo 2 lte mimo 1 lte mimo 2
s pe - 1 4 - 8 - 0 1 1 / a / ss page 6 of 22 3.1.3. average gain 3.1.4. efficiency lte mimo 2 lte mimo 2 lte mimo 1 lte mimo 1
s pe - 1 4 - 8 - 0 1 1 / a / ss page 7 of 22 3.2 radiation patterns z x y
s pe - 1 4 - 8 - 0 1 1 / a / ss page 8 of 22 3.2.1 lte mimo 1 radiation pattern xy plane x x y y
s pe - 1 4 - 8 - 0 1 1 / a / ss page 9 of 22 x y x y
s pe - 1 4 - 8 - 0 1 1 / a / ss page 10 of 22 xz plane x z x z
s pe - 1 4 - 8 - 0 1 1 / a / ss page 11 of 22 x z x z
s pe - 1 4 - 8 - 0 1 1 / a / ss page 12 of 22 3.2.2 lte mimo 2 radiation pattern xy plane x y x y
s pe - 1 4 - 8 - 0 1 1 / a / ss page 13 of 22 x y x y
s pe - 1 4 - 8 - 0 1 1 / a / ss page 14 of 22 xz plane x z x z
s pe - 1 4 - 8 - 0 1 1 / a / ss page 15 of 22 x z x z
s pe - 1 4 - 8 - 0 1 1 / a / ss page 16 of 22 4. gps/glonass 4.1. block diagram 4.2. return loss
s pe - 1 4 - 8 - 0 1 1 / a / ss page 17 of 22 4.3. radiation pattern xz - plane free space @1575.42mhz
s pe - 1 4 - 8 - 0 1 1 / a / ss page 18 of 22 yz - plane free space @1575.42mhz xz - plane free space @1602mhz
s pe - 1 4 - 8 - 0 1 1 / a / ss page 19 of 22 yz - plane free space @1602mhz 4.4 gps/glonass ln a
s pe - 1 4 - 8 - 0 1 1 / a / ss page 20 of 22
s pe - 1 4 - 8 - 0 1 1 / a / ss page 21 of 22 5. drawing
s pe - 1 4 - 8 - 0 1 1 / a / ss page 22 of 22 6. packaging


▲Up To Search▲   

 
Price & Availability of MA710WAABI001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X