Part Number Hot Search : 
S1R72C05 FX502 XL2010 DUG38A DUG38A 1108HTSN PA3927NL DS104
Product Description
Full Text Search
 

To Download IRFR9024PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.kersemi.com 1 power mosfet irfr9024, irfu9024, sihfr9024, sihfu9024 features ? dynamic dv/dt rating ? repetitive avalanche rated ? surface mount (irfr9024/sihfr9024) ? straight lead (irfu9024/sihfu9024) ? available in tape and reel ? p-channel ? fast switching ? lead (pb)-free available description third generation power mosfet s from vishay provide the designer with the best combi nation of fast switching, ruggedized device design, low on-resistance and cost-effictiveness. the dpak is designed for su rface mounting using vapor phase, infrared, or wave soldering techniques. the straight lead version (irfu/sihfu series) is for through-hole mounting applications. power dissipation levels up to 1.5 w are possible in typical surcace mount applications. note a. see device orientation. notes a. repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. v dd = - 25 v, starting t j = 25 c, l = 4.5 mh, r g = 25 , i as = - 8.8 a (see fig. 12). c. i sd - 11 a, di/dt 140 a/s, v dd v ds , t j 150 c. d. 1.6 mm from case. e. when mounted on 1" square pcb (fr-4 or g-10 material). product summary v ds (v) - 60 r ds(on) ( )v gs = - 10 v 0.28 q g (max.) (nc) 19 q gs (nc) 5.4 q gd (nc) 11 configuration single s g d p-channel mosfet dpak (to-252) ipak (to-251) a v aila b le rohs* compliant ordering information package dpak (to-252) dpak (to-252) dpak (to-252) dpak (to-252) ipak (to-251) lead (pb)-free IRFR9024PBF irfr9024trpbf a irfr9024trlpbf a irfr9024trrpbf a irfu9024pbf sihfr9024-e3 sihfr9024t-e3 a sihfr9024tl-e3 a sihfr9024tr-e3 a sihfu9024-e3 snpb irfr9024 irfr9024tr a irfr9024trl a - irfu9024 sihfr9024 sihfr9024t a sihfr9024tl a - sihfu9024 absolute maximum ratings t c = 25 c, unless otherwise noted parameter symbol limit unit drain-source voltage v ds - 60 v gate-source voltage v gs 20 continuous drain current v gs at - 10 v t c = 25 c i d - 8.8 a t c = 100 c - 5.6 pulsed drain current a i dm - 35 linear derating factor 0.33 w/c linear derating factor (pcb mount) e 0.020 single pulse avalanche energy b e as 300 mj repetitive avalanche current a i ar - 8.8 a repetitive avalanche energy a e ar 5.0 mj maximum power dissipation t c = 25 c p d 42 w maximum power dissipation (pcb mount) e t a = 25 c 2.5 peak diode recovery dv/dt c dv/dt - 4.5 v/ns operating junction and storage temperature range t j , t stg - 55 to + 150 c soldering recommendations (p eak temperature) for 10 s 260 d
www.kersemi.com 2 irfr9024, irfu9024, sihfr9024, note a. when mounted on 1" square pcb (fr-4 or g-10 material). notes a. repetitive rating; pulse width limited by maximum junction temper ature (see fig. 11). b. pulse width 300 s; duty cycle 2 %. thermal resistance ratings parameter symbol min. typ. max. unit maximum junction-to-ambient r thja - - 110 c/w maximum junction-to-ambient (pcb mount) a r thja --50 maximum junction-to-case (drain) r thjc --3.0 specifications t j = 25 c, unless otherwise noted parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 250 a - 60 - - v v ds temperature coefficient v ds /t j reference to 25 c, i d = 1 ma - - 0.063 - v/c gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a - 2.0 - - 4.0 v gate-source leakage i gss v gs = 20 v - - 100 na zero gate voltage drain current i dss v ds = - 60 v, v gs = 0 v - - - 100 a v ds = - 48 v, v gs = 0 v, t j = 125 c - - - 500 drain-source on-state resistance r ds(on) v gs = - 10 v i d = - 5.3 a b - - 0.28 forward transconductance g fs v ds = - 25 v, i d = - 5.3 a 2.9 - - s dynamic input capacitance c iss v gs = 0 v, v ds = - 25 v, f = 1.0 mhz - 570 - pf output capacitance c oss - 360 - reverse transfer capacitance c rss -65- total gate charge q g v gs = - 10 v i d = - 11 a, v ds = - 48 v, see fig. 6 and 13 b --19 nc gate-source charge q gs --5.4 gate-drain charge q gd --11 turn-on delay time t d(on) v dd = - 30 v, i d = - 11 a, r g = 18 , r d = 2.5 , see fig. 10 b -13- ns rise time t r -68- turn-off delay time t d(off) -15- fall time t f -29- internal drain inductance l d between lead, 6 mm (0.25") from package and center of die contact -4.5- nh internal source inductance l s -7.5- drain-source body diode characteristics continuous source-drain diode current i s mosfet symbol showing the integral reverse p - n junction diode --- 8.8 a pulsed diode forward current a i sm --- 35 body diode voltage v sd t j = 25 c, i s = - 8.8 a, v gs = 0 v b --- 6.3v body diode reverse recovery time t rr t j = 25 c, i f = - 11 a, di/dt = 100 a/s b - 100 200 ns body diode reverse recovery charge q rr - 0.32 0.64 c forward turn-on time t on intrinsic turn-on time is neglig ible (turn-on is dominated by l s and l d ) d s g s d g
www.kersemi.com 3 irfr9024, irfu9024, sihfr9024, sihfu9024 typical characteristics 25 c, unless otherwise noted fig. 1 - typical output characteristics, t c = 25 c fig. 2 -typical output characteristics, t c = 150 c fig. 3 - typical transfer characteristics fig. 4 - normalized on-resistance vs. temperature
www.kersemi.com 4 irfr9024, irfu9024, sihfr9024, fig. 5 - typical capacitance vs. drain-to-source voltage fig. 6 - typical gate charge vs. gate-to-source voltage fig. 7 - typical source-drain diode forward voltage fig. 8 - maximum safe operating area
www.kersemi.com 5 irfr9024, irfu9024, sihfr9024, sihfu9024 fig. 9 - maximum drain current vs. case temperature fig. 10a - switching time test circuit fig. 10b - switching time waveforms fig. 11 - maximum effective transient thermal impedance, junction-to-case p u lse w idth 1 s d u ty factor 0.1 % r d v gs r g d.u.t. - 10 v + - v ds v dd v gs 10 % 90 % v ds t d(on) t r t d(off) t f
www.kersemi.com 6 irfr9024, irfu9024, sihfr9024, fig. 12a - unclamped inductive test circuit fig. 12b - unclamped inductive waveforms fig. 12c - maximum avalanche energy vs. drain current fig. 13a - basic gate charge waveform fig. 13b - gate charge test circuit r g i as 0.01 t p d.u.t. l v ds + - v dd - 10 v v ary t p to o b tain re qu ired i as i as v ds v dd v ds t p q gs q gd q g v g charge - 10 v d.u.t. - 3 ma v gs v ds i g i d 0.3 f 0.2 f 50 k 12 v current regulator current sampling resistors same type as d.u.t. + -
www.kersemi.com 7 irfr9024, irfu9024, sihfr9024, sihfu9024 fig. 14 - for p-channel p. w . period di/dt diode reco v ery d v /dt ripple 5 % body diode for w ard drop re-applied v oltage re v erse reco v ery c u rrent body diode for w ard c u rrent v gs = - 10 v * v dd i sd dri v er gate dri v e d.u.t. i sd w a v eform d.u.t. v ds w a v eform ind u ctor c u rrent d = p. w . period + - - - - + + + * v gs = - 5 v for logic le v el and - 3 v dri v e de v ices peak diode recovery dv/dt test circuit v dd ? d v /dt controlled b y r g ? i sd controlled b y d u ty factor "d" ? d.u.t. - de v ice u nder test d.u.t. circ u it layo u t considerations ? lo w stray ind u ctance ? gro u nd plane ? lo w leakage ind u ctance c u rrent transformer r g compliment n -channel of d.u.t. for dri v er


▲Up To Search▲   

 
Price & Availability of IRFR9024PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X