commercial grade ( general ( u p to 50v ) ) c1005 [ eia cc0402 ] l 1.00mm +/-0.05mm w 0.50mm +/-0.05mm t 0.50mm +/-0.05mm b 0.10mm min. g 0.30mm min. x5r ( -55 to 85 de g c +/-15% ) 1e ( 25vdc ) 220nf m ( +/-20% ) 10% max. 454mohm min. not a pp licable all s p ecifications are sub j ect to chan g e without notice. january 3, 2016 C1005X5R1E224M050BC tdk item descri p tion : c1005x5r1e224mt**** cap. vs. freq. characteristic 1 10 100 1000 0.001 0.01 0.1 1 10 100 1000 frequency/mhz cap./nf |z|, esr vs. freq. characteristics 0.01 0.1 1 10 100 1000 10000 100000 0.001 0.01 0.1 1 10 100 1000 frequency/mhz |z|, esr/ohm |z| esr dc bias characteristic -90 -80 -70 -60 -50 -40 -30 -20 -10 0 0 5 10 15 20 25 30 dc bias/v cap. change/% temperature characteristics -90 -80 -70 -60 -50 -40 -30 -20 -10 0 10 20 -80 -60 -40 -20 0 20 40 60 80 100 temperature/degc cap. change/% temp.chara. tcbias(1/2rated) ripple temperature rise characteristics 0 5 10 15 20 25 0 0.2 0.4 0.6 0.8 1 1.2 1.4 current/arms temperature rise/degc 100khz 500khz 1mhz application & main feature series dimensions tem p erature c haracteristic rated volta g e c a p acitance c a p acitance tolerance dissi p ation facto r insulation resistance a e c - q 2 00 characterization sheet ( multilayer ceramic chip capacitors )
|