Part Number Hot Search : 
ADUC8 N5277 3296Y253 18NK60 KDZ24V BU931ZPF RS606M 85HFR80M
Product Description
Full Text Search
 

To Download BYT78-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 84068 for technical questions, contact: diodes-ssp@vishay.com www.vishay.com rev. 1.9, 05-nov-08 1 tape and reel standards tape and reel standards vishay semiconductors fig. 1 package available packaging 10" tape and reel 13" tape and reel ammo pack # 1 ammo pack # 2 quantity/reel quantity/reel quantity/box quantity/box sod57 5000 5000 sod64 2500 2500 taping specifications sod57 and sod64 description symbol specification (mm) component pitch a 5.0 0.5 inside tape spacing b 52 + 2 mm - 1 mm lead to lead eccentricity id1-d2l 1.4 max. lead extension k 0 lead bending m 1.2 max. cumulative pitch p 2 per 10 pitch exposed adhesive s 0.8 max. tape width t 6.0 0.4 tape leader beginning and end of reel or ammo pack 300 min. empty spaces consecutive missi ng components not allowed < 0.1 % polarity marking all polarized components shall be oriented in the same direction. the cathode tape shall be colored, and anode tape shall be white or light beige d 1 d 2 a p m k s t b w |d 1 -d 2 | = 1.4 (0.055) max. 0. 8 (0.031) max. 0. 8 (0.031) max. dimensions a, m, k, p, s and t apply to b oth sides 6.0 0.4 (0.236 0.0157) 15 8 02
www.vishay.com for technical questions, contact: diodes-ssp@vishay.com document number: 84068 2 rev. 1.9, 05-nov-08 tape and reel standards vishay semiconductors tape and reel standards fig. 2 note material: corrugated board (neutral) fig. 3 10" reel specification (sod57 and sod64 packages) description symbol reel size 10" arbor hole diameter d 0 30 1 mm core diameter d1 71 1 mm reel diameter d2 250 2 mm drive hole diameter d3 10 1 mm reel width w 1 68 1 mm drive/arbor hole spacing w 2 27.5 1 mm core material plastic reel material plastic ammopack # 1 specification (sod57 and sod64 packages) (figure 3) description symbol specification inches millimeters length a 10.25 0.2 260 5.0 w idth b 2.75 0.2 70 5.0 height c 5.75 0.65 146 16.0 d 0 d 1 w 1 15 8 01 w 2 d 2 d 3 a c 15 8 00 inspection hole ( b oth sides) b
tape and reel standards tape and re el standards vishay semiconductors document number: 84068 for technical questions, contact: diodes-ssp@vishay.com www.vishay.com rev. 1.9, 05-nov-08 3 preformed leads (sod64 packages) some types of automatic insertion machines have problems in bending the relatively thick leads of sod64 sinterglass diodes. to overcome this, our diodes can be ordered with preformed leads as follows. preformed sinterglass diodes are shipped in bulk. suffix ra fig. 4 suffix rap fig. 5 suffix ras fig. 6 note other bending versions are available on request. 21495 = 1 = 1 h 1 a 0.3 2.6 max. 21496 = 1 = 1 h 1 a 0.3 2.6 max. 0.4 ? 1.3 1.5 4 2 0.2 21497 = 1 = 1 h 1 4 2.2 0.2 a 0.3 2.6 max. common bending version: suffix a (mm) h (mm) ra 15/10 ras 15/10 rap 15/10 15 10 ra 17.5/10 ras 17.5/10 rap 17.5/10 17.5 10


▲Up To Search▲   

 
Price & Availability of BYT78-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X