Part Number Hot Search : 
110N03 ICS94211 45AYT6C BZX84C33 BC856A 050AEX M74ALS 3EZ51
Product Description
Full Text Search
 

To Download BSC120N03LS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BSC120N03LS g opti mos ?3 power-mosfet features ? fast switching mosfet for smps ? optimized technology for dc/dc converters ? qualified according to jedec 1) for target applications ? n-channel; logic level ? excellent gate charge x r ds(on) product (fom) ? very low on-resistance r ds(on) ? superior thermal resistance ? avalanche rated ? pb-free plating; rohs compliant ?halogen-free according to iec61249-2-21 maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit continuous drain current i d v gs =10 v, t c =25?c 39 a v gs =10 v, t c =100?c 24 v gs =4.5 v, t c =25?c 33 v gs =4.5 v, t c =100?c 21 v gs =10 v, t a =25?c, r thja =50?k/w 2) 12 pulsed drain current 3) i d,pulse t c =25?c 156 avalanche current, single pulse 4) i as t c =25?c 35 avalanche energy, single pulse e as i d =25?a, r gs =25? w 10 mj reverse diode d v /d t d v /d t i d =39?a, v ds =24?v, d i /d t =200?a/s, t j,max =150?c 6 kv/s gate source voltage v gs 20 v value 1) j-std20 and jesd22 v ds 30 v r ds(on),max 12 m w i d 39 a product summary pg - tdson - 8 type package marking BSC120N03LS g pg - tdson - 8 120n03ls rev. 2.1 page 1 2013-05-21
BSC120N03LS g maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit power dissipation p tot t c =25?c 28 w t a =25 c, r thja =50?k/w 2) 2.5 operating and storage temperature t j , t stg -55 ... 150 c iec climatic category; din iec 68-1 55/150/56 parameter symbol conditions unit min. typ. max. thermal characteristics thermal resistance, junction - case r thjc bottom - - 4.5 k/w top - - 20 device on pcb r thja 6 cm 2 cooling area 2) - - 50 electrical characteristics, at t j =25 c, unless otherwise specified static characteristics drain-source breakdown voltage v (br)dss v gs =0?v, i d =1?ma 30 - - v gate threshold voltage v gs(th) v ds = v gs , i d =250?a 1 - 2.2 zero gate voltage drain current i dss v ds =30?v, v gs =0?v, t j =25?c - 0.1 1 a v ds =30?v, v gs =0?v, t j =125?c - 10 100 gate-source leakage current i gss v gs =20?v, v ds =0?v - 10 100 na drain-source on-state resistance r ds(on) v gs =4.5?v, i d =15?a - 13.2 16.5 m w v gs =10?v, i d =30?a - 10 12 gate resistance r g 0.4 0.9 1.8 w transconductance g fs | v ds |>2| i d | r ds(on)max , i d =30?a 25 50 - s 3) see figure 3 for more detailed information value values 2) device on 40 mm x 40 mm x 1.5 mm epoxy pcb fr4 with 6 cm2 (one layer, 70 m thick) copper area for drain connection. pcb is vertical in still air. rev. 2.1 page 2 2013-05-21
BSC120N03LS g parameter symbol conditions unit min. typ. max. dynamic characteristics input capacitance c iss - 920 1200 pf output capacitance c oss - 390 520 reverse transfer capacitance c rss - 18 - turn-on delay time t d(on) - 2.7 - ns rise time t r - 2.2 - turn-off delay time t d(off) - 12 - fall time t f - 2.2 - gate charge characteristics 5) gate to source charge q gs - 3.1 4.1 nc gate charge at threshold q g(th) - 1.4 1.9 gate to drain charge q gd - 1.3 2.2 switching charge q sw - 3.0 4.4 gate charge total q g - 5.4 7.2 gate plateau voltage v plateau - 3.5 - v gate charge total q g v dd =15?v, i d =30?a, v gs =0?to?10?v - 11 15 gate charge total, sync. fet q g(sync) v ds =0.1?v, v gs =0?to?4.5?v - 4.7 6.3 nc output charge q oss v dd =15?v, v gs =0?v - 10 13 reverse diode diode continuous forward current i s - - 25 a diode pulse current i s,pulse - - 156 diode forward voltage v sd v gs =0?v, i f =30?a, t j =25?c - 0.91 1.1 v reverse recovery charge q rr v r =15?v, i f = i s , d i f /d t =400?a/s - - 10 nc 5) see figure 16 for gate charge parameter definition 4) see figure 13 for more detailed information t c =25?c values v gs =0?v, v ds =15?v, f =1?mhz v dd =15?v, v gs =10?v, i d =30?a, r g,ext =1.6? w v dd =15?v, i d =30?a, v gs =0?to?4.5?v rev. 2.1 page 3 2013-05-21
BSC120N03LS g 1 power dissipation 2 drain current p tot =f( t c ) i d =f( t c ); v gs 10 v 3 safe operating area 4 max. transient thermal impedance i d =f( v ds ); t c =25 c; d =0 z thjc =f( t p ) parameter: t p parameter: d = t p / t 1 s 10 s 100 s 1 ms 10 ms dc 10 - 1 10 0 10 1 10 2 10 - 1 10 0 10 1 10 2 10 3 i d [a] v ds [v] limited by on - state resistance single pulse 0.01 0.02 0.05 0.1 0.2 0.5 10 - 6 10 - 5 10 - 4 10 - 3 10 - 2 10 - 1 10 0 0.01 0.1 1 10 0 0 0 0 0 0 1 z thjc [k/w] t p [s] 0 5 10 15 20 25 30 0 40 80 120 160 p tot [w] t c [ c] 0 10 20 30 40 0 40 80 120 160 i d [a] t c [ c] rev. 2.1 page 4 2013-05-21
BSC120N03LS g 5 typ. output characteristics 6 typ. drain-source on resistance i d =f( v ds ); t j =25 c r ds(on) =f( i d ); t j =25 c parameter: v gs parameter: v gs 7 typ. transfer characteristics 8 typ. forward transconductance i d =f( v gs ); | v ds |>2| i d | r ds(on)max g fs =f( i d ); t j =25 c parameter: t j 3.2 v 3.5 v 4 v 4.5 v 5 v 10 v 11.5 v 0 4 8 12 16 20 24 28 0 10 20 30 40 50 r ds(on) [m w ] i d [a] 25 c 150 c 0 20 40 60 80 100 0 1 2 3 4 5 i d [a] v gs [v] 0 20 40 60 80 100 120 0 40 80 120 160 g fs [s] i d [a] 2.8 v 3 v 3.2 v 3.5 v 4 v 4.5 v 5 v 10 v 0 50 100 150 0 1 2 3 i d [a] v ds [v] rev. 2.1 page 5 2013-05-21
BSC120N03LS g 9 drain-source on-state resistance 10 typ. gate threshold voltage r ds(on) =f( t j ); i d =30 a; v gs =10 v v gs(th) =f( t j ); v gs = v ds ; i d =250 a 11 typ. capacitances 12 forward characteristics of reverse diode c =f( v ds ); v gs =0 v; f =1 mhz i f =f( v sd ) parameter: t j typ 98 % 0 4 8 12 16 20 - 60 - 20 20 60 100 140 180 r ds(on) [m w ] t j [ c] 0 0.5 1 1.5 2 2.5 - 60 - 20 20 60 100 140 180 v gs(th) [v] t j [ c] ciss coss crss 10 0 10 1 10 2 10 3 10 4 0 10 20 30 c [pf] v ds [v] 25 c 150 c 25 c, 98% 150 c, 98% 1 10 100 1000 0.0 0.5 1.0 1.5 2.0 i f [a] v sd [v] rev. 2.1 page 6 2013-05-21
BSC120N03LS g 13 avalanche characteristics 14 typ. gate charge i as =f( t av ); r gs =25 w v gs =f( q gate ); i d =30 a pulsed parameter: t j(start) parameter: v dd 15 drain-source breakdown voltage 16 gate charge waveforms v br(dss) =f( t j ); i d =1 ma 20 22 24 26 28 30 32 34 - 60 - 20 20 60 100 140 180 v br(dss) [v] t j [ c] 25 c 100 c 125 c 1 10 100 1 10 100 1000 i av [a] t av [s] 6 v 15 v 24 v 0 2 4 6 8 10 12 0 4 8 12 16 v gs [v] q gate [nc] rev. 2.1 page 7 2013-05-21 v gs q gate v gs(th) q g(th) q gs q gd q sw q g
BSC120N03LS g package outline pg-tdson-8 pg-tdson-8: outline footprint dimensions in mm rev. 2.1 page 8 2013-05-21
BSC120N03LS g package outline pg-tdson-8: tape dimensions in mm rev. 2.1 page 9 2013-05-21
BSC120N03LS g published by infineon technologies ag 81726 munich, germany ? 2009 infineon technologies ag all rights reserved. legal disclaimer the information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices, please contact the nearest infineon technologies office (www.infineon.com). warnings due to technical requirements, components may contain dangerous substances. for information on the types in question, please contact the nearest infineon technologies office. infineon technologies components may be used in life-support devices or systems only with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. rev. 2.1 page 10 2013-05-21


▲Up To Search▲   

 
Price & Availability of BSC120N03LS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X