Part Number Hot Search : 
TXV1N DA100 02BXAAT 331M16 131A0 99L64 30CTQ80G 2SK356
Product Description
Full Text Search
 

To Download BPF2012LM17R2400A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data shee t wireless components band pass filte r BPF2012LM17R2400A 2.4-2.5 ghz 2012 serie s product specification ? january 30, 2013 v.0
www.yageo.com j an. 30, 2013 v.0 wireless components 2 5 product specification band pass filter ordering information all part numbers are identified by th e series, packing type, material, size, antenna type, working frequency and packing quantity. part number bpf 2012 lm 17 r 2400a (1) (2) (3) (4) (5) (6) ( 1 ) product bpf = band pass filter ( 2 ) size 2012 = 2.0 1.2 ( 3 ) materials material code lm ( 4 ) type 17= type 17 ( 5 ) packing style r = tape and reel ( 6 ) working frequency 2400 =2.4 ghz phycomp ctc cfl4111514172454k 12nc 411151417245 features z compact size design z rohs compliant applications z wlan, 802.11a/b/g/n z bluetooth z ism band
www.yageo.com j an. 30, 2013 v.0 wireless components 3 5 product specification band pass filter specification description v alue pass band 2400-2500 mh z insertion loss 2.6 db (max.), 2.3 db(typ.) vswr 2.0 (max) ripple 0.60d b attenuation 40db min 40db min 20db min 30db min 30db min @ 880~960 mhz @ 1710~1990 mhz @ 2110~2170 mhz @ 4800~5000 mhz @ 7200~7500 mhz operating temperature -25 ~ 85 c table 1 o o u u t t l l i i n n e e s s fig. 1 filter outlines dimensions dimension l (mm) 2.00 0.15 w (mm) 1.25 0.15 t (mm) 1.00 0.15 p (mm) 0.35 0.2 0 c (mm) 0.20 0.15 g (mm) 1.60 0.15 e (mm) 0.25 0.15 f (mm) 0.25 0.15 terminal name function p i/o terminal g ground terminal table 3 termination configuration table 2 machinical dimension
www.yageo.com j an. 30, 2013 v.0 wireless components 4 5 product specification band pass filter electrical performances fig. 2 reference design of evaluation board fig. 3 frequency characteristics type dimension function l(mm) 1.70 0.1 ground pad w(mm) 6.00 0.1 --- p1(mm) 0.76 0.1 feed pad p2(mm) 0.76 0.1 feed pad d(mm) 0.50 0.1 --- o(mm) d=0.3 via hole
www.yageo.com j an. 30, 2013 v.0 wireless components 5 5 product specification band pass filter revision history revision date change notification description version 0 j an 30, 2013 - - new data sheet for band pass filter, 2.45 ghz application, 2012 series


▲Up To Search▲   

 
Price & Availability of BPF2012LM17R2400A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X