Part Number Hot Search : 
201KD14 T6C13B FL014 D1100B 1N456 APX809 2N3700UB 2N3700UB
Product Description
Full Text Search
 

To Download AMRI-5305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? ? amri ? 5305 low power 10 touch controller no. 5, innovation road i, hsinchu science park, hsinchu, taiwan, r.o.c tel: 886-3-5795317 copyright ? ? ? pixart ? imaging ? inc. ? all ? rights ? reserved.
? ? AMRI-5305: low power 10 touch controller description a touch-screen system consists of an lcd or oled display, a touch-sensitive panel, a protective cover plate and a touch controller. the AMRI-5305 is a low-power, 10-touch controller designed specifically to provide a touch screen system with high report rate, touch accuracy, and responsive on-screen navigation, with very low latency. the ic uses a mutual- capacitance measurement technique, where it senses capacitance changes on the touch panel, and detects multiple touch points simultaneously. the AMRI-5305 touch controller is designed specifically for applications in a high-noise environment. it is robust against common-mode, display, and rf noise; thereby eliminating the need for a ground shield on the touch panel, reducing system cost. its high-density drive/sense lines support touch screens up to 5?, with 10 simultaneous touch points. a passive stylus is also supported. larger screens can also be supported where fine-cell spacing is not a priority. the low-power design is ideal for extending battery life. programmable power modes include: run mode [150 hz report rate, 5 tps] 60 mw run mode [80 hz report rate, 1 tp] 32 mw shutdown 145 w additional programmable idle/rest modes are also available. there are 30 kbytes of flash memory for pixart supplied based-line operational code storage. in addition, there are 2 kbytes of flash memory for application-specific data storage, such as saved register settings, custom ized configurations of drive/sense mapping, buttons, sliders and haptics. there is no overlap between the 30 kbytes and 2 kbytes spaces. the controller ic operates from a single 1.7 ? 2.0 v or 2.5 ? 3.6 v supply voltage, with i/o voltage from 1.6 to 3.6 v. the part is housed in a 6 x 6 x 0.55 mm 48-pin tqfn package. features ? multi-touch navigation (up to 10 points) ? support for up to 5? screen (larger depending on application) ? adjustable touch thresholds for up to 1.5 mm pmma or pc curved lens ? cover lens: up to 2 mm glass or 1.5 mm pmma ? gesture support ? buttons and sliders support ? opens/shorts test support ? internal flash for saving user settings ? 1200 dpi resolution at full screen ? greater than 200 hz configurable report rate ? fast response time: < 10 ms ? spi/i 2 c host interface ? operating temperature: -20 to +70 ? c ? haptics output, support for up to 10 waveforms, and a variety of triggers ? lead-free rohs compliant applications ? smart phones ? portable media players ? mobile internet devices (mid) ? personal navigation devices (pnd) ? tablet pc?s
? ? AMRI-5305: low power 10 touch controller figure 1: system block diagram figure 2: functional block diagram


▲Up To Search▲   

 
Price & Availability of AMRI-5305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X