Part Number Hot Search : 
RPSR50E BA3306 P4KE16 68339 0000MH FM107 MSK640 CY3093
Product Description
Full Text Search
 

To Download 715P152920L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? long history of proven reliability ? low dissipation factor. ? tolerances as close as 1%. ? excellent stability, virtually linear temperature coefficient. ? various lead spacings, crimp styles and lead lengths available. specifications capacitance range: .001 f to 0.47 f capacitance tolerance: 1% to 10% voltage ratings: 100 to 2000 volts d-c 70 to 500 volts a-c operating temperature range: -55c to +85c (+105c with proper voltage derating) lead wire: tinned copper-clad steel, .032 (0.8) diameter, #20 awg dissipation factor: see tabulated data. insulation resistance: 400,000 m  minimum at +25c 20,000 m  minimum at +85c 2,000 m  minimum at +105c pulse rise time, dv/dt: see tabulated data. corona start voltage (typical): see tabulated data. encapsulation: conformal coating of flame retardant orange epoxy (meets ul94v-0 specifications) dielectric: polypropylene film. construction: non-inductively wound with extended foil. additional details on general specifications page. applications: switching and high voltage power supplies, inverters, snubbers, resonant converters and electronic lighting ballasts. dimensions in inches, metric (mm) in parenthesis. cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 type 715p, orange drop?, polypropylene film/foil capacitors
general specifications the 715p and 716p series are manufactured with polypropylene f ilm and extended foil. polypropylene has a very low dissipation factor, low dielectric absorption and exhibits excellent capacitance st ability. these characteristics combined w ith the direct connection of the lead wire to the extended foil electrode makes the 715p and 716p series ideal for high current, high pulse applications. the 715p series has a round profile and is available in tolerances as close as 1%. the 716p series has a pressed profile and, in addition, is designed w ith copper leads, thus adding to it's performance in high frequency, high pulse current applications. other specifications are listed below and on the following pages. operating temperature range: the standard operating temperature range for polypropylene film is -55c to +85c. t he 715p and 716p may be operated up to +105c provided the dc working voltage is reduced by 50%. for specific derating of the ac voltage when operating above +85c please contact our design engineering department. the maximum operating temperature for 715p and 7 16p polypropylene film capacitors i s + 105c. dielectric withstanding voltage: units rated below 800 vdc shall withstand a dc p otential of 250% of rated v oltage applied between terminals for not more than 5 seconds; units rated 800 vdc a nd above shall withstand 200% o f rated voltage. construction: units rated 1 00 through 600 vdc are single section designs constructed of plain polypropylene film with extended foil. u nits rated 8 00 vdc and above are series-section designs with extended foil and incorporate a floating common of metallized polypropylene. a ll units are non- inductively wound. temperature coefficient: the typical temperature coefficient is -180 ppm/c over the temperature range of -55c to +85c. humidity testing: units subjected to 95% relative humidity for 72 hours with no voltage applied at +75c. after 4 hours of drying minimum product of insulation resistance and capacitance shall be 50,000 megohm- microfarads. dc voltage life test: minimum of 500 hours at +85c at 150% of rated voltage. after test, capacitance shall not have changed by more than 3%, insulation resistance shall not have decreased by more than 25% and dissipation factor shall not have changed by more than 0.03%. measurements made at 1 khz. ac voltage life test: minimum of 500 hours at +85c at 60 hz. ac test voltage applied at 110% of ac rating. after test, capacitance shall not have changed by more than 3%, insulation resistance shall not have decreased b y more than 25%, and dissipation factor shall not have changed by more than 0.03%. measurements made at 1 khz. additional notes on life testing: cde performs standard 5 00 hour accelerated life tests, both dc and line frequency ac, to monitor pr ocess control over our wide range of products. we also perform longer term life testing, typically 2000 hours, during development of most products. i n addition we do accelerated l ife testing at 10-250 k hz for our high performance ac products. for additional life test information please contact us. cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 type 715p, orange drop?, polypropylene film/foil capacitors
ordering/part number information 715p 222 5 6 j d 3 (xxxx) a suffix may be added b y the factory to denote special construction. lead length 1 = 0.187 (4.7) 0.030 (0.8) 2 = 0.250 (6.4) 0.030 (0.8) 3 = 1.250 (32.0) minimum (other lead lengths available) terminal a = straight lead (1.25 min. lead length) b,f = hairpin crimp c = c aptive crimp 1 d,g,h = hockey stick crimp case code see standard s i zes/ratings table d-c voltage rating expressed in hundreds of volts capacitance tolerance 9 = 10%; 5 = 5%; 3 = 3%; 2 = 2%; 1 = 1% capacitance expressed in picofarads. the first two digits are the significant figures, the third is the number of zeros following, (i.e. 222 = 2200 pf = .0022 f) cde type number identifies the basic capacitor design. 715p round profile, 716p pr essed profile 1 terminal c has a fixed lead length of 0.156 (4.0) 0.020 (0.5), therefore it is not necessary to indicate the lead length digit when ordering. available for "l" case code parts only please note: while it i s not p ossible t o list every capacitance value, tolerance, or design/size variation available, our flexibility in design and manufacturing gives u s the ability to quickly, and cost effectively, provide you with the capacitor you require. please contact us today with your specific needs! dimensions in inches, metric (mm) in parenthesis. cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 type 715p, orange drop?, polypropylene film/foil capacitors
standard lead styles terminal a terminal b ,f terminal d,g,h terminal c standard lead spacings case code n j k l m term. a 0.394 (10) 0.500 (12.7) 0.688 (17.5) 1.031 ( 26.2) 1 406 (35.7) term. b 0.394 (10) 0.500 (12.7) 0.688 (17.5) 0.969 (24.6) 1.344 (34.1) s , inches (metric, mm in parentheses) term. d 0.375 (9.5) 0.375 (9.5) 0.719 (18.3) 1.094 (27.8) term. c * 0.886 (22.5) term. f 0.295 (7.5) 0.394 (10) 0.590 (15) 0.886 (22.5) term. g 0.197 (5) 0.295 (7.5) 0.394 (10) 0.590 (15) 1.083 (27.5) term. h 0.197 (5) 0.295 (7.5) * terminal c is designed for printed circuit boards requiring a lead spacing of 0.886 (22.5) with board hole sizes of 0.044 (1.1) to 0.048 (1.2) in diameter. available for "l" ca se co de parts only. pl ea se consult us if you have a specific requirement. --- standard marking format cde715p600v 222j 9810 cde 715p 600v 222j 9810 - - - - - cde electronics identification type number d-c voltage rating, volts capacitance and tolerance code weekly date code (i.e. 10th week of 1998) f g h j k 1% 2% 3% 5% 10% dimensions in inches, metric (mm) in parenthesis. sample marking on unit description tolerance codes per eia standards --- --- --- --- --- --- --- --- cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 type 715p, orange drop?, polypropylene film/foil capacitors
type 715p standard sizes/ratings 1 value, f part number 2 l max dia max h max value, f part number 2 l max dia max h max 100 vdc / 70 vac* .0056 .006 .0068 .0075 .0082 .009 .01 .012 .015 .018 .022 .025 .027 .033 .039 .047 .05 .056 .062 .068 .075 .082 .09 .1 .12 .15 .18 .2 .22 .25 .27 .3 .33 715p56291n 715p60291n 715p68291n 715p75291n 715p82291n 715p90291n 715p10391n 715p12391n 715p15391n 715p18391n 715p22391n 715p25391n 715p27391n 715p33391n 715p39391j 715p47391j 715p50391j 715p56391j 715p62291j 715p68391j 715p75391k 715p82391k 715p90391k 715p10491k 715p12491k 715p15491k 715p18491k 715p20491k 715p22491k 715p25491l 715p27491l 715p30491l 715p33491l .57 .57 .57 .57 .57 .57 .57 .57 .57 .57 .57 .57 .57 .57 .70 .70 .70 .70 .70 .70 .90 .90 .90 .90 .90 .90 .90 .90 .90 (14.5) (14.5) (14.5) (14.5) (14.5) (14.5) (14.5) (14.5) (14.5) (14.5) (14.5) (14.5) (14.5) (14.5) (17.8) (17.8) (17.8) (17.8) (17.8) (17.8) (22.9) (22.9) (22.9) (22.9) (22.9) (22.9) (22.9) (22.9) (22.9) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) .25 .25 .26 .26 .27 .26 .26 .28 .29 .31 .33 .35 .35 .38 .34 .36 .37 .38 .40 .41 .36 .37 .38 .40 .43 .46 .50 .52 .54 .47 .48 .50 .52 (6.4) (6.4) (6.6) (6.6) (6.9) (6.6) (6.6) (7.1) (7.4) (7.9) (8.4) (8.9) (8.9) (9.7) (8.6) (9.1) (9.4) (9.7) (10.2) (10.4) (9.1) (9.4) (9.7) (10.2) (10.9) (11.7) (12.7) (13.2) (13.7) (11.9) (12.2) (12.7) 13.2) .31 .31 .32 .32 .33 .32 .32 .34 .35 .37 .39 .41 .41 .44 .40 .42 .43 .44 .46 .47 .42 .43 .44 .46 .49 .52 .56 .58 .60 .53 .54 .56 .58 (7.9) (7.9) (8.1) (8.1) (8.4) (8.1) (8.1) (8.6) (8.9) (9.4) (9.9) (10.4) (10.4) (11.2) (10.2) (10.7) (10.9) (11.2) (11.7) (11.9) (10.7) (10.9) (11.2) (11.7) (11.9) (13.2) (14.2) (14.7) (15.2) (13.5) (13.7) (14.2) (14.7) 200 vdc /1 55 va c* .082 .1 .12 .15 .18 .22 .27 .33 .39 .47 715p82392l 715p10492l 715p12492l 715p15492l 715p18492l 715p22492l 715p27492m 715p33492m 715p39492m 715p47492m 1.25 1.25 1.25 1.25 1.25 1.25 1.65 1.65 1.65 1.65 (31-8) (31.8) (31.8) (31.8) (31.8) (31.8) (41.9) (41.9) (41.9) (41.9) .36 .38 .41 .44 .47 .51 .49 .53 .56 .60 (9.1) (9.7) (10.4) (11.2) (11.9) (13.0) (12.4) (13.5) (14.2) (15.2) .42 .44 .47 .5 .53 .57 .55 .59 .62 .66 (10.7) (11.2) (11.9) (12.7) (13.5) (14.5) (14.0) (15.0) (15.7) (16.8) 400 vd c / 200 va c* .001 .0012 .0015 .0018 .0022 .0027 .0033 .0039 .0047 .0056 .0068 .0082 .01 .012 .015 .018 .022 .027 .033 .039 .047 .056 .068 .082 .1 .12 .15 .18 .22 .27 .33 .39 .47 715p10294j 715p12294j 715p15294j 715p18294j 715p22294j 715p27294j 715p33294j 715p39294j 715p47294j 715p56294j 715p68294j 715p82294j 715p10394j 715p12394j 715p15394j 715p18394k 715p22394k 715p27394k 715p33394k 715p39394l 715p47394l 715p56394l 715p68394l 715p82394l 715p10494l 715p12494l 715p15494l 715p18494m 715p22494m 715p27494m 715p33494m 715p39494m 715p47494m .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .90 (22.9) .90 (22.9) .90 (22.9) .90 (22.9) 1.25 (31.8) 1.25 (31.8) 1.25 ( 31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.65 (41.9) 1.65 (41.9) 1.65 (41.9) 1.65 (41.9) 1.65 (41.9) 1.65 (41.9) .35 .36 .32 .34 .33 .35 .32 .34 .34 .36 .29 .30 .30 .32 .34 .31 .33 .36 .38 .35 .37 .39 .42 .45 .48 .52 .56 .54 .58 .63 .70 .75 .82 (8.9) (9.1) (8.1) (8.6) (8.4) (8.9) (8.1) (8.6) (8.6) (9.1) (7.4) (7.6) (7.6) (8.1) (8.6) (7.9) (8.4) (9.1) (9.7) (8.9) (9.4) (9.9) (10.7) (11.4) (12.2) (13.2) (14.2) (13.7) (14.7) (16.0) (17.8) (19.1) (20.8) .39 .40 .36 .38 .37 .39 .36 .38 .38 .40 .35 .36 .36 .38 .40 .37 .39 .42 .44 .41 .43 .45 .48 .51 .54 .58 .62 .60 .64 .69 .76 .81 .88 (9.9) (10.2) (9.1) (9.7) (9.4) (9.9) (9.1) (9.7) (9.7) (10.2) (8.9) (9.1) (9.1) (9.7) (10.2) (9.4) (9.9) (10.7) (11.2) (10.4) (10.9) (11.4) (12.2) (13.0) (13.7) (14.7) (15.7) (15.2) (16.3) (17.5) (19.3) (20.6) (22.4) 200 vd c /1 55 vac* .01 .012 .015 .018 .022 .027 .033 .039 .047 .056 .068 715p10392j 715p12392j 715p15392j 715p18392j 715p22392j 715p27392j 715p33392j 715p39392k 715p47392k 715p56392k 715p68392k .70 .70 .70 .70 .70 .70 .70 .90 .90 .90 .90 (17.8) (17.8) (17.8) (17.8) (17.8) (17.8) (17.8) (22.9) (22.9) (22.9) (22.9) .25 .26 .28 .29 .31 .33 .36 .32 .34 .37 .39 (6.4) (6.6) (7.1) (7.4) (7.9) (8.4) (9.1) (8.1) (8.6) (9.4) (9.9) .31 .32 .34 .35 .37 .39 .42 .38 .40 .43 .45 (7.9) (8.1) (8.6) (8.9) (9.4) (9.9) (10.7) (9.7) (10.2) (10.9) (11.4) 1 shaded part numbers, when ordered as 5% tolerance with d3 leads, are standard stock items available through the cde distribution network. f or complete part number add letter and number for terminal style and lead length in accordance with o rdering information, (i.e. 715p10452ld3) 2 to complete part number for proper tol erance, terminal style and lead length please refer to ordering/part number information page. * please refer to performance curves for rms voltage vs. frequency characteristics. dimensions in inches, metric (mm) in parenthesis. cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 type 715p, orange drop?, polypropylene film/foil capacitors
type 715p standard sizes/ratings 1 value, f part number 2 l max dia max h max value, f part number l max dia max h max 600 vdc / 2 00 vac* .001 .0012 .0015 .0018 .0022 .0027 .0033 .0039 .0047 .0056 .0068 .0082 .01 .012 .015 .018 .022 .027 .033 .039 .047 .056 .068 .082 .1 .12 .15 .18 .22 715p10296j 715p12296j 715p15296j 715p18296j 715p22296j 715p27296j 715p33296j 715p39296j 715p47296j 715p56296j 715p68296j 715p82296k 715p10396k 715p12396k 715p15396k 715p18396k 715p22396k 715p27396l 715p33396l 715p39396l 715p47396l 715p56396l 715p68396l 715p82396l 715p10496l 715p12496m 715p15496m 715p18496m 715p22496m .70 .70 .70 .70 .70 .70 .70 .70 .70 .70 .70 .90 .90 .90 .90 .90 .90 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.65 1.65 1.65 1.65 (17.8) (17.8) (17.8) (17.8) (17.8) (17.8) (17.8) (17.8) (17.8) (17.8) (17.8) (22.9) (22.9) (22.9) (22.9) (22.9) (22.9) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (41.9) (41.9) (41.9) (41.9) .35 .36 .32 .34 .33 .35 .32 .34 .34 .36 .38 .34 .36 .38 .42 .44 .48 .43 .46 .49 .52 .56 .60 .65 .71 .65 .71 .77 .83 (8.9) (9.1) (8.1) (8.6) (8.4) (8.9) (8.1) (8.6) (8.6) (9.1) (9.7) (8.6) (9.1) (9.7) (10.7) (11.2) (12.2) (10.2) (11.7) (12.4) (13.2) (14.2) (15.2) (16.5) (18.0) (16.5) (18.0) (19.6) (21.1) .39 .40 .36 .38 .37 .39 .36 .38 .38 .40 .42 .38 .40 .42 .46 .48 .52 .47 .50 .53 .56 .60 .64 .69 .75 .69 .75 .81 .85 (9.9) (10.2) (9.1) (9.7) (9.4) (9.9) (9.1) (9.7) (9.7) (10.2) (10.7) (9.7) (10.2) (10.7) (11.7) (12.2) (13.2) (11.9) (12.7) (13.5) (14.2) (15.2) (16.3) (17.5) (19.2) (17.5) (19.1) (20.6) (21.6) 800 vdc / 450 vac* .0056 .0068 .0082 .01 .012 .015 .018 .022 .027 .033 .039 .047 .056 .068 .082 .1 715p56298l 715p68298l 715p82298l 715p10398l 715p12398l 715p15398l 715p18398l 715p22398l 715p27398l 715p33398l 715p39398m 715p47398m 715p56398m 715p68398m 715p82398m 715p10498m 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.65 1.65 1.65 1.65 1.65 1.65 (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (41.9) (41.9) (41.9) (41.9) (41.9) (41.9) .28 .29 .31 .33 .35 .38 .41 .44 .47 .51 .47 .50 .53 .58 .62 .67 (71) (7.4) (7.9) (8.4) (8.9) (9.7) (10.4) (11.2) (11.9) (13.0) (11.9) (12.7) (13.5) (14.7) (15.7) (17.0) .34 .35 .37 .39 .41 .44 .47 .50 .53 .57 .53 .56 .59 .64 .68 .73 (8.6) (8.9) (9.4) (9.9) (10.4) (11.2) (11.9) (12.7) (13.5) (14.5) (13.5) (14.2) (15.0) (16.3) (17.3) (18.5) 1000 vdc / 4 50 vac* .0056 .0068 .0082 .01 .012 .015 .018 .022 .027 .033 .039 .047 .056 .068 .082 .1 715p562910l 715p682910l 715p822910l 715p103910l 715p123910l 715p153910l 715p183910l 715p223910l 715p273910l 715p333910l 715p393910m 715p473910m 715p563910m 715p683910m 715p823910m 715p104910m 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.65 1.65 1.65 1.65 1.65 1.65 (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (41.9) (41.9) (41.9) (41.9) (41.9) (41.9) .28 .29 .31 .33 .35 .38 .41 .44 .47 .51 .47 .50 .53 .58 .62 .67 (7.1) (7.4) (7.9) (8.4) (8.9) (9.7) (10.4) (11.2) (11.9) (13.0) (11.9) (12.7) (13.5) (14.7) (15.7) (17.0) .34 .35 .37 .39 .41 .44 .47 .50 .53 .57 .53 .56 .59 .64 .68 .73 (8.6) (8.9) (9.4) (3.9) (10.4) (11.2) (11.9) (12.7) (13.5) (14.5) (13.5) 14.2) (15.0) (16.3) (17.3) (18.5) 1200 vdc / 4 75 vac* .001 .0012 .0015 .0018 .0022 .0027 .0033 .0039 .0047 .0056 .0068 .0082 .01 .012 .015 .018 .022 .027 .033 .039 .047 715p102912l 715p122912l 715p152912l 715p182912l 715p222912l 715p272912l 715p332912l 715p392912l 715p472912l 715p562912l 715p682912l 715p822912l 715p103912l 715p123912l 715p153912l 715p183912m 715p223912m 715p273912m 715p333912m 715p393912m 715p473912m 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.65 1.65 1.65 1.65 1.65 1.65 (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (41.9) (41.9) (41.9) (41.9) (41.9) (41.9) .29 .30 .32 .34 .35 .38 .32 .34 .36 .38 .41 .44 .47 .51 .55 .50 .54 .59 .64 .68 .74 (7.4) (7.6) (8.1) (8.6) (8.9) (9.7) (8.1) (8.6) (9.1) (9.7) (10.4) (11.2) (11.9) (13.0) (14.0) (12.7) (13.7) (15.0) (16.3) (17.3) (18.8) .33 .34 .36 .38 .39 .42 .38 .40 .42 .44 .47 .50 .53 .57 .61 .56 .60 .65 .70 .74 .80 (8.4) (8.6) (9.1) (9.7) (9.9) (10.7) (9.7) (10.2) (10.7) (11.2) (11.9) (12.7) (13.5) (14.5) (15.5) (14.2) (15.2) (16.5) (17.8) (18.8) (20.3) 1 shaded part numbers, when ordered as 5% tolerance with d3 l eads, are standard stock items available through the cde distribution network. for complete part number add letter and number for terminal style and lead length in accordance with ordering information, (i.e. 715p10452ld3) 2 to complete part number for proper tolerance, terminal style and lead length please refer to ordering/part number information page. * please refer to performance curves for rms voltage vs. frequency characteristics. dimensions in inches, metric (mm) in parenthesis. cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 type 715p, orange drop?, polypropylene film/foil capacitors
type 715p standard sizes/ratings 1 value, f part n umber 2 l max dia max h max value, f part number 2 l max dia max h max 1600 vdc / 5 00 vac* .001 .0012 .0015 .0018 .0022 .0027 .0033 .0039 .0047 .0056 .0068 .0082 .01 .012 .015 .018 .022 .027 .033 715p102916l 715p122916l 715p152916l 715p182916l 715p222916l 715p272916l 715p332916l 715p392916l 715p472916l 715p562916l 715p682916l 715p822916l 715p103916l 715p123916m 715p153916m 715p183916m 715p223916m 715p273916m 715p333916m 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.65 1.65 1.65 1.65 1.65 1.65 (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (41.9) (41.9) (41.9) (41.9) (41.9) (41.9) .29 .30 .32 .34 .35 .38 .40 .43 .46 .49 .52 .56 .61 .54 .59 .63 .69 .74 .81 (7.4) (7.6) (8.1) (8.6) (8.9) (9.7) (10.2) (10.9) (11.7) (12.4) (13.2) (14.2) (15.5) (13.7) (15.0) (16.0) (17.5) (18.8) (20.6) .33 .34 .36 .38 .39 .42 .44 .47 .50 .53 .56 .60 .65 .58 .63 .67 .73 .78 .85 (8.4) (8.6) (9.1) (9.7) (9.9) (10.7) (11.2) (11.9) (12.7) (13.5) (14.2) (15.2) (16.5) (14.7) (16.0) (17.0) (18.5) (19.8) (21.6) 2000 vdc / 500 vac* .001 .0012 .0015 .0018 .0022 .0027 .0033 .0039 .0047 .0056 .0068 .0082 .01 .012 .015 .018 .022 .027 .033 715p102920l 715p122920l 715P152920L 715p182920l 715p222920l 715p272920l 715p332920l 715p392920l 715p472920l 715p562920l 715p682920l 715p822920l 715p103920l 715p123920m 715p153920m 715p183920m 715p223920m 715p273920m 715p333920m 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.65 1.65 1.65 1.65 1.65 1.65 (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (31.8) (41.9) (41.9) (41.9) (41.9) (41.9) (41.9) .29 .30 .32 .34 .35 .38 .40 .43 .46 .49 .52 .56 .61 .54 .59 .63 .69 .74 .81 (7.4) (7.6) (8.1) (8.6) (8.9) (9.7) (10.2) (10.9) (11.7) (12.4) (13.2) (14.2) (15.5) (13.7) (15.0) (16.0) (17.5) (18.8) (20.6) .33 .34 .36 .38 .39 .42 .44 .47 .50 .53 .56 .60 .65 .58 .63 .67 .73 .78 .85 (8.4) (8.6) (9.1) (9.7) (9.9) (10.7) (11.2) (11.9) (12.7) (13.5) (14.2) (15.2) (16.5) (14.7) (16.0) (17.0) (18.5) (19.8) (21.6) 1 shaded part numbers, when ordered as 5% tolerance with d3 leads, are standard stock items available through the cde distribution network. f or complete part number add letter and number for terminal style and lead length in accordance with ordering information, (i.e. 715p10452ld3) 2 to complete part number for proper tolerance, terminal style and lead length please refer to ordering/part number information page. * please refer to performance curves for rms voltage vs. frequency characteristics. please note: it is not possible to list every capacitance value available for each rating, if you require a specific cap value not listed just give us a call. we will supply the details you need. dimensions in inches, metric (mm) in parenthesis. cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 type 715p, orange drop?, polypropylene film/foil capacitors
corona, dissipation factor specifications corona start voltage d-c rating 100 200 400, 600 800, 1000 1200 1600, 2000 typical corona start voltage, rms 250 300 325 600 625 650 maximum dissipation factor (d.f.) in % cap range (f) .001 - .01 .012 - .022 .027 - .047 .056 - .068 .082 - .1 .12 - .15 .18 - .22 .27 - .33 .39 - 47 100v-600v 20khz .029 .031 .034 .037 .042 .049 .059 .074 .093 100khz .040 .050 .071 .089 .116 .158 .217 .309 427 800v/1000v 20khz .039 .040 .055 .058 .063 -- -- -- -- 100khz .088 .098 .175 .193 .220 1200v 20khz .035 .043 .047 100khz .068 .111 .132 1600v/2000v 20khz .033 .039 .041 100khz .059 .093 .102 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- . cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 type 715p, orange drop?, polypropylene film/foil capacitors
dv/dt specifications maximum pulse rise time (dv/dt) in volts/sec cap value (f) .001 .0012 .0015 .0018 .0022 .0027 .0033 .0039 .0047 .0056 .0068 .0082 .01 .012 .015 .018 .022 .027 .033 .039 .047 .056 .068 .082 .1 .12 .15 .18 .22 .27 .33 .39 47 100v - - - - - - - - 4900 4500 4100 3700 3400 3000 2800 2500 2200 2000 1900 1700 1500 1300 1200 1100 900 800 800 700 600 500 - 200v - - - - - - - - - - - 4400 4100 3600 3300 3000 2700 2400 2100 1900 1800 1600 1400 1200 1100 1000 910 820 690 620 570 520 400v 19900 18200 16200 14800 13400 12100 11000 10100 9200 8400 7600 6900 6300 5700 5100 4400 4000 3600 3200 2800 2500 2300 2100 1900 1700 1600 1400 1200 1100 970 880 810 740 600v 19900 18200 16200 14800 13400 12100 11000 10100 9200 8400 7600 6500 5900 5400 4800 4400 4000 3300 3000 2800 2500 2300 2100 1900 1700 1500 1300 1200 1100 - - - - 800v/ 1000v - - - - - - - - 16400 14900 13600 12300 11200 10000 9200 8300 7500 6800 6200 5300 4800 4400 4000 3600 - - - - - - - - 1200v 43200 39500 35300 32200 29100 25000 22600 20800 18900 17400 15700 14300 13000 11900 10600 9000 8100 7300 6600 6100 5600 - - - - - - - - - - - - 1600v/ 2000v 43200 39500 35300 32200 29100 26300 23800 21900 19900 18300 16600 15100 13700 11600 10300 9400 8500 7700 7000 - - - - - - - - - - - - - - note: dv/dt ratings based on measurements made at junction of the wire leads a nd capacitor body. - - - - . cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 type 715p, orange drop?, polypropylene film/foil capacitors
rms voltage vs. frequency @ +85c type 715p, 100 vdc voltage (rms) frequency (khz) type 715p, 200 vdc voltage (rms) frequency (khz) cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 type 715p, orange drop?, polypropylene film/foil capacitors
rms voltage vs. frequency @ +85c type 715p, 400 vdc voltage (rms) frequency (khz) type 715p, 600 vdc voltage (rms) frequency (khz) cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 type 715p, orange drop?, polypropylene film/foil capacitors
rms voltage vs. frequency @ +85c type 715p, 800/1000 vdc voltage (rms) frequency (khz) type 715p, 1200 vdc voltage (rms) frequency (khz) cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 type 715p, orange drop?, polypropylene film/foil capacitors
rms voltage vs. frequency @ +85c type 715p, 1600/2000 vdc voltage (rms) frequency (khz) cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 type 715p, orange drop?, polypropylene film/foil capacitors
typical impedance vs. frequency |z| (ohms) frequency (mhz) |z| (ohms) frequency (mhz) |z| (ohms) frequency (mhz) |z| (ohms) frequency (mhz) |z| (ohms) frequency (mhz) |z| (ohms) frequency (mhz) please note: capacitance values above are in f the resonant frequency and impedance shown above apply to units with a 0.250" lead length and are typical values only. please contact us for data on the 100vdc rated units. cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 type 715p, orange drop?, polypropylene film/foil capacitors
4 notice and disclaimer: all product drawings, descriptions, specifcations, statements, information and data (collectively, the information) in this datasheet or other publication are subject to change. the customer is responsible for checking, confrming and verifying the extent to which the information con - tained in this datasheet or other publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without any guaran - tee, warranty, representation or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on the knowledge that the cornell dubilier company providing such statements (cornell dubilier) has of operating conditions that such cornell dubilier company regards as typical for such applications, but are not intended to constitute any guarantee, warranty or representa - tion regarding any such matter C and cornell dubilier specifcally and expressly disclaims any guarantee, warranty or representation concerning the suitability for a specifc customer application, use, storage, transportation, or operating environment. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by cornell dubilier with reference to the use of any cornell dubilier products is given gratis (unless otherwise specifed by cornell dubilier), and cornell dubilier assumes no obligation or liability for the advice given or results obtained. although cornell dubilier strives to apply the most stringent quality and safety standards regarding the design and manufacturing of its products, in light of the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies or other appropriate protective measures) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indi - cated in such warnings, cautions and notes, or that other safety measures may not be required. ac


▲Up To Search▲   

 
Price & Availability of 715P152920L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X