Part Number Hot Search : 
CR24771 P2010 KBPC5010 08P06P C66CM3 RXF0EID0 MM3Z22VB VFD10C05
Product Description
Full Text Search
 

To Download 691213600001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions: [mm] recommended hole pattern: [mm] properties value unit pins 1a length l 10.16 mm article properties: wrth elektronik eisos gmbh & co. kg emc & inductive solutions max-eyth-str. 1 74638 waldenburg germany tel. +49 (0) 79 42 945 - 0 www.we-online.com eisos@we-online.com created checked general tolerance projection method xla fbr din iso 2768-1m description serie 2136 - 10.16 mm vertical entry w. rising cage clamp wr-tbl order code 691 213 600 001 revision status date business unit page 001.001 valid 2016-11-25 eican 1/4 this electronic component has been designed and developed for usage in general electronic equipment only. this product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. moreover wrth elektronik eisos gmbh & co kg products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. wrth elektronik eisos gmbh & co kg must be informed about the intent of such usage before the design-in stage. in addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. 0,6 10 0,1 8,1 0,1 3,5 2,3 0,75 1 x 0,5 2,54 l 0,1 0,6 2,6 x 2 o 1 , 3
pins p l l order code 1a 10.16 mm 691 213 600 001 1b 15.24 mm 691 213 600 101 2 10.16 mm 15.16 mm 691 213 600 002 article properties: properties value unit standard polarities 1) 01a;02;01b pitch 10.16 mm kind properties: 1) delivery ex stock for standard polarities, non standard have extended leadtimes insulator material pa6/66 insulator color green insulator flammability rating ul94-v0 contact material copper alloy contact plating nickel tin-plated surface terminal screw plating zinc wire guard copper alloy material properties: operating temperature -30 c up to +120 c compliance lead free / rohs general properties: properties test conditions value unit ul vde rated current i r 14 14 a working voltage 300 750 v (ac) withstanding voltage 1 min 1600 3000 v (ac) contact resistance r 20 m electrical properties: tightening torque 0.5 nm wire strip length 6 (mm) screw m3 mechanical properties: solid wire section (imperial) 14 to 30 (awg) solid wire section (metric) 2.08 to 0.0509 (mm2) stranded wire section (imperial) 14 to 30 (awg) stranded wire section (metric) 2.08 to 0.0509 (mm2) wire properties: ul approval e150931 cat no. cii (4) vde approval 40021366 type cii standard: packaging box packaging properties: wrth elektronik eisos gmbh & co. kg emc & inductive solutions max-eyth-str. 1 74638 waldenburg germany tel. +49 (0) 79 42 945 - 0 www.we-online.com eisos@we-online.com created checked general tolerance projection method xla fbr din iso 2768-1m description serie 2136 - 10.16 mm vertical entry w. rising cage clamp wr-tbl order code 691 213 600 001 revision status date business unit page 001.001 valid 2016-11-25 eican 2/4 this electronic component has been designed and developed for usage in general electronic equipment only. this product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. moreover wrth elektronik eisos gmbh & co kg products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. wrth elektronik eisos gmbh & co kg must be informed about the intent of such usage before the design-in stage. in addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
classification wave soldering profile: profile feature pb-free assembly sn-pb assembly preheat temperature min 1) t s min 100 c 100 c preheat temperature typical t s typical 120 c 120 c preheat temperature max t s max 130 c 130 c preheat time t s from t s min to t s max t s 70 seconds 70 seconds ramp-up rate t 150 c max. 150 c max. peak temperature t p 250 c - 260 c 235 c - 260 c time of actual peak temperature t p max. 10 seconds max. 5 seconds each wave max. 10 seconds max. 5 seconds each wave ramp-down rate, min ~ 2 k/ second ~ 2 k/ second ramp-down rate, typical ~ 3.5 k/ second ~ 3.5 k/ second ramp-down rate, max ~ 5 k/ second ~ 5 k/ second time 25c to 25c 4 minutes 4 minutes classification wave soldering profile: 1) refer to en61760-1:2006 refer to en61760-1:2006 wrth elektronik eisos gmbh & co. kg emc & inductive solutions max-eyth-str. 1 74638 waldenburg germany tel. +49 (0) 79 42 945 - 0 www.we-online.com eisos@we-online.com created checked general tolerance projection method xla fbr din iso 2768-1m description serie 2136 - 10.16 mm vertical entry w. rising cage clamp wr-tbl order code 691 213 600 001 revision status date business unit page 001.001 valid 2016-11-25 eican 3/4 this electronic component has been designed and developed for usage in general electronic equipment only. this product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. moreover wrth elektronik eisos gmbh & co kg products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. wrth elektronik eisos gmbh & co kg must be informed about the intent of such usage before the design-in stage. in addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. temperature time t p t p t s max t s typical t s min first wave preheat area cool down area second wave typical temperature procedure min temperature procedure max temperature procedure
important notes the following conditions apply to all goods within the product range of wrth elektronik eisos gmbh & co. kg: 1. general customer responsibility some goods within the product range of wrth elektronik eisos gmbh & co. kg contain statements regarding general suitability for certain application areas. these statements about suitability are based on our knowledge and experience of typical requirements concerning the areas, serve as general guidance and cannot be estimated as binding statements about the suitability for a customer application. the responsibility for the applicability and use in a particular customer design is always solely within the authority of the customer. due to this fact it is up to the customer to evaluate, where appropriate to investigate and decide whether the device with the specific product characteristics described in the product specification is valid and suitable for the respective customer application or not. 2. customer responsibility related to specific, in particular safety-relevant applications it has to be clearly pointed out that the possibility of a malfunction of electronic components or failure before the end of the usual lifetime cannot be completely eliminated in the current state of the art, even if the products are operated within the range of the specifications. in certain customer applications requiring a very high level of safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health it must be ensured by most advanced technological aid of suitable design of the customer application that no injury or damage is caused to third parties in the event of malfunction or failure of an electronic component. therefore, customer is cautioned to verify that data sheets are current before placing orders. the current data sheets can be downloaded at www.we-online.com. 3. best care and attention any product-specific notes, cautions and warnings must be strictly observed. any disregard will result in the loss of warranty. 4. customer support for product specifications some products within the product range may contain substances which are subject to restrictions in certain jurisdictions in order to serve specific technical requirements. necessary information is available on request. in this case the field sales engineer or the internal sales person in charge should be contacted who will be happy to support in this matter. 5. product r&d due to constant product improvement product specifications may change from time to time. as a standard reporting procedure of the product change notification (pcn) according to the jedec-standard inform about minor and major changes. in case of further queries regarding the pcn, the field sales engineer or the internal sales person in charge should be contacted. the basic responsibility of the customer as per section 1 and 2 remains unaffected. 6. product life cycle due to technical progress and economical evaluation we also reserve the right to discontinue production and delivery of products. as a standard reporting procedure of the product termination notification (ptn) according to the jedec-standard we will inform at an early stage about inevitable product discontinuance. according to this we cannot guarantee that all products within our product range will always be available. therefore it needs to be verified with the field sales engineer or the internal sales person in charge about the current product availability expectancy before or when the product for application design-in disposal is considered. the approach named above does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 7. property rights all the rights for contractual products produced by wrth elektronik eisos gmbh & co. kg on the basis of ideas, development contracts as well as models or templates that are subject to copyright, patent or commercial protection supplied to the customer will remain with wrth elektronik eisos gmbh & co. kg. wrth elektronik eisos gmbh & co. kg does not warrant or represent that any license, either expressed or implied, is granted under any patent right, copyright, mask work right, or other intellectual property right relating to any combination, application, or process in which wrth elektronik eisos gmbh & co. kg components or services are used. 8. general terms and conditions unless otherwise agreed in individual contracts, all orders are subject to the current version of the general terms and conditions of wrth elektronik eisos group, last version available at www.we-online.com. wrth elektronik eisos gmbh & co. kg emc & inductive solutions max-eyth-str. 1 74638 waldenburg germany tel. +49 (0) 79 42 945 - 0 www.we-online.com eisos@we-online.com created checked general tolerance projection method xla fbr din iso 2768-1m description serie 2136 - 10.16 mm vertical entry w. rising cage clamp wr-tbl order code 691 213 600 001 revision status date business unit page 001.001 valid 2016-11-25 eican 4/4 this electronic component has been designed and developed for usage in general electronic equipment only. this product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. moreover wrth elektronik eisos gmbh & co kg products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. wrth elektronik eisos gmbh & co kg must be informed about the intent of such usage before the design-in stage. in addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


▲Up To Search▲   

 
Price & Availability of 691213600001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X