Part Number Hot Search : 
FPD6836 P003H BGD902 5HN02M C8015 12003 SH223SV CM1895
Product Description
Full Text Search
 

To Download 2SD2625V9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SD2625V9 rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-3p ?? npn ?? silicon npn transistor in a to-3p plastic package. ? high speed switching ?? high frequency electronic lighting ballast applications. pin1 base pin 2 collector pin 3 emitter ?? / h fe classifications & marking ?? see marking instructions. / descriptions / features ? / applications ? / equivalent circuit / pinning
2SD2625V9 rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo 700 v collector to emitter voltage v ceo 400 v emitter to base voltage v ebo 9.0 v collector current - continuous i c 8.0 a collector power dissipation p c 2.0 w collector power dissipation p c (tc=25 ) 100 w junction temperature t j 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit collector to base voltage v cbo i c =1ma i e =0 700 v collector to emitter voltage v ceo i c =10ma i b =0 400 v emitter to base voltage v ebo i e =1ma i c =0 9.0 v collector cut-off current i cbo v cb =700v i e =0 0.1 ma collector cut-off current i ceo v ce =400v i b =0 0.1 ma emitter base cut-off current i ebo v eb =9.0v i c =0 0.1 ma dc current gain h fe v ce =5.0v i c =2.0a 10 40 collector to emitter saturation v oltage v ce(sat) i c =5.0a i b =1.0a 0.9 v base to emitter saturation voltage v be(sat) i c =5.0a i b =1.0a 1.5 v transition frequency f t v ce =10v i c =0.5a f=1.0mhz 8.0 mhz fall time t f v ce =5v i c =0.5a (ui9600) 0.6 s storage time t s 3.0 9.0 s ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
2SD2625V9 rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve soa(dc) p c -t c h fe -ic h fe -ic vces-i c vbes-i c t s -ta h fe -ta
2SD2625V9 rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
2SD2625V9 rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br    ?? d2625   ??? v9    ? ****   ???? note: br: company code. d2625: product type. v9: specifications code. ****: lot no. code, code change with lot no. d2625 **** br v9
2SD2625V9 rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp.:2705 time:101 sec ? / packaging spec. ??? / tube package type ?? units ? dimension ?? (unit mm 3 ) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-3p 30 15 450 5 2250 497.5468 55516450 575 290 180 ?? / notices


▲Up To Search▲   

 
Price & Availability of 2SD2625V9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X