Part Number Hot Search : 
ADP3164 CLM4302 23226414 00M35 B2135T DT70T OPL7320 NTE15034
Product Description
Full Text Search
 

To Download VBO130 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2010 ixys all rights reserved 1 - 1 ixys reserves the right to change limits, test conditions and dimensions. 20100706b vbo 130 i dav = 122 a v rrm = 800-1800 v symbol conditions maximum ratings i dav t c = 100c, module 122 a i dav t a = 35c (r thca = 0.2 k/w), module 115 a i fsm t vj = 45c t = 10 ms (50 hz), sine 1800 a v r = 0 t = 8.3 ms (60 hz), sine 1950 a t vj = t vjm t = 10 ms (50 hz), sine 1600 a v r = 0 t = 8.3 ms (60 hz), sine 1800 a i 2 t t vj = 45c t = 10 ms (50 hz), sine 16 200 a 2 s v r = 0 t = 8.3 ms (60 hz), sine 16 200 a 2 s t vj = t vjm t = 10 ms (50 hz), sine 12 800 a 2 s v r = 0 t = 8.3 ms (60 hz), sine 13 400 a 2 s t vj -40...+150 c t vjm 150 c t stg -40...+125 c v isol 50/60 hz, rms t = 1 min 2500 v~ i isol < 1 ma t = 1 s 3000 v~ m d mounting torque (m6) 5 15% nm terminal connection torque (m6) 5 15% nm weight typ. 270 g dimensions in mm (1 mm = 0.0394") features ? package with screw terminals ? isolation voltage 3000 v~ ? planar passivated chips ? blocking voltage up to 1800 v ? low forward voltage drop ? ul registered e 72873 applications ? supplies for dc power equipment ? input rectifiers for pwm inverter ? battery dc power supplies ? field supply for dc motors advantages ? easy to mount with two screws ? space and weight savings ? improved temperature and power cycling v rsm v rrm type vv 900 800 vbo 130-08no7 1300 1200 vbo 130-12no7 1700 1600 vbo 130-16no7 1900 1800 vbo 130-18no7 data according to iec 60747 refer to a single diode unless otherwise stated. symbol conditions characteristic values i r v r = v rrm t vj = 25c < 0.3 ma v r = v rrm t vj = t vjm <5ma v f i f = 300 a t vj = 25c < 1.65 v v t0 for power-loss calculations only 0.8 v r t t vj = t vjm 3m r thjc per diode, 180 0.65 k/w per module 0.108 k/w r thjk per diode; 180 0.83 k/w per module 0.138 k/w d s creeping distance on surface 10 mm d a creepage distance in air 9.4 mm a max. allowable acceleration 50 m/s 2 single phase rectifier bridge + ? ~ ~ m 6 x 1 2 7 3 30 27 6.5 6.5 c~ e~ a+ b- 54 15 12 25 66 26 26 72 80 94 4 5 6 3 1 2 7 m6 ~ ~ + - preliminary data


▲Up To Search▲   

 
Price & Availability of VBO130

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X