Part Number Hot Search : 
N5353B AD5346 S1R72003 EKLDL160 40360 2545ET CMO5CCE MT9M024
Product Description
Full Text Search
 

To Download TPAT0305A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tpat- a series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 1 of 4 description miniature surface mounted dc/dc converters are an ideal and economical solution for many applications where noise reduction, voltage isolation, voltage conversion in distributed power systems is required. these converters are qualified for the higher temperatures requested by lead-free reflow solder processes, especially for automated smd production lines. 1w 3kvdc isolated single output smd dc/dc converters selection guide part number nominal input voltage output voltage output current (max./min) efficiency v v m a % tpat0303 a 3.3 3.3 303/30.3 70 tpat0305 a 3.3 5 201/20.1 70 tpat0309 a 3.3 9 111/11.1 72 tpat0312 a 3.3 12 83/8.3 75 tpat0315 a 3.3 15 67/6.7 80 tpat0503 a 5 3.3 303/30.3 70 tpat0505 a 5 5 201/20.1 70 tpat0509 a 5 9 111/11.1 72 tpat0512 a 5 12 83/8.3 75 tpat0515 a 5 15 67/6.7 80 tpat1203 a 12 3.3 303/30.3 70 tpat1205 a 12 5 201/20.1 70 tpat1209 a 12 9 111/11.1 26 tpat1212 a 12 12 83/8.3 75 tpat1215 a 12 15 67/6.7 80 tpat1515 a 15 15 67/6.7 80 tpat2403 a 24 3.3 303/30.3 70 tpat2405 a 24 5 201/20.1 70 tpat2409 a 24 9 111/11.1 72 tpat2412 a 24 12 83/8.3 75 tpat2415 a 24 15 67/6.7 80 add suffix ?p? for c ontinuous short circuit protection, f or example tpat0505 a p. add suffix ?x? has not 5,10,14,16 pin, f or example tpat0505 a x. input characteristics paramete r conditions min. t y p. max. units voltage range 3v in p ut variants 2.9 3.3 3.6 v volta g e ran g e 5v in p ut variants 4.5 5 5.5 v voltage range 12v in p ut variants 11 12 13.3 v volta g e ran g e 15v input variants 13.4 15 16.4 v volta g e ran g e 24v input variants 22 24 26.5 v reflected ri pp le curren t 40 50 ma p - p isolation characteristics paramete r conditions min. t yp . max. units isolation volta g e tested for 1 second 3000 vdc resistance viso= 1000vdc 1 g general characteristics paramete r conditions min. t yp . max. units switchin g fre q uenc y 0312, 0315 110 khz switchin g fre q uenc y 0303, 0305, 0503 115 khz switchin g fre q uenc y all other variants 120 khz features rohs compliant efficiency up to 80% operating temperature: -40 to 105 ce certification footprint over pins 1.64cm 2 power density 1.36w/cm 3 input voltage: 3.3v, 5v, 12v,15v,24v output voltage: 3.3v, 5v, 9v, 12v,15v ul 94v-0 package material 3kvdc isolation custom solutions available / toppower
tpat- a series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 2 of 4 absolute maximum ratings short-circuit protection 1 second lead temperature 1.5mm from case for 10 seconds 300 internal power dissipation 680mw input voltage vin, tpat03 5.5v input voltage vin, tpat05 7v input voltage vin, tpat12 15v input voltage vin, tpat15 18v input voltage vin, tpat24 28v all specifications typical at ta=25 , nominal input voltage and rated output current unless otherwise specified. output characteristics parameter conditions min. typ. max. units rated power ta=-40 to 85 1.0 w voltage set point accuracy see tolerance envelope line regulation high vin to low vin 1.0 1.2 %/% load regulation(10% load to rated load) 0303 & 0503 9 % load regulation(10% load to rated load) 5v output 9 % load regulation(10% load to rated load) 0309 9.0 % load regulation(10% load to rated load) 0509 1209 & 2409 7 % load regulation(10% load to rated load) 0312 & 0315 12 % load regulation(10% load to rated load) 0512 1212 & 2412 7 % load regulation(10% load to rated load) 0515 1215 1515 & 2415 7 % temperature characteristics parameter conditions min. typ. max. units specification derating if the temperature 85c -40 105 storage -55 125 cooling free air convection temperature derating graphs tolerance envelopes  tolerance envelope 3.3v output types  all other types output load current(%) +9% +1% v nom -7% -7% +1% -15% 100 75 50 25 10 t y p i c a l l o a d l i n e output voltage output load current(%) +10% +5% v nom -2.5% +2.5% -7.5% 100 75 50 25 10 t y p i c a l l o a d l i n e output voltage 1.5 1.0 0.5 0 -40 0 50 100 150 output power(w) ambient temperature(c) 85c safe operating area 105 toppower
tpat- a series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 3 of 4 mechanical dimensions pin connections 10 pin smd pin function add suffix ?x? function 1 -vin -vin 3 +vin +vin 5 na no pin 7 ov ov 9 na na 10 na no pin 12 +vout +vout 14 na no pin 16 na no pin 18 na na recommended footprint details tube outline dimensions reel outline dimensions tape outline dimensions unless otherwise stated all dimensions in mm0.5mm. tube length: 475mm2.0mm tube quantity: 25pcs smd package all dimensions in mm 0.25mm. all pins on a 2.54 pitch. weight: 1.53g na - not available for electrical connection. 11.60 1.00 1.60 10.16 2.54 0.60max 16.00 6.60 11.60 ? 2.00 4.00 1.50 +0.10 -0.00 1.75 14.20 32.000.30 13.20 330max 13.000.25 38.4max 32.0 100.00min 0.600.15 10.40 3.80 14.95 5.3 0 ~ 4 r0.5 ( magnification of a ) s seating plan e 0.15 s 16.24 10.16 8.00 11.000.2 3.04 2.54 0.60 0.25 7.000.5 11.00 5.50 5.50 1.500.1 0.25 tpat0505a yyww 13 57 9 18 16 14 12 10 toppower toppower
tpat- a series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 4 of 4 reel packaging details e envelope yyww tptv0505 toppower yyww tptv0505 toppower yyww tptv0505 toppower leader section 400min carrier tape start 100min goods enclosure section trailer section 160min product orientation pin 1, located nearest to carrier drive sprocket reel qu antity : 500 pcs toppower


▲Up To Search▲   

 
Price & Availability of TPAT0305A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X