Part Number Hot Search : 
CM1723 74HC126 LC260WX2 RXB11 EPA240B SMR10110 SMR10110 BGY36
Product Description
Full Text Search
 

To Download TMCHC1V335TRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tmch www.vishay.com vishay polytech revision: 26-oct-17 1 document number: 40182 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 solid tantalum surface mount chip capacitors, molded case, high reliability performance / electrical characteristics operating temperature: -55 c to +125 c ? (above 85 c, voltage derating is required) capacitance range: 0.1 f to 100 f capacitance tolerance: 10 %, 20 % voltage rating: 4 v dc to 35 v dc features ? suitable for automatic mounting ? msl level: 1 ? high reliability ? terminations: 100 % matte tin ? material categorization: ? for definitions of compliance please see www.vishay.com/doc?99912 applications ? industrial ? car electronics applications ? computer-based equipment wh ich is required to offer high reliability available available ordering information tmch a 1c 105 m tr (2) f type case code dc voltage rating at +85 c capacitance (f) capacitance tolerance packaging polarity (optional) terminal code see ratings and case codes table. 0g = 4.0 v 0j = 7 v (6.3 v) 1a = 10 v 1c = 16 v 1d = 20 v 1e = 25 v 1v = 35 v this is expressed in picofarads. the first two digits are the significant figures. the third is the number of zeros to follow. k = 10 % m = 20 % tr = 7" reel, cathodes close to perforation side halogen-free (special order), not applicable for e case f = lead (pb)-free terminations dimensions in inches [millimeters] case code eia size l w h l a p 2012-12 0.080 0.008 [2.0 0.2] 0.049 0.008 [1.25 0.2] 0.047 max. [1.2 max.] 0.020 0.008 [0.5 0.2] 0.035 0.004 [0.9 0.1] a 3216-18 0.126 0.008 [3.2 0.2] 0.063 0.008 [1.6 0.2] 0.063 0.008 [1.6 0.2] 0.028 0.012 [0.7 0.3] 0.047 0.008 [1.2 0.2] b 3528-21 0.138 0.008 [3.5 0.2] 0.110 0.008 [2.8 0.2] 0.075 0.008 [1.9 0.2] 0.030 0.012 [0.8 0.3] 0.087 0.008 [2.2 0.2] c 5832-27 0.228 0.008 [5.8 0.2] 0.126 0.008 [3.2 0.2] 0.100 0.008 [2.5 0.2] 0.051 0.012 [1.3 0.3] 0.087 0.008 [2.2 0.2] e 7343-30 0.287 0.008 [7.3 0.2] 0.169 0.012 [4.3 0.3] 0.112 0.008 [2.8 0.2] 0.051 0.012 [1.3 0.3] 0.094 0.008 [2.4 0.2] anode indication belt mark l h w a, b, c ca s e a l l l l a, b, c, e case p case e ca s e a a w anode indication belt mark l w w h a ll
tmch www.vishay.com vishay polytech revision: 26-oct-17 2 document number: 40182 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? when the capacitance code is the same in the same case, use the voltage code for the higher rated voltage (1) marking on a case (2) marking on b case ratings and case codes f 4 v 7 v (6.3 v) 10 v 16 v 20 v 25 v 35 v 0.10 a 0.15 a 0.22 a 0.33 p a 0.47 p a a / b 0.68 p a a a / b 1.0 p / a a a / b 1.5 p / a a a b b / c 2.2 a p / a a a / b b b / c 3.3 a a p / a a / b b b b / c 4.7 a a p / a / b a / b b b / c c / e 6.8 p / a / b b b b / c c c / e 10 b p / b a / b b / c c c / e e 15 b b b / c c c / e e e 22 b / c b / c b / c / e e e 33 c c c / e c / e e 47 c c / e c / e c / e 68 e e c / e 100 e e marking simplified voltage and nominal capacitance code s, cases a, b f 4 v 7 v (6.3 v) 10 v 16 v 20 v 25 v 35 v 0.10 104 0.15 154 0.22 224 0.33 n5 0.47 s5 vs5 (1) s5 (2) 0.68 w5 ew5 vw5 (1) w5 (2) 1.0 a6 da6 va6 (1) a6 (2) 1.5 e6 ce6 de6 e6 ve6 2.2 j6 aj6 cj6 dj6 (1) j6 (2) ej6 3.3 n6 jn6 an6 cn6 (1) n6 (2) dn6 en6 n6 4.7 gs6 js6 as6 (1) s6 (2) cs6 c6 es6 gs6 js6 6.8 jw6 (1) w6 (2) aw6 cw6 dw6 10 a7 ja7 aa7 a7 ca7 a7 15 ge7 je7 ae7 22 jj7 aj7 cj7 a6 a s implified code of nominal capacitance (a6: 1 f) anode indication belt mark + a, b case date code a case, 16 v, 1 f (1) a case, 20 v, 1 f (1) da6 a s implified code of nominal capacitance (a6: 1 f) anode indication belt mark + date code s implified code of rated voltage (d: 20 v)
tmch www.vishay.com vishay polytech revision: 26-oct-17 3 document number: 40182 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? marking code repeats every four years in alphabetical order (letter of i, i, o, and o are excluded) marking simplified voltage and nomina l capacitance codes, case p f 6.3 v 10 v 16 v 20 v 0.33 dn 0.47 s5 0.68 cw 1.0 ca 1.5 ae 2.2 aj 3.3 an 4.7 as 6.8 jw 10 ja date code year month 123456789101112 2013 a b c d e f g h j k l m 2014 n p q r s t u v w x y z 2015 a b c d e f g h j k l m 2016 n p q r s t u v w x y z 2017 a b c d e f g h j k l m 2018 n p q r s t u v w x y z 2019 a b c d e f g h j k l m 2020 n p q r s t u v w x y z 10 16 a + c, e case date code anode indication belt mark rated voltage (16 v) nominal capacitance value (10 f) a s + p case anode indication belt mark simplified code of nominal capacitance (s: 4.7 f) simplified code of rated voltage (a: 10 v) 10 v, 4.7 f
tmch www.vishay.com vishay polytech revision: 26-oct-17 4 document number: 40182 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 standard ratings capacitance (f) case code part number max. dcl at +25 c (a) max. df at +25 c 120 hz (%) max. esr at +25 c 100 khz ( ? ) max. ripple 100 khz i rms (a) 4 v dc at +85 c; 2.5 v dc at +125 c 3.3 a tmcha0g335(1)trf 0.25 6 4.0 0.14 4.7 a tmcha0g475(1)trf 0.25 6 4.0 0.14 10 b tmchb0g106(1)trf 0.25 6 1.7 0.24 15 b tmchb0g156(1)trf 0.30 6 1.7 0.24 33 c tmchc0g336(1)trf 0.66 6 1.1 0.30 47 c tmchc0g476(1)trf 0.94 6 1.1 0.30 68 e tmche0g686(1)trf 1.36 6 0.6 0.45 100 e tmche0g107(1)trf 2.00 6 0.6 0.45 7 v dc (6.3 v dc ) at +85 c; 4 v dc at +125 c 2.2 a tmcha0j225(1)trf 0.25 6 4.4 0.13 3.3 a tmcha0j335(1)trf 0.25 6 4.0 0.14 4.7 a tmcha0j475(1)trf 0.25 6 4.0 0.14 6.8 p tmchp0j685(1)trf 0.25 6 4.0 0.13 6.8 a tmcha0j685(1)trf 0.25 6 4.0 0.14 6.8 b tmchb0j685(1)trf 0.25 6 2.8 0.19 10 p tmchp0j106mtrf 0.31 8 5.3 0.11 10 b tmchb0j106(1)trf 0.35 6 1.7 0.24 15 b tmchb0j156(1)trf 0.52 6 1.7 0.24 22 b tmchb0j226(1)trf 0.77 6 1.1 0.30 22 c tmchc0j226(1)trf 0.77 6 1.1 0.30 33 c tmchc0j336(1)trf 1.15 6 1.1 0.30 47 c tmchc0j476(1)trf 1.64 6 1.1 0.30 47 e tmche0j476(1)trf 1.64 6 0.9 0.37 68 e tmche0j686(1)trf 2.38 6 0.6 0.45 100 e tmche0j107(1)trf 3.50 6 0.6 0.45 10 v dc at +85 c; 6.3 v dc at +125 c 1.5 p tmchp1a155(1)trf 0.25 8 11.0 0.08 1.5 a tmcha1a155(1)trf 0.25 6 6.6 0.11 2.2 p tmchp1a225(1)trf 0.25 8 8.8 0.09 2.2 a tmcha1a225(1)trf 0.25 6 4.4 0.13 3.3 p tmchp1a335(1)trf 0.25 8 7.7 0.09 3.3 a tmcha1a335(1)trf 0.25 6 4.0 0.14 4.7 p tmchp1a475mtrf 0.25 8 4.0 0.13 4.7 a tmcha1a475(1)trf 0.25 6 4.0 0.14 4.7 b tmchb1a475(1)trf 0.25 6 2.8 0.19 6.8 b tmchb1a685(1)trf 0.34 6 2.8 0.19 10 a tmcha1a106(1)trf 0.50 8 2.8 0.17 10 b tmchb1a106(1)trf 0.50 6 1.7 0.24 15 b tmchb1a156(1)trf 0.75 6 1.7 0.24 15 c tmchc1a156(1)trf 0.75 6 2.2 0.21 22 b tmchb1a226(1)trf 1.10 8 1.7 0.24 22 c tmchc1a226(1)trf 1.10 6 1.7 0.24 33 c tmchc1a336(1)trf 1.65 6 1.1 0.30 33 e tmche1a336(1)trf 1.65 6 0.9 0.37 47 c tmchc1a476(1)trf 2.35 8 1.1 0.30 47 e tmche1a476(1)trf 2.35 6 0.9 0.37 68 c tmchc1a686mtrf 3.40 8 1.7 0.24 68 e tmche1a686(1)trf 3.40 8 0.6 0.45 note ? part number definition: (1) tolerance: for 10 % tolera nce, specify k; for 20 % tolerance, change to m
tmch www.vishay.com vishay polytech revision: 26-oct-17 5 document number: 40182 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 16 v dc at +85 c; 10 v dc at +125 c 0.47 p tmchp1c474(1)trf 0.25 6 22.0 0.05 0.68 p tmchp1c684(1)trf 0.25 6 16.5 0.06 1.0 p tmchp1c105(1)trf 0.25 6 11.0 0.08 1.0 a tmcha1c105(1)trf 0.25 4 6.6 0.11 1.5 a tmcha1c155(1)trf 0.25 6 6.6 0.11 2.2 a tmcha1c225(1)trf 0.25 6 6.6 0.11 3.3 a tmcha1c335(1)trf 0.26 6 4.0 0.14 3.3 b tmchb1c335(1)trf 0.26 6 3.9 0.16 4.7 a tmcha1c475(1)trf 0.37 6 4.0 0.14 4.7 b tmchb1c475(1)trf 0.37 6 2.8 0.19 6.8 b tmchb1c685(1)trf 0.54 6 2.8 0.19 10 b tmchb1c106(1)trf 0.80 6 1.7 0.24 10 c tmchc1c106(1)trf 0.80 6 1.7 0.24 15 c tmchc1c156(1)trf 1.20 6 2.2 0.21 22 b tmchb1c226(1)trf 1.76 8 1.7 0.24 22 c tmchc1c226(1)trf 1.76 6 1.7 0.24 22 e tmche1c226(1)trf 1.76 6 0.9 0.37 33 c tmchc1c336(1)trf 2.64 8 1.1 0.30 33 e tmche1c336(1)trf 2.64 6 0.9 0.37 47 c tmchc1c476mtrf 3.76 8 2.2 0.21 47 e tmche1c476(1)trf 3.76 8 0.9 0.37 20 v dc at +85 c; 13 v dc at +125 c 0.33 p tmchp1d334(1)trf 0.25 6 22.0 0.05 0.68 a tmcha1d684(1)trf 0.25 4 9.7 0.09 1.0 a tmcha1d105(1)trf 0.25 4 6.6 0.11 1.5 a tmcha1d155(1)trf 0.25 6 4.4 0.13 2.2 a tmcha1d225(1)trf 0.25 6 4.4 0.13 2.2 b tmchb1d225(1)trf 0.25 6 3.9 0.16 3.3 b tmchb1d335(1)trf 0.33 6 3.9 0.16 4.7 b tmchb1d475(1)trf 0.47 6 2.8 0.19 6.8 b tmchb1d685(1)trf 0.68 6 2.8 0.19 6.8 c tmchc1d685(1)trf 0.68 6 1.7 0.24 10 c tmchc1d106(1)trf 1.00 6 1.7 0.24 15 c tmchc1d156(1)trf 1.50 6 2.2 0.21 15 e tmche1d156(1)trf 1.50 6 0.9 0.37 22 e tmche1d226(1)trf 2.20 6 0.9 0.37 33 e tmche1d336(1)trf 3.30 6 0.9 0.37 25 v dc at +85 c; 16 v dc at +125 c 0.47 a tmcha1e474(1)trf 0.25 4 16.5 0.07 0.68 a tmcha1e684(1)trf 0.25 4 9.7 0.09 1.5 b tmchb1e155(1)trf 0.25 6 3.9 0.16 2.2 b tmchb1e225(1)trf 0.27 6 3.9 0.16 3.3 b tmchb1e335(1)trf 0.41 6 3.9 0.16 4.7 b tmchb1e475(1)trf 0.58 6 2.8 0.19 4.7 c tmchc1e475(1)trf 0.58 6 2.8 0.19 6.8 c tmchc1e685(1)trf 0.85 6 1.7 0.24 10 c tmchc1e106(1)trf 1.25 6 1.7 0.24 10 e tmche1e106(1)trf 1.25 6 2.0 0.24 15 e tmche1e156(1)trf 1.87 6 0.9 0.37 22 e tmche1e226(1)trf 2.75 6 0.9 0.37 standard ratings capacitance (f) case code part number max. dcl at +25 c (a) max. df at +25 c 120 hz (%) max. esr at +25 c 100 khz ( ? ) max. ripple 100 khz i rms (a) note ? part number definition: (1) tolerance: for 10 % tolera nce, specify k; for 20 % tolerance, change to m
tmch www.vishay.com vishay polytech revision: 26-oct-17 6 document number: 40182 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 35 v dc at +85 c; 22 v dc at +125 c 0.10 a tmcha1v104(1)trf 0.25 4 38.5 0.05 0.15 a tmcha1v154(1)trf 0.25 4 38.5 0.05 0.22 a tmcha1v224(1)trf 0.25 4 38.5 0.05 0.33 a tmcha1v334(1)trf 0.25 4 22.0 0.06 0.47 a tmcha1v474(1)trf 0.25 4 16.5 0.07 0.47 b tmchb1v474(1)trf 0.25 4 19.8 0.07 0.68 a tmcha1v684(1)trf 0.25 4 9.7 0.09 0.68 b tmchb1v684(1)trf 0.25 4 8.8 0.10 1.0 a tmcha1v105(1)trf 0.25 4 6.6 0.11 1.0 b tmchb1v105(1)trf 0.25 4 3.9 0.16 1.5 b tmchb1v155(1)trf 0.26 6 3.9 0.16 1.5 c tmchc1v155(1)trf 0.26 6 5.0 0.14 2.2 b tmchb1v225(1)trf 0.38 6 5.5 0.13 2.2 c tmchc1v225(1)trf 0.38 6 5.0 0.14 3.3 b tmchb1v335(1)trf 0.57 6 3.9 0.16 3.3 c tmchc1v335(1)trf 0.57 6 3.9 0.16 4.7 c tmchc1v475(1)trf 0.82 6 2.8 0.19 4.7 e tmche1v475(1)trf 0.82 6 2.8 0.21 6.8 c tmchc1v685mtrf 1.19 6 1.7 0.24 6.8 e tmche1v685(1)trf 1.19 6 1.7 0.27 10 e tmche1v106(1)trf 1.75 6 1.1 0.33 15 e tmche1v156mtrf 2.62 6 0.9 0.37 recommended voltage de rating guidelines (for temperature below +85 c) capacitor voltage rating operating voltage 42.0 7 (6.3) 3.5 (3.1) 10 5.0 16 8.0 20 10.0 25 12.5 35 17.5 power dissipation case code maximum permissible power dissipation at +25 c (w) in free air p 0.064 a 0.078 b 0.096 c 0.100 e 0.120 standard packaging quantity case code units per 7" reel p 3000 a 2000 b 2000 c 500 e 500 standard ratings capacitance (f) case code part number max. dcl at +25 c (a) max. df at +25 c 120 hz (%) max. esr at +25 c 100 khz ( ? ) max. ripple 100 khz i rms (a) note ? part number definition: (1) tolerance: for 10 % tolera nce, specify k; for 20 % tolerance, change to m
tmch www.vishay.com vishay polytech revision: 26-oct-17 7 document number: 40182 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? test conditions per jis c5101-1 performance characteristics item condition post test performance temperature ? characteristics measure the specified characteristics in each stage a, b, c, e cases p case specified initial value -55 c +85 c +125 c -55 c +85 c +125 c capacitance change -10 % to 0 % 0 % to +10 % 0 % to +12 % -12 % to 0 % 0 % to +10 % 0 % to +12 % dissipation factor (%) 445 5 6 6 7 7 10810 8 8 10 12 10 10 12 leakage current not more than 0.005 cv or 0.25 a whichever is greater - not more than 0.05 cv or 2.5 a whichever is greater not more than 0.062 cv or 3.12 a whichever is greater - not more than 0.05 cv or 2.5 a whichever is greater not more than 0.062 cv or 3.12 a whichever is greater solder ? heat ? resistance solder dip: 260 c 5 c ? p, a, b cases: 10 s 1 s ? c, e cases: 5 s 0.5 s ? reflow 260 c: 10 s 1 s capacitance change within 5 % of initial value within 5 % of initial value dissipation factor shall not exceed initial ? specified value shall not exceed initial specified value leakage current shall not exceed initial ? specified value shall not exceed initial specified value moisture ? resistance ? no load leave at 85 c and 85 % rh for 1000 h capacitance change within 5 % of initial value within 10 % of initial value dissipation factor shall not exceed 150 % of initial specified value shall not exceed 200 % of initial specified value leakage current shall not exceed 200 % of initial specified value shall not exceed 500 % of initial specified value high ? temperature ? load 85 c. the rated voltage is applied for 2000 h capacitance change within 20 % of initial value within 20 % of initial value dissipation factor shall not exceed initial ? specified value shall not exceed initial specified value leakage current shall not exceed 125 % of initial specified value shall not exceed 125 % of initial specified value high ? temperature ? no load 150 c with no load for ? 1000 h capacitance change within 20 % of initial value within 20 % of initial value dissipation factor shall not exceed 150 % of initial specified value shall not exceed 200 % of initial specified value leakage current shall not exceed 200 % of initial specified value shall not exceed 500 % of initial specified value thermal ? shock leave at -55 c, normal temperature, 125 c, and normal temperature for ? 30 min., 3 min., 30 min., and 3 min. repeat this operation 1000 times running. capacitance change within 5 % of initial value within 20 % of initial value dissipation factor shall not exceed initial ? specified value shall not exceed initial specified value leakage current shall not exceed 200 % of initial specified value shall not exceed 200 % of initial specified value moisture ? resistance ? load leave at 65 c and 90 % to 95 % rh. the rated voltage applied for 500 h capacitance change within 5 % of initial value within 12 % of initial value dissipation factor shall not exceed 150 % of initial specified value shall not exceed 200 % of initial specified value leakage current shall not exceed 200 % of initial specified value shall not exceed 500 % of initial specified value failure ? rate 85 c. the rated voltage is applied through a protective resistor of 1 ? /v. 0.5 % / 1000 h 0.5 % / 1000 h
molded guide www.vishay.com vishay polytech revision: 11-apr-16 1 document number: 40218 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 guide for tantalum and niobium solid electrolyte chip capacitors introduction tantalum electrolytic capacitors are the preferred choice in applications where volumetric efficiency, stable electrical parameters, high reliab ility, and long service life are primary considerations. the stability and resistance to elevated temperatures of the tantalum / tantalum oxide / manganese dioxide system make solid tantalum capacitors an appropriate choice for toda y's surface mount assembly technology. vishay sprague has been a pioneer and leader in this field, producing a large variety of tantalum capacitor types for consumer, industrial, automotive, military, and aerospace electronic applications. tantalum is not found in its pure state. rather, it is commonly found in a number of oxide minerals, often in combination with columbium ore. this combination is known as tantalite when its contents are more than one-half tantalum. important sources of tantalite include australia, brazil, canada, china, an d several african countries. synthetic tantalite concentrates produced from tin slags in thailand, malaysia, and brazil are also a significant raw ma terial for tantalum production. electronic applications, an d particularly capacitors, consume the largest share of world tantalum production. other important applications for tantalum include cutting tools (tantalum carbide), high temperature super alloys, chemical processing equipment, medical implants, and military ordnance. vishay sprague is a major user of tantalum materials in the form of powder and wire for capacitor elements and rod and sheet for high temperatu re vacuum processing. the basics of tantalum capacitors most metals form crystalline oxides which are non-protecting, such as rust on iron or black oxide on copper. a few metals form dens e, stable, tightly adhering, electrically insulating oxides. these are the so-called valve metals and include titanium, zi rconium, niobium, tantalum, hafnium, and aluminum. only a few of these permit the accurate control of oxide thickness by electrochemical means. of these, the most valuable for the electronics industry are aluminum and tantalum. capacitors are basic to all kinds of electrical equipment, from radios and television sets to missile controls and automobile ignitions. their function is to store an electrical charge for later use. capacitors consist of two co nducting surfaces, usually metal plates, whose function is to conduct electricity. they are separated by an insulating material or dielectric. the dielectric used in all tantalum electrolytic capacitors is tantalum pentoxide. tantalum pentoxide compound possesses high-dielectric strength and a high-dielectric constant. as capacitors are being manufactured, a film of tantalum pentox ide is applied to their electrodes by means of an electrolytic process. the film is applied in various thic knesses and at various voltages and although transparent to begin with, it takes on different colors as light refracts through it. this coloring occurs on the tantalum electrodes of all types of tantalum capacitors. rating for rating, tantalum capacitors tend to have as much as three times better capacitance / volume efficiency than aluminum electrolytic capacitors. an approximation of the capacitance / volume efficiency of other types of capacitors may be inferred from the following table, which shows the dielectric constant ranges of the various materials used in each type. note that tantalum pentoxide has a dielectric constant of 26, some three times greater than that of aluminum oxide. this, in addition to the fact that extremely thin films can be deposited du ring the electrolytic process mentioned earlier, makes the tantalum capacitor extremely efficient with respect to the number of microfarads available per unit volume. th e capacitance of any capacitor is determined by the su rface area of the two conducting plates, the distance between the plates, and the dielectric constant of the insulating material between the plates. in the tantalum electrolytic capacitor, the distance between the plates is very small since it is only the thickness of the tantalum pentoxide film. as the dielectric constant of the tantalum pentoxide is high, the capacitance of a tantalum capacitor is high if the area of the plates is large: ? ? where c = capacitance e = dielectric constant a = surface area of the dielectric t = thickness of the dielectric tantalum capacitors contain either liquid or solid electrolytes. in solid electrolyte capacitors, a dry material (manganese dioxide) forms the cathode plate. a tantalum lead is embedded in or welded to the pellet, which is in turn connected to a termination or lead wire. the drawings show the construction details of the surface mount types of tantalum capacitors sh own in this catalog. comparison of capacitor ? dielectric constants dielectric e dielectric constant air or vacuum 1.0 paper 2.0 to 6.0 plastic 2.1 to 6.0 mineral oil 2.2 to 2.3 silicone oil 2.7 to 2.8 quartz 3.8 to 4.4 glass 4.8 to 8.0 porcelain 5.1 to 5.9 mica 5.4 to 8.7 aluminum oxide 8.4 tantalum pentoxide 26 ceramic 12 to 400k c ea t ------ - =
molded guide www.vishay.com vishay polytech revision: 11-apr-16 2 document number: 40218 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 solid electrolyte tantalum capacitors solid electrolyte capacitors contain manganese dioxide, which is formed on the tantalum pentoxide dielectric layer by impregnating the pellet with a solution of manganous nitrate. the pellet is then heated in an oven, and the manganous nitrate is converted to manganese dioxide. the pellet is next coated with graphite, followed by a layer of metallic silver, which provides a conductive surface between the pellet and the leadframe. molded chip tantalum capacitor encases the element in plastic resins, such as epoxy materials. afte r assembly, the capacitors are tested and inspected to assure long life and reliability. it offers excellent reliability and high stability for consumer and commercial el ectronics with the added feature of low cost. surface mount designs of so lid tantalum capacitors use lead frames as shown in the accompanying drawings. tantalum capacitors for all design considerations solid electrolyte designs are the least expensive for a given rating and are used in many applications where their very small size for a given unit of capacitance is of importance. also important are their good low temperature performance characteristics and freedom from corrosive electrolytes. datasheets covering the va rious types and styles of capacitors for consumer and entertainment electronics and industry applications are available where detailed performance characterist ics must be specified. molded chip capacitor, all types except tmctx / tmcj / nmc molded chip capacitor with built-in fuse, type tmctx molded chip capacitor 0603 size, type tmcj s intered tantalum mno 2 carbon / s ilver coating epoxy encap s ulation tantalum wire s upporter s ilver adhe s ive s olderable cathode termination s olderable anode termination leadframe tantalum wire epoxy encap s ulation leadframe s olderable anode termination s olderable cathode termination fu s ible ribbon carbon / s ilver coating s intered tantalum s upporter s ilver adhe s ive mno 2 epoxy encap s ulation s olderable anode termination s olderable cathode termination leadframe s ilver adhe s ive s intered tantalum mno 2 carbon / s ilver coating tantalum wire
molded guide www.vishay.com vishay polytech revision: 11-apr-16 3 document number: 40218 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 molded chip capacitor niobium, type nmc solid tantalum capacitors - molded case series tmcs tmcm tmcr tmcu tmcp tmcj product ? image type solid tantalum surface mount chip capacitors, molded case features standard industrial grade standard industrial grade extended range low esr low profile 0805 size 0603 size temperature ? range -55 c to +125 c capacitance ? range 0.1 f to 68 f 0.47 f to 470 f 10 f to 330 f 0.1 f to 220 f 0.1 f to 47 f 0.68 f to 22 f voltage ? range 4 v to 35 v 2.5 v to 35 v 7 v to 35 v 2.5 v to 35 v 2.5 v to 25 v 2.5 v to 20 v capacitance ? tolerance 10 %, 20 % 20 % leakage ? current 0.01 cv or 0.5 a, whichever is greater dissipation ? factor 4 % to 6 % 4 % to 30 % 6 % to 30 % 4 % to 30 % 6 % to 30 % 20 % case sizes a, b, c, e a, b, c, e b, c, e ua, ub p j termination ? finish 100 % tin case ua: 100 % tin case ub: ni / pd / au 100 % tin s intered niobium carbon / s ilver coating mno 2 s olderable anode termination s olderable cathode termination leadframe s ilver adhe s ive epoxy encap s ulation tantalum wire s upporter
molded guide www.vishay.com vishay polytech revision: 11-apr-16 4 document number: 40218 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 solid tantalum capacitors - molded case series tmctx tmch thc product image type solid tantalum surface mount chip capacitors, molded case features built-in fuse high reliability high reliability, high temperature +150 c temperature range -55 c to +125 c -55 c to +150 c capacitance range 1.0 f to 68 f 0.1 f to 100 f 0.33 f to 47 f voltage range 10 v to 35 v 4 v to 35 v 10 v to 35 v capacitance tolerance 10 %, 20 % leakage current 0.01 cv or 0.5 a, whichever is greater 0.005 cv or 0.25 a, whichever is greater dissipation factor 4 % to 6 % 4 % to 8 % 4 % to 6 % case sizes b, c, e, f a, b, c, e, p a, b, c, e termination finish 100 % tin solid niobium capacitors - molded case series nmc nmcu product image type solid niobium surface mount chip capacitors, molded case features flame retardant flame retardant, low profile temperature range -55 c to +105 c capacitance range 10 f to 470 f 4.7 f to 47 f voltage range 2.5 v to 10 v capacitance tolerance 20 % leakage current 0.02 cv or less dissipation factor 8 % to 30 % 30 % case sizes a, b, c, e ua, ub termination finish 100 % tin case ua: 100 % tin case ub: ni / pd / au
molded guide www.vishay.com vishay polytech revision: 11-apr-16 5 document number: 40218 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 plastic tape and reel packaging dimensions in millimeters case code j, p, a, ua, b, ub c, e, f tape width 8 12 a + 0 / - 3 ? 180 b + 1 / 0 ? 60 c 0.2 ? 13 d 0.5 ? 21 e 0.5 2.0 w 0.3 9.0 13.0 tape size in millimeters case code a 0.2 b 0.2 w 0.3 f 0.1 e 0.1 p 1 0.1 t max. j 1.0 1.8 8.0 3.5 1.75 4.0 1.3 p 1.4 2.2 8.0 3.5 1.75 4.0 1.6 a 1.9 3.5 8.0 3.5 1.75 4.0 2.5 ua 1.9 3.5 8.0 3.5 1.75 4.0 1.7 b 3.1 3.8 8.0 3.5 1.75 4.0 2.5 ub 3.1 3.8 8.0 3.5 1.75 4.0 1.7 c 3.7 6.3 12.0 5.5 1.75 8.0 3.1 e 4.8 7.7 12.0 5.5 1.75 8.0 3.4 f 6.2 7.5 12.0 5.5 1.75 8.0 4.1 label d e w b a c perforation direction of tape flow inserting direction t a f p 1 w b e ? 1.5 pocket + 0.1 0 4.0 0.1 2.0 0.1 perforation s ymbol: r marking s ide (upper) mounting terminal s ide (lower)
molded guide www.vishay.com vishay polytech revision: 11-apr-16 6 document number: 40218 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 recommended reflow profiles capacitors should with stand reflow profile as per j-std-020 standard profile feature lead (pb)-free assembly preheat / soak temperature min. (t s min. ) 130 c temperature max. (t s max. ) 160 c time (t s ) from (t s min. to t s max. ) 60 s to 120 s ramp-up ramp-up rate (t l to t p ) 3 c/s max. liquidus temperature (t l ) 200 c time (t l ) maintained above t l 50 s max. peak package body temperature (t p ) max. depends on case size - see table below time (t p ) within 5 c of the peak maximum temperature 10 s max. ramp-down rate (t p to t l ) 6 c/s max. time from 25 c to pe ak temperature 8 min max. peak package body temperature (t p ) case code peak package body temperature (t p ) lead (pb)-free process j, p, ua, a, ub, b, c 260 c e, f 250 c pad dimensions in millimeters case / dimensions capacitor size pad dimensions l w g (max.) z (min.) x (min.) y (ref.) j 1.6 0.8 0.7 2.5 1.0 0.9 p 2.0 1.25 0.5 2.6 1.2 1.05 ua, a 3.2 1.6 1.1 3.8 1.5 1.35 ub, b 3.5 2.8 1.4 4.1 2.7 1.35 c 5.8 3.2 2.9 6.9 2.7 2.0 e 7.3 4.3 4.1 8.2 2.9 2.05 f 7.3 5.8 4.1 8.2 4.0 2.05 25 temperature (c) time (s) t s t l time 25 c to peak t l t p t c - 5 c t p t s max. t s min. preheat area max. ramp-up rate = 3 c/s max. ramp-down rate = 6 c/s capacitor pattern l y z g xw
molded guide www.vishay.com vishay polytech revision: 11-apr-16 7 document number: 40218 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 guide to application 1. ac ripple current: the maximum allowable ripple current shall be determi ned from the formula: where, p = power dissipation in w at +25 c as given in the tables in the product datasheets. r esr = the capacitor equivalent series resistance at the specified frequency. 2. ac ripple voltage: the maximum allowable ripple voltage shall be determi ned from the formula: or, from the formula: where, p = power dissipation in w at +25 c as given in the tables in the product datasheets. r esr = the capacitor equivalent series resistance at the specified frequency. z = the capacitor impedance at the specified frequency. 2.1 the tantalum capacitors must be used in such a condition that the sum of the working voltage and ripple voltage peak values does not exceed the rated voltage as shown in figure below. 3. temperature derating: power dissipation is affected by the heat sinking capability of the mounting surface. if these capacitors are to be operated at temperatures above +25 c, the permissible ripple current (or voltage) shall be calculated using the derating coefficient as shown in the table below: 4. reverse voltage: the capacitors are not intended for use with reverse voltage app lied. if the application of an reverse voltage is unavoidable, it must not exceed the following values: at 25 c: 10 % of the rated voltage or 1 v, whichever is smaller. at 85 c: 5 % of the rated voltage or 0.5 v, whichever is smaller. 5. mounting precautions: 5.1 limit pressure on capaci tor installation with mounter: pressure must not exceed 4.9 n with a tool end diameter of 1.5 mm when applied to the capacitors using an absorber, centering tweezers, or similar (maximum permitted pressurization time: 5 s). an excessively low absorber setting position would result in not only the application of undue force to the capacitors but capacitor and other component scattering, circuit board wi ring breakage, and / or cracking as well, particularly when the capacitors are mounted together with other chips having a height of 1 mm or less. 5.2 flux selection 5.2.1 select a flux that contains a minimum of chlorine and amine. 5.2.2 after flux use, the chlorine and amine in the flux remain must be removed. 5.3 cleaning after mounting: the following solvents are usable when cleaning the capacitors after mounting. never use a highly active solvent. ? halogen organic solvent (hcfc225, etc.) ? alcoholic solvent (ipa, ethanol, etc.) ? petroleum solvent, alkali saponifying agent, water, etc. circuit board cleaning must be conducted at a temperature of not higher than 50 c and for an immersion time of not longer than 30 minutes. when an ultrasonic cleaning method is used, cleaning must be conducted at a frequency of 48 khz or lower, at an vibrator output of 0.02 w/cm 3 , at a temperature of not higher than 40 c, and for a time of 5 minutes or shorter. notes ? care must be exercised in cleaning process so that the mounted capacitor will not co me into contact with any cleaned object or the like or will not get rubbed by a stiff brush or similar. if such precautions are not taken particularly when the ultrasonic cleaning method is employed, terminal breakage may occur. ? when performing ultrasonic cleaning under conditions other than stated above, conduct adequate advance checkout. maximum ripple current temperature derating factor temperature tmc nmc ? 25 c 1.0 1.0 85 c 0.9 0.9 105 c 0.65 0.4 125 c 0.4 - i rms p r esr ------------ = v rms z p r esr ------------ = v rms i rms x z = voltage rated voltage ripple voltage operating voltage working voltage time (s)
legal disclaimer notice www.vishay.com vishay revision: 08-feb-17 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners. ? 2017 vishay intertechnology, inc. all rights reserved


▲Up To Search▲   

 
Price & Availability of TMCHC1V335TRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X