Part Number Hot Search : 
20114 C100EP 200S1 M54HC00D P4SMAJ20 1N6277L LTC3555 PSD813FH
Product Description
Full Text Search
 

To Download RR2-1205D05A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rsg electronic components gmbh ?sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ?rsg-electronic.de page 1 (4) stand juni 2016 rev 01 1) these are stress ratngs. exposure of devices to any of these conditons may adversely afect long-term reliability. 2) (1.5mm from case 10sec max.) 3) all specifcatons typical at ta= 25c, nominal input voltage and full load unless otherwise specifed. 4) the informaton and specifcaton contained in this data sheet are believed to be correct at tme of publicaton. however rsg accepts no responsibility for consequences arising from printng errors or inaccuracies. specifcatons are subject to change without notce. dc/dc-converter rr2-s05/d05 5.0w 2:1 regulated single & dual output we energize electronics! an acal group company we energize electronics! ? 24 pin dil package ? wide 2:1 input range ? 1500vdc isolaton ? up to 3500vdc isolaton ? contnuous short circuit protecton ? efciency up to 80% ? operatng temperature range -40 ~ +85c ? plastc case standard , optonal metal case output specification voltage accuracy: 1% line regulaton: single &dual 0.5% max. short circuit protecton : contnuous ripple noise (20mhz bandwidth): 60mv pk-pk temperature coefcient: 0.02% c capacitor load: see table input specifications voltage range: see table max. input current: see table no-load/full-load input current: see table input filter: pi type input refected ripple current : 35ma pk-pk general specifications efciency: see table typ. i/o isolaton voltage metal case (3 sec.): 1000vdc i/o isolaton voltage (3 sec.): 1000 ~ 3500vdc i/o isolaton capacitance: 60pf typ. i/o isolaton resistance: 1000m ohm switching frequency: 100 ~ 400khz humidity: 95% rel h reliability calculated mtbf : > 1.00mhrs (mil-hdbk-217 f) safety standard: (designed to meet): iec 60950-1 environmental specification operatng temperature range: -40c ~+85c (see deratng curve) maximum case temperature: 100c storage temperature : -40c ~+125c cooling : nature convecton physical specifications: case material: non-conductve black plastc (ul94v-0 rated) nickel-coated copper pin material: ? 0.5mm brass solder coated potng material: epoxy (ul94v-0 rated) weight case-dip: 12.5 (plastc), 15.0g ( metal) dimmension dip: 1.25 x 0.8 x 0.4 absolute maximum ratings (1) input surge voltage (100ms)/ 12v models: 24vdc max. 24v models: 40vdc max. 48v models: 80vdc max. soldering temperature: 260c max. (2) emc specifications radiated-/conducted emissions: en55022 class a (see emi filter note) esd: iec 61000-4-2 perf.criteria a rs: iec 61000-4-3 perf.criteria a eft: iec 61000-4-4 perf.criteria a surge: iec 61000-4-5 perf.criteria a cs: iec 61000-4-6 perf.criteria a pfmf iec 61000-4-8 perf.criteria a rohs
rsg electronic components gmbh ?sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ?rsg-electronic.de page 2 (4) stand juni 2016 rev 01 r r 2 - xx xx s/d xx power (w) input t ype a x x code inter nal isolation (kvdc) model selection guide model number input voltage range (vdc) input current output voltage (vdc) output current efficiency @ f l ( % ) capacitor load(uf) no - load (ma) full load (ma) min. load (ma) full load (ma) rr2 - 12 05 s05ax 9 - 18 20 563 5 250 1000 74 2200 rr2 - 12 09 s05ax 9 - 18 20 541 9 139 555 77 470 rr2 - 12 12 s05ax 9 - 18 20 534 12 104 417 78 470 rr2 - 12 15 s05ax 9 - 18 20 534 15 83 333 78 470 rr2 - 12 24 s05ax 9 - 18 20 556 24 52 208 75 220 rr2 - 120 5 d05ax 9 - 18 20 579 5 dc/dc-converter -/d ete ne d tt we energize electronics! an acal group company we energize electronics!
rsg electronic components gmbh ?sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ?rsg-electronic.de page 3 (4) stand juni 2016 rev 01 test configurations e suffix ?3? means 3.5kvdc isolation suffix ?m? means metal case instead of standard plastic case the models listed above is just for standard type. if you need the special specification product, please contact our service member by telephone presented in shortform cover or e - mail t o : info@ rsg - electronic.de note 1. typical value at nominal input voltage and full load. 2. test by nominal input voltage and constant resistor load. 3. measured input reflected ripple current with a simulated source inductance of 12uh. 4. exceeding the absolute ratings of the unit could cause damage. it is not allowed for continuous operating. 5. operation under no - load conditions will not damage these devices, however they may not meet all listed specifications. 6. it?s necessary to add minimum capacitor in output for some models, please check single model datasheet for detail value. 7. input filter components are be required to help meet conducted emission class a, which application refer to the emi filter of design & feature configuration. 8. an external filter capacitor is required if the module has to meet iec61000 - 4 - 4 and iec61000 - 4 - 5. the filter capacitor rsg suggest: nippon - chemi - con ky series, 220uf/100v. c1 l c2 rr2 - 05xxs/d0 5 ax 220uf/100v 12uh rr2 - 12xxs/d0 5 ax 220uf/100v 12uh rr2 - 24xxs/d0 5 ax 220uf/100v 12uh mlcc470pf rr2 - 48xxs/d0 5 ax 220uf/100v 12uh mlcc470pf emi filter i f l t test configurations e suffix ?3? means 3.5kvdc isolation suffix ?m? means metal case instead of standard plastic case the models listed above is just for standard type. if you need the special specification product, please contact our service member by telephone presented in shortform cover or e - mail t o : info@ rsg - electronic.de note 1. typical value at nominal input voltage and full load. 2. test by nominal input voltage and constant resistor load. 3. measured input reflected ripple current with a simulated source inductance of 12uh. 4. exceeding the absolute ratings of the unit could cause damage. it is not allowed for continuous operating. 5. operation under no - load conditions will not damage these devices, however they may not meet all listed specifications. 6. it?s necessary to add minimum capacitor in output for some models, please check single model datasheet for detail value. 7. input filter components are be required to help meet conducted emission class a, which application refer to the emi filter of design & feature configuration. 8. an external filter capacitor is required if the module has to meet iec61000 - 4 - 4 and iec61000 - 4 - 5. the filter capacitor rsg suggest: nippon - chemi - con ky series, 220uf/100v. c1 l c2 rr2 - 05xxs/d0 5 ax 220uf/100v 12uh rr2 - 12xxs/d0 5 ax 220uf/100v 12uh rr2 - 24xxs/d0 5 ax 220uf/100v 12uh mlcc470pf rr2 - 48xxs/d0 5 ax 220uf/100v 12uh mlcc470pf emi filter i f l t dc/dc-converter -/d ete ne d tt we energize electronics! an acal group company we energize electronics! test configurations
rsg electronic components gmbh ?sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ?rsg-electronic.de page 4 (4) stand juni 2016 rev 01 rr2-xxxxs05a1 rr2-xxxxs05a1m rr2-xxxxs05a1 rr2-xxxxs05a1m dc/dc-converter rr2-s05/d05 5.0w 2:1 regulated single & dual output we energize electronics! an acal group company we energize electronics! mechanical specifications for high isolated model mechanical specifications the models listed here are just standard type. if you need a product with special specifcaton or you have questons regarding packing standards (tube oder tape/reel) as well as applicaton support, please contact our specialists: sales @ rsg-electronic.de or +49 69-984047-41/-28


▲Up To Search▲   

 
Price & Availability of RR2-1205D05A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X