Part Number Hot Search : 
C64AML NJM2283V MAX4402 P6KE400A TC2997D IRF22 PFRA1100 3843AM
Product Description
Full Text Search
 

To Download PIC1206HP101MF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (a) (d) (b) (e) 1. part no. expression : (b) dimension code (c) type code (a) series code 2. configuration & dimensions : a superworld electronics (s) pte ltd 3. schematic : (d) inductance code : 330 = 33.0uh (e) tolerance code : m = 20%,y = 30% pg. 1 12.50.3 b c 5.70.3 d 4.70.3 e unit:m/m 13.50.5 2.30.3 5. general specification : (c) (f) (f) f : rohs compliant 330 1150 a b c d e 4. materials : p i c 1 2 0 6 h p 3 3 0 m f - smd power choke coil pic1206hp series (g) (g) 11~99 : internal controlled number note : specifications subject to change without notice. please check our website for latest information. 06.11.2015 (a) core (b) wire (c) terminal (d) ink (e) paint g 8.0 h 14.2 l 5.0 recommended pc board pattern l h g g) part temperature (ambient+temp. rise) : should not exceed 125c under worst case operating conditions. e) heat rated current (irms) will cause the coil temperature rise approximately t of 40c (keep 1min) f ) saturation current (isat) will cause l0 to drop 20%. c) storage temp. : -40c to +125c b) operating temp. : -40c to +125c a) test freq. : l : 100khz/1.0v h) storage condition (component in its packaging) i) temperature: -10 to 40c ii) humidity : 50~60% rh d) humidity range : 85 3% rh
superworld electronics (s) pte ltd pg. 2 6. electrical characteristics : inductance l part no. pic1206hp1r0mf 0 1.20 ( h ) @ 0 a 12 dcr typ. @ 25c ( m ) irms ( a ) 28 19 ( a ) isat typ. typ. dcr ( m ) max. @ 25c 2.8 pic1206hp100mf 10.0 2.7 43 3.2 23 8.5 11 5.0 smd power choke coil note : specifications subject to change without notice. please check our website for latest information. 120 pic1206hp series pic1206hp151mf 150 3.0 4.0 300 350 pic1206hp121mf 3.5 4.5 210 235 PIC1206HP101MF 100 4.0 5.0 180 200 pic1206hp820mf 82.0 4.5 5.5 138 161 pic1206hp680mf 68.0 6.0 120 140 pic1206hp560mf 56.0 5.3 6.5 101 118 pic1206hp470mf 47.0 5.5 7.0 80 90 pic1206hp330mf 33.0 6.0 8.0 65 75 pic1206hp270mf 27.0 7.0 9.0 49 56 pic1206hp220mf 22.0 8.0 34 39.5 pic1206hp180mf 18.0 12 30 35 pic1206hp150mf 15.0 9.0 13 25 29 pic1206hp120mf 12.0 9.5 13.5 20 11 15.5 18 20.7 pic1206hp8r2mf 8.20 11 17 13.6 16 pic1206hp6r8mf 5.60 15 13.8 pic1206hp4r7mf 15.5 22 10.8 12.6 6.80 pic1206hp5r6mf 4.70 16 25 9.5 7.1 pic1206hp3r3mf 3.30 17 28 5.8 11.5 pic1206hp2r7mf 2.70 19 31 4.6 5.4 pic1206hp2r2mf 2.20 21 34 4.0 4.7 pic1206hp1r5mf 1.50 26 44 2.1 pic1206hpr47mf 0.47 38 1.3 60 0.92 pic1206hpr56mf 0.56 35 1.5 56 1.15 pic1206hpr68mf 0.68 33 1.7 53 1.33 pic1206hp1r2mf 1.00 29 2.4 45 1.8 06.11.2015 tolerance code : m = 20%,y = 30%
superworld electronics (s) pte ltd pg. 3 7. characteristics curves : smd power choke coil note : specifications subject to change without notice. please check our website for latest information. pic1206hp series pic1206hp1r0mf pic1206hp1r5mf 06.11.2015 pic1206hp1r2mf pic1206hpr68mf pic1206hpr56mf pic1206hpr47mf
superworld electronics (s) pte ltd pg. 4 7. characteristics curves : smd power choke coil note : specifications subject to change without notice. please check our website for latest information. pic1206hp series pic1206hp2r2mf pic1206hp2r7mf pic1206hp3r3mf pic1206hp4r7mf pic1206hp5r6mf 06.11.2015 pic1206hp6r8mf
superworld electronics (s) pte ltd pg. 5 7. characteristics curves : smd power choke coil note : specifications subject to change without notice. please check our website for latest information. pic1206hp series pic1206hp8r2mf 06.11.2015
superworld electronics (s) pte ltd 7. characteristics curves : smd power choke coil note : specifications subject to change without notice. please check our website for latest information. pic1206hp series pic1206hp820mf pg. 6 06.11.2015 pic1206hp560mf
superworld electronics (s) pte ltd pg. 7 7. characteristics curves : smd power choke coil note : specifications subject to change without notice. please check our website for latest information. pic1206hp series 06.11.2015
superworld electronics (s) pte ltd pg. 8 8. soldering c) never contact the ceramic with the iron tip e) use a 20 watt soldering iron with tip diameter of 1.0mm d) 1.0mm tip diameter (max) f) limit soldering time to 4~5 secs. 8-1.2 soldering iron (figure 2) : in the event that a soldering iron must be employed the following precautions are recommended. products attachment with soldering iron is discouraged due to the inherent process control limitations. recommended temperature profiles for re-flow soldering in figure 1. mildly activated rosin fluxes are preferred. the minimum amount of solder can lead to damage from the stresses caused by the difference in coefficients of expansion between solder, chip and substrate. our terminations are suitable for all re-flow soldering systems. if hand soldering cannot be avoided, the preferred technique is the utilization of hot air a) preheat circuit and products to 150c. soldering tools. 8-1.1 solder re-flow : note : b) 355c tip temperature (max) temperature c over 1min. gradual cooling within 4-5s 350 150 preheating soldering cooling natural time(sec.) 60~150s 20~40s soldering temperature c 480s max. 60~180s 150 25 tp(260c/40s max.) 217 200 preheating cooling natural figure 1. re-flow soldering: 3 times max. figure 2. hand soldering: 1 times max. smd power choke coil note : specifications subject to change without notice. please check our website for latest information. 06.11.2015 pic1206hp series
superworld electronics (s) pte ltd pg.9 9. packaging information : bz(mm) 13.00.1 9-3. packaging quantity pic1206 series bo(mm) 14.10.1 16.00.1 p(mm) az(mm) 7.00.1 ao(mm) 12.90.1 ko(mm) 6.50.1 240.3 w(mm) 9-2. tape dimension 24.4+2.0/-0 a(mm) 13" x 24mm type 1002 b(mm) d d(mm) 13.50.5 330 c(mm) embossed carrier b a cover tape 9-1. reel dimension pic1206 4000 1000 carton chip / reel inner box size 500 2.00.5 ?c smd power choke coil note : specifications subject to change without notice. please check our website for latest information. 11.50.1 f(mm) b o t bz a o az 3 f w p 1.5 4.0 2.0 1.75 d\c we 330 d\c we 330 d\c we 330 d\c we 330 d\c we 330 d\c we 330 0.350.05 t(mm) pic1206hp series 06.11.2015
superworld electronics (s) pte ltd 9-4. tearing off force the force for tearing off cover tape is 10 to 130 grams in the arrow direction under the following conditions. top cover tape f base tape 165 to 180 room temp. (c) 5~35 room humidity (%) 45~85 tearing speed (mm/min) 300 room atm (hpa) 860~1060 pg.10 (referenced ansi/eia-481-c-2003 of 4.11 standard) smd power choke coil note : specifications subject to change without notice. please check our website for latest information. pic1206hp series 06.11.2015 a) products should be handled with care to avoid damage or contamination from perspiration and skin oils. 1. storage conditions : to maintain the solderabililty of terminal electrodes : a) recommended products should be used within 12 months from the time of delivery. b) the packaging material should be kept where no chlorine or sulfur exists in the air. b) vacuum pick up is strongly recommended for individual components. c) bulk handling should ensure that abrasion and mechanical shock are minimized. 2. transportation : application notice


▲Up To Search▲   

 
Price & Availability of PIC1206HP101MF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X