p6ke6.8a thru p6ke540a www.vishay.com vishay general semiconductor revision: 18-sep-12 1 document number: 88369 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 t rans z orb ? transient voltage suppressors devices for bi-direction applications for bi-directional types, use ca suffix (e.g. p6ke440ca). electrical characteristics apply in both directions. features ? glass passivated chip junction ? available in uni-directional and bi-directional ? 600 w peak pulse power capability with a 10/1000 s waveform, repetitive rate (duty cycle): 0.01 % ? excellent clamping capability ? very fast response time ? low incremental surge resistance ? solder dip 275 c max. 10 s, per jesd 22-b106 ? aec-q101 qualified ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 typical applications use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ics, mosfet, signal lines of sensor units for consumer, computer, industrial, automo tive, and telecommunication. mechanical data case: do-204ac, molded epoxy over passivated chip molding compound meets ul 94 v-0 flammability rating base p/n-e3 - rohs compliant, commercial grade base p/nhe3 - rohs compliant, aec-q101 qualified terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 e3 suffix meets jesd 201 class 1a whisker test, he3 suffix meets jesd 201 class 2 whisker test note ? p6ke250a to p6ke540a and p6ke250ca to p6ke440ca for commercial grade only polarity: for uni-directional types the color band denotes cathode end, no marking on bi-directional types notes (1) non-repetitive current pulse, per fig. 3 and derated above t a = 25 c per fig. 2 (2) measured on 8.3 ms single half sine-wave or eq uivalent square wave, duty cycl e = 4 pulses per minute maximum (3) v f = 3.5 v for p6ke220a and below; v f = 5.0 v for p6ke250a and above primary characteristics v wm 5.8 v to 459 v v br uni-directional 6.8 v to 540 v v br bi-directional 6.8 v to 440 v p ppm 600 w p d 5.0 w i fsm (uni-directional only) 100 a t j max. 175 c polarity uni-directional, bi-directional package do-204ac (do-15) do-204ac (do-15) maximum ratings (t a = 25 c unless otherwise noted) parameter symbol value unit peak pulse power di ssipation with a 10 /1000 s waveform (1) (fig. 1) p ppm 600 w peak pulse current with a 10/1000 s waveform (1) i ppm see next table a power dissipation on infinite heatsink at t l = 75 c (fig. 5) p d 5.0 w peak forward surge current 8. 3 ms single ha lf sine-wave (2) i fsm 100 a maximum instantaneous forward voltage at 50 a for uni-directional only (3) v f 3.5/5.0 v operating junction and storage temperature range t j , t stg - 55 to + 175 c
p6ke6.8a thru p6ke540a www.vishay.com vishay general semiconductor revision: 18-sep-12 2 document number: 88369 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) pulse test: t p ? 50 ms (2) surge current waveform per fi g. 3 and derate per fig. 2 (3) for bi-direction al types with v wm of 10 v and less the i d limit is doubled (4) all terms and symbols are cons istent with ansi/eee ca62.35 (+) underwriters laboratory reco gnition for the classification of protectors (qvgq2) under the ul standard for safety 497b and fi le number e136766 for both uni-d irectional and bi-d irectional devices electrical characteristics (t a = 25 c unless otherwise noted) device type breakdown voltage v br at i t (1) (v) test current i t (ma) stand-off voltage v wm (v) maximum reverse leakage at v wm (3) i d (a) maximum peak pulse current i ppm (2) (a) maximum clamping voltage at i ppm v c (v) maximum temperature coefficent at v br (%/c) min. max. (+) p6ke6.8a 6.45 7.14 10 5.80 1000 57.1 10.5 0.057 (+) p6ke7.5a 7.13 7.88 10 6.40 500 53.1 11.3 0.061 (+) p6ke8.2a 7.79 8.61 10 7.02 200 49.6 12.1 0.065 (+) p6ke9.1a 8.65 9.55 1.0 7.78 50 44.8 13.4 0.068 (+) p6ke10a 9.50 10.5 1.0 8.55 10 41.4 14.5 0.073 (+) p6ke11a 10.5 11.6 1.0 9.40 5.0 38.5 15.6 0.075 (+) p6ke12a 11.4 12.6 1.0 10.2 5.0 35.9 16.7 0.078 (+) p6ke13a 12.4 13.7 1.0 11.1 5.0 33.0 18.2 0.081 (+) p6ke15a 14.3 15.8 1.0 12.8 1.0 28.3 21.2 0.084 (+) p6ke16a 15.2 16.8 1.0 13.6 1.0 26.7 22.5 0.086 (+) p6ke18a 17.1 18.9 1.0 15.3 1.0 23.8 25.2 0.088 (+) p6ke20a 19.0 21.0 1.0 17.1 1.0 21.7 27.7 0.090 (+) p6ke22a 20.9 23.1 1.0 18.8 1.0 19.6 30.6 0.092 (+) p6ke24a 22.8 25.2 1.0 20.5 1.0 18.1 33.2 0.094 (+) p6ke27a 25.7 28.4 1.0 23.1 1.0 16.0 37.5 0.096 (+) p6ke30a 28.5 31.5 1.0 25.6 1.0 14.5 41.4 0.097 (+) p6ke33a 31.4 34.7 1.0 28.2 1.0 13.1 45.7 0.098 (+) p6ke36a 34.2 37.8 1.0 30.8 1.0 12.0 49.9 0.099 (+) p6ke39a 37.1 41.0 1.0 33.3 1.0 11.1 53.9 0.100 (+) p6ke43a 40.9 45.2 1.0 36.8 1.0 10.1 59.3 0.101 (+) p6ke47a 44.7 49.4 1.0 40.2 1.0 9.3 64.8 0.101 (+) p6ke51a 48.5 53.6 1.0 43.6 1.0 8.6 70.1 0.102 (+) p6ke56a 53.2 58.8 1.0 47.8 1.0 7.8 77.0 0.103 (+) p6ke62a 58.9 65.1 1.0 53.0 1.0 7.1 85.0 0.104 (+) p6ke68a 64.6 71.4 1.0 58.1 1.0 6.5 92.0 0.104 (+) p6ke75a 71.3 78.8 1.0 64.1 1.0 5.8 103 0.105 (+) p6ke82a 77.9 86.1 1.0 70.1 1.0 5.3 113 0.105 (+) p6ke91a 86.5 95.5 1.0 77.8 1.0 4.8 125 0.106 (+) p6ke100a 95.0 105 1.0 85.5 1.0 4.4 137 0.106 (+) p6ke110a 105 116 1.0 94.0 1.0 3.9 152 0.107 (+) p6ke120a 114 126 1.0 102 1.0 3.6 165 0.107 (+) p6ke130a 124 137 1.0 111 1.0 3.4 179 0.107 (+) p6ke150a 143 158 1.0 128 1.0 2.9 207 0.108 (+) p6ke160a 152 168 1.0 136 1.0 2.7 219 0.108 (+) p6ke170a 162 179 1.0 145 1.0 2.6 234 0.108 (+) p6ke180a 171 189 1.0 154 1.0 2.4 246 0.108 (+) p6ke200a 190 210 1.0 171 1.0 2.2 274 0.108 (+) p6ke220a 209 231 1.0 185 1.0 1.8 328 0.108 (+) p6ke250a 237 263 1.0 214 1.0 1.7 344 0.110 (+) p6ke300a 285 315 1.0 256 1.0 1.4 414 0.110 (+) p6ke350a 333 368 1.0 300 1.0 1.2 482 0.110 (+) p6ke400a 380 420 1.0 342 1.0 1.1 548 0.110 (+) p6ke440a 418 462 1.0 376 1.0 1.00 602 0.110 p6ke480a 456 504 1.0 408 1.0 0.91 658 0.110 p6ke510a 485 535 1.0 434 1.0 0.86 698 0.110 p6ke540a 513 567 1.0 459 1.0 0.81 740 0.110
p6ke6.8a thru p6ke540a www.vishay.com vishay general semiconductor revision: 18-sep-12 3 document number: 88369 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) aec-q101 qualified ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - peak pulse power rating curve fig. 2 - pulse power or current vs. initial junction temperature fig. 3 - pulse waveform fig. 4 - typical junction capacitance uni-directional thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol value unit typical thermal resistance, junction to lead r ? jl 20 c/ w typical thermal resistance, junction to ambient r ? ja 75 ordering information (example) preferred pin unit weight (g) preferred package code base quantity delivery mode p6ke6.8a-e3/54 0.432 54 4000 13" di ameter paper tape and reel p6ke6.8ahe3/54 (1) 0.432 54 4000 13" diameter paper tape and reel t d - pulse width (s) 0.1 1 10 100 1.0 ms 10 ms 0.1 s 1.0 s 10 s 100 s non-repetitive pulse waveform shown in fig. 3 t a = 25 c p ppm - peak pulse power (kw) 100 75 50 25 0 0 25 50 75 100 125 150 175 200 peak pulse p ower (p pp ) or current (i pp ) derating in percentage, % t j - initial temperature (c) 0 50 100 150 t d 0 1.0 2.0 3.0 4.0 i ppm - peak pulse current, % i rsm t - time (ms) t r = 10 s peak value i ppm half value - i ppm i pp 2 10/1000 s waveform as defined by r.e.a. t j = 25 c pulse width (t d ) is defined as the point where the peak current decays to 50 % of i ppm 10 100 1000 6000 10 100 200 1.0 c j - junction capacitance (pf) v br - breakdown voltage (v) t j = 25 c f = 1.0 mhz v sig = 50 mvp-p measured at zero bias measured at stand-off voltage v wm
p6ke6.8a thru p6ke540a www.vishay.com vishay general semiconductor revision: 18-sep-12 4 document number: 88369 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 5 - po w er derating c u r v e fig. 6 - maxim u m n on-repetiti v e for w ard s u rge c u rrent fig. 7 - typical transient thermal impedance 6 5 4 3 2 1 0 0 25 50 75 100 125 150 175 200 l = 0.375" (9.5 mm) lead lengths p d - power dissipation (w) t l - lead temperature (c) 60 hz resistive or inductive load 200 100 50 10 1 5 10 50 100 i fsm - peak forward surge curr ent (a ) number of cycles at 60 hz uni-directional only t j = t j max. 8.3 ms single half sine-wave t p - pulse duration (s) transient thermal impedance (c/w) 10 100 1 0.1 0.001 0.01 0.1 1 10 100 1000
p6ke6.8a thru p6ke540a www.vishay.com vishay general semiconductor revision: 18-sep-12 5 document number: 88369 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package outline dimensions in inches (millimeters) application notes ? this p6ke tvs series is a low cost commercial product for use in applications where large voltage transients can permanently damage voltage-sensitive components. ? the p6ke series device ty pes are designed in a small package size where power and space is a consideration. they are characterized by th eir high surge capability, extremely fast response ti me, and low impedance, (r on ). because of the unpredictable nature of transients, and the variation of the impedance with respect to these transients, impedance, per se, is not specified as a parametric value. however, a minimum voltage at low current conditions (bv) and a maximum clamping voltage (v c ) at a maximum peak pulse current is specified. ? in some instances, the thermal effect (see v c clamping voltage) may be responsibl e for 50 % to 70 % of the observed voltage differential when subjected to high current pulses for several du ty cycles, thus making a maximum impedance specif ication insignificant. ? in case of a severe current overload or abnormal transient beyond the maximum rating s, the transient voltage suppressor will initially fail short thus tripping the systems circuit breaker or fu se while protecting the entire circuit. curves depicting cl amping voltage vs. various current pulses are available from the factory. extended power curves vs. pulse ti me are also available. do-204ac (do-15) 0.034 (0.86) 0.028 (0.71) dia. 0.140 (3.6) 0.104 (2.6) dia. 1.0 (25.4) min. 0.300 (7.6) 0.230 (5.8) 1.0 (25.4) min.
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.
|