we ight: 1.81 grams (approx.) e: ito-220ab, molded plastic 16.0a glass passivated super fast rectifier cas mo unting position: any polarity: see diagram terminals: plated leads solderable per high surge current capability low forward voltage drop glass passivated die construction lead free: for rohs / lead free version features ! ! sup e r-fast switching ! ! low reverse leakage current ! ! plastic material has ul flammability classification 94v-o mec h anical data ! ! mil-std- 202, met hod 208 ! ! ! ! maximum ra t ings and electrical characteristics @t a =25c unl ess otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. note: 1. m easured with if = 0.5a, ir = 1.0a, irr = 0.25a. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. 1 of 2 z ibo seno electronic engineering co., ltd. www.senocn.com -55 to +150 symbol v rrm v rms v dc if (av) i fsm v f i r trr c j t j , t stg 16.0 10.0 1.0 250 unit v v v v a a ua ua o c pf o cw ns maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified peak forward surge current, 8.3ms single maximum instantaneous forward voltage maximum dc reverse current @t j =25 o c typical junction capacitance (note 2) operating junction and storage current t c =100 o c half sine-wave superimposed on rated load (jedec method) @ 8.0 a at rated dc blocking voltage @t j =125 o c maximum reverse recovery time (note 1) typical thermal resistance (note 3) r jc temperature range characterisic ito-220ab 1610ct 1620ct 1630ct 1640ct 1650ct 1660ct 70 140 100 200 300 210 300 500 350 100 200 500 600 420 600 400 280 400 3.5 90 1.3 1.7 35 170 130 murf1610ct-murf1660ct murf1610ct-murf1660ct murf murf murf murf murf murf a l l d a t a s h e e t
2 of 2 z ibo seno electronic engineering co., ltd. www.senocn.com murf1610ct ? murf1660ct murf1610ct ? murf1660ct 30 60 90 0 120 150 180 1 10 100 i , peak for w ard surge current (a) fsm number of cycles a t 60hz fig. 3 max non-repetitive surge current 8.3 ms single half-sine-wave jedec method 10 100 400 0.1 1.0 10 100 v , reverse vol tage (v) fig. 4 typical junction capacitance r 1630 - 1660 1610 -1620 c , capacit ance (pf) j 0.1 1.0 10 100 0.2 0.6 1.0 1.4 i , instant aneous forward current (a) f v , instant aneous forward voltage (v) fig. 2 typical forward characteristics f pulse width = 300 s 2% duty cycle m 1660 1630 - 1640 1610 - 1620 0 4 8 12 16 20 0 50 100 150 i , average for ward current (a) (av) t , case tempera ture ( c) fig. 1 forward current derating curve c a l l d a t a s h e e t
|