Part Number Hot Search : 
000WD 10150 MJE13005 12F5081 CL1105 NTE1838 C3072 BCY54A
Product Description
Full Text Search
 

To Download MSS7341T-123MLD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded power inductors C mss7341t document 725-1 document 725-1 revised 05/03/16 inductance 2 percent dcr (ohms) srf typ 4 i sat (a) 5 i rms (a) 6 part number 1 (h) tolerance 3 typ max (mhz) 10% drop 20% drop 30% drop 20c rise 40c rise mss7341t-332_l_ 3.3 30 ,20 0.014 0.018 85 2.8 3.4 3.7 3.95 5.00 mss7341t-502_l_ 5.0 30 ,20 0.018 0.023 49 2.4 2.8 3.1 3.40 4.70 mss7341t-622_l_ 6.2 30 ,20 0.024 0.027 42 2.1 2.5 2.7 3.05 4.30 mss7341t-742_l_ 7.4 30 ,20 0.027 0.031 35 2.0 2.3 2.6 2.80 4.10 mss7341t-872_l_ 8.7 30 ,20 0.029 0.034 33 1.8 2.1 2.3 2.80 3.90 mss7341t-103ml_ 10 20 0.032 0.038 32 1.7 2.0 2.2 2.80 3.80 mss7341t-123ml_ 12 20 0.040 0.050 27 1.6 1.8 2.0 2.45 3.30 mss7341t-153ml_ 15 20 0.047 0.055 26 1.4 1.7 1.8 2.05 3.00 mss7341t-183ml_ 18 20 0.065 0.075 25 1.3 1.5 1.6 1.85 2.65 mss7341t-223ml_ 22 20 0.074 0.082 22 1.2 1.4 1.5 1.70 2.35 mss7341t-273ml_ 27 20 0.091 0.109 19 1.0 1.2 1.3 1.50 2.10 mss7341t-333ml_ 33 20 0.104 0.124 17 0.94 1.1 1.2 1.50 1.95 mss7341t-393ml_ 39 20 0.115 0.130 15 0.86 1.0 1.1 1.50 1.90 mss7341t-473ml_ 47 20 0.127 0.155 14 0.80 0.95 1.0 1.50 1.85 mss7341t-563ml_ 56 20 0.174 0.202 11 0.72 0.86 0.94 1.25 1.60 mss7341t-683ml_ 68 20 0.236 0.250 9.6 0.64 0.76 0.83 1.00 1.35 mss7341t-823ml_ 82 20 0.257 0.290 8.5 0.57 0.68 0.74 1.00 1.25 mss7341t-104ml_ 100 20 0.286 0.310 7.2 0.54 0.64 0.70 0.90 1.15 mss7341t-154ml_ 150 20 0.438 0.475 6.0 0.45 0.53 0.58 0.86 1.14 mss7341t-224ml_ 220 20 0.660 0.710 5.0 0.39 0.47 0.51 0.57 0.78 mss7341t-474kl_ 470 10 1.21 1.45 3.0 0.27 0.32 0.35 0.43 0.57 mss7341t-684kl_ 680 10 1.85 1.98 2.5 0.20 0.25 0.27 0.42 0.56 core material ferrite core and winding loss see www.coilcraft.com/coreloss environment rohs compliant terminations rohs compliant matte tin over nickel over phos bronze. other terminations available at additional cost. weight: 0.61 C 0.67 g ambient temperature C40c to +125c with (40c rise) i rms current. maximum part temperature +165c (ambient + temp rise). derating . storage temperature component: C40c to +165c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 1200/13 reel; plastic tape: 16 mm wide, 0.35 mm thick, 12 mm pocket spacing, 4.5 mm pocket depth pcb washing tested to mil-std-202 method 215 plus an additional aqueous wash. see doc787_pcb_washing.pdf . ? designed for high ambient temperatures C up to 125c ? aec-q200 grade 1 qualifed ? low dcr and excellent current handling 1. when ordering, specify tolerance , termination and packaging codes: mss7341t-872 nld tolerance: m = 20%, n = 30% (table shows stock tolerances in bold.) termination: l = rohs compliant matte tin over nickel over phos bronze. special order: t = rohs tin-silver-copper (95.5/4/0.5) over gold over nickel over phos bronze or s = non-rohs tin-lead (63/37) over gold over nickel over phos bronze. packaging: d = 13 machine-ready reel. eia-481 embossed plastic tape (1200 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter d instead. 2. inductance measured at 100 khz, 0.1 vrms, 0 adc using a coilcraft smd -a fxture in an agilent/hp 4263b lcr meter. 3. tolerances shown in bold are stocked for immediate shipment. 4. srf measured using an agilent/hp 8753d network analyzer and a coilcraft smd - d test fxture. 5. dc current at 25c that causes the specifed inductance drop from its value without current. click for temperature derating information . 6. current that causes the specifed temperature rise from 25c ambient. this information is for reference only and does not represent absolute maximum ratings. click for temperature derating information . 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2016 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation. high tempera ture
document 725-2 document 725-2 revised 05/03/16 typical l vs current typical l vs frequency dimensions are in inches mm max max max recommended land p attern 332 x 0.287 7,3 0.287 7,3 0.161 4,1 typ 0.260 6, 6 typ 0.260 6, 6 typ 0.083 2,1 dash n umber inter nal c ode * dimensions are of the case not including the ter mination. fo r maximum ov erall dimensions including the ter mination, add 0.02 in / 0,51 mm. * * 0.099 2,5 0.222 5,65 0.280 7,1 0.280 7,1 ? 1 10 100 1000 0.01 0.1 10 1 frequenc y (mhz) inductance (h) 100 h 33 h 10 h 3.3 h 220 h 680 h 1 10 100 1000 0.01 0.1 10 1 current (a) inductance (h) 100 h 33 h 10 h 3.3 h 220 h 680 h us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2016 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation. high temperature power inductors C mss7341t series high tempera ture


▲Up To Search▲   

 
Price & Availability of MSS7341T-123MLD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X