Part Number Hot Search : 
E002665 CM3503 01504 TSL257 324102 2SC22 BU508AF 10T25
Product Description
Full Text Search
 

To Download MM1Z43 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mm1z2v0~mm1z75 silicon planar zener diodes features ? total power dissipation: max. 500 mw ? small plastic package suitable for surface mounted design ? tolerance approximately 5% absolute maximum ratings (t a = 25 o c) parameter symbol value unit power dissipation p tot 500 mw junction temperature t j 150 o c storage temperature range t stg - 55 to + 150 o c characteristics at t a = 25 o c parameter symbol max. unit thermal resistance junction to ambient air r tha 340 o c/w forward voltage at i f = 10 ma v f 0.9 v anode 2 top view simplified outline sod-123 and symbol 1 2 pinning 1 pin cathode description
mm1z2v0~mm1z75 characteristics at t a = 25 o c type marking code zener voltage range 1) dynamic impedance 2) reverse leakage current v znom v l zt for v zt z zt (max.) at i z i r (max.) at v r ma v ? ma a v mm1z2v0 4a 2.0 5 1.8...2.15 100 5 120 0.5 mm1z2v2 4b 2.2 5 2.08...2.33 100 5 120 0.7 mm1z2v4 4c 2.4 5 2.28...2.56 100 5 120 1 mm1z2v7 4d 2.7 5 2.5...2.9 110 5 120 1 mm1z3v0 4e 3.0 5 2.8...3.2 120 5 50 1 mm1z3v3 4f 3.3 5 3.1...3.5 130 5 20 1 mm1z3v6 4h 3.6 5 3.4...3.8 130 5 10 1 mm1z3v9 4j 3.9 5 3.7...4.1 130 5 5 1 mm1z4v3 4k 4.3 5 4...4.6 130 5 5 1 mm1z4v7 4m 4.7 5 4.4...5 130 5 2 1 mm1z5v1 4n 5.1 5 4.8...5.4 130 5 2 1.5 mm1z5v6 4p 5.6 5 5.2...6 80 5 1 2.5 mm1z6v2 4r 6.2 5 5.8...6.6 50 5 1 3 mm1z6v8 4x 6.8 5 6.4...7.2 30 5 0.5 3.5 mm1z7v5 4y 7.5 5 7...7.9 30 5 0.5 4 mm1z8v2 4z 8.2 5 7.7...8.7 30 5 0.5 5 mm1z9v1 5a 9.1 5 8.5...9.6 30 5 0.5 6 mm1z10 5b 10 5 9.4...10.6 30 5 0.1 7 mm1z11 5c 11 5 10.4...11.6 30 5 0.1 8 mm1z12 5d 12 5 11.4...12.7 35 5 0.1 9 mm1z13 5e 13 5 12.4...14.1 35 5 0.1 10 mm1z15 5f 15 5 13.8...15.6 40 5 0.1 11 mm1z16 5h 16 5 15.3...17.1 40 5 0.1 12 mm1z18 5j 18 5 16.8...19.1 45 5 0.1 13 mm1z20 5k 20 5 18.8...21.2 50 5 0.1 15 mm1z22 5m 22 5 20.8...23.3 55 5 0.1 17 mm1z24 5n 24 5 22.8...25.6 60 5 0.1 19 mm1z27 5p 27 5 25.1...28.9 70 2 0.1 21 mm1z30 5r 30 5 28...32 80 2 0.1 23 mm1z33 5x 33 5 31...35 80 2 0.1 25 mm1z36 5y 36 5 34...38 90 2 0.1 27 mm1z39 5z 39 2.5 37...41 100 2 2 30 MM1Z43 6a 43 2.5 40...46 130 2 2 33 mm1z47 6b 47 2.5 44...50 150 2 2 36 mm1z51 6c 51 2.5 48...54 180 2 1 39 mm1z56 6d 56 2.5 52...60 180 2 1 43 mm1z62 6e 62 2.5 58...66 200 2 0.2 47 mm1z68 6f 68 2.5 64...72 250 2 0.2 52 mm1z75 6h 75 2.5 70...79 300 2 0.2 57 1) v z is tested with pulses (20 ms). 2) z zt is measured at i z by given a very small a.c. current signal.
mm1z2v0~mm1z75 iz 0 0 10 20 vz 30 40 v 8 ma test current iz 5ma 10 20 30 0 breakdown characteristics t j = constant (pulsed) 01 23 test current iz 5ma 10 20 45 7 6 vz tj=25 c o 10 9 v iz 30 40 breakdown characteristics t j = constant (pulsed) tj=25 c 50 ma o 2v7 3v3 3v9 4v7 5v6 6v8 8v2 10 12 15 18 22 27 33
mm1z2v0~mm1z75 package outline plastic surface mounted package; 2 leads sod-123 e mm unit a b c dehv all round d b c a a h h e p p e 1.15 1.05 0.6 0.5 0.135 0.100 2.7 2.6 1.65 1.55 3.9 3.7 0.2 o 5


▲Up To Search▲   

 
Price & Availability of MM1Z43

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X