Part Number Hot Search : 
EE08617 LBN07 CPD04 C5806 SP211EH T960105 7052B MAX649
Product Description
Full Text Search
 

To Download MIG200Q101H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MIG200Q101H 2002-12-06 1 toshiba intelligent power module silicon n channel igbt MIG200Q101H high power switching applications motor control applications  integrates inverter power circuits & control circuits (igbt drive units, protection units for over ? current, under ? voltage & over ? temperature) in one package.  the electrodes are isolated from case.  high speed type igbt : v ce (sat) = 3.5v (max.) t off = 3.8s (max.) t rr = 0.24s (max.)  outline : toshiba 2 ?1 2 1 a 1 a  weight : 5 1 0g equivalent circuit 1 1 1 1
MIG200Q101H 2002-12-06 2 maximum ratings (t j = 25c) stage characteristic condition symbol ratings unit supply voltage p ? n power terminal v cc 900 v collector ? emitter voltage D v ces 1200 v collector current tc = 25c, dc i c 200 a forward current tc = 25c, dc i f 200 a collector power dissipation tc = 25c p c 1600 w inverter junction temperature D t j 150 c control supply voltage v d ? gnd terminal v d 20 v input voltage in ? gnd terminal v in 20 v fault output voltage fo ? gnd (l) terminal v fo 20 v control fault output current fo sink current i fo 14 ma operating temperature D t c ? 20~+100 c storage temperature range D t stg ? 40~+125 c isolation voltage ac 1 minute v iso 2500 v module screw torque m6 D 3 nm electrical characteristics (t j = 25c) a. inverter stage characteristic symbol test condition min typ. max unit t j = 25c D D 2 collector cut ? off current i cex v cex = 1200v t j = 125c D D 40 ma t j = 25c D 2.7 3.5 collector ? emitter saturation voltage v ce (sat) v d = 15v, i c = 200a v in = 3v 0v t j = 125c D 2.6 D v forward voltage v f i f = 200a D 2.0 2.7 v t on 0.8 1.5 2.2 t c (on) D 0.5 1.0 t rr D 0.16 0.24 t off D 3.3 3.8 switching time t c (off) v cc = 600v, i c = 200a v d = 15v, v in = 3v ? 0v inductive load (note 1) D 0.4 0.8 s
MIG200Q101H 2002-12-06 3 b. control stage (t j = 25c) characteristic symbol test condition min typ. max unit control circuit current i d v d = 15v D 20 30 ma input on signal voltage v in (on) v d = 15v, i c = 200ma 0.9 1.1 1.3 v protection i fo (on) 8 10 12 fault output current normal i fo (off) v d = 15v D D 1 ma over current protection trip level oc v d = 15v, t j = 125c 280 400 D a short circuit protection trip level sc v d = 15v, t j = 125c 420 600 D a over current cut ? off time t off (oc) v d = 15v D 10 D s trip level ot 111 118 125 over temperature protection reset level otr case temperature 93 100 107 c trip level uv 11.3 12.0 12.7 control supply under voltage protection reset level uvr D 11.8 12.5 13.2 v fault output pulse width t fo v d = 15v 1 2 3 ms c. thermal resistance (t j = 25c) characteristic symbol test condition min typ. max unit igbt D D 0.078 junction to case thermal resistance r th (j ? c) frd D D 0.25 c / w case to fin thermal resistance r th (c ? f) compound is applied D 0.05 D c / w
MIG200Q101H 2002-12-06 4 note 1 : switching time test circuit & timing chart 1 1 1 1 intelligent power module pg tlp559 15 v 15 k  v d in gnd out v s gnd c2/e1 c1 v cc 15 v 15 k  v d in gnd out v s gnd e2 0.1  f 68  f 0.1  f 68  f 300 
MIG200Q101H 2002-12-06 5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
MIG200Q101H 2002-12-06 6 1 1 1 1 1 1 1 1
MIG200Q101H 2002-12-06 7 package dimensions toshiba 2-121a1a unit: mm
MIG200Q101H 2002-12-06 8  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707ea a restrictions on product use


▲Up To Search▲   

 
Price & Availability of MIG200Q101H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X