Part Number Hot Search : 
1SMC40A NA242 VEC2822 28F01 NTE53 1N2285 AN606 P1553Z
Product Description
Full Text Search
 

To Download MAX66120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the MAX66120 combines 1024 bits of user eeprom, a64-bit unique identifier (uid), and a 13.56mhz iso 15693 rf interface in a plastic key fob. the memory is organized as 16 blocks of 8 bytes plus two more blocks for data and control registers. each block has a user- readable write-cycle counter. four adjacent user eeprom blocks form a memory page (pages 0 to 3). memory protection features are write protection and eprom emulation, which the user can set for each indi- vidual memory page. the MAX66120 supports all iso 15693-defined data rates, modulation indices, subcarri- er modes, the selected state, application family identifier (afi), data storage format identifier (dsfid), and the option_flag bit for read operations. memory write access is accomplished through standard iso 15693 memory and control function commands. applications driver identification (fleet application)access control asset tracking features ? fully compliant with iso 15693 and iso 18000-3mode 1 standard ? 13.56mhz ?khz carrier frequency ? 1024-bit user eeprom with block lock feature,write-cycle counter, and optional eprom- emulation mode ? 64-bit uid ? read and write (64-bit block) ? supports afi and dsfid function ? 10ms programming time ? to fob: 10% or 100% ask modulation using 1/4(26kbps) or 1/256 (1.6kbps) pulse-position coding ? from fob: load modulation using manchestercoding with 423khz and 484khz subcarrier in low (6.6kbps) or high (26kbps) data-rate mode ? 200,000 write/erase cycles (minimum) ? 40-year data retention (minimum) ? compatible with existing 1kb iso 15693 productson the market ? supports the option_flag for read operations ? powered entirely through the rf field ? operating temperature: -25? to +50? MAX66120 iso 15693-compliant 1kb memory fob ________________________________________________________________ maxim integrated products 1 ordering information ic load switched load magnetic coupling antenna rx_in tx_out transmitter 13.56mhz reader MAX66120 typical operating circuit 19-5623; rev 0; 11/10 for pricing, delivery, and ordering information, please contact maxim direct at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. + denotes a lead(pb)-free/rohs-compliant package. part temp range pin-package MAX66120k-000aa+ -25c to +50c key fob key fob mechanical drawing appears at end of data sheet. evaluation kit available downloaded from: http:///
MAX66120 iso 15693-compliant 1kb memory fob 2 _______________________________________________________________________________________ absolute maximum ratingselectrical characteristics (t a = -25? to +50?.) (note 1) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. note 1: system requirement. note 2: guaranteed by simulation; not production tested. note 3: write-cycle endurance is degraded as t a increases. not 100% production tested; guaranteed by reliability monitor sampling. note 4: guaranteed by 100% production test at elevated temperature for a shorter time; equivalence of this production test to datasheet limit at operating temperature range is established by reliabiliity testing. note 5: production tested at 13.56mhz only. note 6: measured from the time at which the incident field is present with strength greater than or equal to h (min) to the time at which the MAX66120? internal power-on reset signal is deasserted and the device is ready to receive a command frame.not characterized or production tested; guaranteed by simulation only. maximum incident magnetic field strength ..........141.5db?/m operating temperature range ...........................-25? to +50? relative humidity ..............................................(water resistant) storage temperature range ...............................-25? to +50? parameter symbol conditions min typ max units eeprom programming time t prog (note 2) 9 10 ms endurance n cycle at +25c (note 3) 200,000 cycles data retention t ret (note 4) 40 years rf interface carrier frequency f c (notes 1, 5) 13.553 13.560 13.567 mhz activation field strength h min at 25c (note 2) 122.0 dba/m write field strength h wr at 25c (note 2) 122.4 dba/m maximum field strength h max at 25c (note 2) 137.5 dba/m power-up time t por (notes 2, 6) 1.0 ms detailed description the MAX66120 combines 1024 bits of user eeprom,128 bits of user and control registers, a 64-bit unique identifier (uid), and a 13.56mhz iso 15693 rf inter- face in a single key fob. the memory is organized as 18 blocks of 8 bytes each. each block has a user-readable write-cycle counter. four adjacent user eeprom blocks form a memory page (pages 0 to 3). memory protection features include write protection and eprom emulation, which the user can set for each individual memory page. the memory of the MAX66120 is accessed through the standard iso 15693 memory and control function commands. the data rate can be as high as 26.69kbps. the MAX66120 supports afi and dsfid. applications of the MAX66120 include driver identification (fleet application), access control, and asset tracking. overview figure 1 shows the relationships between the majorcontrol and memory sections of the MAX66120. the device has three main data components: 1) 64-bit uid, 2) four 256-bit pages of user eeprom, and 3) two 8- byte blocks of user and control registers. figure 2 shows the applicable iso 15693 commands and their purpose. the network function commands allow the master to identify all slaves in its range and to change their state, e.g., to select one for further communication. the protocol required for these network function com- mands is described in the network function commands section. the memory and control functions access the memory of the MAX66120 for reading andwriting. the protocol for these memory and control function commands is described in the memory and control function commands section. all data is read and written least significant bit (lsb) first, starting withthe least significant byte (lsb). downloaded from: http:///
MAX66120 iso 15693-compliant 1kb memory fob _______________________________________________________________________________________ 3 rf front- end voltage regulator internal supply memory and function control iso 15693 frame formatting and error detection uid register block user eeprom f c data modulation figure 1. block diagram parasite power as a wireless device, the MAX66120 is not connectedto any power source. it gets the energy for operation from the surrounding rf field, which must have a mini- mum strength as specified in the electrical characteristics table. unique identification number (uid) each MAX66120 contains a factory-programmed andlocked identification number that is 64 bits long (figure 3). the lower 36 bits are the serial number of the chip. the next 8 bits store the device feature code, which is 02h. bits 45 to 48 are 0h. the code in available commands: data field affected: inventory stay quiet select reset to ready uid, afi, dsfid, administrative datauid uid uid network function commands get system informationwrite single block lock block read single block read multiple blocks custom read block write afi lock afi write dsfid lock dsfid uid, afi, dsfid, constantsuid, data of selected memory block, applicable protection control register uid, applicable protection control register uid, selected memory block, applicable protection control register uid, selected memory block, applicable protection control register mfgcode, uid, selected memory block, applicable protection control register, integrity bytes uid, afi byte uid, afi lock byte uid, dsfid byte uid, dsfid lock byte memory and control function commands command type: MAX66120 figure 2. iso 15693 commands overview msb lsb 64 57 56 49 48 45 44 37 36 1 e0h 2bh 0h feature code (02h) 36-bit ic serial number figure 3. 64-bit uid downloaded from: http:///
MAX66120 iso 15693-compliant 1kb memory fob 4 _______________________________________________________________________________________ data byte number (sequence left to right as written to or read from device) integrity bytes block number 01234567l s b m s b 00h page 0 user eeprom r/(w) write-cycle counter 01h page 0 user eeprom r/(w) write-cycle counter 02h page 0 user eeprom r/(w) write-cycle counter 03h page 0 user eeprom r/(w) write-cycle counter 04h page 1 user eeprom r/(w) write-cycle counter 05h page 1 user eeprom r/(w) write-cycle counter 06h page 1 user eeprom r/(w) write-cycle counter 07h page 1 user eeprom r/(w) write-cycle counter 08h page 2 user eeprom r/(w) write-cycle counter 09h page 2 user eeprom r/(w) write-cycle counter 0ah page 2 user eeprom r/(w) write-cycle counter 0bh page 2 user eeprom r/(w) write-cycle counter 0ch page 3 user eeprom r/(w) write-cycle counter 0dh page 3 user eeprom r/(w) write-cycle counter 0eh page 3 user eeprom r/(w) write-cycle counter 0fh page 3 user eeprom r/(w) write-cycle counter 10h u1 u2 u3 u4 afi dsfid u5 u6 write-cycle counter 11h bp1 bp2 bp3 bp4 u-lock afi-lock dsfid- lock s-lock write-cycle counter figure 4. memory map bit locations 49 to 56 identifies the chip manufacturer,according to iso/iec 7816-6/am1. this code is 2bh for maxim. the code in the upper 8 bits is e0h. the uid is read accessible through the inventory and get system information commands. detailed memory description the memory of the MAX66120 is organized as 18blocks of 8 bytes each. figure 4 shows the memory map. the first 16 blocks (block numbers 00h to 0fh in hexadecimal counting) are the user eeprom, the area for application-specific data. four adjacent blocks are also referred to as a page. blocks 00h to 03h are page 0, blocks 04h to 07h are page 1, blocks 08h to 0bh are page 2, and blocks 0ch to 0fh are page 3. block 10h provides storage for user-programmable parameters that are defined by the iso 15693 stan- dard. these are afi and dsfid. the remaining bytes (u1 to u6) are not defined by the communication stan- dard; the application software can use them, e.g., for proprietary markings. block 11h contains control bytesthat determine the operation of the individual pages (eprom-emulation mode or write protection of individ- ual blocks), or to write protect u1 to u4, the afi, and the dsfid byte. the s-lock byte, if programmed to a suitable code, only protects itself from future changes. the self-protection feature can be used to permanently mark the fob as being ?pecial,?as defined by the application. table 1 illustrates the relationship between the controlling register in block 11h and the memory area affected. tables 2 and 3 specify the code assign- ments to achieve the protection. besides the storage for 8 data bytes, each memory block has 2 integrity bytes, which are not memory mapped. the integrity bytes function as a MAX66120- maintained, 16-bit write-cycle counter. having reached its maximum value of 65,535, the write-cycle counter stops incrementing, but does not prevent additional write cycles to the memory block. the integrity bytes can be read through the custom read block command. downloaded from: http:///
MAX66120 iso 15693-compliant 1kb memory fob _______________________________________________________________________________________ 5 affected memory area controlling register* blocks 00h to 03h blocks 04h to 07h blocks 08h to 0bh blocks 0ch to 0fh u1 to u4 afi dsfid s-lock bp1 e, w bp2 e, w bp3 e, w bp4 e, w u-lock w afi-lock w dsfid-lock w s-lock w table 1. memory protection matrix code description e erpom-emulation mode w write protection legend for table 1: code description 00000000b (00h) unlocked (factory default) 00001010b (0ah) eprom-emulation mode (irreversible) bp1: blocks 00h to 03h bp2: blocks 04h to 07h bp3: blocks 08h to 0bh bp4: blocks 0ch to 0fh 1010b (axh) write-protect block mode. once set to ah, the upper nibble cannot be ch anged to any other value (irreversible). the bits of the lower nibble can still be change d only from 0 (unlocked) to 1 (locked) to write protect blocks individually. b0: block 00h (bp1), block 04h (bp2), block 08h (bp3), block 0ch (bp4) b1: block 01h (bp1), block 05h (bp2), block 09h (bp3), block 0dh (bp4) b2: block 02h (bp1), block 06h (bp2), block 0ah (bp3), block 0eh ( bp4) b3: block 03h (bp1), block 07h (bp2), block 0bh (bp3), block 0fh ( bp4) table 2. bp1 to bp4 protection code assignments * if programmed to a locking (protecting) code, the controlling register irreversibly protects itself from further changes. see tables 2 and 3 for additional details. note: do not program the upper nibble of bp4 to 9 or 5, because this blocks the read access to blocks 0ch to 0fh. downloaded from: http:///
MAX66120 iso 15693-compliant 1kb memory fob 6 _______________________________________________________________________________________ iso 15693 communication concept the communication between the master and theMAX66120 (slave) is based on the exchange of data packets. the master initiates every transaction; only one side (master or slaves) transmits information at any time. each data packet begins with a start-of-frame (sof) pattern and ends with an end-of-frame (eof) pattern. a data packet with at least 3 bytes between sof and eof is called a frame (figure 5). the last 2 bytes of an iso 15693 frame are an inverted 16-bit crc of the preceding data generated according to thecrc-16-ccitt polynomial. this crc is transmitted with the lsb first. for more details on the crc-16-ccitt, refer to iso 15693 part 3, annex c. for transmission, the frame information is modulated on a carrier frequency, which is 13.56mhz for iso 15693. the subsequent paragraphs are a concise description of the required modulation and coding. for full details including graphics of the data coding schemes and sof/eof timing, refer to iso 15693-2, sections 7.2, 7.3, and 8. code description 00000000b (00h) unlocked (factory default) 10101010b (aah) locked (irreversible) all other codes unlocked table 3. protection code assignments for u-lock, afi-lock, dsfid-lock, s-lock sof 1 or more data bytes crc (lsb) crc (msb) eof time figure 5. iso 15693 frame format figure 6. downlink modulation (e.g., approximately 100% amplitude modulation) carrier amplitude 100% t downloaded from: http:///
MAX66120 iso 15693-compliant 1kb memory fob _______________________________________________________________________________________ 7 the path from master to slave uses amplitude modula- tion (figure 6); the modulation index can be either inthe range of 10% to 30% or 100% (iso 15693-2, section 7.1). the standard defines two pulse-position coding schemes that must be supported by a compli- ant device. scheme a uses the ? out of 256?method (figure 7), where the transmission of 1 byte takes 4.833ms, equivalent to a data rate of 1655bps. the location of a modulation notch during the 4.833ms con- veys the value of the byte. scheme b uses the ? out of 4?method (figure 8), where the transmission of 2 bits takes 75.52?, equivalent to a data rate of 26,484bps. the location of a modulation notch during the 75.52? conveys the value of the 2 bits. a byte is transmitted as a concatenation of four 2-bit transmis- sions, with the least significant 2 bits of the byte being transmitted first. the transmission of the sof pattern takes the same time as transmitting 2 bits in scheme b. the sof pattern has two modulation notches, which makes it distinct from any 2-bit pattern. the position of the second notch tells whether the frame uses the ? out of 256?or ? out of 4?coding scheme (figures 9 and 10, respectively). the transmission of the eof pat- tern takes 37.76?; the eof is the same for both coding schemes and has one modulation notch (figure 11). the path from slave to master uses one or two subcarri- ers, as specified by the subcarrier_flag bit in the requestdata packet. the standard defines two data rates for the response, low (approximately 6600bps) and high (approximately 26,500bps). the data_rate_flag bit in the request data packet specifies the response data rate.the data rate varies slightly depending on the use of one or two subcarriers. the lsb is transmitted first. a compliant device must support both subcarrier modes and data rates. in the single subcarrier case, the subcarrier frequency is 423.75khz. one bit is transmitted in 37.76? (highdata rate) or 151? (low data rate). the modulation is the on/off key. for a logic 0, the subcarrier is on during the first half of the bit transmission time and off for the second half. for a logic 1, the subcarrier is off during the first half of the bit transmission time and on for the second half. see figure 12 for more details. in the two subcarrier cases, the subcarrier frequencies are 423.75khz and 484.28khz. the bit duration is thesame as in the single subcarrier case. the modulation is equivalent to binary fm. for a logic 0, the lower sub- carrier is on during the first half of the bit transmission time, switching to the higher subcarrier for the second half. for a logic 1, the higher subcarrier is on during the first half of the bit transmission time, switching to the lower subcarrier for the second half. see figure 13 for details. the transmission of the sof pattern takes the same time as transmitting 4 bits (approximately 151? at a high data rate or approximately 604? at a low data rate). the sof is distinct from any 4-bit data sequence. the eof pattern is equivalent to a sof being transmit- ted backwards. the exact duration of the sof and eof varies slightly depending on the use of one or two sub- carriers (see figures 14 and 15, respectively). figure 7. downlink data coding (case ? out of 256? pulse- modulated carrier 01234 . . . . .2 25 ....... ........2 52 25 3 25 4 25 5 ..... ~ 9.44 s ~ 18.88 s ~ 4.833ms downloaded from: http:///
MAX66120 iso 15693-compliant 1kb memory fob 8 _______________________________________________________________________________________ figure 9. downlink sof for ? out of 256?coding (carrier not shown) ~ 9.44 s ~ 37.76 s ~ 37.76 s ~ 9.44 s figure 8. downlink data coding (case ? out of 4? (carrier not shown) pulse position ?00? pulse position ?01? (1 = lsb) pulse position ?10? (0 = lsb) pulse position ?11? ~ 9.44 s ~ 9.44 s ~ 9.44 s ~ 9.44 s ~ 9.44 s ~ 75.52 s ~ 75.52 s ~ 75.52 s ~ 75.52 s ~ 66.08 s ~ 28.32 s ~ 47.20 s downloaded from: http:///
MAX66120 iso 15693-compliant 1kb memory fob _______________________________________________________________________________________ 9 figure 10. downlink sof for ? out of 4?coding (carrier not shown) ~ 9.44 s ~ 37.76 s ~ 37.76 s ~ 9.44 s ~ 9.44 s figure 11. downlink eof (identical for both coding schemes) (carrier not shown) ~ 9.44 s ~ 37.76 s ~ 9.44 s figure 12. uplink coding, single subcarrier case (high data-rate timing) transmitting a zero 423.75khz, ~ 18.88 s ~ 18.88 s ~ 37.76 s transmitting a one 423.75khz, ~ 18.88 s ~ 18.88 s ~ 37.76 s downloaded from: http:///
MAX66120 iso 15693-compliant 1kb memory fob 10 ______________________________________________________________________________________ figure 13. uplink coding, two subcarriers case (high data-rate timing) transmitting a zero 484.28khz, ~ 18.58 s 423.75khz, ~ 18.88 s ~ 37.46 s transmitting a one 484.28khz, ~ 18.58 s 423.75khz, ~ 18.88 s ~ 37.46 s figure 14. uplink sof, single subcarrier case (high data-rate timing) 423.75khz 423.75khz ~ 56.64 s ~ 56.64 s ~ 37.76 s figure 15. uplink sof, two subcarriers case (high data-rate timing) 423.75khz 423.75khz 484.28khz 484.28khz ~ 55.75 s ~ 56.64 s ~ 37.46 s downloaded from: http:///
MAX66120 iso 15693-compliant 1kb memory fob ______________________________________________________________________________________ 11 iso 15693 slave states and address modes initially, the master has no information whether there areany rf devices in the field of its antenna. the master learns the uids of the slaves in its field from the responses to the inventory command, which does not use the address_flag and the select_flag bits. the state transitions are controlled by network function com- mands. figure 16 shows details. iso 15693 defines four states in which a slave can be plus three address modes. the states are power-off, ready, quiet, and selected. the address modes are non- addressed, addressed, and selected. the addressed mode requires that the master include the slave? uid in the request, which increases the size of the requests by 8 bytes. table 4 shows which address mode is applica- ble depending on the slave? state and how to set the address_flag and the select_flag bits for each address mode. iso 15693 states and transitions power-off state this state applies if the slave is outside the master? rffield. a slave transitions to the power-off state when leaving the power-delivering rf field. when entering the rf field, the slave automatically transitions to the ready state. ready state in this state, a slave has enough power to perform anyof its functions. the purpose of the ready state is to have the slave population ready to process the inventory command as well as other commands sent in the addressed or nonaddressed mode. a slave can exit the ready state and transition to the quiet or the selectedstate upon receiving the stay quiet or select command sent in the addressed mode. quiet state in this state, a slave has enough power to perform anyof its functions. the purpose of the quiet state is to silence slaves that the master does not want to commu- nicate with. only commands sent with the addressed mode are accepted and processed. this way the mas- ter can use the nonaddressed mode for communication with remaining slaves in the ready state, which mini- mizes the size of the request data packets. as long as no additional slaves arrive in the rf field, it is safe for the master to continue communicating in the nonad- dressed mode. a slave can exit the quiet state and transition to the ready or the selected state upon receiv- ing the reset to ready or select command sent in the addressed mode. selected state in this state, a slave has enough power to perform anyof its functions. the purpose of the selected state is to isolate the slave that the master wants to communicate with. commands are accepted and processed regard- less of the address mode in which they are sent, includ- ing the inventory command. with multiple slaves in the rf field, the master can put one slave in the selected state and leave all the others in the ready state. this method requires less communication than using the quiet state to single out the slave for communication. for a slave in the selected state, the master can use the selected mode, which keeps the request data packets as short as with the nonaddressed mode. a new slave entering the rf field cannot disturb the communication, since it stays in the ready state. a slave can exit the address modes slave states nonaddressed mode (address_flag = 0; select_flag = 0) addressed mode (address_flag = 1; select_flag = 0) selected mode (address_flag = 0; select_flag = 1) power-off (inactive) (inactive) (inactive) ready yes yes no quiet no yes no selected yes yes yes table 4. slave states and applicable address modes downloaded from: http:///
MAX66120 iso 15693-compliant 1kb memory fob 12 ______________________________________________________________________________________ selected state and transition to the ready or the quietstate upon receiving the reset to ready command sent in any address mode or the stay quiet command sent in the addressed mode. a slave also transitions from selected to ready upon receiving a select command if the uid in the request is different from the slave? own uid. in this case the master? intention is to transition another slave with the matching uid to the selectedstate. if the slave already in the selected state does not recognize the command, e.g., due to a bit error, two slaves could be in the selected state. to prevent this from happening, the master should use the reset to ready or the stay quiet command to transition a slave out of the selected state. figure 16. iso 15693 state transitions diagram power-off ready selected quiet in field note 1 note 3 out of field out of field reset to ready [n, a, s] out of field note 2 response legend:note 1: the slave processes the inventory command and other commands provided that they are sent in the [n] or [a] address mode. note 2: the slave processes only commands sent in the [a] address mode. note 3: the slave processes the inventory command and other commands in any address mode. response to reset to ready reset to ready [a] matching uid stay quiet [a]matching uid select [a], nonmatching uid response to select no response stay quiet [a] matching uid select [a] matching uid select [a] matching uid address mode legend:[n] nonaddressed [a] addressed [s] selected downloaded from: http:///
MAX66120 iso 15693-compliant 1kb memory fob ______________________________________________________________________________________ 13 request flags the command descriptions on the subsequent pagesbegin with a byte called request flags. the iso 15693 standard defines two formats for the request flags byte. the state of the inventory_flag bit controls the function of the bits in the upper half of the request flags byte. the function of the request flags byte is as follows. inventory_flag bit not set bits 8, 4: no function. these bits have no function. they must be transmitted as 0.bit 7: options flag (option_flag). this bit is used with block read commands to include the block security sta-tus in the response. if not applicable for a command, the option_flag bit must be 0. bit 6: address flag (address_flag). this bit specifies whether all slaves in the master? field that are in theselected or ready state process the request (bit = 0) or only the single slave whose uid is specified in the request (bit = 1). if the address_flag bit is 0, the request must not include a uid. the combination of both the select_flag and address_flag bits being set (= 1) is not valid. bit 5: select flag (select_flag). this bit specifies whether the request is processed only by the slave inthe selected state (bit = 1) or by any slave according to the setting of the address_flag bit (bit = 0). bit 3: inventory flag (inventory_flag). this bit must be 1 for the inventory command only. for all other com-mands, this bit must be 0. bit 2: data rate flag (data_rate_flag). this bit speci- fies whether the response data packet is transmittedusing the low data rate (bit = 0) or the high data rate (bit = 1). bit 1: subcarrier flag (subcarrier_flag). this bit specifies whether the response data packet is transmit-ted using a single subcarrier (bit = 0) or two subcarriers (bit = 1). inventory_flag bit set bits 8, 7, 4: no function. these bits have no function. they must be transmitted as 0.bit 6: slot counter flag (nb_slots_flag). this bit specifies whether the command is processed using aslot counter (bit = 0) or without using the slot counter (bit = 1). bit 5: application family identifier flag (afi_flag). to detect only slaves with a certain afi value, the afi_flag bit must be 1 and the desired afi value must be included in the request. if the least significant nibble of the afi in the request is 0000b, slaves process the command only if the most significant nibble of the afi matches. if the afi in the request is 00h, all slaves process the command regardless of their afi. bit 3: inventory flag (inventory_flag). this bit must be 1 for the inventory command only. for all other com-mands, this bit must be 0. bit 2: data rate flag (data_rate_flag). this bit speci- fies whether the response data packet is transmittedusing the low data rate (bit = 0) or the high data rate (bit = 1). bit 1: subcarrier flag (subcarrier_flag). this bit specifies whether the response data packet is transmit-ted using a single subcarrier (bit = 0) or two subcarriers (bit = 1). bit 8 (msb) bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 (lsb) 0 option_flag address_flag select_flag 0 inventory_flag (= 0) data_rate_flag subcarrier_flag request flags, inventory_flag bit not set request flags, inventory_flag bit set bit 8 (msb) bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 (lsb) 0 0 nb_slots_flag afi_flag 0 inventory_flag (= 1) data_rate_flag subcarrier_flag downloaded from: http:///
MAX66120 iso 15693-compliant 1kb memory fob 14 ______________________________________________________________________________________ request flags command afi (note 1) mask length mask pattern (note 2) (1 byte) 01h (1 byte) (1 byte) (up to 8 bytes) note 1: the afi byte is transmitted only if the afi_flag bit is set to 1. the afi byte, if transmitted, narrows the range of slaves tha t qualify for responding to the request. note 2: the mask pattern is transmitted only if the selection mask length is not 0. if the mask length is not an integer multiple of 8,the msb of the mask pattern must be padded with 0 bits. the lsb of the mask pattern is transmitted first. response flags dsfid uid 00h (1 byte) (8 bytes) network function commands the command descriptions show the data fields of therequest and response data packets. to create the com- plete frame, an sof, 16-bit crc, and eof must be added (see figure 5). the iso 15693 standard defines four network function commands: inventory, stay quiet, select, and reset to ready. this section describes the format of the request and response data packets. inventory the inventory command allows the master to learn theuids and dsfids of all slaves in its rf field in an itera- tive process. it is the only command for which the inventory_flag bit must be 1. the inventory command uses two command-specific parameters, which are the mask length and the mask pattern. the mask allows the master to preselect slaves for responding to the inventory command. the lsb of the mask aligns with the lsb of the slave? uid. the master can choose not to use a mask, in which case all slaves qualify, provid- ed they are not excluded by the afi criteria (see the request flags section). the maximum mask length is 60 (3ch, if nb_slots_flag = 0) or 64 (40h, if nb_slots_flag = 1). the mask pattern defines the least significant bits (as many as specified by the mask length) that a slave? uid must match to qualify for responding to the inventory command (case nb_slots_flag = 1). if the slot counter is used (nb_slots_flag = 0), the value of the slot counter extends the mask pattern at the higher bits for compari- son to the slave? uid. the slot counter starts at 0 after the inventory request frame is transmitted and incre- ments during the course of the inventory command with every subsequent eof sent by the master. the pro- cessing of an inventory command ends when the mas-ter sends the sof of a new frame. response data for the inventory command (no error) is transmitted only if a slave qualifies to respond. in case of an error in the request, slaves do not respond. when receiving the inventory command, the slave devices in the rf field enter the collision management sequence. if a slave meets the conditions to respond, it sends out a response data packet. if multiple slaves qualify, e.g., afi, mask, and slot counter are not used, the response frames collide and are not readable. to receive readable response frames with the uid and dsfid, the master must eliminate the collision. not knowing the slave population, the master could begin with a mask length of 0 and activate the slot counter. by using this method and going through all 16 slots, the master has a chance to receive clean responses (i.e., the slave is identified) as well as collid- ing responses. to prevent a slave that has been identi- fied from further participating in the collision management sequence, the master transitions it to the quiet state. next, the master issues another inventory command where the slot number that previously gener- ated a collision is now used as a 4-bit mask, and runs again through all 16 slots. if a collision is found, another inventory command is issued, this time with a mask that is extended at the higher bits by the slot counter value that produced the collision. this process is repeated until all slaves are identified. for a full description of the inventory request processing by the slave device and the timing specifications, refer to iso 15693 part 3, sections 8 and 9. request data for the inventory command response data for the inventory command (no error) downloaded from: http:///
MAX66120 iso 15693-compliant 1kb memory fob ______________________________________________________________________________________ 15 stay quiet the stay quiet command addresses an individual slaveand transitions it to the quiet state. the request must be sent in the addressed mode (select_flag bit = 0, address_flag bit = 1). the slave transitioning to the quiet state does not send a response. select the select command addresses an individual slaveand transitions it to the selected state. the request must be sent in the addressed mode (select_flag bit = 0, address_flag bit = 1). the slave transitioning to the selected state sends a response. if there was a slave with a different uid in the selected state, then that slave transitions to the ready state without sending a response. reset to ready the reset to ready command addresses an individualslave and transitions it to the ready state. to address a slave in the quiet state, the request must be sent in the addressed mode (select_flag bit = 0, address_flag bit = 1). to address a slave in the selected state, the request can be sent in any address mode. the slave transitioning to the ready state sends a response. memory and control function commands the command descriptions show the data fields of therequest and response data packets. to create the com- plete frame, an sof, 16-bit crc, and eof must be added (see figure 5). iso 15693 defines three address modes, selected, addressed, and nonaddressed, which are specified through the setting of the select_flag bit and the address_flag bit. the memory and control function commands can be issued in any address mode. to access slaves in the quiet state, the addressed mode is required. the addressed mode requires that the master include the slave's uid in the request. error indication depending on the complexity of a function, variouserror conditions can occur. in case of an error, the response to a request begins with a response flags byte 01h followed by one 1-byte error code. table 5 shows a matrix of commands and potential errors. if there was no error, the response begins with a response flags byte 00h followed by command-specific data, as specified in the detailed command description. if the MAX66120 does not recognize a command, it does not generate a response. request flags command uid (1 byte) 02h (8 bytes) request data for the stay quiet command request data for the select command* request data for the reset to ready command* request flags command uid (1 byte) 25h (8 bytes) * if this command is processed without any error, the slave responds with a response flags byte of 00h. request flags command uid** (1 byte) 26h (8 bytes) * if this command is processed without any error, the slave responds with a response flags byte of 00h. ** the uid is transmitted only in the addressed mode. downloaded from: http:///
request flags command uid (1 byte) 2bh (8 bytes) request flags command uid block number new block data (1 byte) 21h (8 bytes) (1 byte) (8 bytes) response flags info flags uid dsfid afi number of blocks memory block size ic reference 00h 0fh (8 bytes) (1 byte) (1 byte) 12h 07h (1 byte) MAX66120 iso 15693-compliant 1kb memory fob 16 ______________________________________________________________________________________ failing commands error description error code get sstem information write single block lock block read single block read multiple blocks custom read block write afi lock afi write dsfid lock dsfid invalid block number 10h  already locked 11h   write access failed because block is locked 12h   table 5. error code matrix detailed command descriptions in the request data graphics of this section, the uidfield is shaded to indicate that the inclusion of the uid depends on the address mode. get system information the get system information command allows the mas-ter to retrieve technical information about the MAX66120. the ic reference code indicates the die revision in hexadecimal format, such as a1h, a2h, b1h, etc. write single block the normal way to write data to the device is throughthe write single block command. this command uses one command-specific parameter, which is the memoryblock number. valid block numbers are 00h to 11h. writing a block takes t prog . the response is transmit- ted after the memory is updated.depending on the protection settings of the memory location to be updated, the MAX66120 manipulates data as it arrives in a buffer. upon receiving a write single block request for a write-protected location (e.g., a self-locking nibble or byte in memory block 11h), the buffer is loaded with the data already in memory, rather than the data transmitted in the request. similarly, if the target memory block is in eprom mode, the buffer is loaded with the bitwise logical and of the transmitted data and data already in memory. in all other cases, the data sent by the master arrives in the buffer unaltered. * if this command is processed without any error, the slave responds with a response flags byte of 00h. request data for the get system information command response data for the get system information command (no error) request data for the write single block command* downloaded from: http:///
MAX66120 lock block the lock block command permanently locks (write pro-tects) the selected block and reports the success of the operation in the response. locking a block takes t prog . the response is transmitted after the protection byte is updated. the block protection can alternativelybe achieved by direct writing to memory block 11. before using the lock block command, the final block data should be defined and written to the device. read single block the read single block command allows for retrievingthe data of a single memory block. this command uses one command-specific parameter, which is the memory block number. valid block numbers are 00h to 11h. if the option_flag bit is set, the response includes the block? security status. request flags command uid block number (1 byte) 22h (8 bytes) (1 byte) iso 15693-compliant 1kb memory fob ______________________________________________________________________________________ 17 * if this command is processed without any error, the slave responds with a response flags byte of 00h. request data for the lock block command* request data for the read single block command response data for the read single block command (no error, option_flag not set) response data for the read single block command (no error, option_flag set) request flags command uid block number (1 byte) 20h (8 bytes) (1 byte) response flags memory data 00h (8 bytes) response flags se curity status memory data 00h (1 byte) (8 bytes) code security status code explanation 00h the memory block is not protected. 01h the memory block is write protected. legend: downloaded from: http:///
18 ______________________________________________________________________________________ MAX66120 iso 15693-compliant 1kb memory fob request flags command mfg code uid block number (1 byte) a4h 2bh (8 bytes) (1 byte) response flags memory data integrity bytes 00h (8 bytes) (2 bytes) response flags se curity status memory data integrity bytes 00h (1 byte) (8 bytes) (2 bytes) response flags security status memory data 00h (1 byte) (8 bytes) repeated as needed read multiple blocks the read multiple blocks command allows for retriev-ing the data of up to three memory blocks. this com- mand uses two command-specific parameters, which are the starting block number and the number of blocks to read. valid starting block numbers are 00h to 11h. permissible number of block values are 0, 1, and 2, corresponding to 1, 2, and 3 blocks. a request that attempts reading beyond block number 11h generates a response with error code 10h. if the option_flag bit is set, the response includes the block? security status. the security status codes are the same when reading single blocks. see the read single block section for more details. custom read block the custom read block command allows for retrievingthe data of a single memory block. this command uses one command-specific parameter, which is the memory block number. valid block numbers are 00h to 11h. if the option_flag bit is set, the response includes the block? security status. the security status codes are the same as when reading single blocks. see the read single block section for more details. request flags command uid starting block number number of blocks (1 byte) 23h (8 bytes) (1 byte) (1 byte) response flags memory data 00h (8 to 24 bytes) request data for the read multiple blocks command response data for the read multiple blocks command (no error, option_flag not set) response data for the read multiple blocks command (no error, option_flag set) request data for the custom read block response data for the custom read block (no error, option_flag not set) response data for the custom read block (no error, option_flag set) downloaded from: http:///
MAX66120 iso 15693-compliant 1kb memory fob ______________________________________________________________________________________ 19 write afi the write afi command writes the afi byte andreports the success of the operation in the response. the afi byte can alternatively be defined by writing to the proper location in memory block 10h using the write single block command. lock afi the lock afi command permanently locks (write pro-tects) the afi byte and reports the success of the oper- ation in the response. before using the lock afi command, the afi byte should be written to the device using the write afi command. the afi byte can alterna- tively be locked by writing the afi lock byte in memory block 11h to aah, using the write single block com- mand. write dsfid the write dsfid command writes the dsfid byte andreports the success of the operation in the response. the dsfid byte can alternatively be defined by writing to the proper location in memory block 10h using the write single block command. lock dsfid the lock dsfid command permanently locks (writeprotects) the dsfid byte and reports the success of the operation in the response. before using the lock dsfid command, the dsfid byte should be written to the device using the write dsfid command. the dsfid byte can alternatively be locked by writing the dsfid lock byte in memory block 11h to aah, using the write single block command. crc generation the iso 15693 standard uses a 16-bit crc, generat-ed according to the crc-16-ccitt polynomial func- tion: x 16 + x 12 + x 5 + 1 (see figure 17). this crc is used for error detection in request and response datapackets and is always communicated in the inverted form. after all data bytes are shifted into the crc gen- erator, the state of the 16 flip-flops is parallel-copied to a shift register and shifted out for transmission with the lsb first. for more details on this crc, refer to iso/iec 15693-3, annex c. request flags command uid afi value (1 byte) 27h (8 bytes) (1 byte) * if this command is processed without any error, the slave responds with a response flags byte of 00h. request flags command uid (1 byte) 28h (8 bytes) * if this command is processed without any error, the slave responds with a response flags byte of 00h. request flags command uid dsfid value (1 byte) 29h (8 bytes) (1 byte) * if this command is processed without any error, the slave responds with a response flags byte of 00h. request data for the write afi command* request data for the lock afi command request data for the write dsfid command request data for the lock dsfid command request flags command uid (1 byte) 2ah (8 bytes) * if this command is processed without any error, the slave responds with a response flags byte of 00h. downloaded from: http:///
MAX66120 iso 15693-compliant 1kb memory fob 20 ______________________________________________________________________________________ figure 17. crc-16-ccitt generator 1st stage msb lsb 2nd stage 7th stage 8th stage 6th stage x 0 x 1 3rd stage 4th stage 5th stage x 2 x 3 x 4 polynomial = x 16 + x 12 + x 5 + 1 input data x 5 x 6 11th stage x 11 9th stage 10th stage x 9 x 10 12th stage 15th stage 14th stage 13th stage x 12 x 13 x 14 x 7 16th stage x 16 x 15 x 8 command-specific iso 15693 communication protocol?egend symbol description gsy command get system information wsb command write single block lbl command lock block rsb command read single block rmb command read multiple blocks crb command custom read block wafi command write afi lafi command lock afi wdsf command write dsfid ldsf command lock dsfid sof start of frame rqf request flags byte (always sent by master) cc-16 transmission of an inverted crc-16 (2 bytes) generated according to crc-16-ccitt eof end of frame rsf response flags byte (always sent by slave) [uid] the tags unique 8-byte identification number; could be sent by either the master or the slave. the brackets [ ] indicate that the transmission of the uid depends on the request flags (rqf). symbol description iflg info flags byte (always sent by slave) dsfid data storage format identifier byte afi application family identifier byte nblk number of blocks byte (slave memory size indicator) mbs memory block size byte (slave memory block size) icr ic reference byte (slave chip revision) mfg manufacturer code byte (2bh) errc error code byte (see table 5) bn new block data (8 bytes) bdata buffer data (8 bytes) mdata memory data (8 bytes) secs block security status byte sbn starting block number byte #blk number of blocks to read byte intb 2 integrity bytes (block write cycle counter) downloaded from: http:///
MAX66120 iso 15693-compliant 1kb memory fob ______________________________________________________________________________________ 21 command-specific iso 15693 communication protocol?olor codes iso 15693 communication examples master-to-slave slave-to-master programming eof crc-16 sof rqf wsb bn bdata eof (carrier) [uid] crc-16 write single block success sof eof errc rsf = 01h sof rsf = 00h crc-16 error t prog sof sof rqf bn lbl eof (carrier) [uid] crc-16 lock block success rsf = 00h eof crc-16 sof eof errc rsf = 01h crc-16 error t prog sof sof eof uid afi icr mbs iflg nblk dsfid rsf = 00h rqf gsy eof (carrier) [uid] crc-16 get system information success crc-16 eof crc-16 sof rqf rsb bn eof (carrier) [uid] crc-16 read single block success(option_flag = 0) sof eof errc secs rsf = 01h sof rsf = 00h eof crc-16 mdata mdata success(option_flag = 1) sof rsf = 00h crc-16 error downloaded from: http:///
MAX66120 iso 15693-compliant 1kb memory fob 22 ______________________________________________________________________________________ iso 15693 communication examples (continued) bn eof crc-16 mdata success(option_flag = 0) sof eof errc secs intb intb rsf = 01h sof rsf = 00h eof crc-16 mdata success(option_flag = 1) sof rsf = 00h crc-16 error eof crc-16 sof rqf rmb sbn #blk mdata (1, 2, or 3 blocks) eof (carrier) [uid] crc-16 read multiple blocks success(option_flag = 0) sof eof errc rsf = 01h sof rsf = 00h eof crc-16 secs and mdata (1, 2, or 3 blocks) success(option_flag = 1) sof rsf = 00h crc-16 error sof rqf crb eof (carrier) [uid] crc-16 custom read block mfg sof sof rqf afi wafi eof (carrier) [uid] crc-16 write afi success rsf = 00h eof crc-16 sof eof errc rsf = 01h crc-16 error t prog lafi [uid] sof rqf eof (carrier) crc-16 lock afi sof success rsf = 00h eof crc-16 sof eof errc rsf = 01h crc-16 error t prog downloaded from: http:///
MAX66120 iso 15693-compliant 1kb memory fob ______________________________________________________________________________________ 23 iso 15693 communication examples (continued) sof rqf wdsf dsfid eof (carrier) [uid] crc-16 write dsfid sof success rsf = 00h eof crc-16 sof eof errc rsf = 01h crc-16 error t prog sof rqf ldsf eof (carrier) [uid] crc-16 lock dsfid sof success rsf = 00h eof crc-16 sof eof errc rsf = 01h crc-16 error t prog MAX66120k-000aa+ top viewside view 54mm 28mm 7.7mm 1.6mm key fob mechanical drawing downloaded from: http:///
MAX66120 iso 15693-compliant 1kb memory fob maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circuit patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 24 ____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 2010 maxim integrated products maxim is a registered trademark of maxim integrated products, inc. revision history revision number revision date description pages changed 0 11/10 initial release downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of MAX66120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X