Part Number Hot Search : 
TA1819A BT4401 6FL60S02 CDRH6 UPD70F C3082 CEM2133 3AV2C
Product Description
Full Text Search
 

To Download MA700WAABC001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spe - 12 - 8 - 089/ d /zl page 1 of 31 ma700.w.a301111 .b305111.c305111 specification part no. : ma700.w.a.abc.001 product name : pantheon antenna 3in1 ma 700 .w screw - mount (permanent mount) white version gps /glonass /galileo / lte cellular / 2.4ghz / 5ghz combination antenna feature s : highest efficiency/peak gain omni - directional outdoor ip67 antenna advanced rf design and materials heavy duty C integrated metal base/ground - plane white housing custom cables and connectors available rohs ? mounting p rofile moun ted on white roof
spe - 12 - 8 - 089/ d /zl page 2 of 31 ma700.w.a301111 .b305111.c305111 1. introduction the pantheon ma 700 .w antenna is an omni - directional heavy - dut y, fully ip67 waterproof external m2m antenna for use in telematics, transportation and remote monitoring applications. the pantheon series is designed for rf professionals who accept no performance compromises whatsoever. the ma 700 .w combines a 3in1 gps /g lonass /galileo , cellular 700mhz to 2200mhz ( 4 g/3g/ 2 g) and 2.4ghz/5ghz antenna with the highest efficiency and peak gain possible. unlike our competitors who dont measure cable loss the specification is measured at 3 meters (10ft) to show real performance in the field. the antenna screws down permanently onto a roof or metal panel and can be pole or wall - mounted. the white housing is ideal for mounting on white truck roofs or cabs or industrial equipment. all while still maintaining 20db isolation between antennas. it uses high - shielded ptfe dielectric ultra low - loss cables that maintain low attenuation at all frequency bands, and high noise rejection, with an average loss of only 0.3db per meter (0.1db per foot), compared to 0.7db for rg58 and 1.2db for rg 174. because of this, the pantheon maximizes chances of passing ptcrb and network approvals first time. the pantheon also has excellent performance without need to attach to an external ground - plane due to its internal antennas coupling to its unique supe r strong integrated metal base. the antenna comes with a 3m adhesive waterproof layer to prevent water leaking under the antenna into the mounting hole. the pantheon can also be supplied in single gps /glonass /galileo , cellular, wi - fi only versions, or at o ther frequencies. c ustom designed integrated wall mounted and pole mounted brackets are available for the pantheon antennas. these patent pending mounts allow for 180 degrees freedom of movement of the antennas for ease of positioning while also preventin g access to the cables so they cannot be cut by vandals or thieves and also protecting the cables from long term weather exposure. the removal of unsightly cables also leads to a cleaner more professional installation and look, and makes the antenna less i dentifiable and more unobtrusive. customized cable sleeves can be supplied for extra protection where required. note: for groun d - isolation antennas use the ma 7 05 .w version with isolation gaskets. also available in black.
spe - 12 - 8 - 089/ d /zl page 3 of 31 ma700.w.a301111 .b305111.c305111 2. specification gps - glonass - galil eo centre frequency 1575.42mhz / 1602mhz bandwidth 10mhz radiation efficiency 50(without cable) passive gain @ zenith 4.0 typ(with =140mm ground) vswr 2 impedance 50? dc power input range 3 ~ 5v dc input 3.3v 4.0v 5.5v mhz 1575.42 1602 1575.42 1602 1575.42 1602 vswr 2 2 2 2 2 2 lna gain 29.2 29 31 31 32.3 32 noise figure 3.1 3.1 3.2 3.2 3.4 3.4 power consumption 7.5 7.5 9.4 9.4 15 15 band attenuation 1520mhz: - 20db 1642mhz: - 20db 1520mhz: - 20db 1642mhz: - 20db 1520mhz: - 20db 1642mhz: - 20db cable 3m rg - 174 standard, fully customizable connector sma(m) standard, fully customizable cellular frequency ( m hz) 700 ~ 8 00 824 ~ 896 880 ~ 960 1710~1880 1850~1 990 1710 ~2170 peak gain (dbi) 2. 4 1. 6 1. 7 2.1 2.4 2.4 average gain (dbi) - 1.3 - 2.0 - 2.3 - 2.8 - 2.7 - 2.7 efficiency 73 % 61 % 58 % 52 % 52 % 52 % impedance 50? polarization linear radiation pattern omni cable 3m cfd200 standard, fully customizable connector sma(m) standard, standard, fully customizable
spe - 12 - 8 - 089/ d /zl page 4 of 31 ma700.w.a301111 .b305111.c305111 2.4ghz / 5ghz antenna frequency (ghz) 2.4 ~ 2.5 4.7 ~ 5.0 5.0 ~ 5.4 5.4 ~ 5.9 peak gain (dbi) 2.1 2 .9 3.8 2.8 average gain (dbi) - 2.3 - 3.6 - 3.3 - 3.8 efficiency 60% 44% 46% 42% vswr <=1. 7 :1 impedance 50? polarization linear radiation pattern omni cable 3m cfd200 standard, fully customizable connector sma(m) standard, standard, fully customizable mechanical dimensions height 85.7 mm x diameter 145.6 mm casing wonderloy pc - 540 pc/abs al loy base and thread can10 zinc alloy thread diameter m30 x 2 (30mm) nut nickel plated iron foam 3m 9448hk waterproof ip67 environmental operation tempe ra ture - 3 0c to 8 5 c storage temperature - 40c to 90 c humidity non - condensing 65c 95% rh * all measurement are done in free space with 3m standard cable
spe - 12 - 8 - 089/ d /zl page 5 of 31 ma700.w.a301111 .b305111.c305111 lte bands band number lte / lte - advanced / wcdma / hspa / hspa+ / td - scdma uplin k downlink covered 1 ul: 1920 to 1980 dl: 2110 to 2170 ? 2 ul: 1850 to 1910 dl: 1930 to 1990 ? 3 ul: 1710 to 1785 dl: 1805 to 1880 ? 4 ul: 1710 to 1755 dl: 2110 to 2155 ? 5 ul: 824 to 849 dl: 869 to 894 ? 7 ul: 2500 to 2570 dl:2620 to 2690 ? 8 ul: 8 80 to 915 dl: 925 to 960 ? 9 ul: 1749.9 to 1784.9 dl: 1844.9 to 1879.9 ? 11 ul: 1427.9 to 1447.9 dl: 1475.9 to 1495.9 ? 12 ul: 699 to 716 dl: 729 to 746 ? 13 ul: 777 to 787 dl: 746 to 756 ? 14 ul: 788 to 798 dl: 758 to 768 ? 17 ul: 704 to 716 dl: 734 to 746 (lte only) ? 18 ul: 815 to 830 dl: 860 to 875 (let only) ? 19 ul: 830 to 845 dl: 875 to 890 ? 20 ul: 832 to 862 dl: 791 to 821 ? 21 ul: 1447.9 to 1462.9 dl: 1495.9 to 1510.9 ? 22 ul: 3410 to 3490 dl: 3510 to 3590 ? 23 ul:2000 to 2020 dl: 2180 to 2200 (lte only) ? 24 ul:1625.5 to 1660.5 dl: 1525 to 1559 (lte only) ? 25 ul: 1850 to 1915 dl: 1930 to 1995 ? 26 ul: 814 to 849 dl: 859 to 894 ? 27 ul: 807 to 824 dl: 852 to 869 (lte only) ? 28 ul: 703 to 748 dl: 758 to 803 (lte only) ? 29 ul: - dl: 717 to 728 (lte only) ? 30 ul: 2305 to 2315 dl: 2350 to 2360 (lte only) ? 31 ul: 452.5 to 457.5 dl: 462.5 to 467.5 (lte only) ? 32 ul: - dl: 1452 - 1496 ? 35 1850 to 1910 ? 38 2570 to 2620 ? 39 1880 to 1920 ? 40 2300 to 2400 ? 41 2496 to 2690 ? 42 3400 to 3600 ? 43 3600 to 3800 ? *covered bands represent an efficiency greater than 20%
spe - 12 - 8 - 089/ d /zl page 6 of 31 ma700.w.a301111 .b305111.c305111 3. gps /glonass /galileo antenna characteristics 3.1. block diagram 3.2. return loss
spe - 12 - 8 - 089/ d /zl page 7 of 31 ma700.w.a301111 .b305111.c305111 3.3. gps /glonass /galileo antenna radiation pattern xyz co - ordinate for reference. xz - plane free space @1575.42mhz z y x
spe - 12 - 8 - 089/ d /zl page 8 of 31 ma700.w.a301111 .b305111.c305111 yz - plane free space @1575.42mhz xz - plane free space @1602mhz
spe - 12 - 8 - 089/ d /zl page 9 of 31 ma700.w.a301111 .b305111.c305111 yz - plane free space @1602mhz
spe - 12 - 8 - 089/ d /zl page 10 of 31 ma700.w.a301111 .b305111.c305111 3.4. gps /glonass /galileo lna
spe - 12 - 8 - 089/ d /zl page 11 of 31 ma700.w.a301111 .b305111.c305111 4. cellular antenna characteristics 4.1. return loss (free s pace) 4.2. return loss ( 45 x 30cm ground plane ) -20 -18 -16 -14 -12 -10 -8 -6 -4 -2 0 600 800 1000 1200 1400 1600 1800 2000 2200 2400 (mhz) (db) 0.3m 1.0m 2.0m 3.0m -20 -18 -16 -14 -12 -10 -8 -6 -4 -2 0 600 800 1000 1200 1400 1600 1800 2000 2200 2400 (mhz) (db) 0.3m 1.0m 2.0m 3.0m
spe - 12 - 8 - 089/ d /zl page 12 of 31 ma700.w.a301111 .b305111.c305111 4.3. vswr (free s pace) 4.4. vswr ( 45cm x 30cm ground plane ) 1 2 3 4 5 6 7 8 9 10 600 800 1000 1200 1400 1600 1800 2000 2200 2400 (mhz) 0.3m 1.0m 2.0m 3.0m 1 2 3 4 5 6 7 8 600 800 1000 1200 1400 1600 1800 2000 2200 2400 (mhz) 0.3m 1.0m 2.0m 3.0m
spe - 12 - 8 - 089/ d /zl page 13 of 31 ma700.w.a301111 .b305111.c305111 4.5. cellular antenna free space efficiency 4.6. cellular antenna free space peak gain 0 10 20 30 40 50 60 70 80 90 100 600 800 1000 1200 1400 1600 1800 2000 2200 (%) 0.3m 1.0m 2.0m 3.0m ( mhz) -2 -1 0 1 2 3 4 5 6 600 800 1000 1200 1400 1600 1800 2000 2200 (dbi) 0.3m 1.0m 2.0m 3.0m ( mhz)
spe - 12 - 8 - 089/ d /zl page 14 of 31 ma700.w.a301111 .b305111.c305111 4.4. cellular antenna free space 3d average gain -6 -5 -4 -3 -2 -1 0 600 800 1000 1200 1400 1600 1800 2000 2200 (dbi) 0.3m 1.0m 2.0m 3.0m ( mhz)
spe - 12 - 8 - 089/ d /zl page 15 of 31 ma700.w.a301111 .b305111.c305111 4.5. cellular antenna free space radiation x z plane at 800mhz y z plane at 800mhz -40 -35 -30 -25 -20 -15 -10 -5 0 5 0 45 90 135 180 225 270 315 0.3m 1m 2m 3m -40 -35 -30 -25 -20 -15 -10 -5 0 5 0 45 90 135 180 225 270 315 0.3m 1m 2m 3m
spe - 12 - 8 - 089/ d /zl page 16 of 31 ma700.w.a301111 .b305111.c305111 x y plane at 800mhz x z plane at 900mhz -40 -35 -30 -25 -20 -15 -10 -5 0 5 0 45 90 135 180 225 270 315 0.3m 1m 2m 3m -40 -35 -30 -25 -20 -15 -10 -5 0 5 0 45 90 135 180 225 270 315 0.3m 1m 2m 3m
spe - 12 - 8 - 089/ d /zl page 17 of 31 ma700.w.a301111 .b305111.c305111 y z plane at 900mhz x y plane at 900mhz -40 -35 -30 -25 -20 -15 -10 -5 0 5 0 45 90 135 180 225 270 315 0.3m 1m 2m 3m -40 -35 -30 -25 -20 -15 -10 -5 0 5 0 45 90 135 180 225 270 315 0.3m 1m 2m 3m
spe - 12 - 8 - 089/ d /zl page 18 of 31 ma700.w.a301111 .b305111.c305111 xz p lane at 1800mhz y z plane at 1800mhz -40 -35 -30 -25 -20 -15 -10 -5 0 5 0 45 90 135 180 225 270 315 0.3m 1m 2m 3m -40 -35 -30 -25 -20 -15 -10 -5 0 5 0 45 90 135 180 225 270 315 0.3m 1m 2m 3m
spe - 12 - 8 - 089/ d /zl page 19 of 31 ma700.w.a301111 .b305111.c305111 x y plane at 1800mhz xz plane at 1900mhz -40 -35 -30 -25 -20 -15 -10 -5 0 0 45 90 135 180 225 270 315 0.3m 1m 2m 3m -40 -35 -30 -25 -20 -15 -10 -5 0 5 0 45 90 135 180 225 270 315 0.3m 1m 2m 3m
spe - 12 - 8 - 089/ d /zl page 20 of 31 ma700.w.a301111 .b305111.c305111 y z plane at 1900mhz x y plane at 1900mhz -40 -35 -30 -25 -20 -15 -10 -5 0 5 0 45 90 135 180 225 270 315 0.3m 1m 2m 3m -40 -35 -30 -25 -20 -15 -10 -5 0 5 0 45 90 135 180 225 270 315 0.3m 1m 2m 3m
spe - 12 - 8 - 089/ d /zl page 21 of 31 ma700.w.a301111 .b305111.c305111 x z plane at 2200mhz y z plane at 2200mhz xy plane at 22 00mhz -40 -35 -30 -25 -20 -15 -10 -5 0 0 45 90 135 180 225 270 315 0.3m 1m 2m 3m -40 -35 -30 -25 -20 -15 -10 -5 0 5 0 45 90 135 180 225 270 315 0.3m 1m 2m 3m
spe - 12 - 8 - 089/ d /zl page 22 of 31 ma700.w.a301111 .b305111.c305111 -40 -35 -30 -25 -20 -15 -10 -5 0 0 45 90 135 180 225 270 315 0.3m 1m 2m 3m
spe - 12 - 8 - 089/ d /zl page 23 of 31 ma700.w.a301111 .b305111.c305111 5. 2.4/5ghz antenna characteristics 5.1. s11 return loss (free s pace) 5.2. s 11 retu rn loss (45 cm x 30cm ground plane ) -60 -50 -40 -30 -20 -10 0 2000 2500 3000 3500 4000 4500 5000 5500 6000 (mhz) (dbi) 0.3m 1.0m 2.0m 3.0m -50.0 -40.0 -30.0 -20.0 -10.0 0.0 2000 2500 3000 3500 4000 4500 5000 5500 6000 (mhz) (dbi) 0.3m 1.0m 2.0m 3.0m
spe - 12 - 8 - 089/ d /zl page 24 of 31 ma700.w.a301111 .b305111.c305111 5.3. vswr (free s pace) 5.4. vswr ( 45cm x 30 cm ground plane ) 1 2 3 4 5 6 2000 2500 3000 3500 4000 4500 5000 5500 6000 (mhz) 0.3m 1m 2m 3m 1 2 3 4 5 6 2000 2500 3000 3500 4000 4500 5000 5500 6000 (mhz) 0.3m 1.0m 2.0m 3.0m
spe - 12 - 8 - 089/ d /zl page 25 of 31 ma700.w.a301111 .b305111.c305111 5.5. 2.4/5ghz antenna free space efficiency (3m cable) 0 10 20 30 40 50 60 70 2350 2400 2450 2500 2550 ( mhz) 0 10 20 30 40 50 60 70 4600 4800 5000 5200 5400 5600 5800 6000 6200 6400 ( mhz)
spe - 12 - 8 - 089/ d /zl page 26 of 31 ma700.w.a301111 .b305111.c305111 5.6. 2.4/5ghz antenna free space peak gain (3m cable) 0.0 1.0 2.0 3.0 4.0 5.0 2350 2400 2450 2500 2550 ( mhz) 0.0 1.0 2.0 3.0 4.0 5.0 4600 4800 5000 5200 5400 5600 5800 6000 6200 6400 ( mhz)
spe - 12 - 8 - 089/ d /zl page 27 of 31 ma700.w.a301111 .b305111.c305111 5.7. 2.4/5ghz antenna free space 3d average gain (3m cable) -4.0 -3.0 -2.0 -1.0 0.0 2350 2400 2450 2500 2550 ( mhz) -6.0 -5.0 -4.0 -3.0 -2.0 -1.0 0.0 4600 4800 5000 5200 5400 5600 5800 6000 6200 6400 ( mhz)
spe - 12 - 8 - 089/ d /zl page 28 of 31 ma700.w.a301111 .b305111.c305111 5.8. 2.4/5ghz antenna free space radiation (3m cable) x y plane xz plane
spe - 12 - 8 - 089/ d /zl page 29 of 31 ma700.w.a301111 .b305111.c305111 6. mechanical drawing
spe - 12 - 8 - 089/ d /zl page 30 of 31 ma700.w.a301111 .b305111.c305111 7. pack ag ing
spe - 12 - 8 - 089/ d /zl page 31 of 31 ma700.w.a301111 .b305111.c305111 taoglas makes no warranties based on the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. taoglas reserves all rights to this document an d the information contained herein. reproduction, use or disclosure to third parties without express permission is strictly prohibited. copyright ? taoglas ltd.


▲Up To Search▲   

 
Price & Availability of MA700WAABC001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X