Part Number Hot Search : 
FEDL720 EV0007 K4S51 SAA9740H MP3422GG 405C32BM ITXG71 RF200
Product Description
Full Text Search
 

To Download MA600WAABC001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spe - 12 - 8 - 088/ d /zl page 1 of 23 m a600.w.a301111.b305111.c305111 s pecification p art no. : m a600. w. a.abc.001 p roduct name : m a600 .w spartan s crew - mount 3 in1 combination antenna C white version g ps /glonass /galileo 1575~1602mhz c ellular C gsm/cdma/hspa/umts d ual band wi - fi 2.4ghz / 5 .8 ghz f eature : h igh performance outdoo r antenna c ustom cables and connectors available w hite housing r ohs compliant ? mounted profile mounted on white roof
spe - 12 - 8 - 088/ d /zl page 2 of 23 m a600.w.a301111.b305111.c305111 1. introduction t he spartan ma 600 .w antenna is a white, heavy - duty, fully ip67 waterproof external m2m antenna for use in telematics, transportation and remote monitor ing applications. t he spartan is unique in the market because it combines a 3in1 gps /glonass / galileo , c ellular (2g and 3g) and wi - fi, heavy - duty antenna with high efficiency in a compact format. the antenna screws down permanently onto a roof or metal panel and can be pole or wall - mounted with a metal bracket. the white color is ideal for mounting on white truck roofs or cabs or industrial equipment. f or industries such as commercial vehicle telematics, remote monitoring, smart meter systems and construction equ ipment, the spartan provides a robust, rugged antenna that is durable, even in extreme environments. a ll while still maintaining 20db isolation between antennas. it uses high - shielded ptfe dielectric ultra low - loss cables that maintain low attenuation at all frequency bands, with an average 0.3db per meter (0.1db per foot), compared to 0.7db for rg58 and 1.2db for rg174 . because of this, the spartan maximizes chances of passing ptcrb and network approvals first time . the spartan also has excellent gps /glo nass /galileo reception without need to attach to an external ground - plane due to coupling to its unique own metal base. n ote: for groun d - isolation antennas use the ma 605 version with isolation gaskets. also available in black.
spe - 12 - 8 - 088/ d /zl page 3 of 23 m a600.w.a301111.b305111.c305111 2 . specification gps - glonass - galileo c e ntre frequency 1 575.42mhz / 1602mhz b andwidth 1 0mhz r adiation efficiency 5 0(without cable) p assive gain @ zenith 4 .0 typ(with =140mm ground) v swr 2 i mpedance 5 0? d c power input range 3 ~ 5v d c input 3 .3v 4 .0v 5 .5v m hz 1 575.42 1 602 1 575.42 1 602 1 575.42 1 602 v swr 2 2 2 2 2 2 l na gain 2 9.2 2 9 3 1 3 1 3 2.3 3 2 n oise figure 3 .1 3 .1 3 .2 3 .2 3 .4 3 .4 p ower consumption 7 .5 7 .5 9 .4 9 .4 1 5 1 5 b and attenuation 1 520mhz: - 20db 1642mhz: - 20db 1 520mhz: - 20db 1642mhz: - 20db 1 520mhz: - 20db 1642mhz: - 20db c able 3 m rg - 174 standard, fully customizable c onnector s ma(m) standard, fully customizable c ellular f requency (ghz) 8 24~ 896 8 80~ 960 1 710~ 1880 1 850~ 1990 1 710~ 2170 p eak gain (dbi) 2 .1 - 0.2 2 .9 3 .0 5 .1 a verage (dbi) - 4.7 - 7.5 - 2.7 - 3.1 - 3.1 e fficiency 3 5% 2 0% 5 1% 4 9% 4 9% i mpedance 5 0? p olarization l inear r adiation pattern o mni directional c able 3 m cfd200 standard, fully customizable c onnector s ma(m) standard, fully customizable
spe - 12 - 8 - 088/ d /zl page 4 of 23 m a600.w.a301111.b305111.c305111 w i - f i f requency (ghz) 2 .4~ 2.5 4 .7~ 5.0 5 .0~ 5.4 5 .4~ 5. 9 p eak gain (dbi) 2 .1 2 .9 3 .8 2 .8 a verage gai n (dbi) - 2.3 - 3.6 - 3.3 - 3.8 e fficiency 6 0% 4 4% 4 6% 4 2% v swr < =1. 6 :1 i mpedance 5 0? p olarization l inear r adiation pattern o mni c able 3 m cfd200 standard, fully customizable c onnector s ma(m) standard, standard, fully customizable m echanical d imension s p rofile 39.5 mm x diameter 145.6 mm c asing u v resistant pvc b ase and thread n ickel p lated zinc t hread diameter 3 0mm w aterproof i p67 e nvironmental t emperature range - 40c to 85c h umidity n on - condensing 65c 95% rh ? a ll measurement s are done in f ree space with standard cable s
spe - 12 - 8 - 088/ d /zl page 5 of 23 m a600.w.a301111.b305111.c305111 3 . gps/glonass /galileo antenna characteristics 3 .1 block diagram 3 .2 return loss
spe - 12 - 8 - 088/ d /zl page 6 of 23 m a600.w.a301111.b305111.c305111 3 .3 gps /glonass /galileo antenna radiation pattern m a.600 tested in ctia approved 3d chamber x yz co - ordinate for reference.
spe - 12 - 8 - 088/ d /zl page 7 of 23 m a600.w.a301111.b305111.c305111 3.4 radiation patter n x z p lane free space @1575.42mhz y z p lane free space @1575.42mhz
spe - 12 - 8 - 088/ d /zl page 8 of 23 m a600.w.a301111.b305111.c305111 x z p lane free space @1602mhz y z p lane free space @1602mhz
spe - 12 - 8 - 088/ d /zl page 9 of 23 m a600.w.a301111.b305111.c305111 3.5 g ps/glonass /galileo lna
spe - 12 - 8 - 088/ d /zl page 10 of 23 m a600.w.a301111.b305111.c305111 4 . cellular antenna characteristics 4 .1 return loss 4 .2 vswr -30 -28 -26 -24 -22 -20 -18 -16 -14 -12 -10 -8 -6 -4 -2 0 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 (db) ( mhz) 1 2 3 4 5 6 7 8 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 ( mhz)
spe - 12 - 8 - 088/ d /zl page 11 of 23 m a600.w.a301111.b305111.c305111 4 .3 cellular antenna efficiency 4 .4 cellular antenna peak gain 0 10 20 30 40 50 60 70 80 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 (%) ( mhz) -10 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 1 2 3 4 5 6 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 (dbi) ( mhz)
spe - 12 - 8 - 088/ d /zl page 12 of 23 m a600.w.a301111.b305111.c305111 4 .5 cellular antenna 3d average gain 5 . cellular antenna radiation pattern 5 .1 xy p lane -10 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 (dbi) ( mhz) -35 -30 -25 -20 -15 -10 -5 0 5 0 15 30 45 60 75 90 105 120 135 150 165 180 195 210 225 240 255 270 285 300 315 330 345 700mhz 850mhz 900mhz 1800mhz 1900mhz 2200mhz
spe - 12 - 8 - 088/ d /zl page 13 of 23 m a600.w.a301111.b305111.c305111 5 .2 xz p lane -35 -30 -25 -20 -15 -10 -5 0 5 0 15 30 45 60 75 90 105 120 135 150 165 180 195 210 225 240 255 270 285 300 315 330 345 700mhz 850mhz 900mhz 1800mhz 1900mhz 2200mhz
spe - 12 - 8 - 088/ d /zl page 14 of 23 m a600.w.a301111.b305111.c305111 6 . 2.4/5 .8 ghz antenna characteristics 6 .1 s11 retu rn loss 6 .2 vswr -50 -40 -30 -20 -10 0 2000 2500 3000 3500 4000 4500 5000 5500 6000 (db) ( mhz) 1 2 3 4 2000 2500 3000 3500 4000 4500 5000 5500 6000 ( mhz)
spe - 12 - 8 - 088/ d /zl page 15 of 23 m a600.w.a301111.b305111.c305111 6 .3 2.4 /5 .8 ghz antenna efficiency 0 10 20 30 40 50 60 70 2350 2400 2450 2500 2550 (%) ( mhz) 0 10 20 30 40 50 60 70 4600 4800 5000 5200 5400 5600 5800 6000 6200 6400 (%) ( mhz)
spe - 12 - 8 - 088/ d /zl page 16 of 23 m a600.w.a301111.b305111.c305111 6 .4 2.4 /5 .8 ghz antenna peak gain 0.0 1.0 2.0 3.0 4.0 5.0 2350 2400 2450 2500 2550 (dbi) ( mhz) 0.0 1.0 2.0 3.0 4.0 5.0 4600 4800 5000 5200 5400 5600 5800 6000 6200 6400 (dbi) ( mhz)
spe - 12 - 8 - 088/ d /zl page 17 of 23 m a600.w.a301111.b305111.c305111 6 .5 2.4 /5 .8 ghz antenna peak gain -4.0 -3.0 -2.0 -1.0 0.0 2350 2400 2450 2500 2550 (dbi) ( mhz) -6.0 -5.0 -4.0 -3.0 -2.0 -1.0 0.0 4600 4800 5000 5200 5400 5600 5800 6000 6200 6400 (dbi) ( mhz)
spe - 12 - 8 - 088/ d /zl page 18 of 23 m a600.w.a301111.b305111.c305111 7 . 2.4/5 .8 ghz anten na radiation pattern 7 .1 xy p lane 7 .2 xz p lane -35 -30 -25 -20 -15 -10 -5 0 5 0 15 30 45 60 75 90 105 120 135 150 165 180 195 210 225 240 255 270 285 300 315 330 345 2.45ghz 4.9ghz 5.4ghz 5.9ghz -35 -30 -25 -20 -15 -10 -5 0 5 0 15 30 45 60 75 90 105 120 135 150 165 180 195 210 225 240 255 270 285 300 315 330 345 2.45ghz 4.9ghz 5.4ghz 5.9ghz
spe - 12 - 8 - 088/ d /zl page 19 of 23 m a600.w.a301111.b305111.c305111 8 . mechanical drawing
spe - 12 - 8 - 088/ d /zl page 20 of 23 m a600.w.a301111.b305111.c305111 recommended mounting hole thread diameter unit: mm
spe - 12 - 8 - 088/ d /zl page 21 of 23 m a600.w.a301111.b305111.c305111 9 . installation
spe - 12 - 8 - 088/ d /zl page 22 of 23 m a600.w.a301111.b305111.c305111 1 0 . pack ag ing
spe - 12 - 8 - 088/ d /zl page 23 of 23 m a600.w.a301111.b305111.c305111 8 box es per carton taoglas makes no warranties based on the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. taoglas reserves all rights to this document an d the information contained herein. reproduction, use or disclosure to third parties without express permission is strictly prohibited. copyright ? taoglas ltd. p art no. : ma 600 .w description: gps /glonass /cellular/2.4,5ghz 3 - in - 1 antenna q ty : 8 cable : 3m, rg - 174 & cfd - 200 c o nnector : sma(m) p/s str (gold) rohs compliant


▲Up To Search▲   

 
Price & Availability of MA600WAABC001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X