broadcast catalog check distributor stock serial digital bnc connectors bomar?s true 75 ohm bnc connectors fit all standard broadcast ca bles and utilize standard existing tooling. made from precision machined brass, these rugged connectors maintain excellent return loss in analog and serial digital applications. 50 ohm versions also availabl e. precision matched for each cable. the sbc number identifies the cable manufacturer?s part number. an easy choice. rohs compliant part number cable tool pn sbc1164b 1164b bdhd200 sbc1167b 1167b bdhd200 sbc1407b 1407b bdhd100 sbc1426 1426 bdhd100 sbc1505a 1505a bdhd100 sbc1506a 1506a bdhd100 sbc1520a 1520a bdhd200 sbc1694a 1694a bdhd100 sbc1695a 1695a bd10410 sbc1855a 1855a bdhd200 sbc1865a 1865a bdhd200 sbc5565 5565 bdhd100 sbc5765 5765 bdhd100 sbc7501 7501 bdhd100 sbc7536 7536 bdhd200 sbc7538 7538 bdhd100 sbc7731a 7731a bd11012a sbc8279 8279 bdhd100 connectors for many other cable part numbers available. contact bomar or your distributor. request quote request drawing broadcast distributors part number cable tool pn sbc82108 82108 bdhd100 sbc8218 8218 bdhd200 sbc82259 82259 bdhd100 sbc8215 8215 bdhd100 sbc8241 8241(a) bdhd100 sbc8279 8279(a) bdhd100 sbc8281 8281(b),(f) bdhd100 sbc83264 83264 bdhd100 sbc88281 88281 bdhd100 sbc89108 89108 bdhd100 sbc89259 89259 bdhd100 sbc9141 9141 bdhd100 sbc9165 9165 bdhd100 sbc9209 9209 bdhd100 sbc9221 9221 bd11016 sbc9231 9231 bdhd100 sbc9248 9248 bdhd100 sbc9259 9259, 9659 bdhd100 crimp tool for most serial digital and hd bnc plugs * request quote part number die size bdhd100 .324, .255, .068, .042 bdhd200 .255, .213, .178, 100, .068, .042 * see chart for serial digital bnc above * see chart for hi g h definition bnc below request quote ask for p/n bd44008 bomar's new bnc removal tool allows easy removal of bnc connectors in dense patch panel applications. ____________________________
- page 2 - fig.1 fig.2 fig.3 rohs compliant request quote request drawing r ca crimp connectors this new broadcast grade crimp rca plug will crimp onto standard rg 6 and rg 59 style coaxial cables and the new mini-rg59 type. the introduction of this series will compliment the bomar sbc series 75 ohm connectors which are supplied to the broadcast s y stems inte g ration. part no. description hex crimp tool rbc1505a rca crimp for 1505a cable .255/.068 bdhd100 rbc1694a rca crim p for 1694a cable .324/.068 bdhd100 rbc1855a rca crim p for 1855a cable .178/.068 bdhd200 back to index 1 manufactured of precision-machined brass, with heavy nickel pl ating, these corrosion-resistant parts feature nickel-plated, sem i-captive contacts for long-lasting connections. their advanced shielding technology pr ovides maximum isolation from emi and rfi interference. each connector is shipped with six color-coded o-rings to allow easy identification when systems require multiple cables. compression connectors - broadcast grade part no. fi g . description kcc1505b 1 bnc com p ression for 1505a cable ( rg 59 ) discontinued kcc1505f 2 f compression for 1505a cable (rg 59) red ** kcc1505r 3 rca com p ression for 1505a cable ( rg 59 ) discontinued kcc1694b 1 bnc com p ression for 1694a cable ( rg 6 ) discontinued kcc1694bq 1 bnc compression for 1694a cable (rg 6 quad) discontinued KCC1694F 2 f compression for 1694a cable (rg 6) yellow ** discontinued KCC1694Fq 2 f com p ression for 1694a cable ( rg 6 quad ) blue ** kcc1694r 3 rca com p ression for 1694a cable ( rg 6 ) kcc1855b 1 bnc com p ression for 1855a cable ( rg 59 mini ) kcc1855f 2 f compression for 1855a cable (rg 59 mini) discontinued kcc1855r 3 rca crim p for 1855a cable ( rg 59 mini ) bdkc6000 --- 4 compression tool for kcc series rohs compliant
- page 3 - s bd17900 request quote h igh definition bnc connectors the shadow ? in the trade name for the best high definition bnc connector available at any price shadow? bnc connectors fit all standard broadcast cables and utilize most standard existing tooling. thes e connectors are made from precision machined brass. insulator material is high density tfe to maintain a perfect dielectric constant. bomar connectors utilize a .042 diameter gold plated contact pin to main tain the best return loss in high definition applications. the shadow? is precision machined (not die-cast) from brass. a special black nickel plating is applied for a beautiful finish that is easily identifiable as a high definition connector. each connector is precision matched to a specific cable type. uses standard commercial tooling. however, bomar die sets are available for use with kth1000 frame. rohs compliant part number cable hex crimp tool hbc1505a 1505a .255/.042* bdhd100 hbc1694a 1694a .324/.042* bdhd100 hbc1694ax 1694a .278/.042* bdhd100 hbc1855a 1855a .178/.042* bdhd200 hbc179dt 179dt .213 ferrule only* bdhd200 bd17900 12 point tool .042 (pin only) * we recommend 12 point tool for .042 pin bomar bd17900 (see below) other cable sizes are available by special order. request quote request drawing in an independent test the shadow? proved to have the best return loss results at 3ghz. freq in ghz return loss (no cable) return loss (no cable) return loss (no cable) return loss (no cable) return loss (no cable) xxx bomar k-brand a-brand am-brand t-brand 2.0 - 29.4 db - 22.6 db - 23.3 db - 44.8 db - 21.4 db 2.6 - 26.6 db - 20.3 db - 20.9 db - 22.3 db - 20.2 db 3.0 - 23.1 db - 18.0 db - 17.4 db - 20.0 db - 19.0 db bomar p/n hbc1694a hp8648c, slotted line ( connector only used for true results.) once cable is applied . . . back to index 2 a nalog bnc connectors
- page 4 - sss bnc three piece crimp connectors feature semi-captive contacts th at ?click? into place assuring perfect installation. each crim p pin has a vent hole for optional soldering. soldering is recommended for all stranded conductors 26 awg or smaller. part no. description fig. 310a205a 6, 21awg center conductor 1 310a205a18 6 catv, 18awg center conductor 1 310a204f 58a/u, 58c/u stranded, 141, thin pvc 1 310a205fs 58/u solid conductor 1 310a205fv 58/u thin-net plenum 2 310a204g 59, 62, 210 1 310a205g20 rg59 20 awg center cond. 1 310a205g23 belden 8241 1 310a205mv 174, 178, 196, mini rgb cable 3 310a205n 179, 187 3 310a205p 223 1 310b205q belden 8281 true 75 ohms 1 310a204t 59, 62, plenum 2 310a208w2 mini 59, rgb cable (26 awg) 2 320a204f 58a/u, 58c/u stranded, 141, thin pvc 4 320a204g 59, 62, 210 4 320a205fv 174, 178, 196, mini rgb cable 5 320a204t 59, 62, plenum 5 rohs compliant request quote request drawing fig. 1 fig. 2 fig. 3 fig. 4 fig. 5 a nalog n connectors n series connectors are medium sized, and w eatherproof. the coupling method utilizes a screw system designed for use at frequen cies up to microwave. these connectors are particularly useful where preci sion performance is necessary such as in satellite communication s, matv, radio transmitter antenna systems and other high-tech electronic equipm ent. because of the quality manufacturing tolerances these con nectors ensure excellent performance throughout 0-18ghz part no. description fig. 110a205bc ?n? cable plug to fit rg8 and rg214 cables 6 two ferrules supplied: for applications with both rg8 and rg214 cables rohs compliant request quote request drawing fig.6 back to index 3 a dapters standard adapters are designed for analog and serial digital applications below 2 ghz. shown below are some of the more popular types. contact bomar for a complete listing. part number description fig. 1303505 n male to bnc male 1 1313505 n male to bnc female 2
1323505 n female to bnc female 3 132a505 n female to female 4 151a505 n right angle male to female 5 330a505 bnc male to male 6 332a505 bnc f/f 50 ?? splice 7 332a705 bnc f/f 75 ? splice 7 335a544 bnc f/f 50 ? panel 8 335a744 bnc f/f 75 ? panel 8 335r544 bnc f/f 50 ? isolated panel 8 335r744 bnc f/f 75 ? isolated panel 8 343a505 bnc f/m/f ?t? adapter 9 345a505 bnc f/f/f ?t? adapter 10 5313501 tnc male to bnc female 11 r0811 rca female to n male 12 r0842 rca male to bnc male 13 r0844 rca male to bnc female 14 r0847 rca male to f male 15 r0849 rca male to f female 16 rohs compliant request quote request drawing fig. 1 fig. 2 fig. 3 fig. 4 fig. 5 fig. 6 fig. 7 fig. 8 fig. 9 fig. 10 fig. 11 fig. 12 fig. 13 fig. 14 fig. 15 fig. 16 a dapter kits adpt1 is a (30) piece kit containing 2 each males and females of: bnc, tnc, n, mini-uhf, uhf, sma and 6 universal adapters. materials: machined brass, nickel plated bodies, gold plated contacts. (commercial grade) adpt2 is a (40) piece kit containing 2 each males and females of: bnc, tnc, n, mini-uhf, uhf, sma, f, rca and 8 universal adapters. materials: machined brass, gold plated bodies. gold plated contacts. (broadcast grade rated) adpt3pa ( power kit) is a (8) piece kit containing 7/16 to n, n to n and 7/16 to 7/16 adapters. materials: machined brass, tri- plated bodies , gold plated contacts . adpt4 rp (antenna kit) i s a (42) piece kit containing (2) males and (2) females of n, bnc, uhf, tnc, tnc-rt, (reverse thread), tnc-rp-(reverse polarity), sma, and sma-rp (reverse polarity) and 8 universal adapters. materials : machined brass, nickel plated (kits are in zippered leather cases and contai n enough parts for hundreds of combinations of adapters.) adpt2 / adpt1 adpt3pa adpt4rp
- page 5 - - page 6 - bodies , gold plated contacts . rohs compliant request quote back to index 4 rohs complian request quote request drawing the first bnc/female / female isolated panel connector rated for h igh definition this bnc connector was designed from the contact up to meet the rigid standards for hdtv. bomar is the first to develop a panel connector of this type to perform as well at frequencies from 100mhz to 3 ghz. it is panel isolated and has a black nickel plated threaded bushin g and flange. this attractive black metal flange identifies the connector as one of the shadow ? hbc series hd connectors. ask for hbc335r744. part no. description hbc335r744 bnc f/f hd isolated 75 ?? panel feed thru rohs compliant request quote request drawing bnc precision 75 ohm terminator .1% tolerance features and specifications precision 0.1% terminator rated for hd test applications true 75 ohm impedance internal construction designed to perform in hdtv and broadband frequencies. all precision machined brass body with, gold pin, teflon insulator and heavy bright nickel plating on the body. part no. description hbc310x075 bnc f/f hd isolated 75 ?? panel feed thru standard 5% tolerance 50 ohm and 75 ohm terminators also available. ask for 310x054 ( 50 ohm ) and 310x075. ( 75 ohm ) back to index 5
ez-rj45? video demo request quote request drawing the new patented ez-rj45? connector simplifies installation by allowing the pairs to be inserted through the connector. there is no difficult to handle liner or wire bar to deal with. inspection of the co rrect conductor order is done before crimping so no connector is wasted because if incorrect wiring. the conductors are able to be pulled forward so the pairs are very close to the contacts. this method allows the integrity of the pairs to maintain category five, and even enhanced category 5 and category 6 capabilities. (50 u in. gold) the ez-rj12? and both ez-rj45? can be crimped with most any standard tool, then trimmed with a cutter or small utility knife. however, the new bd45000 crimp tool crimps and trims the exposed conductors in one operation. the vertical action of the tool makes a un iform and positive crimp. partno. description 300566ez 6p6c ez-rj12 plug rj12 300568ez 8p8c ez-rj45 category 5 plug rj45 300668ez 8p8c ez-rj45 category 6 plug ne w rj45 300668sez 8p8c ez-rj45 shielded category 6 plug new rj45 bd45000 - crimp and trim tool for ez rj12, ez rj45 cat 5 & 6 ---- bd45000bl - replacement blades ( 2 per pkg ) for bd45000 tool ---- cxb300ez - cable boot with strain re lief ( required for cat 6 ) ---- cxb500ez - cable boot snagless cat 5 (color: clear) new ---- cxb600ez - cable boot snagless cat 6 (color: clear) new ---- bd45000 crimp & trim tool ez-rj45 cat 6 shielded with snagless boot cxb500/600 snagless boot back to index
|