Part Number Hot Search : 
CS7620 K2420 BPR4050J F1AD00 1006F 18650 P102G 18650
Product Description
Full Text Search
 

To Download IS1103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 30/4/2013 dc93168 is1100 isocom components description the is1100 series optocoupler consists of an infrared emitting diode optically coupled to an npn silicon photo transistor. this device belongs to isocom compact range of optocouplers. features ? half pitch 1.27mm ? high ac isolation voltage 3750v rms ? ctr selections available ? wide operating temperature range -55c to 110c ? pb free and rohs compliant ? ul approval e91231, model thp applications ? switching mode power supply ? industrial system controllers ? measuring instruments ? signal transmission between systems of different potentials and impedances order information ? available in tape and reel with 1000pcs per reel isocom components 2004 ltd unit 25b, park view road west, park view industrial estate hartlepool, cleveland, ts25 1ud, united kingdom tel: +44 (0)1429 863 609 fax : +44 (0)1429 863 581 e-mail: sales@isocom.co.uk http://www.isocom.com isocom components asia ltd hong kong office, block a, 8/f, wah hing industrial mansion, 36 tai yau street, san po kong, kowloon, hong kong. tel: +852 2995 9217 fax : +852 8161 6292 e-mail: sales@isocom.com.hk all dimensions in mm. absolute maximum ratings (t a = 25c) input diode forward current 50ma reverse voltage 6v power dissipation 70mw output transistor collector to emitter voltage bv ceo 80v emitter to collector voltage bv eco 7v collector current 50ma power dissipation 150mw total package isolation voltage 3750v rms total power dissipation 200mw operating temperature -55 to 110 c storage temperature -55 to 125 c lead soldering temperature (10s) 260c 1 2 4 3
2 30/4/2013 dc93168 is1100 isocom components electrical characteristics (t a = 25c unless otherwise specified) input output parameter symbol test condition min typ. max unit forward voltage v f i f = 20ma 1.2 1.4 v input capacitance c in v f = 0v, f = 1khz 30 250 pf reverse current i r vr = 4v 10 a parameter symbol test condition min max unit collector-emitter breakdown voltage bv ceo i c = 0.1ma, i f = 0ma 80 v emitter-collector breakdown voltage bv eco i e = 0.1ma, i f = 0ma 7 v collector-emitter dark current i ceo v ce = 20v, i f = 0ma 100 na typ.
3 30/4/2013 dc93168 is1100 isocom components electrical characteristics (t a = 25c unless otherwise specified) coupled note 1 : measured with input leads shorted together and output leads shorted together, r.h 40% to 60% parameter symbol test condition min typ. max unit current transfer ratio ctr i f = 5ma, v ce = 5v % is1100 50 600 i f = 10ma, v ce = 5v is1101 40 80 is1102 63 125 IS1103 100 200 is1104 160 320 i f = 10ma, v ce = 5v is1105 50 150 is1106 100 300 is1107 80 160 is1108 130 260 is1109 200 400 collector-emitter saturation voltage v ce(sat) i f = 10ma, i c = 1ma 0.1 0.2 v input to output isolation voltage v iso see note 1 3750 v rms input to output isolation resistance r iso v io = 500v see note 1 5x10 10 ? floating capacitance c f v f = 0v, f = 1mhz 0.3 pf output rise time t r v ce = 2v, ic = 2ma, r l = 100 ? 6 18 s output fall time t f v ce = 2v, ic = 2ma, r l = 100 ? 6 18 s
4 30/4/2013 dc93168 is1100 isocom components fig 1 forward current vs ambient temperature fig 2 collector power dissipation vs t a fig 3 forward current vs forward voltage fig 4 normalized collector current vs forward current fig 5 collector current vs collector-emitter voltage (1) fig 6 collector current vs collector-emitter volatge (2)
5 30/4/2013 dc93168 is1100 isocom components fig 7 normalized collector current vs ambient temperature fig 8 normalized ctr vs ambient temperature fig 9 collector-emitter voltage vs ambient temperature fig 10 switching time vs load resistance switching time test circuit
6 30/4/2013 dc93168 is1100 isocom components order information device marking thp_ denotes device part number where ?_? denoted ctr grade i denotes isocom y denotes 1 digit year code ww denotes 2 digit week code thp_ i yww is1100 after pn pn description packing quantity none is1100 surface mount tape & reel 1000 pcs per reel any ctr grade is1101, is1102, IS1103, is1104, is1105, is1106, is1107, is1108, is1109, surface mount tape & reel 1000 pcs per reel
7 30/4/2013 dc93168 is1100 isocom components package dimensions (mm) recommended solder pad layout (mm)
8 30/4/2013 dc93168 is1100 isocom components ir reflow soldering temperature profile (one time reflow sold ering is recommended) time (s) temp (c) ! 25c 150c 70s ? 170s preheat 200c 260 c peak 255 c (30s max) 1-3 c/s max 217c 1-3 c/s max 60s ? 140s
9 30/4/2013 dc93168 is1100 isocom components tape and reel packaging
10 30/4/2013 dc93168 is1100 isocom components notes: - isocom is continually improving the qu ality, reliability, function or design an d isocom reserves the right to make changes without further notices. - the products shown in this publication are designed for the general use in electronic applications such as office automation equipment, communications device s, audio/visual equipment, electrical application and instrumentation. - for equipment/application where high reliability or safety is required, such as spac e applications, nuclear power control equipment, medical equipment, etc., pl ease contact our sale s representatives. - when requiring a device for any ?specific? app lication, please contact our sales for advice. - the contents described herein are subj ect to change without prior notice. - do not immerse device body in solder paste.


▲Up To Search▲   

 
Price & Availability of IS1103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X