Part Number Hot Search : 
2FTR16SG EC12E12 680TL C330M SM2827 AUIRF MAX9986 A2603
Product Description
Full Text Search
 

To Download IRL3715ZCSPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.irf.com 1 04/27/04 IRL3715ZCSPBF irl3715zclpbf hexfet ? power mosfet notes  through  are on page 11 applications benefits  low r ds(on) at 4.5v v gs  ultra-low gate impedance  fully characterized avalanche voltage and current  high frequency synchronous buck converters for computer processor power  lead-free pd - 95220 d 2 pak irl3715zcs to-262 irl3715zcl v dss r ds(on) max qg 20v 11m ? 7.0nc absolute maximum ratings parameter units v ds drain-to-source voltage v v gs gate-to-source voltage i d @ t c = 25c continuous drain current, v gs @ 10v a i d @ t c = 100c continuous drain current, v gs @ 10v i dm pulsed drain current  p d @t c = 25c maximum power dissipation w p d @t c = 100c maximum power dissipation linear derating factor w/c t j operating junction and c t stg storage temperature range soldering temperature, for 10 seconds thermal resistance parameter typ. max. units r jc junction-to-case CCC 3.33 c/w r ja junction-to-ambient (pcb mount)  CCC 40 45 0.30 23 max. 50  36  200 20 20 300 (1.6mm from case) -55 to + 175 downloaded from: http:///
irl3715zcs/lpbf 2 www.irf.com s d g static @ t j = 25c (unless otherwise specified) parameter min. typ. max. units bv dss drain-to-source breakdown voltage 20 CCC CCC v ? v dss / ? t j breakdown voltage temp. coefficient CCC 0.014 CCC v/c r ds(on) static drain-to-source on-resistance CCC 9.2 11 m ? CCC 12.4 15.5 v gs(th) gate threshold voltage 1.65 2.1 2.55 v ? v gs(th) / ? t j gate threshold voltage coefficient CCC -5.2 CCC mv/c i dss drain-to-source leakage current CCC CCC 1.0 a CCC CCC 150 i gss gate-to-source forward leakage CCC CCC 100 na gate-to-source reverse leakage CCC CCC -100 gfs forward transconductance 31 CCC CCC s q g total gate charge CCC 7.0 11 q gs1 pre-vth gate-to-source charge CCC 2.1 CCC q gs2 post-vth gate-to-source charge CCC 0.9 CCC nc q gd gate-to-drain charge CCC 2.3 CCC q godr gate charge overdrive CCC 1.7 CCC see fig. 16 q sw switch charge (q gs2 + q gd ) CCC 3.2 CCC q oss output charge CCC 3.7 CCC nc t d(on) turn-on delay time CCC 7.1 CCC t r rise time CCC 44 CCC t d(off) turn-off delay time CCC 11 CCC ns t f fall time CCC 4.6 CCC c iss input capacitance CCC 870 CCC c oss output capacitance CCC 270 CCC pf c rss reverse transfer capacitance CCC 140 CCC avalanche characteristics parameter units e as single pulse avalanche energy  mj i ar avalanche current  a e ar repetitive avalanche energy  mj diode characteristics parameter min. typ. max. units i s continuous source current CCC CCC 50  (body diode) a i sm pulsed source current CCC CCC 200 (body diode)  v sd diode forward voltage CCC CCC 1.0 v t rr reverse recovery time CCC 9.1 14 ns q rr reverse recovery charge CCC 2.2 3.3 nc mosfet symbol v gs = 4.5v, i d = 12a  CCC v gs = 4.5v typ. CCCCCC i d = 12a v gs = 0v v ds = 10v t j = 25c, i f = 12a, v dd = 10v di/dt = 100a/s  t j = 25c, i s = 12a, v gs = 0v  showing the integral reverse p-n junction diode. v ds = v gs , i d = 250a v ds = 16v, v gs = 0v v ds = 16v, v gs = 0v, t j = 125c clamped inductive load v ds = 10v, i d = 12a v ds = 10v, v gs = 0v v dd = 10v, v gs = 4.5v  i d = 12a v ds = 10v conditions v gs = 0v, i d = 250a reference to 25c, i d = 1ma v gs = 10v, i d = 15a  v gs = 20v v gs = -20v conditions 4.5 max. 4412 ? = 1.0mhz downloaded from: http:///
irl3715zcs/lpbf www.irf.com 3 fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics      
  
      i d , drain-to-source current (a)  ! "#$%&' (  ) * + , % -% - (% .* */(      
  
      i d , drain-to-source current (a)  ! "#,%&' (  ) * + , % -% - (% .* */(  - $  $ -  0  $ -  0 1 1    23
 &' %  % $ r ds(on) , drain-to-source on resistance (normalized)   #(4  ) # ( - %  , 0 +   ) )
   
     i d , drain-to-source current ( )   #  ! 1 #$%&' 1 #,%&' downloaded from: http:///
irl3715zcs/lpbf 4 www.irf.com fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage      
  
     c, capacitance (pf) ' '  '   ) #5#/!6 '  #'  7' 8 ' 8 !*9  '  #' 8 '  #' 8 7' 8       
 
     i d , drain-to-source current (a) #$%&' "#,%&'   2 2 *94 *:: !494 / .;9      %  % $     

      i sd , reverse drain current (a) 1 #$%&' 1 #,%&'  ) # -0 $  < ) 
)
'=
 '  $ -  0  $ v gs , gate-to-source voltage (v)   #$ #   #$4 downloaded from: http:///
irl3715zcs/lpbf www.irf.com 5    %      9
 

        thermal response ( z thjc ) $  #% $  % :)  !9/49*: :> ?@
 #a$ $
b "#82c6="7  fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature fig 10. threshold voltage vs. temperature ri (c/w) i (sec) 0.942 0.0001450.982 0.000805 0.406 0.004757 j j 1 1 2 2 3 3 r 1 r 1 r 2 r 2 r 3 r 3 c ci= i / ri ci= i / ri $% % ,%  $% % ,%  ' '
 23
 &'   $ ( - %  i d , drain current (a) / .;4'd4) ,% % $%  $% % ,%  $% % ,% $ 1  23
 &'  - 0 $$ $ v gs(th) gate threshold voltage (v)   #$%4 downloaded from: http:///
irl3715zcs/lpbf 6 www.irf.com d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - fig 13. gate charge test circuit fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as fig 12c. maximum avalanche energy vs. drain current r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v v gs fig 14a. switching time test circuit fig 14b. switching time waveforms v gs v ds 90% 10% t d(on) t d(off) t r t f v gs pulse width < 1s duty factor < 0.1% v dd v ds l d d.u.t + - $% % ,%  $% % ,% 
   1 1    23
 &'  - 0 $  $ e as, single pulse avalanche energy (mj)   * (+4 %-4 .* */ $4 downloaded from: http:///
irl3715zcs/lpbf www.irf.com 7 fig 15. peak diode recovery dv/dt test circuit for n-channel hexfet ? power mosfets circuit layout considerations ? low stray inductance ? ground plane ? low leakage inductance current transformer p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-appliedvoltage reverserecovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period * v gs = 5v for logic level devices * + - + + + - - -    r g v dd ? dv/dt controlled by r g ? driver same type as d.u.t. ? i sd controlled by duty factor "d" ? d.u.t. - device under test d.u.t  fig 16. gate charge waveform vds v g s id v g s(th) q g s1 q g s2 q g dq g odr downloaded from: http:///
irl3715zcs/lpbf 8 www.irf.com control fet special attention has been given to the power losses in the switching elements of the circuit - q1 and q2.power losses in the high side switch q1, also called the control fet, are impacted by the r ds(on) of the mosfet, but these conduction losses are only about one half of the total losses. power losses in the control switch q1 are given by;p loss = p conduction + p switching + p drive + p output this can be expanded and approximated by; p loss = i rms 2 r ds(on ) () + i q gd i g v in f ? ? ? ? ? ? + i q gs2 i g v in f ? ? ? ? ? ? + q g v g f () + q oss 2 v in f ? ? ? ? this simplified loss equation includes the terms q gs2 and q oss which are new to power mosfet data sheets. q gs2 is a sub element of traditional gate-source charge that is included in all mosfet data sheets.the importance of splitting this gate-source charge into two sub elements, q gs1 and q gs2 , can be seen from fig 16. q gs2 indicates the charge that must be supplied by the gate driver between the time that the thresholdvoltage has been reached and the time the drain cur- rent rises to i dmax at which time the drain voltage be- gins to change. minimizing q gs2 is a critical factor in reducing switching losses in q1. q oss is the charge that must be supplied to the out- put capacitance of the mosfet during every switch-ing cycle. figure a shows how q oss is formed by the parallel combination of the voltage dependant (non- linear) capacitances c ds and c dg when multiplied by the power supply input buss voltage. synchronous fet the power loss equation for q2 is approximated by; p loss = p conduction + p drive + p output * p loss = i rms 2 r ds(on) () + q g v g f () + q oss 2 v in f ? ? ? ? ? + q rr v in f ( ) *dissipated primarily in q1. for the synchronous mosfet q2, r ds(on) is an im- portant characteristic; however, once again the im- portance of gate charge must not be overlooked since it impacts three critical areas. under light load the mosfet must still be turned on and off by the con- trol ic so the gate drive losses become much more significant. secondly, the output charge q oss and re- verse recovery charge q rr both generate losses that are transfered to q1 and increase the dissipation in that device. thirdly, gate charge will impact the mosfets susceptibility to cdv/dt turn on. the drain of q2 is connected to the switching node of the converter and therefore sees transitions be- tween ground and v in . as q1 turns on and off there is a rate of change of drain voltage dv/dt which is ca-pacitively coupled to the gate of q2 and can induce a voltage spike on the gate that is sufficient to turn the mosfet on, resulting in shoot-through current . the ratio of q gd /q gs1 must be minimized to reduce the potential for cdv/dt turn on. power mosfet selection for non-isolated dc/dc converters figure a: q oss characteristic downloaded from: http:///
irl3715zcs/lpbf www.irf.com 9 d 2 pak part marking information (lead-free) d 2 pak package outline dimensions are shown in millimeters (inches) note: "p " in as s embly line position indicates "lead-free" f 530s t his is an irf 530s wit h l ot code 8024 as s e mbled on ww 02, 2000 in t h e as s e mb ly line "l" as s e mb l y lot code int e r nat ional r e ct if ie r logo part number dat e code ye ar 0 = 2000 we e k 02 line l or f530s a = as s e mb l y s it e code we e k 02 p = de s ignat e s l e ad-f r e e product (optional) rectifier int e rnat ional logo lot code as s e mb l y ye ar 0 = 2000 dat e code part number downloaded from: http:///
irl3715zcs/lpbf 10 www.irf.com to-262 part marking information to-262 package outlinedimensions are shown in millimeters (inches) as s e mb l y lot code re ct if ier int e rnat ional as s e mb l e d on ww 19, 1997 note: "p" in as s embly line pos ition indicates "l ead-f ree" in t he as s e mb l y line "c" logo t his is an irl3103l lot code 1789 example: line c dat e code we e k 19 ye ar 7 = 1997 part number part number logo lot code as s e mb l y int e rnat ional re ct if ier product (optional) p = designates lead-free a = as s e mb l y s it e code we e k 19 ye ar 7 = 1997 dat e code or downloaded from: http:///
irl3715zcs/lpbf www.irf.com 11 data and specifications subject to change without notice. this product has been designed and qualified for the consumer market. qualification standards can be found on irs web site. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 04/04 notes: repetitive rating; pulse width limited by max. junction temperature.  starting t j = 25c, l = 0.61mh, r g = 25 ? , i as = 12a.  pulse width 400s; duty cycle 2%.  this is applied to d 2 pak, when mounted on 1" square pcb (fr- 4 or g-10 material). for recommended footprint and soldering techniques refer to application note #an-994.  calculated continuous current based on maximum allowable junction temperature. package limitation current is 30a. d 2 pak tape & reel information dimensions are shown in millimeters (inches) 3 4 4 trr feed direction 1.85 ( .0 7 3 ) 1.65 ( .0 6 5 ) 1.60 ( .0 63 ) 1.50 ( .0 59 ) 4.10 ( .161 ) 3.90 ( .153 ) trl feed direction 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) min. 30.40 (1.197) m ax. 26.40 (1.039) 24.40 (.961) notes : 1. co m form s to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge. downloaded from: http:///
note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/ downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of IRL3715ZCSPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X