Part Number Hot Search : 
L0240 S2186 SLD1332V EMIF0 AK436604 NTE1527 AA87221 MBT22
Product Description
Full Text Search
 

To Download GBU10005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  suntan ? su ? GBU10005 thru gb1010 single-phase bridge rectifier glass passivated bridge rectifiers reverse voltage 50 to 1000 volts forward current 10 ampere f e a t u r e s rating to 1000v prv ideal for printed circuit board reliable low cost construction utilizing molded plastic technique the plastic material has ul flammability classification 94v-0 electrically isolated base-1500 volts mechanical data polarity : as marked on body weight : 0.15 ounces, 4.0 grams mounting position : any maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20% parameter symbol gbu 10005 gbu 1001 gb u 1002 gbu 1004 gbu 1006 gbu 1008 gbu 1010 unit maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward (with heatsink note 2) rectified current, @ t c =100 (without heatsink) i (av) 10 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 220 a maximum forward voltage at 5.0a dc v f 1.0 v maximum dc reverse current @ t j = 25 at rated dc blocking voltage @ t j = 125 i r 5.0 500 m a i 2 t rating for fusing (t < 8.3ms) i 2 t 200 a 2 s typical junction capacitance per element (note 1) c j 60 pf typical thermal resistance (note 2) r jc 2.0 /w operating temperature range t j -55 to +150 storage temperature range t stg -55 to +150 note: 1. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2. device mounted on 150mm x 150mm x 1.6mm cu plate heatsink. suntan ? technology company limited website: www.suntan.com.hk email: info@suntan.com.hk tel: (852) 8202 8782 fax: (852) 8208 6246 gbu dimensions in inches and (millimeters)
suntan ? su ? GBU10005 thru gb1010 single-phase bridge rectifier glass passivated bridge rectifiers reverse voltage 50 to 1000 volts forward current 10 ampere rating and characteristic curves GBU10005 thru gb1010 note: specifications are subject to change without notice. for more detail and update, please visit our website. suntan ? technology company limited website: www.suntan.com.hk email: info@suntan.com.hk tel: (852) 8202 8782 fax: (852) 8208 6246


▲Up To Search▲   

 
Price & Availability of GBU10005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X