Part Number Hot Search : 
12VDC 1A105 44000 PS300R RFN16T2D CDH07 TPC30A A1147
Product Description
Full Text Search
 

To Download GBU10005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 single-phase bridge rectifier glass passivated bridge rectifiers reverse voltage 50 to 1000 volts forward current 10 ampere features rating to 1000v prv ideal for printed circuit board reliable low cost construction utilizing molded plastic technique the plastic material has ul flammability classification 94v-0 electrically isolated base-1500 volts mechanical data polarity : as marked on body weight : 0.15 ounces, 4.0 grams mounting position : any maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified , single phase, half wave, 60hz, resistive or inductive load. for capacitive load derate current by 20% parameter symbol gbu 10005 gbu 1001 gbu 1002 gbu 1004 gbu 1006 gbu 1008 gbu 1010 unit maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward (with heatsink note 2) rectified current, @ t c =100 (without heatsink) i (av) 10 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 220 a maximum forward voltage at 5.0a dc v f 1.0 v maximum dc reverse current @ t j = 25 at rated dc blocking voltage @ t j = 125 i r 5.0 500 ua i 2 t rating for fusing (t < 8.3ms) i 2 t 200 a 2 s typical junction capacitance per element (note 1) c j 60 pf typical thermal resistance (note 2) r jc 2.0 /w operating temperature range t j -55 to +150 storage temperature range t stg -55 to +150 1- measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2- device mounted on 150mm x 150mm x 1.6mm cu plate heatsink. GBU10005 thru gb1010 gbu website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099 dimensions in inches and (millimeters)
2 ratings and characteristic curves note: specifications are subject to change without notice. GBU10005 thru gb1010 website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099


▲Up To Search▲   

 
Price & Availability of GBU10005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X