Part Number Hot Search : 
MP8719 A87VSYZB BFW11 51010 DGGWQ AD7934 MBR16150 PJ2N9013
Product Description
Full Text Search
 

To Download GBU10005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.1 @if=10a @if=5a forward voltage per element 200 10.0 single phase 10.0amp glass passivated bridge rectifier plastic material-ul flammability 94v-0 rrm average rectified output current (note 1)@t =40 10005 typical thermal resistance per leg (note 2) 2. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. 2.2 25 70 1.0 1010 1008 1006 1004 1002 gbu gbu gbu single phase, half wave, 60hz, resistive or inductive load. ambient temperature unless otherwise specified. GBU10005 thru gbu1010 lead free: for rohs / lead free version terminals: plated leads solderable per mil-std-202, method 208 features mechanical data polarity: as marked on case mounting position: any marking: type number maximum ratings and electrical characteristics for capacitive load, derate current by 20%. glass passivated die construction low forward voltage drop high current capability high surge current capability rating at 25 symbol v v rwm v dc v rms 35 70 140 280 420 560 700 v fm r ja r jl t j ,t stg peak repetitive reverse voltage working peak reverse voltage dc blocking voltage non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) operating and storage temperature range rms reverse voltage -55to+150 ua typical junction capacitance per leg pf /w i r 5.0 500 a v i fsm units v v i o a 1000 100 200 400 600 800 50 type number gbu 1001 gbu gbu gbu note:1. mounted on glass epoxy pc board with 1.3mm 2 solder pad. case: gbu, olded lastic m p peak reverse current @t =25 at rated dc blocking voltage @t =125 a a a c j dimensions in inches and (millimeters) gbu 1 of 2 v e rsion:01 www.dyelec.com
GBU10005 thru gbu1010 . 1 output current deratin 0.05 50 5 0.5 20 15 10 5 (a 1 10 100 0 350 200 150 100 50 250 300 400 0 50 100 150 0 .8 1 .2 0 .6 0 .4 1 .0 1 .4 1 .6 i n s t a n t a n e o u s r e v e r s e c u r r e n t , m i c r o a m p e r e s pe rc e n t o f r a t e d peak r eve r se v o l t a ge t a = 25 " c 10 1 .0 0 .1 0 . 01 0 40 60 80 100 120 140 20 i , a verage for w a rd rectified current (a ) v) t , ambient temperature ( c) fi g g curve a  i , peak for w ard surge current (a) fsm number of cycles at 60 hz fi g . 3 maximum peak forward sur g e current ( per le g) t = 25 c single half sine-wave pulse width = 8.3ms (jedec method) a  i , inst ant aneous for w a rd current ( a) f v , instantaneous forward voltage (v) fi g .2t y pical forward characteristics ( per le g) f t=25c pulse width = 300 s a   fig. 4  t ypical  junction  capacitance 150 ri y h uvlrq www.dyelec.com


▲Up To Search▲   

 
Price & Availability of GBU10005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X