Part Number Hot Search : 
TPJNENG SL4060BN SB630DC D38999 TC4526 GBJ2504 2SC867 HSB13D
Product Description
Full Text Search
 

To Download GBU10005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features surge overload rating -220 amperes peak ideal for printed circuit board reliable low cost construction utilizing molded plastic technique plastic material has u/l flammability classification 94v-0 mounting postition:any maximum ratings and electrical characteristics gbu gbu gbu gbu gbu gbu gbu 10005 1001 1002 1004 1006 1008 1010 maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward (with heatsink note 2) rectified current @ t c =100 (without heatsink) peak forward surge current 8.3ms single half sine-wave super imposed on rated load (jedec method) maximum forward voltage at 5.0a dc v f v maximum dc reverse current @ t j =25 at rated dc blocking voltage @ t j =125 i 2 t rating for fusing (t<8.3ms) i 2 t a 2 s typical junction capacitance per element (note1) c j pf typical thermal resistance r jc /w operating temperature range t j storage temperature range t stg notes: 1.measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2.device mounted on 100mm*100mm*1.6mm cu plate heatsink. 3. the typical data above is for reference only symbol unit characteristics single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% rating at 25 ambient temperature unless otherwise specified. reverse voltage - 50 to 1000 volts forward current - 10.0 amperes glass passivated bridge rectifiers dimensions in inches and (milimeters) -55 to +150 i fsm 200 70 2.2 500 a 220 10.0 3.0 GBU10005 thru gbu1010 a i r 1.0 i (av) -55 to +150 10.0 a gbu .047(1.2) .035(0.9) .057(1.45) .073(1.85) .680(17.27) .720(18.29) .752(19.1) .720(18.3) .430(10.9) .437(11.1) .392(9.80) .401(10.2) .190 .210 (4.8) (5.3) (5.3) (4.8) .210 .190 .190 .210 (4.8) (5.3) .080(2.03) .065(1.65) .085(2.16) .100(2.54) chamfer .126(3.2)*45 .232(5.9) .213(5.4) .161(4.1) .134(3.4) .860(21.8) .874(22.2) -+ .018(.46) .022(.56) .106(2.7) .091(2.3) .139(3.53) .133(3.37)
rating and charactertic curves GBU10005 thru gbu1010 instantaneous reverse current, microamperes fig.4-typical reverse characteristics percent of rated peak reverse voltage t j =25c 10 1.0 0.1 0.01 0 40 60 80 100 120 140 20 fig.1-maximum forward surge current number of cyclets at 60hz peak forward surge current amper es 1 10 100 0 350 200 150 100 50 250 300 400 case temperature averagr forward output current amperes fig.2- derating curve output rectified current 0 10 40 30 50 100 150 20 instantaneous forward voltage,volts fig.3-typical forward characteristics instantaneous forward current, (a) 0 0.2 0.4 0.6 0.8 1.2 1.61.4 1.0 1.8 100 10 0.1 1.0


▲Up To Search▲   

 
Price & Availability of GBU10005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X