Part Number Hot Search : 
D1710 LT1307 UF1600 DB3804X 60EPF04 GH50N60B BSP33 RF205
Product Description
Full Text Search
 

To Download DTC124EEFRATL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dtc124e series npn 100ma 50v digital transistors (bias resistor bu ilt-in transistors) datasheet ll outline parameter value vmt3 emt3f v cc 50v i c(max.) 100ma r 1 22k dtc124em dtc124eeb r 2 22k (sc-105aa) (sc-89) emt3 umt3f ll features 1) built-in biasing resistors, r 1 = r 2 = 22k 2) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see inner circuit) . 3) the bias resistors consist of thin-film resistor s with complete isolation to allow negative biasing of the input. they also have the advantage of completely eliminating parasitic effects. 4) only the on/off conditions need to be set for operation, making the circuit design easy. 5) complementary pnp types: dta124e series 6) complex transistors: emh1/ umh1n/ imh1a/ umh5n/ imh5a npn type 7) lead free/rohs compliant. dtc124ee dtc124eub sot-416(sc-75a) (sc-85) umt3 smt3 dtc124eua dtc124eka sot-323(sc-70) sot-346(sc-59) ll inner circuit ll application switching circuit, inverter circuit, interface circ uit, driver circuit ll packaging specifications part no. package package size taping code reel size (mm) tape width (mm) basic ordering unit.(pcs) marking dtc124em vmt3 1212 t2l 180 8 8000 25 dtc124eeb emt3f 1616 tl 180 8 3000 25 dtc124ee emt3 1616 tl 180 8 3000 25 dtc124eub umt3f 2021 tl 180 8 3000 25 dtc124eua umt3 2021 t106 180 8 3000 25 dtc124eka smt3 2928 t146 180 8 3000 25 www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 1/10 20121023 - rev.001 downloaded from: http:///
dtc124e series d atasheet ll absolute maximum ratings (t a = 25c) parameter symbol values unit supply voltage v cc 50 v input voltage v in -10 to 40 v output current i o 30 ma collector current i c(max) *1 100 ma power dissipation dtc124em p d *2 150 mw dtc124eeb 150 dtc124ee 150 dtc124eub 200 dtc124eua 200 dtc124eka 200 junction temperature t j 150 range of storage temperature t stg -55 to +150 ll electrical characteristics (t a = 25c) parameter symbol conditions values unit min. typ. max. input voltage v i(off) v cc = 5v, i o = 100a - - 0.5 v v i(on) v o = 0.2v, i o = 5ma 3 - - output voltage v o(on) i o / i i = 10ma / 0.5ma - 0.1 0.3 v input current i i v i = 5v - - 0.36 ma output current i o(off) v cc = 50v, v i = 0v - - 0.5 a dc current gain g i v o = 5v, i o = 5ma 56 - - - input resistance r 1 - 15.4 22 28.6 k resistance ratio r 2 /r 1 - 0.8 1 1.2 - transition frequency f t *1 v ce = 10v, i e = -5ma, f = 100mhz - 250 - mhz *1 characteristics of built-in transistor *2 each terminal mounted on a reference footprint www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 2/10 20121023 - rev.001 downloaded from: http:///
dtc124e series datasheet ll e lectrical characteristic curves (t a =25c) fig.1 input voltage vs. output current (on characteristics) fig.2 output current vs. input voltage (off characteristics) fig.3 output current vs. output voltage fig.4 dc cur rent gain vs. output current www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 3/10 20121023 - rev.001 downloaded from: http:///
dtc124e series datasheet ll e lectrical characteristic curves (t a =25c) fig.5 output voltage vs. output current www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 4/10 20121023 - rev.001 downloaded from: http:///
dtc124e series datasheet ll di mensions www. rohm.com ? 2012 rohm co., ltd. all rights reserved. 5/10 20121023 - rev.001 downloaded from: http:///
dtc124e series datasheet ll dimensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 6/10 20121023 - rev.001 downloaded from: http:///
dtc124e series datasheet ll dimensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 7/10 20121023 - rev.001 downloaded from: http:///
dtc124e series datasheet ll dimensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 8/10 20121023 - rev.001 downloaded from: http:///
dtc124e series datasheet ll dimensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 9/10 20121023 - rev.001 downloaded from: http:///
dtc124e series datasheet ll dimensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 10 /10 20121023 - rev.001 downloaded from: http:///
downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of DTC124EEFRATL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X