Part Number Hot Search : 
APTGF UC3844 RD5CYD08 PWR5926 ADM1191 A240R2R SN65LVDS EDGE693
Product Description
Full Text Search
 

To Download DFE252010F-100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dfe252010f inductance range: 0.33 ~ 10.0 ? h (unit: mm) (unit: mm) features L ? ? ? ? ? ? ? ?? ? ?? ? ?????? ? ?????? ? ]??Q ? ?? ? ??? standard part numbers ???E type dfe252010f (quantity/reel; 3,000 pcs) ? (1) S? y? ?? (2) ??S (3) ??NS ( 4 ) part number inductance (1) ( ? h) tolerance (%) test frequency ( m hz) dc resistance (2) (m ? ) max. (typ.) inductance decrease current (3) (a) max. (typ.) = 30 % temperature rise current ( 4 ) ? t=40 ? c (a) max. (typ.) dfe252010f - r33m=p2 0.33 ? 20 1 21 (16) 6.8 (7.6) 4.8 (5.6) dfe252010f - r47m=p2 0 .47 ? 20 1 27 (20) 6.0 (6.6) 4.4 (5.2) dfe252010f - r68m=p2 0.68 ? 20 1 37 (31) 5.0 (5.5) 3.5 (4.1) dfe252010f - r82m=p2 0.82 ? 20 1 40 (33) 4.5 (5.0) 3.3 (3.9) dfe252010f - 1r0m=p2 1.0 ? 20 1 48 (40) 4.1 (4.6) 3.1 (3.6) dfe252010f - 1r5m=p2 1.5 ? 20 1 72 (60) 3.4 (3.8) 2.5 (2.9) dfe252010f - 2r2m=p2 2.2 ? 2 0 1 97 (85) 3.1 (3.5) 2.3 (2.5) dfe252010f - 3r3m=p2 3.3 ? 20 1 170 (140) 2.2 (2.5) 1.6 (1.9) dfe252010f - 4r7m=p2 4.7 ? 20 1 240 (200) 1.9 (2.2) 1.4 (1.6) dfe252010f - 6r8m=p2 6.8 ? 20 1 420 (350) 1.4 (1.6) 1.1 (1.3) dfe252010f - 8r2m=p2 8.2 ? 20 1 520 (430) 1.35 (1.55) 1.0 (1.2) dfe2 5201 0 f - 100m=p2 10 ? 20 1 600 (500) 1.3 (1.5) 0.9 (1.0) (1) inductance is measured with a lcr meter 4284a ( agilent technologies ) or equivalent. test frequency at 1 m hz (2) dc resistance is measured with 34420a (agilent technologies) or 3541(hioki). (reference ambient temperature 20c) (3) inductance decrease current based upon 30 % inductance reduction from the initial value (4) temperature rise current based upon 40 c temperature rise. (reference ambient temperature 2 0 c) (1) ?? lcr ` 4284a ( agilent technologies ) ? ???y?y? 1 m hz (2) ???y 34420a agilent technologies ? 3541 hioki ???y??? 2 0 c (3) ??S??r?? ? 30 % p?? (4) ??NS?? 40c ?N? ?? 2 0 c ??? recommended patterns ?X?` metal alloy inductors ??? ? ? l l


▲Up To Search▲   

 
Price & Availability of DFE252010F-100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X