Part Number Hot Search : 
S30740 SN431AM AD148IV MV53622 28010 AU6850 AD5201 TAP1213
Product Description
Full Text Search
 

To Download B5819PL-1A-SOD-123FL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  b5819pl b5817pl forward voltage b5817pl b5819pl b5818pl itive reverse voltage b5817pl b5819 b5818pl maximum rms voltage b5817pl b5817pl---k2; b5818pl---k3 ; b5819pl---k4 thru schottky barrier diodes 20 to 40 volts features ? high - surge - capability ? low forward voltage ? low - profile - packa ge mechanical data symbol rating rating unit 14 21 v v rrm repet 20 30 v i f(av) rectified current (average) half wave rectification with resist. load at t l =90 o c 1.0 a i fs m surge forward current at ,t l =70 o c,8.3m s 3 0 a r thj a t j junction temperatur e - 65 t o +12 5 o c t stg storage temperature -65 to +125 o c electrical characteristics @ 2 5 o c unless otherwise specified symbol parameter mi n typ ma x units v f --- --- 0.45 0.56 --- --- v i r leakage current --- --- 0.1 9.0 ---- --- ma ma c j typical -- junction -- capacitance @f=1.0mhz,vr=4v --- 110 --- pf 0.036 0.093 0.048 suggested solder pad layout dimensions inches mm dim min m a x min m a x note a b e c d h g sod-123fl pl 28 40 r thj c r thj l typical thermal resistanc e (note2) o c /w88 43 30 p d power dissipation o c /w o c /w 1.14 w (@1a dc) 0.60--- --- v rms maximum ratings @t a =25 @t a =100 o c o c note: 1. high temperature solder exemptions applied, see eu directive annex 7. 2. thermal resistence : pc board mounted on 0.2*0.2"(5*5mm) copper pad area. ? marking code: lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) packaging: sod-123fl epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 a .140 .152 3.55 3.85 b .10 0 . 122 2.5 5 3.10 c .05 5 .07 5 1.4 0 1. 9 0 d .03 5 . 05 3 0.9 0 1.35 e .02 0 .0 41 0.5 0 1.0 5 g .010 ----- 0.25 ----- h ---- - .0 10 --- - .2 5 schottky barrier diodes b5819pl b5818pl ww w . dg nj d z .c om
b5818pl b5817pl b5819pl b5817pl-b5819pl fig. 1-typical forward current fig. 2-typical forward characteristics average forward rectified current amperes instantaneous forward current, amperes fig. 3-typical reverse characteristics fig. 4-forward surge current fig. 5-typical junction capacitance . 1 . 4 1. 0 4 10 40 reverse voltage(v) junction capacitange(pf) 10 20 40 60 100 200 400 percent of rated peak reverse voltage,(%) 0 20 40 60 80 100 120 140 .001 .01 .10 1.0 10 100 instantaneous reverse current(ma) peak forward surrent (a) 30 25 20 15 10 5 0 1 2 4 5 10 20 50 100 number of cycles 60hz lead temperature ( ) instantaneous forward coltage (v) 0 20 40 60 80 100 120 140 0 o c 1.0 0.75 0.25 20 10 1.0 0.1 t j =25 t j =75 t j =125 o c o c o c .1 .3 .5 .7 .9 1.1 2.1 1.3 ww w . dg nj d z .c om


▲Up To Search▲   

 
Price & Availability of B5819PL-1A-SOD-123FL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X