Part Number Hot Search : 
SKY77542 KLC17 SP3223EU DW303 M66011FP MAZD075 2SK27 W742C816
Product Description
Full Text Search
 

To Download AUIRF1324S-7P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  03/25/10 www.irf.com 1 hexfet   power mosfet AUIRF1324S-7P gds gate drain source           description specifically designed for automotive applications, thishexfet ? power mosfet utilizes the latest processing techniques to achieve extremely low on-resistance persilicon area. additional features of this design are a 175c junction operating temperature, fast switching speed and improved repetitive avalanche rating . these features combine to make this design an extremely efficient and reliable device for use in automotive applications and a wide variety of other applications. s d g 
     
 features advanced process technology  ultra low on-resistance  175c operating temperature  fast switching  repetitive avalanche allowed up to tjmax  lead-free, rohs compliant  automotive qualified * hexfet ? is a registered trademark of international rectifier. * qualification standards can be found at http://www.irf.com/ automotive grade v (br)dss 24v r ds(on) typ. 0.8m ? max. 1.0m ? i d (silicon limited) 429a i d (package limited) 240a  absolute maximum ratings 
   
  


       


 functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied.          

 !   
  !!       

 " 

 
    
 
 


 #  $%&'()
  "!  parameter units i d @ t c = 25c continuous drain current, v gs @ 10v (silicon limited) i d @ t c = 100c continuous drain current, v gs @ 10v (silicon limited) i d @ t c = 25c continuous drain current, v gs @ 10v (package limited) i dm pulsed drain current p d @t c = 25c maximum power dissipation w linear derating factor w/c v gs gate-to-source voltage v e as (thermally limited) sin g le pulse avalanche ener g y  mj i ar avalanche current  a e ar repetitive avalanche ener g y mj dv/dt peak diode recovery  v/ns t j operating junction and t stg storage temperature range soldering temperature, for 10 seconds thermal resistance parameter typ. max. units r jc junction-to-case  CCC 0.50 r ja junction-to-ambient (pcb mount) , d 2 pak  CCC 40 300 1.6 -55 to + 175 20 2.0 max. 429  303  1640 240 a c c/w 300 (1.6mm from case) 230 see fig. 14, 15, 22a, 22b, downloaded from: http:///

2 www.irf.com    calculated continuous current based on maximum allowable junction temperature. package limitation current is 240a. note that current limitations arising from heating of the device leads may occur withsome lead mounting arrangements.
 http://www.irf.com/technical-info/appnotes/an-1140.pdf   repetitive rating; pulse width limited by max. junction temperature.  limited by t jmax , starting t j = 25c, l = 0.018mh r g = 25 ? , i as = 160a, v gs =10v. part not recommended for use above this value. s d g  i sd 160a, di/dt 600a/s, v dd v (br)dss , t j 175c.  pulse width 400s; duty cycle 2%.  c oss eff. (tr) is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss .  c oss eff. (er) is a fixed capacitance that gives the same energy as c oss while v ds is rising from 0 to 80% v dss .  when mounted on 1" square pcb (fr-4 or g-10 material). for recom mended footprint and soldering techniques refer to application note #an-994.    !"  ##$%&'() static characteristics @ t j = 25c (unless otherwise stated) parameter min. typ. max. units v (br)dss drain-to-source breakdown volta g e 24 CCC CCC v ? v (br)dss / ? t j breakdown volta g e temp. coefficient CCC 0.023 CCC v/c r ds(on) static drain-to-source on-resistance CCC 0.80 1.0 m ? v gs(th) gate threshold volta g e2 . 0 C C C 4 . 0 v g fs forward transconductance 270 CCC CCC s r g internal gate resistance CCC 3.0 CCC ? i dss drain-to-source leaka g e current CCC CCC 20 CCC CCC 250 i gss gate-to-source forward leaka g e CCC CCC 200 gate-to-source reverse leaka g e CCC CCC -200 dynamic characteristics @ t j = 25c (unless otherwise stated) parameter min. typ. max. units q g total gate char g e CCC 180 252 q gs gate-to-source char g e CCC 47 CCC q gd gate-to-drain ("miller") char g e CCC 58 CCC q sync total gate char g e sync. (q g - q gd ) CCC 122 CCC t d(on) turn-on delay time CCC 19 CCC t r rise time CCC 240 CCC t d(off) turn-off delay time CCC 86 CCC t f fall time CCC 93 CCC c iss input capacitance CCC 7700 CCC c oss output capacitance CCC 3380 CCC c rss reverse transfer capacitance CCC 1930 CCC c oss eff. (er) effective output capacitance (ener g y related) CCC 4780 CCC c oss eff. (tr) effective output capacitance (time related) CCC 4970 CCC diode characteristics parameter min. typ. max. units i s continuous source current CCC CCC 429 (body diode) i sm pulsed source current CCC CCC 1636 (body diode)  v sd diode forward volta g e CCC CCC 1.3 v t rr reverse recovery time CCC 71 107 t j = 25c v r = 20v, CCC 74 110 t j = 125c i f = 160a q rr reverse recovery char g e CCC 83 120 t j = 25c di / dt = 100a / s  CCC 92 140 t j = 125c i rrm reverse recovery current CCC 2.0 CCC a t j = 25c t on forward turn-on time intrinsic turn-on time is ne g li g ible (turn-on is dominated by ls+ld) i d = 160a r g =2.7 ? v gs = 10v  v dd = 16v i d = 75a, v ds =0v, v gs = 10v  t j = 25c, i s = 160a, v gs = 0v  integral reverse p-n junction diode. conditions v gs = 0v, i d = 250a reference to 25c, i d = 5ma  v gs = 10v, i d = 160a  v ds = v gs , i d = 250a v ds = 24v, v gs = 0v v ds = 19v, v gs = 0v, t j = 125c mosfet symbol showing the v ds =12v conditions v gs = 10v  v gs = 0v v ds = 19v ? = 1.0mhz, see fig.5 v gs = 0v, v ds = 0v to 19v  , see fig.11 v gs = 0v, v ds = 0v to 19v  conditions v ds = 50v, i d = 160a i d = 75a v gs = 20v v gs = -20v na a nc ns pf a ns nc downloaded from: http:///

www.irf.com 3 
      
          ! "# $"% &'&(
!   (
    qualification information ? d2 pak 7 pin msl1 rohs compliant yes esd machine model class m4 aec-q101-002 human body model class h3a aec-q101-001 charged device model class c5 aec-q101-005 moisture sensitivity level qualification level automotive (per aec-q101) ?? comments: this part number(s) passed automotive qualification. irs industrial and consumer qualification level is granted by extension of the higher automotive level. downloaded from: http:///

4 www.irf.com fig 1. typical output characteristics fig 3. typical transfer characteristics fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage 2 3 4 5 6 7 8 9 v gs , gate-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t j = 25c t j = 175c v ds = 15v 60s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 180 t j , junction temperature (c) 0.6 0.8 1.0 1.2 1.4 1.6 1.8 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 160a v gs = 10v 1 10 100 v ds , drain-to-source voltage (v) 1000 10000 100000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0 50 100 150 200 q g , total gate charge (nc) 0.0 2.0 4.0 6.0 8.0 10.0 12.0 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 19v v ds = 12v i d = 75a 0.1 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 15v 10v 8.0v 6.0v 5.5v 5.0v 4.8v bottom 4.5v 60s pulse width tj = 25c 4.5v 0.1 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 4.5v 60s pulse width tj = 175c vgs top 15v 10v 8.0v 6.0v 5.5v 5.0v 4.8v bottom 4.5v downloaded from: http:///

www.irf.com 5 fig 8. maximum safe operating area fig 10. drain-to-source breakdown voltage fig 7. typical source-drain diode forward voltage fig 11. typical c oss stored energy fig 9. maximum drain current vs. case temperature fig 12. maximum avalanche energy vs. draincurrent 0.0 0.5 1.0 1.5 2.0 2.5 v sd , source-to-drain voltage (v) 1.0 10 100 1000 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 175c v gs = 0v -5 0 5 10 15 20 25 v ds, drain-to-source voltage (v) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 e n e r g y ( j ) 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 100 200 300 400 500 600 700 800 900 1000 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 45a 80a bottom 160a 0 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 10000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) operation in this area limited by r ds (on) tc = 25c tj = 175c single pulse 100sec 1msec 10msec dc -60 -40 -20 0 20 40 60 80 100 120 140 160 180 t j , temperature ( c ) 24 25 26 27 28 29 30 31 32 v ( b r ) d s s , d r a i n - t o - s o u r c e b r e a k d o w n v o l t a g e ( v ) id = 5ma 25 50 75 100 125 150 175 t c , case temperature (c) 0 50 100 150 200 250 300 350 400 450 i d , d r a i n c u r r e n t ( a ) limited by package downloaded from: http:///

6 www.irf.com fig 14. typical avalanche current vs.pulsewidth 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 tav (sec) 1 10 100 1000 a v a l a n c h e c u r r e n t ( a ) 0.05 duty cycle = single pulse 0.10 allowed avalanche current vs avalanche pulsewidth, tav, assuming ? j = 25c and tstart = 150c. 0.01 allowed avalanche current vs avalanche pulsewidth, tav, assuming ? tj = 150c and tstart =25c (single pulse) fig 13. maximum effective transient thermal impedance, junction-to-case 1e-006 1e-005 0.0001 0.001 0.01 0.1 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 t h e r m a l r e s p o n s e ( z t h j c ) c / w 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc j j 1 1 2 2 3 3 r 1 r 1 r 2 r 2 r 3 r 3 ci i / ri ci= i / ri c 4 4 r 4 r 4 ri (c/w) i (sec) 0.02070 0.0000100.08624 0.000070 0.24491 0.001406 0.15005 0.009080 downloaded from: http:///

www.irf.com 7 fig 15. maximum avalanche energy vs. temperature notes on repetitive avalanche curves , figures 14, 15:(for further info, see an-1005 at www.irf.com) 1. avalanche failures assumption: purely a thermal phenomenon and failure occurs at a temperature far inexcess of t jmax . this is validated for every part type. 2. safe operation in avalanche is allowed as long ast jmax is not exceeded. 3. equation below based on circuit and waveforms shown in figure 22a, 22b.4. p d (ave) = average power dissipation per single avalanche pulse. 5. bv = rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. i av = allowable avalanche current. 7. ? t = allowable rise in junction temperature, not to exceed t jmax (assumed as 25c in figure 14, 15).t av = average time in avalanche. d = duty cycle in avalanche = t av f z thjc (d, t av ) = transient thermal resistance, see figures 13) p d (ave) = 1/2 ( 1.3bvi av ) =   t/ z thjc i av = 2  t/ [1.3bvz th ] e as (ar) = p d (ave) t av 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 50 100 150 200 250 e a r , a v a l a n c h e e n e r g y ( m j ) top single pulse bottom 1.0% duty cycle i d = 160a fig 16. threshold voltage vs. temperature -75 -50 -25 0 25 50 75 100 125 150 175 200 t j , temperature ( c ) 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 v g s ( t h ) , g a t e t h r e s h o l d v o l t a g e ( v ) i d = 250a i d = 1.0ma i d = 1.0a downloaded from: http:///

8 www.irf.com fig 23a. switching time test circuit fig 23b. switching time waveforms fig 22b. unclamped inductive waveforms fig 22a. unclamped inductive test circuit fig 24a. gate charge test circuit fig 24b. gate charge waveform fig 21.  ) *+*,% 
 for n-channel hexfet   power mosfets  
     ? 
     ?     ?

         p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-appliedvoltage reverserecovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period - *  +*,-.,/%/. - + - + + + - - -      *  ?      !  ?   " #$## ?        %  && ? #$##'$ 
   r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v v gs v dd v ds l d d.u.t + - second pulse width < 1s duty factor < 0.1% t p v (br)dss i as 1k vcc dut 0 l s 20k vds vgs id vgs(th) qgs1 qgs2 qgd qgodr v ds v gs 90% 10% t d(off) t d(on) t f t r downloaded from: http:///

www.irf.com 9 d 2 pak - 7 pin package outline dimensions are shown in millimeters (inches)  
       
  d 2 pak - 7 pin part marking information    .
! /0 /% 
  % 121  3323)3) $2$
! *4/ 5 downloaded from: http:///

10 www.irf.com d 2 pak - 7 pin tape and reel downloaded from: http:///

www.irf.com 11 ordering information base p art number packa g e t yp e standard pac k com p lete part number form quantit y AUIRF1324S-7P d2pak tube 50 AUIRF1324S-7P tape and reel left 800 AUIRF1324S-7Ptrl tape and reel right 800 AUIRF1324S-7Ptrr downloaded from: http:///

12 www.irf.com  
unless specifically designated for the automotive market, international rectifier corporation and its subsidiaries (ir) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or services without notice. part numbers designated with the au prefix follow automotive industry and / or customer s pecific requirements with regards to product discontinuance and process change notification. all products are sold subject to irs terms and conditions of sale supplied at the time of order acknowledgment. ir warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with irs standard warranty. testing and other quality control techniques are used to the extent ir deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ir assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ir components. to minimize the risks with customer products and applications, customers should provide adequate design and operating safeguards. reproduction of ir information in ir data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alterations is an unfair and deceptive business practice. ir is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ir products or serviced with statements different from or beyond the parameters stated by ir for that product or service voids all express and any implied warranties for the associated ir product or service and is an unfair and deceptive business practice. ir is not responsible or liable for any such statements. ir products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or in any other application in which the failure of the ir product could create a situation where personal injury or death may occur. should buyer purchase or use ir products for any such unintended or unauthorized application, buyer shall indemnify and hold international rectifier and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that ir was negligent regarding the design or manufacture of the product. ir products are neither designed nor intended for use in military/aerospace applications or environments unless the ir products are specifically designated by ir as military-grade or enhanced plastic. only products designated by ir as military-grade meet military specifications. buyers acknowledge and agree that any such use of ir products which ir has not designated as military-grade is solely at the buyers risk, and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. ir products are neither designed nor intended for use in automotive applications or environments unless the specific ir products are designated by ir as compliant with iso/ts 16949 requirements and bear a part number including the designation au. buyers acknowledge and agree that, if they use any non-designated products in automotive applications, ir will not be responsible for any failure to meet such requirements for technical support, please contact irs technical assistance center http://www.irf.com/technical-info/ world headquarters: 233 kansas st., el segundo, california 90245 tel: (310) 252-7105 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of AUIRF1324S-7P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X