Part Number Hot Search : 
IPD50N06 1SMC100A 6KE120AP SMAJ18CA SS15W LM199H ATMEGA8L 2N5754
Product Description
Full Text Search
 

To Download AP9970AGP-HF-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet simple drive requirement bv dss 60v lower on-resistance r ds(on) 3m rohs compliant & halogen-free i d 235a description absolute maximum ratings@t j =25 o c(unless otherwise specified) symbol units v ds v v gs v i d @t c =25 a i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w t stg t j symbol value units rthj-c maximum thermal resistance, junction-case 0.45 /w rthj-a maixmum thermal resistance, junction-ambient 6 2 /w data and specifications subject to change without n otice thermal data parameter storage temperature range total power dissipation 277.8 -55 to 150 operating junction temperature range pulsed drain current 1 480 drain current, v gs @ 10v 3 drain current, v gs @ 10v 3 120 gate-source voltage + 20 drain current (chip) 235 parameter rating drain-source voltage 60 201501134 1 ap9970agp-hf halogen-free product -55 to 150 120 g d s g d s to-220(p) ap9970a series are from advanced power innovated design and silicon process technology to achieve the lowest possib le on-resistance and fast switching performance. it provides the designer with an extreme efficient device for use in a wide range of power applications. the to-220 package is widely preferred for all commercial- industrial through hole applications. the low thermal resistance and low package cost contribute to the worldwide popular package. .
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 60 - - v r ds(on) static drain-source on-resistance 2 v gs =10v, i d =60a - - 3 m  v gs(th) gate threshold voltage v ds =v gs , i d =250ua 2 - 5 v g fs forward transconductance v ds =10v, i d =60a - 110 - s i dss drain-source leakage current v ds =48v, v gs =0v - - 25 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 100 na q g total gate charge i d =40a - 170 270 nc q gs gate-source charge v ds =48v - 25 - nc q gd gate-drain ("miller") charge v gs =10v - 95 - nc t d(on) turn-on delay time v ds =30v - 30 - ns t r rise time i d =40a - 130 - ns t d(off) turn-off delay time r g =3.3 - 70 - ns t f fall time v gs =10v - 120 - ns c iss input capacitance v gs =0v - 6800 10880 pf c oss output capacitance v ds =25v - 1150 - pf c rss reverse transfer capacitance f=1.0mhz - 850 - pf r g gate resistance f=1.0mhz - 2.1 4.2 source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =40a, v gs =0v - - 1.3 v t rr reverse recovery time i s =10a, v gs =0v - 70 - ns q rr reverse recovery charge di/dt=100a/s - 150 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.package limitation current is 120a. this product is sensitive to electrostatic discharg e, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized . apec does not assume any liability arising out of t he application or use of any product or circuit des cribed herein; neither does it convey any license under it s patent rights, nor the rights of others. apec reserves the right to make changes without fur ther notice to any products herein to improve reliability, function or design. 2 ap9970agp-hf .
ap9970agp-hf fig 1. typical output characteristics fig 2. typical output characteristics fig 3. normalized bv dss v.s. junction fig 4. normalized on-r esistance temperature v.s. junction tempe rature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 80 160 240 320 0 8 16 24 32 v ds , drain-to-source voltage (v) i d , drain current (a) t c = 25 o c 10v 8.0v 7.0v 6.0v v gs =5.0v 0 40 80 120 160 200 0 4 8 12 16 v ds , drain-to-source voltage (v) i d , drain current (a) t c = 150 o c 10v 8.0v 7.0v 6.0v v gs =5.0v 0.4 0.8 1.2 1.6 2.0 2.4 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =60a v g =10v 0 10 20 30 40 0 0.2 0.4 0.6 0.8 1 1.2 1.4 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 0.0 0.4 0.8 1.2 1.6 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) i d =1ma 0.4 0.6 0.8 1 1.2 1.4 1.6 -50 0 50 100 150 t j , junction temperature ( o c) normalized bv dss i d =1ma .
ap9970agp-hf fig 7. gate charge characteristics fig 8. typical capacitance characteristi cs fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 0 2 4 6 8 10 12 0 40 80 120 160 200 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds =30v v ds =36v v ds =60v i d = 40 a q v g 10v q gs q gd q g charge 0 2000 4000 6000 8000 10000 1 5 9 13 17 21 25 29 v ds , drain-to-source voltage (v) c (pf) f=1.0mhz c iss c oss c rss 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 1 10 100 1000 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) t c =25 o c single pulse 100us 1ms 10ms 100ms dc t d(on) t r t d(off) t f v ds v gs 10% 90% operation in this area limited by r ds(on) .
marking information 5 ap9970agp-hf part number package code meet rohs requirement for low voltage mosfet only 9970agp ywwsss date code (ywwsss) y last digit of the year ww week sss sequence .


▲Up To Search▲   

 
Price & Availability of AP9970AGP-HF-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X