Part Number Hot Search : 
STB15N25 JS28F128 2SA133 50N60 CPH3338 12N10 54FCT S7142
Product Description
Full Text Search
 

To Download 1N4007SG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art - high efficiency, low vf - high current capability - high reliability - high surge current capability - low power loss - 0.6mm leads - halogen-free according to iec 61249-2-21 definition molding compound, ul flammability classification rating 94v-0 base p/n with suffix "g" on packing code - green compound (halogen-free) terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test v rrm 50 100 200 400 600 800 1000 v v rms 35 70 140 280 420 560 700 v v dc 50 100 200 400 600 800 1000 v i f(av) a cj pf r ja o c/w t j o c t stg o c document number: ds_d1407028 version: e14 storage temperature range - 55 to +150 note 1: pulse test with pw=300 s, 1% duty cycle note 2: measured at 1 mhz and applied reverse voltage of 4.0v d.c. taiwan semiconductor typical junction capacitance (note 2) typical thermal resistance 80 operating junction temperature range - 55 to +150 maximum reverse current @ rated vr t j =25 o c t j =125 o c i r 5 100 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 30 a maximum instantaneous forward voltage (note 1) @ 1 a v f v 1n 4001 sg unit maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 1 1n 4005 sg 1n 4006 sg 1n 4007 sg mechanical data case: a-405 a-405 weight: 0.2g (approximately) maximum ratings and electrical characteristics (t a =25 o c unless otherwise noted) parameter symbol 1.0 a 10 1n4001sg thru 1N4007SG glass passivated rectifiers features - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec 1n 4002 sg 1n 4003 sg 1n 4004 sg
creat by art part no. part no. 1N4007SG 1N4007SG (ta=25 o c unless otherwise noted) document number: ds_d1407028 version: e14 1n4001sg thru 1N4007SG taiwan semiconductor ordering information packing code green compound code package packing p0 suffix "g" a-405 2,000 / ammo box p1 a-405 2,000 / ammo box a1 a-405 3,000 / ammo box a0 a-405 3,000 / ammo box r0 a-405 5,000 / 13" reel b0 a-405 1,000 / bulk packing note 1: "x" defines voltage from 50v (1n4001sg) to 1000v (1N4007SG) example preferred p/n packing code green compound code description 1n400xsg (note 1) ratings and characteristics curves 1N4007SG a0 a0 1N4007SG a0g a0 g green compound 0 0.25 0.5 0.75 1 1.25 25 50 75 100 125 150 average forward rectified current (a) ambient temperature( o c) fig.1 maxmum forward current derating curve 0 10 20 30 40 50 1 10 100 peak forward surge current(a) number of cycles at 60 hz fig. 3 maximum non-repetitive forward surge current 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 instantaneous reverse current ( a) percent of rated peak reverse voltage (%) fig. 2 typical reverse characteristics t j =25 o c t j =125 o c t j =75 o c 0.1 1 10 0.4 0.6 0.8 1 1.2 1.4 1.6 instantaneous forward current (a) forward voltage (v) fig. 4 typical forward characteristics
creat by art min max min max a 2.00 2.70 0.079 0.106 b 0.53 0.64 0.021 0.025 c 25.40 - 1.000 - d 4.20 5.20 0.165 0.205 e 25.40 - 1.000 - p/n = specific device code g = green compound yww = date code f = factory code document number: ds_d1407028 version: e14 marking diagram a-405 1n4001sg thru 1N4007SG taiwan semiconductor package outline dimensions dim. unit(mm) unit(inch) 1 10 100 0.1 1 10 junction capacitance (pf) reverse voltage (v) fig. 5 typical junction capacitance f=1.0mhz vslg=50mvp-p
creat by art assumes no responsibility or liability for any errors inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied,to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or seling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. document number: ds_d1407028 version: e14 1n4001sg thru 1N4007SG taiwan semiconductor notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf,


▲Up To Search▲   

 
Price & Availability of 1N4007SG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X