1 03-2014, rev. 0314 www.te.com ? 2014 tyco electronics corporation, a te connectivity ltd. company. datasheets and product specifcation ac - cording to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. contact data contact arrangement 1 form a, 1 no/1 no (2x87) 1 form u, 2 no 1 form c, 1 co contact gap >0.8mm rated voltage 12vdc 24vdc 12vdc 24vdc 12vdc 24vdc 24vdc 1) limiting continuous current no no no no no/nc no/nc no/nc 23c 60a 60a 2x32a 2x32a 60/45a 60/45a 60/45a 85c 40a 40a 2x25a 2x25a 40/30a 40/30a 40/30a 125c 17a 17a 2x11a 2x11a 17/12a 17/12a 17/12a limiting making current 2) no/nc 120a 120a 2x100a 2x100a 120/45a 120/45a 120/45a limiting breaking current no/nc 60a 20a 2x40a 2x15a 60/40a 20/15a 30/20a limiting short-time current overload current, iso 8820-3 3) : 1.35 x 40a, 1800s 1.35 x 40a, 1800s 1.35 x 40a, 1800s 2.00 x 40a, 5s 2.00 x 40a, 5s 2.00 x 40a, 5s 3.50 x 40a, 0.5s 3.50 x 40a, 0.5s 3.50 x 40a, 0.5s 6.00 x 40a, 0.1s 6.00 x 40a, 0.1s 6.00 x 40a, 0.1s jump start test iso 16750-1 24vdc for 5min conducting nominal current at 23c contact material silver based min. recommended contact load 4) 1a at 5vdc initial voltage drop no contact at 10a, typ./max. 15/200mv 15/200mv 2x15/200mv 2x15/200mv 15/200mv 15/200mv 15/200mv nc contact at 10a, typ./max. 20/250mv 20/250mv 20/250mv frequency of operation at nominal load 6 ops./min (0.1hz) operate/release time typ. 7/2ms 5) electrical endurance resistive load at 14vdc >2x10 5 ops. >2x10 5 ops. >2x10 5 ops. 40a 2x25a 40a (no) resistive load at 28vdc >1x10 5 ops. >1x10 5 ops. >1x10 5 ops. 1x10 5 ops. 20a 2x15a 20a (no) 30a (no) >5x10 5 ops. 10a (nc) mechanical endurance dc coil >1x10 7 ops. 1) special high performance 24vdc version with contact gap >0.8mm. 2) the values apply to a resistive or inductive load with suitable spark suppression and at maximum 14vdc for 12vdc or 28vdc for 24vdc load voltages. for a load current duration of maximum 3s for a make/break ratio of 1:10. 3) current and time are compatible with circuit protection by a typical automotive fuse. relay will make, carry and break the specifed current. 4) see chapter diagnostics of relays in our application notes or consult the internet at http://relays.te.com/appnotes/ 5) for unsuppressed relay coil. a low resistive suppression device in parallel to the relay coil increases the release time and reduces the lifetime caused by increased erosion and/or higher risk of contact tack welding. power relay f4 automotive relays plug-in mini iso relays n pin assignment similar to iso 7588 part 1 n plug-in or pcb terminals n also available for 42vdc applications customized versions on request C 24vdc versions with contact gap >0.8mm C integrated components (e.g. resistor, diode) C customized marking/color C special covers (e.g. notches, release features, brackets) C various contact arrangements and materials C for latching (bistable) version refer to power relay f7 a latching or mini relay latching C for shrouded/weatherproof dust cover versions refer to shrouded power relay f4 a and vf4 a typical applications cross carline up to 40a for example: abs control, blower fans, car alarm, cooling fan, electric power steering, energy management, engine control, fuel pump, heated front screen, lamps: front, rear, fog light, main switch/ supply relay, valves, wiper control. f134co_fcw1
2 03-2014, rev. 0314 www.te.com ? 2014 tyco electronics corporation, a te connectivity ltd. company. datasheets and product specifcation ac - cording to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. power relay f4 (continued) automotive relays plug-in mini iso relays max. load dc breaking capacity load limit curve 1: arc extinguishes during transit time (co contact). load limit curve 2: safe shutdown, no stationary arc (no contact). load limit curves measured with low inductive resistors verifed for 1000 switching events. coil data rated coil voltage 12/24vdc coil versions, dc coil coil rated operate release coil rated coil code voltage voltage voltage resistance 6) power 6) vdc vdc vdc ?10% w 052 12 7.2 1.6 90 1.6 053 24 14.4 3.2 324 1.8 056 24 16 4 268 2.1 all fgures are given for coil without pre-energization, at ambient temperature +23c. coil operating range does not take into account the temperature rise due to the contact current e = pre-energization te0701-j1 does not take into account the temperature rise due to the contact current e=pre- energization.. 6) without components in parallel. insulation data initial dielectric strength between open contacts 500v rms between contact and coil 500v rms between adjacent contacts 500v rms load dump test iso 7637-1 (12vdc), test pulse 5 vs=+86.5vdc iso 7637-2 (24vdc), test pulse 5 vs=+200vdc other data eu rohs/elv compliance compliant ambient temperature dc coil -40 to +125c protection to heat and fre ul94-hb or better 7) climatic cycling with condensation en iso 6988 6 cycles, storage 8/16h temperature cycling iec 60068-2-14, nb 10 cycles, -40/+85c (5c/min) damp heat cyclic iec 60068-2-30, db, variant 1 6 cycles, upper air temp. 55c damp heat constant iec 60068-2-3, ca 56 days category of environmental protection, iec 61810 rti C dustproof, rt iii C sealed degree of protection, iec 60529 ip54 (dustproof), ip67 (sealed) corrosive gas iec 60068-2-42 102cm 3 /m 3 so 2 , 10 days iec 60068-2-43 10.3cm 3 /m 3 h 2 s, 10 days vibration resistance (functional) iec 60068-2-6 (sine sweep) 10 to 500hz > 5g 8) shock resistance (functional) iec 60068-2-27 (half sine) 11ms >20g 8) drop test, free fall iec 60068-2-32 1m onto concrete terminal type plug-in, qc/pcb cover retention axial force 150n pull force 150n push force 150n terminal retention pull force 100n push force 100n resistance to bending, force applied to front 9) 10n resistance to bending, force applied to side 9) 10n torque 0.3nm weight approx. 35g (1.2oz) packaging unit plug-in/pcb 315 pcs. plug-in with bracket 200 pcs. 7) refers to used materials. 8) no change in the switching state >10s. valid for nc contacts, no contact values signifcantly higher. 9) values apply 2mm from the end of the terminal. when the force is removed, the terminal must not have moved by more than 0.3mm. accessories for details see datasheet connectors for mini iso relays
3 03-2014, rev. 0314 www.te.com ? 2014 tyco electronics corporation, a te connectivity ltd. company. datasheets and product specifcation ac - cording to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. power relay f4 (continued) automotive relays plug-in mini iso relays terminal assignment no 1 form a, 1 no nor_2x87 1 form a, 1 no (2x87) with resistor nor_sd 1 form a, 1 no with resistor & serial diode cor 1 form c, 1 co with resistor cod 1 form c, 1 co with diode nor 1 form a, 1 no with resistor co 1 form c, 1 co no_2x87 1 form a, 1 no (2x87) dno 1 form u, 2 no 87 30 86 85 87 87 30 86 85 87 30 86 85 87 87a 30 86 85 87 87a 30 86 85 87 87a 30 86 85 87 87 30 86 85 87 87b 30 86 85 power relay f4 with pcb terminals view of the terminals (bottom view) mounting hole layout (bottom view) for the make contact (2x87), pin 87a = 87; for the double make contact, pin 87a = 87b. te1654-91 te0907-b1 for the make contact (2 x pin 87), pin 87a = 87. for the twin make contact, pin 87a = 87b. *) 16.9 0.3 4.5 0.3 8.4 0.25 17.9 0.25 8.0 0.25 2.7 0.5 te1655-h 1 dimensions power relay f4 with quick connect (qc) terminals view of the terminals (bottom view) measurement reference plane 0.3 5x te1093-s1 for the make contact (2x87), pin 87a = 87; for the double make contact, pin 87a = 87b. te1088-r1
4 03-2014, rev. 0314 www.te.com ? 2014 tyco electronics corporation, a te connectivity ltd. company. datasheets and product specifcation ac - cording to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. power relay f4 (continued) automotive relays plug-in mini iso relays product code structure typical product code v23134 -a 0 052 -c642 type v23134 power relay f4 contact arrangement a 1 form c, 1 co c 1 form a, 1 no (2x87) b 1 form a, 1 no k 1 form a, 1 no (non iso) m 1 form u, 2 no cover 0 standard 1 bracket at terminal 30 iso 2 bracket at terminal 86 iso coil 052 12vdc 053 24vdc 056 24vdc (contact gap >0.8mm) terminal/arrangement c642 plug-in/no c643 plug-in/co g242 pcb/no g243 pcb/co xnnn customized (nnn: version number) production in europe (only) product code arrangement version coil suppr. circuit 1) coil contact mat. terminals part number V23134-A0052-C643 1 form c, 1 co standard co 12vdc silver based plug-in, qc 2-1393302-2 v23134-a0052-g243 pcb 2-1393302-3 v23134-a0052-x278 r 560 cor plug-in, qc 4-1393302-1 v23134-a0053-c643 co 24vdc 5-1393302-1 v23134-a0053-g243 pcb 5-1393302-2 v23134-a0056-x432 2) d (cathode 86) cod plug-in, qc 1-1414167-0 v23134-a0056-x433 2) r 1200 cor 1-1414168-0 v23134-a1052-c643 bracket co 12vdc 5-1393302-8 v23134-a1052-x294 4) r 560 cor 6-1393302-0 v23134-a1053-c643 co 24vdc 6-1393302-3 v23134-a1053-x295 4) r 1200 cor 6-1393302-4 v23134-b0052-c642 1 form a, 1 no standard no 12vdc 7-1393302-5 v23134-b0052-g242 pcb 7-1393302-7 v23134-b0052-x270 6) r 680 nor plug-in, qc 1-1414099-0 v23134-b0052-x506 r 560 nor_sd 3) 4-1414992-3 v23134-b0053-c642 no 24vdc 1393303-9 v23134-b0053-g242 pcb 1-1393303-0 v23134-b1052-c642 bracket 12vdc plug-in, qc 3-1393303-4 v23134-b1053-c642 24vdc 3-1393303-7 v23134-b1053-x296 4) r 1200 nor 3-1393303-8 v23134-c0052-c642 1 form a, 1 no (2x87) standard no_2x87 12vdc 3-1393303-9 v23134-c0053-c642 24vdc 4-1393303-4 v23134-c1052-c642 bracket 12vdc 4-1393303-7 v23134-c1052-x280 4)5) r 560 nor_2x87 4-1393303-8 v23134-c1053-c642 no_2x87 24vdc 5-1393303-0 v23134-k1052-x399 1 form a, 1 no r 560 nor non iso 12vdc plug-in, qc/non iso 1-1393305-1 v23134-m0052-c642 1 form u, 2 no standard dno plug-in, qc 5-1393304-6 v23134-m0052-g242 pcb 5-1393304-7 v23134-m0053-c642 24vdc plug-in, qc 6-1393304-7 v23134-m0053-g242 pcb 6-1393304-8 v23134-m1052-c642 bracket 12vdc plug-in, qc 7-1393304-1 v23134-m1053-c642 24vdc 7-1393304-4 1) see terminal assignment diagrams. 4) no hole in terminal 30. 2) special feature: contact gap >0.8mm. 5) no hole in terminal 87a. 3) serial diode. 6) no holes in all terminals. other types on request. this list represents the most common types and does not show all variants covered by this datasheet. production in asia (only) product code arrangement version coil suppr. circuit 1) coil contact mat. terminals part number v23134-b0052-c642 1 form a, 1 no standard no 12vdc silver based plug-in, qc 7-1904094-0 v23134-b0052-x270 2) r 680 nor 7-1904094-1 v23134-b0053-c642 no 24vdc 7-1904094-5 1) see terminal assignment diagrams. 2) no holes in all terminals. other types on request. this list represents the most common types and does not show all variants covered by this datasheet.
|