Part Number Hot Search : 
AD641Q L5971 00321 F75339P PJP830 020A0 08P06P UNA0228
Product Description
Full Text Search
 

To Download UFM17PL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  u fm1 1 pl thru u fm1 7 pl recovery silicon rectifier 50 to 10 00 volts features x low cost x ultra fast recovery x high reliability x case material: molded plastic. ul flammability c l a s s ific a ti o n r atin g 94v - 0 and msl rating 1 maximum ratings x operating temperature: - 65 q c to +150 q c x storage temperature: - 65 q c to +150 q c x maximum thermal resistance; 180 q c/w junction to ambient. mcc part number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage u fm1 1 pl u 1 50v 35v 50v u fm1 2 pl u 2 100v 70v 100v u fm1 3 pl u 3 200 v 1 40 v 20 0v u fm1 4 pl u 4 4 00v 28 0v 4 00v u fm1 5 pl u 5 6 00v 42 0v 6 00v electrical characteristics @ 25 q c unless otherwise specified average forward current i f(av) 1.0a t l = 9 0 q c peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage u fm1 1 pl -1 3 pl u fm1 4 p l u fm 1 5 pl-17 p l v f 1.0 v 1. 40 v 1.70v i fm = 1.0a; t a = 25 q c maximum dc reverse current at rated dc blocking voltage i r 10 p a 5 0 p a ta = 25 q c ta = 1 25 q c maximum reverse recovery time typical junction capacitance c j 20 pf measured at 1.0mhz, v r =4.0v sod-123fl 0.036 0.093 0.048 suggested solder pad layout dimensions inches mm dim min m a x min m a x note a .140 .152 3.55 3.85 b .100 .112 2.55 2.85 c .055 .071 1.40 1.80 d .037 .053 0.95 1.35 e .020 .039 0.50 1.00 g .010 ----- 0.25 ----- h ----- .008 ---- .20 a b e c d h g u fm1 1 pl -1 3 pl u fm1 4pl u fm 1 5 pl-16 pl t rr 35ns 50ns 75ns i f = 0.5 a ,i r =1.0a, t rr = 0. 25 u f m1 6 pl u 6 8 0 0v 56 0v 8 00v u f m1 7 pl u 7 10 0 0v 70 0v 10 00v u f m1 7 pl 10 0 ns 1 amp ultra fast recovery
u fm1 1 pl thru ufm1 7 pl average forward rectified current - amperes versus lead temperature - c figure 2 forward derating curve 0 15025 50 75 100 0 .2 .4 .6 .8 1.0 1.2 1.4 single phase, half wave 60hz resistive or inductive load amps c 125 1.6 1.8 2.0 2.2 2.4 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 4 6 20 10 amps .8 1.0 1.2 1.4 1.6 1.8 .01 .02 .04 .06 .1 .2 .4 .6 1 2 volts figure 3 junction capacitance .1 .2 1.4 2 10 20 404 100 200 1 2 6 10 20 100 junction capacitance - pf versus reverse voltage - volts pf volts 60 40 4 400 1000 t j =25 c ; f=1mhz ufm11pl-ufm14pl ufm1 5 -17 pl ufm11pl-13pl t j =25 c ufm14pl ufm1 5 -17 pl
t rr +0.5a 0 -0.25 -1.0 1cm set time base for 20/100ns/cm 25vdc 1 ? 50 ? 10 ? oscilloscope note 1 pulse generator note 2 notes: 1. rise time = 7ns max. input impedance = 1 megohm, 22pf 2. rise time = 10ns max. source impedance = 50 ohms 3. resistors are non-inductive figure 5 reverse recovery time characteristic and test circuit diagram 1 100 4 0 5 10 15 8 figure 4 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 20 25 30


▲Up To Search▲   

 
Price & Availability of UFM17PL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X