Part Number Hot Search : 
PC1394C LA7793V 25LC64 FNTRPBF MC146818 PCA8521 DTA12 MUR1010F
Product Description
Full Text Search
 

To Download TPL1205S-3W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tpl-3 w series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 1 of 3 description the tpl-3w series are miniature, isolated 3w dc/dc converters in a sip package. they offer the ideal solution in many space critical applications for board level power distribution. the internal smd construction makes it possible to offer a product with high performance at low cost. the series offers smaller size, improved efficiency, lower output ripple noise and 1.5kvdc isolation. 3w 1.5kvdc isolated single output dc/dc converters selection guide part number nominal input voltage output voltage output current (max./min) efficiency v v ma % tpl0503s-3w 5 3.3 909/90.9 80 tpl0505s-3w 5 5 600/60 77 tpl0509s-3w 5 9 333/33.3 80 tpl0512s-3w 5 12 250/25 83 tpl0515s-3w 5 15 200/20 82 tpl1203s-3w 12 3.3 909/90.9 80 TPL1205S-3W 12 5 600/60 80 tpl1209s-3w 12 9 333/33.3 84 tpl1212s-3w 12 12 250/25 86 tpl1215s-3w 12 15 200/20 85 add suffix ?p? for continuous short circuit protection, for example tpl0505sp-3w. input characteristics parameter conditions min. typ. max. units voltage range 5v input variants 4.5 5.0 5.5 v voltage range 12v input variants 11 12.0 13.3 v reflected ripple current 5v input variants 35 ma p-p reflected ripple current 12v input variants 40 ma p-p output characteristics parameter conditions min. max. units rated power ta= -40c to 85c 3.0 w voltage set point accuracy see tolerance envelope line regulation high vin to low vin 1.2 %/% load regulation(10% load to rated load) 3.3v & 5v output variants 9 % load regulation(10% load to rated load) 9v output variants 5 % load regulation(10% load to rated load) 12v output variants 6 % load regulation(10% load to rated load) 15v output variants 9 % features rohs compliant ce certification single isolated output 1.5kvdc isolation efficiency up to 86% operating temperature: -40oc to 105oc power density 2.0w/cm 3 ul 94v-0 package material footprint from 1.05cm 2 industry standard pinout input voltage: 5v, 12v output voltage: 3.3v, 5v, 9v, 12v, 15v custom solutions available absolute maximum ratings lead temperature 1.5mm from case for 10 seconds 300 internal power dissipation 800mw input voltage vin, tpl05xx types 7v input voltage vin, tpl12xx types 15v toppower
tpl-3 w series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 2 of 3 all dimensions in mm 0.25mm. all pins on a 2.54mm pitch and within 0.25mm of true position. weight: 2.0g isolation characteristics parameter conditions min. typ. max. units isolation test voltage tested for 1 second 1500 vdc resistance viso= 500vdc 1 g general characteristics parameter conditions min. typ. max. units switching frequency 5v input 95 khz switching frequency 12v input 95 temper ature characteristics parameter conditions min. typ. max. units specification derating if the temperature 85c -40 105 storage -50 130 case temperature above ambient 5v output types 46 all other output types 38 cooling free air convection temperature derating graphs tolerance envelopes mechanical dimensions pin connections 4 pin sip pin function 1 -vin 2 +vin 3 -vout 4 +vout output load current(%) +10% +5% v nom -2.5% +2.5% -7.5% 100 75 50 25 10 t y p i c a l l o a d l i n e output voltage toppower 2.54 yyww tpl0505s-3w 14.00 1 2 34 7.50 10.00 0.50 0.45 4.60 3.60 7.62 0.30 0.20 1.25 3.38 0.50 0.45 bottom view sip package 4.5 3.0 1.5 0 -40 0 50 100 150 output power(w) ambient temperature(c) 85c safe operating area 105 toppower
tpl-3 w series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 3 of 3 recommended footprint details tube outline dimensions soldering information this series is compatible with rohs soldering systems with a peak wave solder temperature of 300 for 10 seconds. the series is backward compatible with sn/pb soldering systems 9.30 12.43 0.50 5.00 18.00 unless otherwise stated all dimensions in mm0.5mm. tube length : 520mm 2mm. tube quantity : 35pcs unless otherwise stated all dimensionsmm 0.5mm. 2.54 2.54 1.15 1.00 4 4hole toppower


▲Up To Search▲   

 
Price & Availability of TPL1205S-3W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X