Part Number Hot Search : 
40800 1040C SII4726 OP296HRU 0TQCN TDA98 MUR810 102J0
Product Description
Full Text Search
 

To Download SUD20N10-66L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay siliconix SUD20N10-66L document number: 62815 s13-0629-rev. a, 25-mar-13 www.vishay.com 1 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com n-channel 100 v (d-s) mosfet features ? trenchfet ? power mosfet ?100 % r g and uis tested ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? dc/dc converters ? dc/ac inverters ? motor drives notes: a. duty cycle ? 1 %. b. see soa curve for voltage derating. c. when mounted on 1" square pcb (fr-4 material). d. base on t c = 25 c. product summary v ds (v) r ds(on) ( ? ) max. i d (a) q g (typ.) 100 0.066 at v gs = 10 v 18.2 19.8 0.080 at v gs = 4.5 v 13.2 to-252 s g d top view drain connected to tab ordering information: SUD20N10-66L-ge3 (lead (pb)-free and halogen-free) n-channel mosfet g d s absolute maximum ratings (t c = 25 c, unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 100 v gate-source voltage v gs 20 continuous drain current t c = 25 c i d 16.9 a t c = 70 c 13.6 pulsed drain current (t = 300 s) i dm 25 avalanche current i as 15 single avalanche energy a l = 0.1 mh e as 11.25 mj maximum power dissipation a t c = 25 c p d 41.7 b w t a = 25 c c 2.1 operating junction and storage temperature range t j , t stg - 55 to 150 c thermal resistance ratings parameter symbol limit unit junction-to-ambient (pcb mount) c r thja 60 c/w junction-to-case (drain) r thjc 3
vishay siliconix SUD20N10-66L document number: 62815 s13-0629-rev. a, 25-mar-13 www.vishay.com 2 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com notes: a. pulse test; pulse width ? 300 s, duty cycle ? 2 %. b. guaranteed by design, not subject to production testing. c. independent of operating temperature. stresses beyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other condit ions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. specifications (t j = 25 c, unless otherwise noted) parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 250 a 100 v gate threshold voltage v gs(th) v ds = v gs , i d = 250 a 1.2 3 gate-body leakage i gss v ds = 0 v, v gs = 20 v 250 na zero gate voltage drain current i dss v ds = 100 v, v gs = 0 v 1 a v ds = 100 v, v gs = 0 v, t j = 125 c 50 v ds = 100 v, v gs = 0 v, t j = 150 c 250 on-state drain current a i d(on) v ds ?? 10 v, v gs = 10 v 20 a drain-source on-state resistance a r ds(on) v gs = 10 v, i d = 6.6 a 0.055 0.066 ? v gs = 4.5 v, i d = 6 a 0.066 0.080 forward transconductance a g fs v ds = 15 v, i d = 6.6 a 25 s dynamic b input capacitance c iss v ds = 50 v, v gs = 0 v, f = 1 mhz 860 pf output capacitance c oss 85 reverse transfer capacitance c rss 40 total gate charge c q g v ds = 50 v, v gs = 10 v, i d = 6.6 a 19.8 30 nc gate-source charge c q gs 3.6 gate-drain charge c q gd 4.1 gate resistance r g f = 1 mhz 0.4 2 4 ? tu r n - o n d e l ay t i m e c t d(on) v dd = 50 v, r l = 9.6 ? i d ? 5.2 a, v gen = 10 v, r g = 1 ? 816 ns rise time c t r 11 20 turn-off delay time c t d(off) 18 27 fall time c t f 510 tu r n - o n d e l ay t i m e c t d(on) v dd = 50 v, r l = 9.6 ? i d ? 5.2 a, v gen = 4.5 v, r g = 1 ? 38 57 rise time c t r 58 87 turn-off delay time c t d(off) 18 27 fall time c t f 816 drain-source body diode ratings and characteristics b t c = 25 c continuous current i s 16.9 a pulsed current i sm 25 forward voltage a v sd i f = 5.2 a, v gs = 0 v 0.8 1.5 v reverse recovery time t rr i f = 5.2 a, di/dt = 100 a/s 34 51 ns peak reverse recovery current i rm(rec) 35a reverse recovery charge q rr 50 75 nc
vishay siliconix SUD20N10-66L document number: 62815 s13-0629-rev. a, 25-mar-13 www.vishay.com 3 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com typical characteristics (25 c, unless otherwise noted) output characteristics transfer characteristics transconductance 0 5 10 15 20 25 0 0.5 1 1.5 2 i d - drain current (a) v ds - drain-to-source voltage (v) v gs = 10 v thru 7 v v gs = 3 v v gs = 4 v 0 1 2 3 4 5 0 1 2 3 4 i d - drain current (a) v gs - gate-to-source voltage (v) t c = 25 c t c = 125 c t c = - 55 c 0 10 20 30 40 0 3 6 9 12 g fs - transconductance (s) i d - drain current (a) t c = 25 c t c = 125 c t c = - 55 c on-resistance s. drain current on-resistance s. gate-to-source voltage gate charge 0.04 0.05 0.06 0.07 0.08 0.09 0 5 10 15 20 25 r ds(on) - on-resistance () i d - drain current (a) v gs =4.5v v gs = 10 v 0.03 0.06 0.09 0.12 0.15 2 4 6 8 10 r ds(on) - on-resistance () v gs - gate-to-source voltage (v) t j = 125 c t j = 25 c i d = 6.6 a 0 2 4 6 8 10 0 6 12 18 24 v gs - gate-to-source voltage (v) q g - total gate charge (nc) v ds = 80 v v ds = 25 v v ds = 50 v i d = 6.6 a
vishay siliconix SUD20N10-66L document number: 62815 s13-0629-rev. a, 25-mar-13 www.vishay.com 4 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com typical characteristics (25 c, unless otherwise noted) source-drain diode forward voltage capacitance on-resistance vs. junction temperature 0.1 1 10 100 0.0 0.2 0.4 0.6 0.8 1.0 1.2 i s - source current (a) v sd - source-to-drain voltage (v) t j = 150 c t j = 25 c 0 250 500 750 1000 1250 0 20 40 60 80 100 c - capacitance (pf) v ds - drain-to-source voltage (v) c iss c oss c rss 0.45 0.9 1.35 1.8 2.25 - 50 - 25 0 25 50 75 100 125 150 r ds(on) - on-resistance (normalized) t j - junction temperature ( c) v gs = 4.5 v, i d = 6 a v gs = 10 v, i d = 6.6 a threshold voltage drain source breakdown vs. junction temperature current derating 1.2 1.5 1.8 2.1 2.4 2.7 - 50 - 25 0 25 50 75 100 125 150 v gs(th) (v) t j - temperature ( c) i d = 250 a 102 107 112 117 122 127 - 50 - 25 0 25 50 75 100 125 150 v ds (v) drain-to-source voltage t j - temperature ( c) i d = 250 a 0 5 10 15 20 0 25 50 75 100 125 150 i d - drain current (a) t c - case temperature ( c)
vishay siliconix SUD20N10-66L document number: 62815 s13-0629-rev. a, 25-mar-13 www.vishay.com 5 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com typical characteristics (25 c, unless otherwise noted) vishay siliconix maintains worldwide manufacturing capability. pr oducts may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?62815 . single pulse avalanche current capability vs. time 1 10 0.0001 0.00001 0.000001 0.001 0.01 i dav (a) time (s) t j = 25 c t j = 150 c safe operating area 0.01 0.1 1 10 100 0.1 1 10 100 i d - drain current (a) v ds - drain-to-source voltage (v) * v gs > minimum v gs at which r ds(on) is specified dc, 10 s 1 s, 100 ms limited by r ds(on) * 1 ms t c = 25 c single pulse bvdss limited 10 ms 100 s normalized thermal transient impedance, junction-to-case square wave pulse duration (s) 2 1 0.1 0.01 10 -4 10 -3 10 -2 110 10 -1 normalized effective transient thermal impedance 0.2 0.1 duty cycle = 0.5 30 0.02 0.05 single pulse
package information www.vishay.com vishay siliconix revision: 16-may-16 1 document number: 71197 for technical questions, contact: pmostechsupport @vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 to-252aa case outline notes ? dimension l3 is for reference only. l3 d l4 l5 b b2 e1 e1 d1 c a1 gage plane height (0.5 mm) e b3 e c2 a l h millimeters inches dim. min. max. min. max. a 2.18 2.38 0.086 0.094 a1 - 0.127 - 0.005 b 0.64 0.88 0.025 0.035 b2 0.76 1.14 0.030 0.045 b3 4.95 5.46 0.195 0.215 c 0.46 0.61 0.018 0.024 c2 0.46 0.89 0.018 0.035 d 5.97 6.22 0.235 0.245 d1 4.10 - 0.161 - e 6.35 6.73 0.250 0.265 e1 4.32 - 0.170 - h 9.40 10.41 0.370 0.410 e 2.28 bsc 0.090 bsc e1 4.56 bsc 0.180 bsc l 1.40 1.78 0.055 0.070 l3 0.89 1.27 0.035 0.050 l4 - 1.02 - 0.040 l5 1.01 1.52 0.040 0.060 ecn: t16-0236-rev. p, 16-may-16 ? dwg: 5347
application note 826 vishay siliconix document number: 72594 www.vishay.com revision: 21-jan-08 3 application note recommended minimum pads for dpak (to-252) 0.420 (10.668) recommended mi nimum pads dimensions in inches/(mm) 0.224 (5.690) 0.180 (4.572) 0.055 (1.397) 0.243 (6.180) 0.087 (2.202) 0.090 (2.286) return to index return to index
legal disclaimer notice www.vishay.com vishay revision: 13-jun-16 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SUD20N10-66L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X