Part Number Hot Search : 
03N60C3 Z5224 D7554 MA4000N ZN525 1N5239 02550 SSF161
Product Description
Full Text Search
 

To Download RL205G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  .feature & dimensions * plastic package has underwriters laboratories flammability classification 94v-0 * construction utilizes void-free molded plastic technique * low reverse leakage * high forward surge capability * cavity-free glass passivated junction * high temperature soldering guaranteed: 260 c/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension .mechanical data case : jedec do-15, molded plastic over glass body terminals : plated axial leads, solderable perwe declare that the material of product compliance mil-std-750, method 2026with rohs requirements polarity : color band denotes cathode end mounting position : any weight : 0.015 oz., 0.40 g handling precautin :none 1.electrical characteristic maximum & thermal characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symbol symbol rl201 g rl202 g rl203 g rl204 g rl205 g rl206 g rl207 g unit device marking code rl201 g rl202 g rl203 g rl204 g rl205 g rl206 g rl207 g maximum repetitive peak reverse voltage v rrm 501002004006008001000v maximum rsm voltage v rsm 3570140280420560700v maximum dc blocking voltage v dc 501002004006008001000v maximum average forward rectified current 0.375" (9.5mm) lead length at t a = 75 c if(av) a peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm a maximum full load reverse current, full cycle average,0.375"(9.5mm) lead lengths at t a = 70 c ir(av) a typical thermal resistance (note 1) r ja c/w maximum dc blocking voltage temperature t a c operating junction temperature range t j c storage temperature range t stg c electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symbol symbol rl201 g rl202 g rl203 g rl204 g rl205 g rl206 g rl207 g unit maximum instantaneous forward voltage at 2.0a v f v maximum dc reverse current tj = 25 c at rated dc blocking voltage tj = 125 c ir a typical junction capacitance at 4.0v, 1mhz cjpf notes: 1. thermal resistance from junction to ambient at 0.375 (9.5mm) lead length, p.c.b. mounted rl201g thru rl207g glass passivated junction general purpose rectifiers reverse voltage 50 to 1000v forward current 2.0a 2.0 70 50 1.10 5.0 200 30 50 150 C 50 to +150 C 50 to +150
2. characteristic curves ( ta = 25 c unless otherwise noted ) rl201g thru rl207g fig. 1 C forward current derating curve fig. 2 C maximum non-repetitive peak forward surge current fig 4. C typical reverse characteristics fig 3. C typical instantaneous forward characteristics fig 5. C typical transient thermal impedance fig 6. C typical junction capacitance a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t ( a ) a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( a ) j u n c t i o n c a p a c i t a n c e ( p f ) 0 25 50 75 100 125 150 175 0 10 100 0.6 0.8 1.0 1.2 1.4 1.60 20 40 60 80 100 0.1 1 10 100 100 10 1.0 100 10 1.0 0.1 0.01 1.0 0.1 0.01 0.001 10 2.0 1.0 0 75 60 45 30 15 0 tj = 75 c 8.3ms single half sine-wave (jedec method) tj = 25 c pulse width = 300 s 1% duty cycle tj = 25 c f = 1.0 mhz vsig = 50mvp-p ambient temperature, cnumber of cycles at 60hz instantaneous forward voltage (v)percent of rated peak reverse voltage (%) reverse voltage (v) tj=150 tj=100 tj=25 C C c / w ) 10 1.0 0.1 100 0.01 0.1 1.0 10 100 t,pulse duration,sec 60 hz resistive or inductive load
3. dimension: rl201g thru rl207g
: 1.1. ammo spec. mm lwh t52 262 276 290 2 t42 262 264 290 2 t26250 345 395 3 1.2 ?? inner box spec. ?? wi-250 ???Z 4 0 ? 1 ? ammo and box 1 ? lrc? label rohs? label
: 1.4 ?? label spec. 1.4.1 lrc ? lrc label ?forming spec. 1.4.2 ? environmental protection label 2. cartoon spec. mm lwh t52 430 2280 2225 2 t42 410 2285 2300 2 t26 435 3280 3295 3 3 ????? typing and cartoon spec. r-3do-15 1.8k 2k(t52) 1.8k(t26) 18k 20k 36k 36k 32.4k36k t42 quantity/cartoon 54k- t26 quantity/cartoon 60k- ? quantity/ammo 3k0.8k t52 quantity/cartoon 30k8.0k ?? wi-250 ???Z 4 0 ? 2 ? ? a-405 & do-41 & r-1do-201ad l w h ?cartoon label ******* lrc?? type **** ** **** ???? peak repetive voltage ??? average output current ? quantity ******* ? date
: 4 brede spec 26/tape35/tape40/tape42/tape52/tape52/tape# w 26 0.0/+1.635 -1.0/+0.540 -1.0/+0.542 -1.0/+1.052 -1.0/+2.052 -1.0/+2.0 p 5 0.55 0.55 0.55 0.5 5 0.5 10 0.5 l1-l2 1.0 1.0 1.0 1.0 1.0 1.0 h 6 1.06 1.06 1.06 1.0 6 1.0 6 1.0 z 1.0 1.0 1.0 1.0 1.0 1.0 r 1.0 1.0 1.0 1.0 1.0 1.0 t 3.5 3.5 3.5 3.5 3.5 3.5 ? : 52# ? do-201ad "52 #" just for d0-201ad 1. ??0.05mm?????? the typing thickness is 0.05mm and color is obvious difference 2. 20~40cm. typing lead over 20~40cm 3. ???????? red color is cathode ,white color is anode 4. green epoxy compound ?hf only ? ? typing dimension ?? ???? ???Z ? ?? green
4.update record 1 2 ? 2012-8-2 ? ? 2012-2-10 rl201g thru rl207g ???


▲Up To Search▲   

 
Price & Availability of RL205G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X